Part Number Hot Search : 
GMBT3904 5WMS6T MMBT2 HER20 KRC104 1601B 2SD211 IR3087
Product Description
Full Text Search
 

To Download FFC-C1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Fused Coupler, Single Window
Key Features
* Wide wavelength coverage over multiple bands * High power handling * Wide range of regular parts available "to go" * Proven reliability
Applications
* Passive optical networks * CATV * Network expansion * Fixed attenuation (select configuration option 0)
The single window fused coupler splits or combines light with high performance over a wide bandwidth. These components are manufactured with a highly automated process to achieve consistent quality and reliability. Regular parts are available with a wide variety of tap ratios, operating wavelengths, housing and connector options and can therefore be readily specified in a wide variety of applications, enabling rapid design cycles and new project builds. Reliability is assured through qualification to Telcordia GR-1221.
Compliance
* Telcordia GR-1221
Dimensions Diagram: 1x2 Model, H-Package
(Specifications in mm unless otherwise noted. 3mm cable shown.)
20.3 mm (2x) R2.5 mm 44.5 mm 2.0 mm
3.4 mm Typ.
(3x) O3.0 mm
17.8 mm (2x) O2.0 mm
3.5 mm
7.1 mm 85.0 mm 7.5 mm
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
FUSED COUPLER, SINGLE WINDOW
2
Wavelength Stability: 1550 nm 1/99 Port 2 (1%) Wavelength Stability: 1550 nm 10/90 Port 2 (10%)
Wavelength Stability: 1550 nm 50/50 Port 2 (50%)
Qualification and Reliability Tests
Parameter High temperature storage test Damp heat test Water immersion test Vibration test Shock test Impact test Fiber torsion test Fiber pulling test
INSERTION LOSS (dB)
INSERTION LOSS (dB)
Specifications 85 C for 2,000 hours 50 C/90% RH for 2,000 hours 432 C, pH of 5.50.5 for 7 days 10 to 2,000 Hz, 20 g's, 3 axes 3 axes, 40 g's, 11 ms, 5 blows each direction 1.8 meters height, 8 times 180 twist, 5 times both directions, 5 N force 5 N for 1 minute
INSERTION LOSS (dB)
FUSED COUPLER, SINGLE WINDOW
3
Insertion Loss
Coupling Ratio
Attenuation
Grade
Signal Path Insertion Loss (Min./Max.) NA/0.2 dB NA/0.3 dB NA/0.2 dB NA/0.3 dB NA/0.3 dB NA/0.4 dB NA/0.4 dB NA/0.5 dB 0.4/0.6 dB 0.3/0.8 dB 0.9/1.2 dB 0.8/1.3 dB 1.4/1.8 dB 1.3/2 dB 1.6/2.1 dB 1.4/2.3 dB 2/2.5 dB 1.8/2.8 dB 2.7/3.4 dB 2.6/3.6 dB
Tap Path (or Attenuator Path) Insertion Loss (Min./Max.) 17.4/21.5 dB 15/22 dB 16.4/19 dB 15.3/18.2 dB 14.5/17.5 dB 12.8/19.5 dB 11.8/14.6 dB 10.6/18.9 dB 9.6/10.8 dB 8.3/12 dB 6.5/7.4 dB 6.2/8 dB 4.9/5.6 dB 4.5/6.1 dB 4.4/5.2 dB 4/5.7 dB 3.7/4.4 dB 3.3/4.8 dB 2.7/3.4 dB 2.6/3.6 dB
1% 1% 2% 2% 3% 3% 5% 5% 10% 10% 20% 20% 30% 30% 33% 33% 40% 40% 50% 50%
20 dB 20 dB 17 dB 17 dB 15 dB 15 dB 13 dB 13 dB 10 dB 10 dB 7 dB 7 dB 5.2 dB 5.2 dB 4.8 dB 4.8 dB 4 dB 4 dB 3 dB 3 dB
1 2 1 2 1 2 1 2 1 2 1 2 1 2 1 2 1 2 1 2
Specifications
Parameter (50/50 coupling ratio) Center wavelength Insertion loss (without connectors) Excess loss (without connectors) Uniformity Polarization dependent loss Optical return loss Directivity Temperature coefficient Package dimensions S package (D x L) L package (D x L) H package (L x W x H) Operating temperature 1 Storage temperature 1
1. 20 to 70 C for 3.0 mm cable
Grade 1 1310, 1480, 1550, 1590 nm 3.4 dB 0.1 dB 0.6 dB 0.1 dB 50 dB 55 dB 0.002 dB/C 3.0 x 54 mm 3.6 x 70 mm 85 x 17.8 x 7.5 mm -40 to 85 C -50 to 85 C
Grade 2 1310, 1480, 1550, 1590 nm 3.6 dB 0.3 dB 1.0 dB 0.15 dB 50 dB 55 dB 0.002 dB/C 3.0 x 54 mm 3.6 x 70 mm 85 x 17.8 x 7.5 mm -40 to 85 C -50 to 85 C
Maximum Typical Maximum Maximum Minimum Minimum Typical
FUSED COUPLER, SINGLE WINDOW
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FFC-CKS11B110
FFCCode 3 4 C L Passband Wavelength 148040 nm 131040 nm 155040 nm 159040 nm Code H L S Housing O 3.0 mm cable O 900 m fiber O 250 m fiber Code 1 2 Grade Grade 1 Grade 2
B
Code 1
1
Fiber Type Corning SMF-28 Code 0 1 2 3 4 5 6 7 8 9 A B C Connectors NONE FC/PC FC/SPC FC/APC SC/SPC SC/APC BICONIC D4 ST FC/UPC SC/UPC LC MU
Code 1 2 3 5 A C E F H K
Coupling Ratio 1% 2% 3% 5% 10% 20% 30% 33% 40% 50%
Code 0 1 2
Configuration 1x1 (attenuator) 1x2 2x2
Code B
Bandwidth Broadband
Code 0 1 2 3 4 5 6 7 8 9 A
Pigtail Length 0.5 meter 1 meter 2 meters 3 meters 4 meters 5 meters 6 meters 7 meters 8 meters 9 meters 10 meters
SMF-28 is a registered trademark of Corning Incorporated. LC and ST are registered trademarks of Lucent Technologies. Telcordia is a registered trademark of Telcordia Technologies Incorporated.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2007 JDS Uniphase Corporation 10113913 Rev. 003 10/05 FFCSW.DS.CC.AE
March 2007


▲Up To Search▲   

 
Price & Availability of FFC-C1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X