Part Number Hot Search : 
BUL38 TN4A60S 12D12 BD700 IMP690 25005 B10011S TA7061
Product Description
Full Text Search
 

To Download FARSL2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUTTON AUTOMOTIVE RECTIFIER
FARL2505 THRU FARL256 FARSL2505 THRU FARSL256 FEATURES
* * * * * VOLTAGE RANGE CURRENT 50 to 600 Volts 25.0 Amperes
AR-L
0.409(10.4)DIA 0.382(9.7)TYP 0.051(1.3)DIA 0.047(1.2)TYP 0.051(1.3)DIA 0.047(1.2)TYP
ARS-L
0.346(8.8)DIA 0.327(8.2)TYP
Low Leakage Low forward voltage drop High current capability High forward surge current capacity Fast switching for high efficiency
1.0(25.4) MIN
1.0(25.4) MIN
MECHANICAL DATA
* * * * * * *
Technology: Cell with vacuum soldered Case: transfer molded plastic Epoxy: UL94V-0 rate flame retardant Lead: Plated lead , solderable per MIL-STD-202E method 208C Polarity: Color ring denotes cathode end Mounting Position: any Weight: 0.083 ounces, 2.32 grams
0.252(6.4) 0.236(6.0)
0.252(6.4) 0.236(6.0)
1.0(25.4) MIN
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS FARL2505 FARSL2505 50 35 50 FARL251 FARSL251 100 70 100 FARL252 FARSL252 200 140 200 25.0 FARL254 FARSL254 400 280 400 FARL256 FARSL256 600 420 600 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=110 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Rating for fusing (t8.3ms) Maximum instantaneous Forward Voltage at 80A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage per element TA=100 Maximum Reverse Recovery Time Test conditions IF=0.5A , IR=1.0A , IRR=0.25A Typical Thermal Resistance Operating and Storage Temperature Range Polarity and voltage demotion color band
VRRM VRMS VDC IO
IFSM I2t VF IR trr RJC TJ,TSTG Red Yellow 150 1.15
300 374 1.30 10 100 200 1.0 (-65 to +175) Silver Green Green
Amps A2S Volts UA
nS /W
Notes:
1. Enough heatsink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
BUTTON AUTOMOTIVE RECTIFIER
FARL2505 THRU FARL256 FARSL2505 THRU FARSL256
VOLTAGE RANGE CURRENT 50 to 600 Volts 25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
FARL2505 THRU FARL256 FARSL2505 THRU FARSL256
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30
PEAK FORWARD SURGE CURRENT,(A)
400 8.3ms Single Half Sine-Wave (JEDEC Method) Tj=Tj max 300
25 20
Single Phase Half Wave 60Hz 10 Resistive or Inductive Load 0.375(9.5mm) Lead Length
200
1 Cycle 0 1 2 4 6 8 10 20 40 60 100
0 0 25 50 75
110 100
125
150
175
NUMBER OF CYCLES AT 60 Hz
CASE TEMPERATURE, ()
F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
INSTANTANEOUS FORWARD CURRENT, (A)
R FA
5 50 L2
-25
4
60
100
FA
RL
6 25
40 SQUARE WAVE
20
10
0 0 10 20 30 40 50
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of FARSL2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X