Part Number Hot Search : 
6K010 2N2484 BA3899 P87C5 0HSR3 C1472 HR2000 81BPN
Product Description
Full Text Search
 

To Download ES2DA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES2AA thru ES2JA
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 TO 600 VOLTS CURRENT - 2.0 AMPERES
SMA/DO-214AC
.055(1.40) .062(1.60) .098(2.50) .114(2.90)
.157(4.00) .181(4.60)
.006(.152) .012(.305)
.078(2.00) .096(2.44) .030(0.76) .060(1.52) .004(.102) .008(.203)
.188(4.80) .208(5.28)
Dimensions in inches and (millimeters)
FEATURES
For surface mount applications Low profile package Buit-in strain relief Easy pick and place Superfast recovery times for high efficiency Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS Environment substance directive request
MECHANICAL DATA
Case JEDEC DO-214AC molded plastic Terminals Solder plated, solderable per MIL-STD-750, Method 2026 Polarity Indicated by cathode band Standard packaging 16mm tape (EIA-481) Weight 0.093grams
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
SYMBOL ES2AA ES2BA ES2CA ES2DA ES2FA ES2GA ES2HA ES2JA Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @ TL =100 C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneoue Forward Voltage at 2.0A Maximum DC Reverse Current @TJ=250C at Rated DC Blocking Voltage @TJ=1000C Maximum Reverse Recovery Time (NOTE 1) Typical Junction Capacitance (NOTE 2) Typical Thermal Resistance (NOTE 3)
0
UNITS
Volts Volts Volts Amps Amps
VRRM VRMS VDC I(AV) IFSM VF IR TRR CJ R R
JA JL
50 35 50
100 70 100
150 105 150
200 140 200 2.0 50
300 210 300
400 280 400
500 350 500
600 420 600
0.95 10 350 35 25 75 20
1.3
1.7
Volts A nS
20
0
pF C/W
Operating and Storage Temperature Range
TJ TSTG
-55 to +150
0
C
NOTES 1. Rverse Recovery Test Condibons IF=0.5A, IR=1.0A, lRR=0.25A 2. Measured at 1 MHz and applied reverse Voltag of 4.0VDC 3. Units Mounted on P .C.B.0.2 X0.2 (5mmX5mm) Pad Areas
www.paceleader.com.tw
1
ES2AA thru ES2JA
SURFACE MOUNT SUPERFAST RECTIFIER
RATING AND CHARACTERISTICS CURVES ES2AA THRU ES2JA
FIG.1-MAXIMU MFO RWARDCURREN TDER ATING CURVE
3.0 AVERAGE FORWARD CURRENT. (A) RESISTIVEOR INDUCTIVELOAD 0.2X0.2"(5.0X5.0mm) COPPER PADAREAS 2.0
FIG.2-TYPICA LREVERS ECHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
100 Tj=125 0C
10 Tj=85 0C
1.0
1 Tj=25 0C
0 80 90 100 110 120
O
130
140
150
LEADTEMPER ATURE. ( C)
0.1
FIG.3-MAXIMU MNON-REPETITIV EPEA KFO RWARD SURGECURRENT
60 PEAK FORWARD SURGE CURRENT. (A) 8.3msSingl eHal fSin e Wave o (JEDECMethod ) at TL=120 C
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATEDPEA KREVERS EVO LTAGE.(%)
50
40
30
20 10 0 1 10 NUMBER OFCYCLE S AT60Hz 100 INSTANTANEOUS FORWARD CURRENT. (A)
60
FIG.5-TYPICA LINS TANTANEOUS FORWARDCHARACTERISTICS
0.4
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
10
2A A
-D
A
ES
ES
2F A1.0 1.2
GA ES 2H A1.4
FIG.4-TYPICA LJUNCTIO NCA PACITANCE
60 JUNCTION CAPACITANCE.(pF) Tj=25 0C f=1.0MHz Vsig=50mVp-p
1
50
40
ES 2A A-D A
0.1
30 20
ES 2FA -JA
0.01 0.6 0.8 1.6 1.8 FORWARDVO LTAGE.(V)
10 0 0 1 10 100 REVERSEVO LTAGE.(V)
FIG.6-REVERS ERECOVE RYTIM ECHARACTERISTI CAN DTES TCIRCUI TDIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) NON INDUCTIVE PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE1) (+) 0 -0.25A trr
NOTES: 1.Ris e Time=7nsmax .Inpu tImpedance= 1megoh m22pf 2.Ris e Time=10nsmax .Sours eImpedance= 50ohms
-1.0A 1cm SETTIM EBAS EFOR 5/10ns / cm
www.paceleader.com.tw
2
JA


▲Up To Search▲   

 
Price & Availability of ES2DA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X