|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ELECTRONICS INC. Token Ring / Fiber Application Filter Module EPT7101G * Optimized for Micro Linear ML6680 to Fiber Chip Set * * Complies with or exceeds IEEE 802.3 * Electrical Parameters @ 25 C OCL (H Min.) @ 70C 100 KHz, 0.1 Vrms Cable Side 1100 Insertion Loss (dB Max.) 1-8 MHz 16 MHz 24 MHz Xmit -16 1-17 MHz Rcv -16 Return Loss (dB Min.) 17-25 MHz Xmit -9 Rcv -9 Common Mode Rejection (dB Min.) 1-5 MHz 20 MHz 200 MHz Crosstalk (dB Min.) [Between Channels] 5-16 MHz 24 MHz Xmit Rcv Xmit Rcv Xmit Rcv -0.8 -0.8 -1 -1 -1.8 -1.8 * Xmit Rcv Xmit Rcv Xmit Rcv -30 -30 -30 -30 -20 -20 -50 -40 Isolation : 2000 Vrms * Cable Impedance : 100 * Schematic Receive Channel 1 3 2 5 6 1:1 7 8 15 12 14 16 11 2 :1 9 Transmit Channel 10 Package A J Pin 1 I.D. PCA EPT7101G Date Code Dimensions R N Dim. A B C D E F G H I J K L M N P Q R Min. .975 .387 .223 --.010 --.490 .018 .008 --0 .025 ----------(Inches) Max. Nom. .985 .393 .243 --.015 --.510 .022 .012 --8 .045 ----------.980 .390 .233 .600 .0125 .100 .500 .020 .010 .145 --.035 .030 .100 .092 .560 .200 (Millimeters) Min. Max. Nom. 24.77 9.83 5.66 --.254 --12.45 .457 .203 --0 .635 ----------25.15 9.96 6.17 --.381 --12.95 .558 .305 --8 1.14 ----------24.90 9.91 5.92 15.27 .318 2.54 12.70 .508 .254 3.68 --.889 .762 2.54 2.34 14.22 5.08 B Q Pad Layout P D E M C K L I H R F G PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 CST7101Ga Rev. - 1/12/99 Product performance is limited to specified parameters. Data is subject to change without prior notice. TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPT7101G |