Part Number Hot Search : 
23S8I D6432 ZC833A YM3404 0603C MOC256 28F800B5 DSP56
Product Description
Full Text Search
 

To Download DBCIDCC330AG1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDC
Industry compatible Competitively priced Gold plated contacts 1.27mm pitch 2.54mm row spacing
IDC BOX HEADER STRAIGHT
SPECIFICATION
Material & Finish
Contact Material: Insulator Material: Current Rating: Brass PBT&Glass-FibreReinforcedUL-94V-0 2ADC 30MMax 3000MMin
A
Contact Resistance: Insulator Resistance: Dielectric Withstanding Voltage:
500VACforOneMinute -40Cto+105C
C
B
Position 10 14 16 20 24 26 30 34 40 44 48 50 60 64
A 20.30 25.38 27.92 33.00 38.08 40.62 45.70 50.78 58.40 63.48 68.56 71.10 83.80 88.88
B 18.10 23.18 25.72 30.80 35.88 38.42 43.50 48.58 56.20 61.28 66.36 68.90 81.60 86.88
C 10.16 15.24 17.78 22.86 27.94 30.48 35.56 40.64 48.26 53.34 58.42 60.96 73.66 78.74
Operating Temperature:
OUTLINE DRAWING
4.4
A
C
B
9.1 9.1 3.2 0.64 2.54 2.54
SECTION 15
4.4
9.1
ORDERING INFORMATION DBC
Dubilier Connectors
9.1 3.2
IDC
IDC Connector
0.64
C3
Series
2.54
10 2.54
NofWays 08=8way 10=10way 12=12way 14=14way 16=16way 20=20way 24=24way 26=26way 30=30way 34=34way 40=40way 44=44way 50=50way 60=60way 64=64way
A
ContactMaterial A=Brass
G
ContactPlating G=GoldFlash
1
Colour 1=Black
322
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DBCIDCC330AG1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X