Part Number Hot Search : 
TB0258A 3F3P6 BPW20 FR120 1N6325E3 2F8718DS 019071 2N2905AL
Product Description
Full Text Search
 

To Download D8000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BATTERIES
Mercury free Extended operation life Suitable for use in digital metres, calculators, torches and security equipment Higher capacity than zinc chloride batteries Suitable for applications where high intermittent currents are required.
ALKALINE
SECTION 7
ORDERING INFORMATION
Ordering Code LR20X LR14X LR6X LR03XX 6LR61X Voltage (V) 1.5 1.5 1.5 1.5 9
T*P
Can Size D C AA AAA PP3
Dimensions (mm) o34.2xH61.5 o26.2xH50 o14.5xH50.5 o10.5xH44.5 L26.5xW17.5xH48.5

Rechargeable Custom battery packs available 5 can sizes Suitable for use in camera, instruments or memory backup Ideal for security applications
ORDERING INFORMATION
Capacity Ordering Code AAA600 AAA650 AAA700 AAA800 AAA900 AA600 AA800 AA1000 AA1200 AA1300 AA1500 AA1600 AA1800 AA2000 AA2200 AA2300 AA2500 C2400 C3300 C3700 C4000 C4500 D2400 D2800 D5000 D8000 D9000 9V160 9V200 Size AAA AAA AAA AAA AAA AA AA AA AA AA AA AA AA AA AA AA AA C C C C C D D D D D 9V 9V Nominal Voltage (V) 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 8.4 8.4 0.2C disc (mAh) 600 650 700 800 900 600 800 1000 1200 1300 1500 1600 1800 2000 2200 2300 2400 2400 3300 3700 4000 4500 2400 2800 5000 8000 9000 160 200 Dia (mm) 10.1+/-0.1 10.1+/-0.1 10.1+/-0.1 10.1+/-0.1 10.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 14.1+/-0.1 24.9+/-0.1 24.9+/-0.1 24.9+/-0.1 24.9+/-0.1 24.9+/-0.1 32.2+/-0.1 32.2+/-0.1 32.2+/-0.1 32.2+/-0.1 32.2+/-0.1 Dimensions Height (mm) 44.2+/-0.3 44.2+/-0.3 44.2+/-0.3 44.2+/-0.3 44.2+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 50.2+/-0.3 50.2+/-0.3 50.2+/-0.3 50.2+/-0.3 50.2+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 49.7+/-0.3 60.5+/-0.5 60.5+/-0.5 60.5+/-0.5 60.5+/-0.5 60.5+/-0.5 25.6x16.5x48 25.6x16.5x48 60 65 70 80 90 60 80 100 120 130 150 160 180 200 220 230 240 240 330 370 400 450 240 280 500 800 900 16 20 Standard Charge Current (mA) 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 Time (hour) Weight (g) 13 13.5 14 14.5 15 15 21 24 25 25.5 26.5 27 28 28.5 28.5 29 29 70 78 83 85 88.5 98 98 120 156 161 45 54
AA, AAA and PP3 Battery Chargers available for NiMH batteries available on request

Fax: 01371 875075
DU RO C
BATTERIES
NEW
DU RO C
T*P
NICKEL METAL HYDRIDE NIMH
Custom made battery packs available on request.
167
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of D8000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X