Part Number Hot Search : 
M100D C1501 SB820FCT 320F280 C9870G 1209S 1N5834 AP3983E
Product Description
Full Text Search
 

To Download CG2300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gas Discharge Tube (GDT) Products
CG/CG2 Series
CG/CG2 Series
Description
(R)
Littelfuse highly reliable CG/CG2 Series GDTs provide a high degree of surge protection in a small size ideal for board level circuit protection. GDTs function as switches which dissipate a minimum amount of energy and therefore handle currents that far surpass other types of transient voltage protection. Their gas-filled, rugged ceramic metal construction make them well suited to adverse environments. The CG/CG2 series comes in a variety of forms including surface mount, core, straight and shaped leads, to serve a variety of mounting methods.
AGENCY FILE NUMBER
Agency Approvals
AGENCY
(R)
E128662 E320116
The CG Series (75-110V) is ideal for protection of test and communication equipment and other devices in which low voltage limits and extremely low arc voltages are required. The CG2 Series (145V-1000V) is ideal for protecting equipment where higher voltage limits and holdover voltages are necessary.
Features
(R)
2 Electrode GDT Graphical Symbol
* Rugged Ceramic-Metal construction * Low Capacitance (<1.5pf)
* Meets REA PE-80 * Available in surface mount, and a variety of lead options options
Applications
* Communication lines and equipment * CATV equipment * Test equipment * Data lines * Power supplies
* * * *
Instrumentation circuits Medical electronics ADSL equipment Telecom SLIC protection
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications.
27 Revised: November 10, 2009
CG/CG2 Series
Gas Discharge Tube (GDT) Products
CG/CG2 Series
Electrical Characteristics
Device Specifications (at 25C)
DC Breakdown in Volts
(@100V/s)
Life Ratings Surge Life
(@500A 10/1000s)
Impulse Breakdown in Volts
(@100V/s)
Impulse Breakdown In Volts
(@1 Kv/sec)
Insulation CapaciArc Resistance tance Voltage
(@1MHz) (on state Voltage) @1Amp Min
Nominal Nominal AC DC Max Impulse AC Dischage Holdover Impulse Discharge Discharge Current Voltage2 Discharge (9 cycle Current Current Current
(8/20s) (10x1sec @50-60Hz) @50Hz) (1 Application @ 10/350s)
Part Number &* &* &* 61 &* &* &* &* &* &* &* &* &* &* &*
MIN
TYP MAX
MAX
MIN
MAX
TYP
TYP




VKRWV #N$ $ $ DW 9 9 SI 9 VKRWV VKRWV #N$ $ 9 DW 9 9 N$

&* 61 &* 61 &* 61 &* 61 &* 61
$ N$
&* 61 &* 61

NOTES: 1. Tested to UL1449 Third Edition 2. Reference REA PE-80, 0.2A. Tested to ITU-T Rec K.12 and REA PE 80 < 150 mSec. 3. Leaded devices = 5x[5(+) or 5 (-)] applications 20kA 8/20Sec. (75 to 600 volt devices.) MS and Core devices = 10x[5(+) and 5(-)] applications 10kA 8/20S (800 to 1000 volt devices.)
Product Characteristics
LS, Axial: Device: Nickel Plated 2-5 Microns Lead Wires: Tin Plated 17 12.5 Microns .5 Construction: Ceramic Insulator Core: Device: Tin Plated 17 12.5 Microns. .5 Construction: Ceramic Insulator MS: Device: Dull Tin Plated 7-9 Microns Construction: Ceramic Insulator LF Logo, Voltage and date code; Black in positive print Glow to arc transition current Glow Voltage Storage and Operational Temperature Maximum Follow On Current1 < 0.5Amps 60-160 Volts -40 to +90 230 Volts r.m.s, 200 Amps.
(800V and 1000V devices tested to UL1449 3rd edition)
Materials
Product Marking
CG/CG2 Series
28 Revised: November 10, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications.
Gas Discharge Tube (GDT) Products
CG/CG2 Series
Device Dimensions Leaded 'L' Type Straight Axial Devices
PROFILE VIEW
0.81DIA. TYP. [0.032] 8.10DIA. MAX. [0.319]
Leaded 'LS' Type Shaped Lead Devices
PROFILE VIEW
6.07 0.3 [0.239 0.012]
TOP VIEW
TOP VIEW
8.10 Max.
[0.319 DIA Max.]
8.40 0.3 [0.331 0.012]
6.07 0.15
[0.239 0.006]
0.004
62 2
2 Surfaces
9.85 0.30 [0.388 0.012] 11.15 0.30 [0.439 0.012]
8.4 0.3 [0.331 0.012] 0.40 0.03 [0.0157 0.0012]
0.80 [0.032]
Core Devices
SOLDER PAD LAYOUT
9.85 [0.388]
TOP VIEW
8.10 Max. [0.032 Max.]
PROFILE VIEW
SEMI-PROFILE VIEW
8.60 [0.339]
6.07 0.15 [0.239 0.0059] 5.89 [0.232]
8.10 Max.
1.80 [0.071] 11.65 [0.459]
0.47 0.1 [0.019 0.0039]
'MS' Type Devices
TOP VIEW
8.30 0.1 [0.327 0.0039] 4 0.2 [0.157 0.0079]
PROFILE VIEW
SEMI-PROFILE VIEW
5.58 [0.220] 6.05 0.2 [0.238 0.0079]
o8.300.1
R5.29 [R0.208]
[0
2 9] 0. 7 .00 30 0 9. 6 6 .3
0.47 0.1 [0.019 0.0039]
SOLDER PAD LAYOUT
2.29 [0.090]
8.71 [0.343]
5.89 [0.232]
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications.
29 Revised: November 10, 2009
CG/CG2 Series
Gas Discharge Tube (GDT) Products
CG/CG2 Series
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Reflow Condition - Temperature Min (Ts(min)) Pre Heat - Temperature Max (Ts(max)) - Time (Min to Max) (ts) Average ramp up rate (Liquidus Temp (TL) to peak TS(max) to TL - Ramp-up Rate Reflow - Temperature (TL) (Liquidus) - Temperature (tL) Pb - Free assembly 150C
TP
Ramp-up
tP
Critical Zone TL to TP
60 - 180 secs 3C/second max 5C/second max 217C 60 - 150 seconds 260+0/-5 C 10 - 30 seconds 6C/second max 8 minutes Max. 260C
Temperature
200C
TL TS(max)
Preheat
tL
Ramp-down
TS(min)
tS
25 time to peak temperature (t 25C to peak)
Time
Peak Temperature (TP) Time within 5C of actual peak Temperature (tp) Ramp-down Rate Time 25C to peak Temperature (TP) Do not exceed
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
300
Recommended Process Parameters:
Wave Parameter Preheat:
(Depends on Flux Activation Temperature) (Typical Industry Recommendation)
Temperature (C) - Measured on bottom side of board
280 260 240 220 200 180 160 140 120 100 80 60 40 20 100 110 120 130 140 150 160 170 180 190 200 210 220 230 240 10 20 30 40 50 60 70 80 90 0 0
Lead-Free Recommendation
Temperature Minimum: Temperature Maximum: Preheat Time: Solder Pot Temperature: Solder Dwell Time:
100 C 150 C 60-180 seconds 280 C Maximum 2-5 seconds
Time (Seconds) Preheat Time Dwell Time Cooling Time
Soldering Parameters - Hand Soldering
Solder Iron Temperature: 350 C +/- 5C Heating Time: 5 seconds max.
CG/CG2 Series
30 Revised: November 10, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications.
Gas Discharge Tube (GDT) Products
CG/CG2 Series
Packaging Dimensions For 'L' Type Axial Lead Items
<1.2 Max. Lead Bend
254.0 - 356.0 [10.0 - 14.0]
<0.8 Max 52.4 [2.063] 22.8 [0.898] 0.0 15]
Direction of Feed
6.4 [0.252] 5.0 Pitch [0.197]
Core and 'MS' Type Items
275.0 [10.83] 10x4 0.1 = 40 0.2 [10 x 0.157 0.004 = 1.575 0.008] 0.4 0.05 [0.016 0.002] 1.75 0.1 [0.069 0.004] 1.5 DIA. MAX. [0.059] 4 0.1 [0.157 0.004] 76.0 [2.99] 100.0 [3.94] 25.0 [0.98]
8.5 0.1 [0.335 0.004]
7.5 0.1 [0.295 0.004] 16 +0.3 / -0.1 [0.630 +0.012 / -0.004] 1.5 DIA. MAX. [0.059] 17.7 [0.697]
Direction of Feed
8.6 0.1 [0.339 0.004]
12 0.1 [0.472 0.004]
For 'LS' Type Shaped Lead Items
10x4 0.1 = 40 0.2 [10x.157 0.004 = 1.575 0.008] 0.5 0.05 [0.020 0.002] 1.9 [0.075] 1.75 0.1 [0.069 0.004] 1.5 DIA. MAX. [0.059] 4 0.1 [0.157 0.004]
275.0 [10.82] 100.0 [3.93] 76.0 [2.99] 25.0 [0.98]
11.5 0.1 [0.453 0.004] 24 +0.3 / -0.1 [0.945 +0.019 / -0.004] 25.7 [1.01]
Direction of Feed
11.75 0.1 [0.463 0.004]
8 0.1 [0.315 0.004]
0.5 0.01 [0.020 0.004] 9 0.1 [0.354 0.004]
1.5 DIA. MAX. [0.059]
16 0.1 [0.630 0.004]
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications.
31 Revised: November 10, 2009
CG/CG2 Series
Gas Discharge Tube (GDT) Products
CG/CG2 Series
Part Numbering System and Ordering Information
CG2 XXX XX * XX
Series
CG -- for 75, 90, or 110V CG2 -- for 145V to 1000V
Examples: CG75 -- A non-leaded 75V device CG2230L -- A leaded 230V device CG2800LTR -- A leaded 800V device, tape-and-reel Notes: CG/CG2 devices with other breakdown voltages in the 75-1000 V range are available upon request. (per EIA standard RS-296-D)
Breakdown Voltage
75 90 110 145 230 250 300 350 470 600 800 1000
Lead Option Code
(Blank) = No Leads / Core L = Straight Leads LS = Shaped Leads MS = Surface Mount
Option Code*
SN = denotes different DC Breakover Voltage Limit. Please refer to Electrical Characteristics table for additional information.
Packaging Option Code
(Blank) = No Leads / Core, Bulk Bag - 400 pcs L(Blank) = Straight Lead, Tray - 50 pcs LTR = Straight Lead, Tape & Reel per EIA RS-296-E - 500 per reel LTE = Straight Lead, Tape & Reel per IEC 60286-1 - 500 per reel LSTR = Shaped Lead (see LS dimensions), Tape & Reel - 500 per reel
CG/CG2 Series
32 Revised: November 10, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CG2300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X