Part Number Hot Search : 
TMP03 MAX4419 MAC15 DMN601K GL157 A9N18519 T750002 RT8004
Product Description
Full Text Search
 

To Download B82496C3829X000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
1) Replace the + by the code letter for the required inductance tolerance. 2) For bulk case the last digit has to be a 1. Example: B82496C3109A001
Please read Cautions and warnings and Important notes at the end of this document.
5
10/08
SMT inductors, SIMID series SIMID 0603-C
Impedance |Z| versus frequency f measured with impedance analyzer Agilent 4291A/16196A, typical values at 20 C
10 5
IND0043-T
B82496C
Inductance L versus DC load current IDC measured with LCR meter Agilent 4275A, typical values at 20 C
10 nH L 10
_7 _6
IND0045-5
B82496C
4
B82496C 220 nH 100 nH
| Z | 10
10 3 10 2 10 1 10 0 10 10 10
_1 _2 _3
10
_8
10 nH
220 nH 100 nH 10 nH 1 nH
10
_9
1 nH
10
6
10
7
10
8
Hz 10 f
9
10
_ 10
10
_2
10
_1
10 0
A 10 1 I DC
Q factor versus frequency f measured with impedance analyzer Agilent 4291A/16196A, typical values at 20 C
100 B82496C 90 Q 80 70 60 50 40 30 20 10 220 nH 07 10 10 8 10 9 100 nH Hz 10 10 f 10 nH 1 nH
IND0044-2
Current derating Iop/IR versus ambient temperature TA (rated temperature TR = 125 C)
1.2 Iop IR B82496C 1.0
IND0046-L-E
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120
C 160 TA
6
10/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
7
10/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 8 03/09
 SMT inductors
SIMID series, SIMID 0603-C
Series/Type: Date: B82496C October 2008
7ffARspp
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
SMT inductors, SIMID series SIMID 0603-C
Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA Construction
Copper-plated ceramic core Laser-cut winding, epoxy-coated
B82496C
Features Temperature range up to 150 C High resonance frequency Close inductance tolerance Free of polarization effect High mechanical stability Qualified to AEC-Q200 Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020C RoHS-compatible

Applications

Resonant circuits, impedance matching for Multimedia Car access systems Wireless communication systems TPMS (Tire Pressure Monitoring System) GPS (Global Positioning System) Digital cameras Terminals
Base material Al2O3 ceramic with Cu layer Layer composition Ni, Sn (lead-free) Electro-plated
Marking
No marking on component Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing Delivery mode and packing unit
8-mm cardboard tape, wound on 180-mm reel Bulk case on request Packing unit: 4000 pcs./reel
Please read Cautions and warnings and Important notes at the end of this document.
2
10/08
SMT inductors, SIMID series SIMID 0603-C
Dimensional drawing and layout recommendation
0.80.1
B82496C
0.30.2 1.60.1
0.30.2 0.80.1
IND0042-K
C B
IND0041-C
A
A Dimensions in mm Taping and packing Cardboard tape
_0 1.5 +0.1
B 2.3 0.3
C 0.9 0.1
0.8 0.1
Reel
1.750.1
40.1
20.05
1.90.1
3.50.05
0.950.05
_ < 1.15
1.10.1
40.1 Direction of unreeling
IND0553-H-E
Dimensions in mm
Please read Cautions and warnings and Important notes at the end of this document.
3
80.2
10/08
SMT inductors, SIMID series SIMID 0603-C
Technical data and measuring conditions Rated inductance LR
B82496C
Measured with impedance analyzer Agilent 4291A and test fixture Agilent 16196A at frequency fL, 0.1 V, 20 C Measured with impedance analyzer Agilent 4291A and test fixture Agilent 16196A, Qmin measured at frequency fQ, 20 C 125 C Maximum permissible DC with a temperature increase of 15 K at rated temperature Measured with network analyzer Agilent 8720D, 20 C Measured at 20 C Sn95.5Ag3.8Cu0.7: (245 5) C, (5 0.3) s Wetting of soldering area 95% (based on IEC 60068-2-58) 260 C, 40 s (as referenced in JEDEC J-STD 020C) 55/150/56 (to IEC 60068-1) Mounted: -55 C ... +150 C Packaged: -25 C ... +40 C, 75% RH Approx. 4 mg
Q factor Qmin, Qtyp
Rated temperature TR Rated current IR Self-resonance frequency fres,min DC resistance Rmax Solderability (lead-free)
Resistance to soldering heat Climatic category Storage conditions Weight
Please read Cautions and warnings and Important notes at the end of this document.
4
10/08
SMT inductors, SIMID series SIMID 0603-C
Characteristics and ordering codes LR nH 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 5% 2%
^ ^
B82496C
Tolerance
Qmin
Qtyp (at 800 MHz) 60 60 50 50 50 40 40 40 40 40 40 40 40 40 40 40 40 35 35 35 35 35 35 35 30 30 30 25 25
fL; fQ MHz 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 25.2 25.2 25.2 25.2
IR mA 1800 1800 1500 1500 1500 1400 1200 1100 800 700 700 650 600 450 420 400 380 360 350 300 270 250 230 220 200 160 130 120 110
Rmax 0.02 0.025 0.03 0.033 0.035 0.04 0.06 0.065 0.10 0.15 0.15 0.18 0.20 0.35 0.40 0.45 0.50 0.55 0.60 0.80 0.95 1.2 1.3 1.5 1.8 3.0 5.0 6.0 7.0
fres,min GHz 16 15 13 12 10 10 9 8 7 6 6 6 5 5 4.5 4.0 4.0 3.0 3.0 2.5 2.5 2.5 2.0 2.0 1.8 1.8 1.6 1.4 1.3
Ordering code1)2) (reel packing) B82496C3109+000 B82496C3129+000 B82496C3159+000 B82496C3189+000 B82496C3229+000 B82496C3279+000 B82496C3339+000 B82496C3399+000 B82496C3479+000 B82496C3569+000 B82496C3689+000 B82496C3829+000 B82496C3100+000 B82496C3120+000 B82496C3150+000 B82496C3180+000 B82496C3220+000 B82496C3270+000 B82496C3330+000 B82496C3390+000 B82496C3470+000 B82496C3560+000 B82496C3680+000 B82496C3820+000 B82496C3101+000 B82496C3121+000 B82496C3151+000 B82496C3181+000 B82496C3221+000
0.3 nH 0.2 nH
^ ^
A Z
7 8 8 12 14 14 14
5% ^ J 0.2 nH ^ Z
14 14 14 14 14
J G
14 14 14 14 14 14 14 14 14 14 14 14 14 5 5 4 4
Special versions on request. Higher currents possible at temperatures


▲Up To Search▲   

 
Price & Availability of B82496C3829X000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X