Part Number Hot Search : 
L4004D3 OR2C10A MB2245 NDL5422P YBAMU UT2306 PM8313 141K1
Product Description
Full Text Search
 

To Download B41043A3568M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors Alu-X product lines
Single-ended capacitors
Series/Type:
Data Sheet Date:
B41043 August 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
Long-life grade capacitors for professional applications Applications Professional switch mode power supplies Features RoHS-compatible High C/V value Low impedance at high frequencies High reliability Load life of 5000 h at 105 C
Single-ended capacitors Very low impedance - 105 C Single-ended capacitors Very low impedance - 105 C
B41043 B41043
Construction Radial leads Aluminum case, fully insulated Charge-discharge proof Minus pole marking on the insulating sleeve Case with safety vent from diameter 8 mm
Delivery mode Bulk Taped, Ammo pack Cut Kinked
Please read Cautions and warnings and Important notes at the end of this document.
2
08/08
Single-ended capacitors Very low impedance - 105 C
Specifications and characteristics in brief Rated voltage VR Operating temp. range Rated capacitance CR (20 C, 120 Hz) Capacitance tolerance Load life (105 C, VR, IAC,R) 6.3 ... 50 V DC -55 C ... +105 C 0.47 ... 15000 F 20% M
B41043
2000 h for d = 5 ... 6.3 mm 3000 h for d = 8 mm 5000 h for d 10 mm
Requirements: C/C 20% of initial value tan 2 times initial specified limit Ileak initial specified limit
Leakage current Ileak (20 C, after 5 minutes)
CR VR I leak 0.03 A ------- ------ or 4 A, wichever is greater F V 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10
Dissipation factor (max.) VR (V DC) (20 C, 120 Hz) tan
For capacitance higher than 1000 F add 0.02 for every increase of 1000 F. Low temperature stability (impedance ratio) (120 Hz) Shelf life VR (V DC) Z ( - 55 C ) -------------------------Z ( +20 C ) 6.3 4 10 4 16 3 25 3 35 3 50 2
After storage for 1000 h at 105 C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. 50 Hz 0.40 0.60 0.80 120 Hz 0.55 0.70 0.80 0.90 +85 C 1.68 500 Hz 0.65 0.80 0.85 0.95 1 kHz 0.80 0.90 0.98 0.98 +105 C 1.00 10 kHz 0.90 0.95 1.00 1.00 100 kHz 1.00 1.00 1.00 1.00
Frequency multiplier for rated ripple current 0.47 ... 27 F 33 ... 330 F 1200 F Temperature multiplier for rated ripple current +70 C 1.96
390 ... 1000 F 0.65
Please read Cautions and warnings and Important notes at the end of this document.
3
08/08
Single-ended capacitors Very low impedance - 105 C
Dimensional drawing
B41043
d
l + 15 min. 5 min.
KAL1080-C-E
Minus pole marking
a
Safety vent
Safety vent for diameter 8 mm. Case dimensions dxl mm 5 x 11 6.3 x 11 6.3 x 15 8 10 10 10 10 10 x 11.5 x 12.5 x 16 x 20 x 25 x 31.5 dmax x Imax mm 5.5 x 12.5 6.8 x 12.5 6.8 x 16.5 8.5 x 13.0 11.0 x 14.0 11.0 x 17.5 11.0 x 21.5 11.0 x 27.0 11.0 x 33.5 13.5 x 22.0 13.5 x 27.0 13.5 x 33.5 13.5 x 37.5 13.5 x 42.0 17.0 x 33.5 17.0 x 37.5 17.0 x 42.0 19.0 x 37.5 19.0 x 42.0 a mm 2.0 0.5 2.5 0.5 2.5 0.5 3.5 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 b mm 0.5 0.1 0.5 0.1 0.5 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1
12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 16 16 18 18 x 31.5 x 35.5 x 40 x 35.5 x 40
Please read Cautions and warnings and Important notes at the end of this document.
4
ob
08/08
Single-ended capacitors Very low impedance - 105 C
Overview of available types VR (V DC) CR (F) 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 5 5 x 11 x 11 5 5 x 11 x 11 5 5 x 11 x 11 6.3 Case dimensions d x l (mm) 10 16
B41043
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 8 8 8 8 10 10 10 10 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 8 8 8 8 10 10 10 10 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 8 8 8 8 10 10 10 10 10 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 31.5
12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 16 16 18 18 x 31.5 x 35.5 x 40 x 35.5 x 40
12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 16 16 16 18 x 31.5 x 35.5 x 35.5 x 40 x 40
12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 16 16 18 18 x 31.5 x 35.5 x 40 x 35.5 x 40
Please read Cautions and warnings and Important notes at the end of this document.
5
08/08
Single-ended capacitors Very low impedance - 105 C
Overview of available types VR (V DC) CR (F) 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 5 5 x 11 x 11 5 5 x 11 x 11 5 5 5 5 5 5 5 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 25 Case dimensions d x l (mm) 35 50
B41043
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 8 8 8 10 10 10 10 10 x 11.5 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 31.5
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 8 8 8 8 10 10 10 10 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 8 8 8 8 10 10 10 10 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5
12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 16 x 31.5 x 35.5
12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5
12.5 x 20 12.5 x 25 12.5 x 25
Please read Cautions and warnings and Important notes at the end of this document.
6
08/08
Single-ended capacitors Very low impedance - 105 C
Overview of available types VR (V DC) CR (F) 1500 1800 2200 2700 3300 3900 4700 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 16 16 18 x 31.5 x 35.5 x 40 x 40 12.5 x 40 16 16 16 18 x 31.5 x 35.5 x 40 x 40 16 18 18 x 40 x 35.5 x 40 25 Case dimensions d x l (mm) 35 50
B41043
Please read Cautions and warnings and Important notes at the end of this document.
7
08/08
Single-ended capacitors Very low impedance - 105 C
Technical data and ordering codes VR V DC 6.3 CR 120 Hz 20 C F 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 68 82 100 120 150 180 220 Case dimensions dxl mm 5 5 6.3 6.3 6.3 6.3 6.3 8 8 8 8 8 10 10 10 10 10 12.5 12.5 12.5 12.5 12.5 16 16 16 18 18 5 5 6.3 6.3 6.3 6.3 6.3 x 11 x 11 x 11 x 11 x 11 x 15 x 15 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 31.5 x 25 x 25 x 31.5 x 35.5 x 40 x 31.5 x 35.5 x 40 x 35.5 x 40 x 11 x 11 x 11 x 11 x 11 x 11 x 15 Zmax 100 kHz 20 C 0.850 0.650 0.490 0.390 0.300 0.240 0.200 0.170 0.140 0.120 0.100 0.085 0.070 0.060 0.050 0.045 0.035 0.032 0.030 0.028 0.027 0.026 0.024 0.022 0.020 0.019 0.018 0.800 0.650 0.550 0.440 0.350 0.290 0.240 IAC,R 100 kHz 105 C mA 99 115 155 175 205 275 310 345 435 480 605 670 820 895 1090 1230 1320 1430 1530 1710 1890 2040 2130 2290 2470 2530 2660 97 110 135 160 185 205 270
B41043
Ordering code (composition see below) B41043A2107M*** B41043A2127M*** B41043A2157M*** B41043A2187M*** B41043A2227M*** B41043A2277M*** B41043A2337M*** B41043A2397M*** B41043A2477M*** B41043A2567M*** B41043A2687M*** B41043A2827M*** B41043A2108M*** B41043A2128M*** B41043A2158M*** B41043A2188M*** B41043A2228M*** B41043A2278M*** B41043A2338M*** B41043A2398M*** B41043A2478M*** B41043A2568M*** B41043A2688M*** B41043A2828M*** B41043A2109M*** B41043A2129M*** B41043A2159M*** B41043A3686M*** B41043A3826M*** B41043A3107M*** B41043A3127M*** B41043A3157M*** B41043A3187M*** B41043A3227M***
10
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
8
08/08
Single-ended capacitors Very low impedance - 105 C
Technical data and ordering codes VR V DC 10 CR 120 Hz 20 C F 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 47 56 68 82 100 120 150 180 220 270 330 390 470 560 Case dimensions dxl mm 6.3 8 8 8 8 8 10 10 10 10 12.5 12.5 12.5 12.5 12.5 16 16 16 16 18 5 5 6.3 6.3 6.3 6.3 6.3 6.3 8 8 8 8 8 10 x 15 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 20 x 25 x 31.5 x 35.5 x 40 x 31.5 x 35.5 x 35.5 x 40 x 40 x 11 x 11 x 11 x 11 x 11 x 11 x 15 x 15 x 11.5 x 15 x 15 x 20 x 20 x 20 Zmax 100 kHz 20 C 0.200 0.160 0.140 0.120 0.100 0.078 0.070 0.060 0.050 0.040 0.037 0.034 0.030 0.026 0.024 0.023 0.021 0.020 0.019 0.017 0.800 0.650 0.500 0.420 0.350 0.290 0.230 0.200 0.160 0.140 0.120 0.100 0.085 0.070 IAC,R 100 kHz 105 C mA 300 350 430 475 590 660 835 915 1120 1290 1320 1530 1740 1960 2120 2170 2340 2410 2530 2730 92 105 135 155 175 195 260 285 335 410 455 570 615 770
B41043
Ordering code (composition see below) B41043A3277M*** B41043A3337M*** B41043A3397M*** B41043A3477M*** B41043A3567M*** B41043A3687M*** B41043A3827M*** B41043A3108M*** B41043A3128M*** B41043A3158M*** B41043A3188M*** B41043A3228M*** B41043A3278M*** B41043A3338M*** B41043A3398M*** B41043A3478M*** B41043A3568M*** B41043A3688M*** B41043A3828M*** B41043A3109M*** B41043A4476M*** B41043A4566M*** B41043A4686M*** B41043A4826M*** B41043A4107M*** B41043A4127M*** B41043A4157M*** B41043A4187M*** B41043A4227M*** B41043A4277M*** B41043A4337M*** B41043A4397M*** B41043A4477M*** B41043A4567M***
16
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
9
08/08
Single-ended capacitors Very low impedance - 105 C
Technical data and ordering codes VR V DC 16 CR 120 Hz 20 C F 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 Case dimensions dxl mm 10 10 10 12.5 12.5 12.5 12.5 12.5 12.5 16 16 16 18 18 5 5 6.3 6.3 6.3 6.3 6.3 6.3 8 8 8 8 8 10 10 10 10 12.5 12.5 12.5 12.5 x 20 x 25 x 31.5 x 20 x 25 x 31.5 x 31.5 x 35.5 x 40 x 31.5 x 35.5 x 40 x 35.5 x 40 x 11 x 11 x 11 x 11 x 11 x 11 x 15 x 15 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 20 x 25 x 25 x 31.5 Zmax 100 kHz 20 C 0.060 0.050 0.042 0.040 0.036 0.032 0.028 0.025 0.023 0.022 0.020 0.019 0.018 0.017 0.800 0.650 0.550 0.440 0.360 0.300 0.240 0.200 0.160 0.140 0.110 0.095 0.085 0.070 0.065 0.055 0.046 0.041 0.036 0.032 0.029 IAC,R 100 kHz 105 C mA 845 1030 1210 1250 1490 1690 1800 1990 2160 2220 2410 2530 2610 2730 88 100 125 140 160 180 245 275 320 390 455 560 610 770 810 990 1180 1210 1430 1550 1780
B41043
Ordering code (composition see below) B41043A4687M*** B41043A4827M*** B41043A4108M*** B41043A4128M*** B41043A4158M*** B41043A4188M*** B41043A4228M*** B41043A4278M*** B41043A4338M*** B41043A4398M*** B41043A4478M*** B41043A4568M*** B41043A4688M*** B41043A4828M*** B41043A5336M*** B41043A5396M*** B41043A5476M*** B41043A5566M*** B41043A5686M*** B41043A5826M*** B41043A5107M*** B41043A5127M*** B41043A5157M*** B41043A5187M*** B41043A5227M*** B41043A5277M*** B41043A5337M*** B41043A5397M*** B41043A5477M*** B41043A5567M*** B41043A5687M*** B41043A5827M*** B41043A5108M*** B41043A5128M*** B41043A5158M***
25
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
10
08/08
Single-ended capacitors Very low impedance - 105 C
Technical data and ordering codes VR V DC 25 CR 120 Hz 20 C F 1800 2200 2700 3300 3900 4700 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 Case dimensions dxl mm 12.5 12.5 16 16 16 18 5 5 6.3 6.3 6.3 6.3 6.3 6.3 8 8 8 8 8 10 10 10 10 12.5 12.5 12.5 12.5 12.5 12.5 16 16 16 18 x 35.5 x 40 x 31.5 x 35.5 x 40 x 40 x 11 x 11 x 11 x 11 x 11 x 11 x 15 x 15 x 11.5 x 15 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 20 x 25 x 25 x 31.5 x 35.5 x 40 x 31.5 x 35.5 x 40 x 40 Zmax 100 kHz 20 C 0.026 0.024 0.022 0.020 0.019 0.018 0.750 0.600 0.490 0.410 0.340 0.280 0.240 0.190 0.160 0.140 0.120 0.100 0.085 0.070 0.060 0.055 0.046 0.041 0.036 0.032 0.029 0.026 0.024 0.022 0.020 0.018 0.017 IAC,R 100 kHz 105 C mA 1960 2120 2220 2410 2530 2260 85 99 125 140 160 180 230 265 305 370 415 520 580 735 810 955 1130 1160 1370 1490 1710 1920 2120 2220 2410 2610 2730
B41043
Ordering code (composition see below) B41043A5188M*** B41043A5228M*** B41043A5278M*** B41043A5338M*** B41043A5398M*** B41043A5478M*** B41043A7226M*** B41043A7276M*** B41043A7336M*** B41043A7396M*** B41043A7476M*** B41043A7566M*** B41043A7686M*** B41043A7826M*** B41043A7107M*** B41043A7127M*** B41043A7157M*** B41043A7187M*** B41043A7227M*** B41043A7277M*** B41043A7337M*** B41043A7397M*** B41043A7477M*** B41043A7567M*** B41043A7687M*** B41043A7827M*** B41043A7108M*** B41043A7128M*** B41043A7158M*** B41043A7188M*** B41043A7228M*** B41043A7278M*** B41043A7338M***
35
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
11
08/08
Single-ended capacitors Very low impedance - 105 C
Technical data and ordering codes VR V DC 50 CR 120 Hz 20 C F 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 Case dimensions dxl mm 5 5 5 5 5 5 5 5 5 5 5 5 6.3 6.3 6.3 6.3 6.3 6.3 8 8 8 8 10 10 10 10 10 12.5 12.5 12.5 12.5 12.5 16 16 16 18 18 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 15 x 15 x 11.5 x 15 x 20 x 20 x 20 x 20 x 25 x 31.5 x 31.5 x 25 x 25 x 31.5 x 35.5 x 40 x 31.5 x 35.5 x 40 x 35.5 x 40 Zmax 100 kHz 20 C 12.300 16.000 11.000 7.500 5.000 3.300 2.200 1.800 1.400 1.200 0.930 0.800 0.650 0.530 0.430 0.360 0.300 0.250 0.200 0.170 0.140 0.120 0.100 0.085 0.075 0.065 0.055 0.048 0.044 0.040 0.036 0.033 0.030 0.028 0.026 0.025 0.024 IAC,R 100 kHz 105 C mA 11 14 18 22 27 33 40 45 57 62 72 79 100 115 135 150 195 220 255 320 410 455 570 635 760 900 995 1120 1190 1360 1530 1700 1830 1990 2170 2210 2300
B41043
Ordering code (composition see below) B41043A6474M*** B41043A6684M*** B41043A6105M*** B41043A6155M*** B41043A6225M*** B41043A6335M*** B41043A6475M*** B41043A6685M*** B41043A6106M*** B41043A6126M*** B41043A6156M*** B41043A6186M*** B41043A6226M*** B41043A6276M*** B41043A6336M*** B41043A6396M*** B41043A6476M*** B41043A6566M*** B41043A6686M*** B41043A6826M*** B41043A6107M*** B41043A6127M*** B41043A6157M*** B41043A6187M*** B41043A6227M*** B41043A6277M*** B41043A6337M*** B41043A6397M*** B41043A6477M*** B41043A6567M*** B41043A6687M*** B41043A6827M*** B41043A6108M*** B41043A6128M*** B41043A6158M*** B41043A6188M*** B41043A6228M***
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
12
08/08
Single-ended capacitors Taping, packing and lead configurations
Taping, packing and lead configurations of single-ended capacitors
B41043
Single-ended capacitors are available taped in Ammo pack from diameter 4 to 10 mm as follows: Lead spacing 2.0 mm ( d = 4 ... 5 mm) Last 3 digits of ordering code: 016
od P P0 h h
H H0
W2
D0
1 max.
W1
View B
W
W0
Base tape Adhesive tape
F P1 B
l1
t
KAL1138-D-E
Dimensions in mm d F -0.2 H 18.5 W 18.0 W0 7.0 min. W1 9.0 0.5 W2 3.0 max. P 12.7 1.0 P0 12.7 0.3 P1 5.10 0.7 l1 1.0 max. t 0.7 0.2 h 1 1.0 D0 4.0 0.2
4 ... 5 2.0
0.75 0.5
Please read Cautions and warnings and Important notes at the end of this document.
13
08/08
Single-ended capacitors Taping, packing and lead configurations
Lead spacing 2.5 mm ( d = 4 ... 6.3 mm) Last 3 digits of ordering code: 007
od P P0 h h
B41043
H H0
W2
1 max.
W0
W1
View B
W
Base tape Adhesive tape
P1
B
l1
F
D0
t
KAL1074-3-E
Dimensions in mm d 4 ... 6.3 F 2.5 H 18.5 H0 W W0 W1 9.0 W2 3.0 P P0 P1 l1 t 0.7 h 0 D0 4.0
16.0 18.0 7.0
12.7 12.7 5.10 1.0
Tolerance -0.2 0.75 0.5 0.5 min. 0.5 max. 1.0 0.3 0.7 max. 0.2 1.0 0.2
Lead spacing 3.5 mm ( d = 8 mm) Last 3 digits of ordering code: 006
od P P0 h h
H H0
W2
D0
1 max.
W1
View B
W
W0
Base tape Adhesive tape
F P1 B
l1
t
KAL1138-D-E
Dimensions in mm d 8 F 3.5 H 18.5 W W0 W1 9.0 W2 3.0 P P0 P1 l1 t 0.7 h 1 D0 4.0
18.0 10
12.7 12.7 5.10 1.0
Tolerance 0.5 0.75 0.5 min.
0.5 max. 1.0 0.3 0.7 max. 0.2 max. 0.2
Please read Cautions and warnings and Important notes at the end of this document.
14
08/08
Single-ended capacitors Taping, packing and lead configurations
Lead spacing 5.0 mm ( d = 4 ... 8 mm) Last 3 digits of ordering code: 008
od P P0 h h
B41043
H H0
W2
1 max.
W0
W1
View B
W
Base tape Adhesive tape
P1
B
l1
F
D0
t
KAL1075-B-E
Lead spacing 5.0 mm ( d = 10 mm) Last 3 digits of ordering code: 008
od P P0 h h
H
W2
1 max.
W0
W1
View B
W
Base tape Adhesive tape
P1
B
l1
F
D0
Dimensions in mm d 4 ... 6.3 8 10 Tolerance F 5.0 5.0 5.0 H 18.5 18.5 18.5 H0 16 16 - W W0 W1 9.0 9.0 W2 3.0 3.0 3.0 P P0 P1 L1 t 0.6 0.6 0.6 h 2.0 2.0 2.0 D0 4.0 4.0 4.0 18.0 7.0 18.0 10 12.7 12.7 3.85 1.0 12.7 12.7 3.85 1.0 12.7 12.7 3.85 1.0
18.0 12.5 9.0
+0.6 0.75 0.5 +1.0 +1.0 0.5 max. 0.5 0.3 0.7 max. +0.3 max. 0.2 -0.2 -0.5 -0 -0.2
Taping is available up to dimensions d x l = 10 x 20 mm. For 12.5, 16 and 18 mm taping is not available.
Please read Cautions and warnings and Important notes at the end of this document.
15
08/08
t
KAL1076-J-E
Single-ended capacitors Taping, packing and lead configurations
Kinked or cut leads
B41043
Single-ended capacitors are available with kinked or cut leads. Other lead configurations also available on request. Kinked leads Last 3 digits of ordering code: 001
l 2.10.1
3.20.1
KAL1137-5
l
od
4.50.5
KAL1084-A
Case size d x l (mm) 4x7 5x7 5 x 11 6.3 x 7 6.3 x 11 6.3 x 15 8x7 8 x 11.5 8 x 15 8 x 20 10 x 12.5 10 x 16 10 x 20 10 x 25 10 x 31.5
a
1.20.1
od
a (mm) 1.5 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 3.5 5.0 5.0 5.0 5.0 5.0
Case size d x l (mm) a (mm) 12.5 x 16 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 20 16 x 25 16 x 31.5 16 x 35.5 16 x 40 18 x 20 18 x 25 18 x 31.5 18 x 35.5 18 x 40 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
Please read Cautions and warnings and Important notes at the end of this document.
16
08/08
Single-ended capacitors Taping, packing and lead configurations
Cut leads Last 3 digits of ordering code: 002
l
B41043
od
4.50.5
KAL1086-R
Case size d x l (mm) 4x7 5x7 5 x 11 6.3 x 7 6.3 x 11 6.3 x 15 8x7 8 x 11.5 8 x 15 8 x 20 10 x 12.5 10 x 16 10 x 20 10 x 25 10 x 31.5
a
a (mm) 1.5 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 5.0 5.0 5.0 5.0 5.0 5.0
Case size d x l (mm) a (mm) 12.5 x 16 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 20 16 x 25 16 x 31.5 16 x 35.5 16 x 40 18 x 20 18 x 25 18 x 31.5 18 x 35.5 18 x 40 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
Please read Cautions and warnings and Important notes at the end of this document.
17
08/08
Cautions and warnings
General Also see "Important notes" on page 20. 1 Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors must not be used in AC applications, where the polarity may be reversed in the circuits or is unknown. The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage, as this will result in a rapid increase of the leakage current and may damage the capacitor. It is recommended to operate the capacitor at 70-80% of its rated voltage to optimize its service life. The ripple current applied to the capacitor must be within the permitted range. An excessive ripple current leads to impaired electrical properties and may damage the capacitor. Note that the sum of the peak values of the ripple voltage and the DC operating voltage must not exceed the rated DC voltage. Capacitors must be used within their permitted range of operating temperature. Operation at room temperature optimizes their service life. Capacitors with case diameter 8 mm are equipped with a safety vent. In capacitors fitted with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs sufficient space around it to operate optimally. The following dimensions are recommended: for case diameter d = 8 to 16 mm, more than 2 mm; for d =18 to 35 mm, more than 3 mm; and for d = 42 mm or more, more than 5 mm. Capacitors should not be mounted with the safety vent face down on the board. Do not locate any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result in excess pressure and the leakage of electrolyte. Gas is released through the safety vent when the pressure inside the capacitor is too high. A gaseous liquid around the safety vent does not indicate a leakage of electrolyte. The capacitor should be stored under conditions of normal temperature and in a non-acid, non-alkali environment of normal humidity. Exposure to high temperatures, for example under direct sunlight, will reduce its operating life. If the capacitor is stored in an environment containing acids or alkalis, the solderability of the leads may be affected. The leakage current of an aluminum electrolytic capacitor may increase after a long period of storage. After such storage, the capacitor must be aged by applying the rated operating voltage for 6-8 hours before use. Manual soldering: a Soldering must be performed within the specified conditions. Bit temperature: 350 C; application time of soldering iron: 3 seconds. b Ensure that the soldering iron does not touch any part of the capacitor body.
2
3
4 5
6
7 8
9
10
Please read Cautions and warnings and Important notes at the end of this document.
18
08/08
Cautions and warnings
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after soldering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe the following rules to prevent undue stress to the capacitor: a Do not tilt or bend the capacitor after soldering. b Ensure that the terminal spacing matches the corresponding hole spacing on the PC board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the aluminum capacitors on the PC board as this may cause a short circuit. The case and top of capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink sleeve to ensure safe usage. The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
13
Please read Cautions and warnings and Important notes at the end of this document.
19
08/08
Important notes
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
20
08/08


▲Up To Search▲   

 
Price & Availability of B41043A3568M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X