Part Number Hot Search : 
SMBJ64A N42602M G911T76B FS50V 380LB BAS16HT 380LB 2920L185
Product Description
Full Text Search
 

To Download B32320B4405J010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film capacitors - AC capacitors Motor run capacitors
250 V; class B; 85 C / 400 V; class B; 85 C / 480 V; class C; 85 C
Series/Type: B32320/B32322 - MotorCapTM Ordering code: Date: Version: January 2008 2.0
Content of inside pages of data sheet. Data will be automatically entered into headers and footers. Please fill in the table and then change the color to "White". This ensures that the table disappears for the customer PDF.
Identification/Classification 1: (header 1) Identification/Classification 2: (header 2) Ordering code: Series/Type: Preliminary data (optional): (if necessary) Department: Date: FK PC PM AC January 2008 B32320/B32322 - MotorCapTM Film capacitors - AC capacitors Motor run capacitors
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Film capacitors - AC capacitors Motor run capacitors
B32320/B32322 - MotorCapTM
Construction Dielectric: polypropylene film Plastic can and top UL 94 V2 material Dry type Features Self-healing properties Low dissipation factor P0 safety class to IEC 60252-1 2001-02 High insulation resistance IEC/EN 60335-1 compatible on request Typical applications For general sine wave applications, mainly as motor run capacitor Terminals B32320 - single fast-on: 6.3 x 0.8 mm B32322 - double fast-on: 6.3 x 0.8 mm Mounting parts (optional) Threaded stud at bottom of can (M8, max. torque = 5 Nm) Locking clip for mounting into a hole of O 8 mm Technical data and specifications Reference standards Safety class to IEC 60252-1 2001-02 Life expectancy to IEC 60252 2001 IEC 60252-1 2001-02 / EN 60252 2001 P0 250 V/85 C: 400 V/85 C: 480 V/85 C: 10000 h (class B) 10000 h (class B) 3000 h (class C)
Rated capacitance CR Tolerance Rated voltage VR Rated frequency fR Maximum ratings Maximum permissible voltage Vmax Maximum permissible current Imax
1.5 ... 60 F (250 V AC, 400 V AC) 3 ... 40 F (480 V AC) 5% 250 V AC, 400 V AC, 480 V AC 50 / 60 Hz 1.1 * VR 1.3 * IR (VR= Rated voltage) (IR = Rated current)
FK PC PM AC Please read the important notes, cautions and warnings. Page 2 of 8
January 2008
Film capacitors - AC capacitors Motor run capacitors
B32320/B32322 - MotorCapTM
Test data AC test voltage terminal to terminal VTT Insulation resistance Rins or time constant at 20 C, rel. humidity 65% (minimum as-delivered values) Dissipation factor tan at 20 C Maximum rate of voltage rise dV/dtmax Climatic data Climatic category Lower category Tmin Upper category Tmax Damp heat test ttest Mechanical and thermal properties Ball pressure test to IEC 60309-1 sec. 27.3 Plastic can and top disk material UL 94 V2 compatible Glow wire test to IEC 60695-2-1/0 and -2-1/1 Test temp 550 C for IR 0.5 A Test temp 750 C for IR > 0.5 A Tracking test to IEC 60112 solution A Compatibility to RoHS Compliance to directive 2002/95/EC Self-extinguishing within 30 seconds of withdrawing the glow wire and without igniting wrapping tissue. > 250 V 20 N at 125 C Compliant to EN 60252 25/085/21 to IEC 60068-1 -25 C +85 C 21 days 2 * VR, 2 s (routine test) 2 * VR, 60 s (type test) 3000 s
1.0 * 10-3 (120 Hz) 10 V/s
Approvals VDE 400 V/85 C: 10000 h (class B) for 1.5 F ... 50 F 480 V/85 C: 3000 h (class C) for 3 F ... 35 F Approved Approved
FK PC PM AC Please read the important notes, cautions and warnings. Page 3 of 8
January 2008
Film capacitors - AC capacitors Motor run capacitors
B32320/B32322 - MotorCapTM
Dimensional drawings B32320 B32322
Mounting options
# = 1: Can without mounting # = 3: Can with M8 bolt # = 5: Locking clip
10 Stud M8x1.25 Star Washer 8mm Nut M8x1.25
10
M8-sized M-Clip fast fixation
10
O8.2+0.2/-0
10.2+0.1/-0
2.00.05
O2.2+0.1/-0
FK PC PM AC Please read the important notes, cautions and warnings. Page 4 of 8
January 2008
Film capacitors - AC capacitors Motor run capacitors
B32320/B32322 - MotorCapTM
Ordering codes and packing units
VR V AC 250 CR F 1.5 2 3 4 5 6 7 7.5 8 9 10 12 14 15 16 18 20 22 25 30 35 40 45 50 55 60 Max. dimensions d x l (mm) B32320 25 x 58 25 x 58 25 x 58 25 x 58 25 x 58 25 x 58 25 x 58 25 x 58 25 x 58 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 35 x 62 35 x 62 35 x 62 35 x 62 35 x 71 35 x 71 40 x 71 40 x 71 40 x 71 40 x 95 40 x 95 40 x 95 Max. dimensions d x l (mm) B32322 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 35 x 62 35 x 62 35 x 62 35 x 62 35 x 71 35 x 71 40 x 71 40 x 71 40 x 71 40 x 95 40 x 95 40 x 95 B3232*C1155J0#0 B3232*C1205J0#0 B3232*C1305J0#0 B3232*C1405J0#0 B3232*C1505J0#0 B3232*C1605J0#0 B3232*C1705J0#0 B3232*C1755J0#0 B3232*C1805J0#0 B3232*C1905J0#0 B3232*C1106J0#0 B3232*C1126J0#0 B3232*C1146J0#0 B3232*C1156J0#0 B3232*C1166J0#0 B3232*C1186J0#0 B3232*C1206J0#0 B3232*C1226J0#0 B3232*C1256J0#0 B3232*C1306J0#0 B3232*C1356J0#0 B3232*C1406J0#0 B3232*C1456J0#0 B3232*C1506J0#0 B3232*C1556J0#0 B3232*C1606J0#0 Ordering code Packing units pcs. 112 112 112 112 112 112 112 112 112 112 112 112 112 112 84 84 84 84 84 84 60 45 45 45 45 45
FK PC PM AC Please read the important notes, cautions and warnings. Page 5 of 8
January 2008
Film capacitors - AC capacitors Motor run capacitors
B32320/B32322 - MotorCapTM
VR V AC 400
CR F 1.5 2 3 4 5 6 7 8 9 10 12 14 15 16 18 20 22 25 30 35 40 45 50 55 60
Max. dimensions d x l (mm) B32320 25 x 58 25 x 58 25 x 58 25 x 58 30 x 62 30 x 62 35 x 62 35 x 62 35 x 62 35 x 62 35 x 71 35 x 71 40 x 71 40 x 71 40 x 71 40 x 71 40 x 95 40 x 95 40 x 95 45 x 95 45 x 95 50 x 95 50 x 95 50 x 95 50 x 95
Max. dimensions d x l (mm) B32322 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 30 x 62 35 x 62 35 x 62 35 x 62 35 x 62 35 x 71 35 x 71 40 x 71 40 x 71 40 x 71 40 x 71 40 x 95 40 x 95 40 x 95 45 x 95 45 x 95 50 x 95 50 x 95 50 x 95 50 x 95
Ordering code
Packing units pcs.
B3232*B4155J0#0 B3232*B4205J0#0 B3232*B4305J0#0 B3232*B4405J0#0 B3232*B4505J0#0 B3232*B4605J0#0 B3232*B4705J0#0 B3232*B4805J0#0 B3232*B4905J0#0 B3232*B4106J0#0 B3232*B4126J0#0 B3232*B4146J0#0 B3232*B4156J0#0 B3232*B4166J0#0 B3232*B4186J0#0 B3232*B4206J0#0 B3232*B4226J0#0 B3232*B4256J0#0 B3232*B4306J0#0 B3232*B4356J0#0 B3232*B4406J0#0 B3232*B4456J0#0 B3232*B4506J0#0 B3232*B4556J0#0 B3232*B4606J0#0
112 112 112 112 112 112 84 84 84 84 84 84 60 60 60 60 60 60 60 45 45 32 32 32 32
FK PC PM AC Please read the important notes, cautions and warnings. Page 6 of 8
January 2008
Film capacitors - AC capacitors Motor run capacitors
B32320/B32322 - MotorCapTM
VR V AC 480
CR F 3 4 5 6 7.5 8 10 12 15 16 20 22 25 30 35 40
Max. dimensions d x l (mm) B32320 30 x 62 30 x 62 30 x 62 35 x 62 35 x 71 35 x 71 40 x 71 40 x 71 45 x 71 45 x 71 45 x 71 45 x 71 45 x 95 45 x 95 50 x 95 45 x 120
Max. dimensions d x l (mm) B32322 30 x 62 30 x 62 30 x 62 35 x 62 35 x 71 35 x 71 40 x 71 40 x 71 45 x 71 45 x 71 45 x 71 45 x 71 45 x 95 45 x 95 50 x 95 45 x 120
Ordering code
Packing units pcs.
B3232*B7305J0#0 B3232*B7405J0#0 B3232*B7505J0#0 B3232*B7605J0#0 B3232*B7755J0#0 B3232*B7805J0#0 B3232*B7106J0#0 B3232*B7126J0#0 B3232*B7156J0#0 B3232*B7166J0#0 B3232*B7206J0#0 B3232*B7226J0#0 B3232*B7256J0#0 B3232*B7306J0#0 B3232*B7356J0#0 B3232*B7406J0#0
112 112 112 84 84 84 60 60 45 45 45 45 45 45 32 45
Composition of ordering code: *: Terminals 0 single fast-on terminals 2 double fast-on terminals #: Construction 1 plastic can 3 plastic can with M8 bolt 5 plastic can with locking clip, available for diameters 30 mm, 32 mm and 35 mm, others on request
U Please read "Applications warning, installation and maintenance instructions" and the "General Safety Data Sheet for Power Capacitors" issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are kindly requested to approve our product specifications or request our approval for your specification before ordering.
FK PC PM AC Please read the important notes, cautions and warnings. Page 7 of 8
January 2008
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
FK PC PM AC Page 8 of 8
January 2008


▲Up To Search▲   

 
Price & Availability of B32320B4405J010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X