Part Number Hot Search : 
IW4053B TRSP5014 PL3845B KSR2201 AMS4154S APC77174 HIP9010 L5002
Product Description
Full Text Search
 

To Download AZ832P2-2C-12DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ832P AZ
POLARIZED DIP RELAY BISTABLE (LATCHING)
FEATURES * * * * * * * * * * High sensitivity, 42 mW pickup Low profile DIP package Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Single and dual coil versions DC coils to 24 VDC High switching capacity, 60 W, 250 VA Fits standard 16 pin IC socket Epoxy sealed for automatic wave soldering and cleaning UL, CUR file E43203 GENERAL DATA
DPDT (2 Form C) Bifurcated crossbar contacts Resistive load: Max. switched power: 60 W or 250 VA Max. switched current: 2 A Max. switched voltage: 250 VDC or 250 VAC Rated Load UL Material Resistance 2 A at 30 VDC resistive 2 A at 125 VAC resistive Gold plated silver against gold plated silver < 50 milliohms initially Insulation Resistance Life Expectancy Mechanical Electrical Set Time (typical) Reset Time (typical) Bounce (typical) Dielectric Strength (at sea level) Minimum operations 2 x 107 1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC 2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC 3 ms at nominal coil voltage 3 ms at nominal coil voltage 3 ms 1500 Vrms contact to coil 1000 Vrms between contact sets 1000 Vrms across contacts Meets FCC Part 68.302 lightning surge Meets FCC Part 68.304 V dielectric 1000 megohms min. at 20C, 500 VDC, 50% RH At nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 115C (239F) 50 g at 10-500 Hz 50 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 5 grams
CONTACTS
Arrangement Ratings
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Standard coil: 56 mW Sensitive coil: 42 mW 0.9 W at 20C (68F) Max. 115C (239F)
Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp.
NOTES
1. 2. 3. 4. All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Relay has fixed coil polarity. For complete isolation between the relay's magnetic fields, it is recommended that a .197" (5.0 mm) space be provided between adjacent relays. 5. Relay adjustment may be affected if undue pressure is exerted on relay case. 6. Specifications subject to change without notice.
Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
8/3/07 W
AZ832P
RELAY ORDERING DATA
STANDARD SINGLE COIL
COIL SPECIFICATIONS Nominal Max. Coil Continuous VDC VDC 3 9.0 5 12 24 2.25 3 5 12 24 15.0 36.0 60.0 7.8 10.4 17.2 41.6 83.1 Coil Resistance 10% 90 250 1,440 4,000 Set Reset VDC 2.25 3.75 9.0 18.0
ORDER NUMBER
AZ832P1-2C-3DE AZ832P1-2C-5DE AZ832P1-2C-12DE AZ832P1-2C-24DE AZ832P1-2C-2.25DSE AZ832P1-2C-3DSE AZ832P1-2C-5DSE AZ832P1-2C-12DSE AZ832P1-2C-24DSE
SENSITIVE SINGLE COIL 67.5 1.69 120 330 1,920 7,680 2.25 3.75 9.0 18.0
STANDARD DUAL COIL
COIL SPECIFICATIONS Nominal Max. Coil Continuous VDC VDC 3 6.4 5 6 12 24 3 5 6 12 24 10.6 12.7 25.5 42.8 7.3 12.3 14.7 29.4 58.8 Coil Resistance 10% 45 125 180 720 2,040 SENSITIVE DUAL COIL 60 167 240 960 3,840 Set Reset VDC 2.25 3.75 4.5 9.0 18.0 2.25 3.75 4.5 9.0 18.0
ORDER NUMBER
AZ832P2-2C-3DE AZ832P2-2C-5DE AZ832P2-2C-6DE AZ832P2-2C-12DE AZ832P2-2C-24DE AZ832P2-2C-3DSE AZ832P2-2C-5DSE AZ832P2-2C-6DSE AZ832P2-2C-12DSE AZ832P2-2C-24DSE
MECHANICAL DATA
.795 MAX [20.20] .394 MAX [10.00] PC BOARD LAYOUT TWO COIL VERSION .048 [1.21]
.100 [2.54]
1 2 4 6 8
.047 [1.19]
.026 [0.66]
.419 MAX [10.65]
.300 [7.62] .118 [3.00] 4 X .016 [0.40]
16 15 13 11 9
.048 [1.21]
6 x 020 .005 [0.500.12]
6 x .010 005 [0.25 0.12]
10 x o.039 [o1.0]
3 x .200 [5.08] VIEWED TOWARD TERMINALS
WIRING DIAGRAM TWO COIL LATCHING
12 4 6 8
WIRING DIAGRAM SINGLE COIL LATCHING NOTE: DIAGRAMS SHOW THE "RESET" POSITION BEFORE ENERGIZED WITH POLARITY AS SHOWN
1 4 6 8
+
+
+
SET
1615
-
13 11 RESET
9
16 13 11 9
(WATCH FOR POLARITY)
(WATCH FOR POLARITY)
VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
8/3/07 W


▲Up To Search▲   

 
Price & Availability of AZ832P2-2C-12DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X