|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features * 180 MHz ARM926EJ-STM ARM(R) Thumb(R) Processor - 8 KBytes Data Cache, 8 KBytes Instruction Cache, MMU * Memories - 32-bit External Bus Interface supporting 4-bank SDRAM/LPSDR, Static Memories, CompactFlash, SLC NAND Flash with ECC - Two 4-kbyte internal SRAM, single-cycle access at system speed - One 32-kbyte internal ROM, embedding bootstrap routine Peripherals - ITU-R BT. 601/656 Image Sensor Interface - USB Device and USB Host with dedicated On-Chip Transceiver - 10/100 Mbps Ethernet MAC Controller - One High Speed Memory Card Host - Two Master/Slave Serial Peripheral Interfaces - Two Three-channel 32-bit Timer/Counters - One Synchronous Serial Controller - One Two-wire Interface - Four USARTs - Two UARTs - 4-channel 10-bit ADC System - 90 MHz six 32-bit layer AHB Bus Matrix - 22 Peripheral DMA Channels - Boot from NAND Flash, SDCard, DataFlash(R) or serial DataFlash - Reset Controller with On-Chip Power-on Reset - Selectable 32,768 Hz Low-Power and 3-20 MHz Main Oscillator - Internal Low-Power 32 kHz RC Oscillator - One PLL for the system and one PLL optimized for USB - Two Programmable External Clock Signals - Advanced Interrupt Controller and Debug Unit - Periodic Interval Timer, Watchdog Timer and Real Time Timer I/O - Three 32-bit Parallel Input/Output Controllers - 96 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os Package - 217-ball BGA, 0.8 mm pitch - 208-pin QFP, 0.5 mm pitch * AT91 ARM Thumb Microcontrollers AT91SAM9260 * Summary * * 6221JS-ATARM-17-Jul-09 1. Description The AT91SAM9260 is based on the integration of an ARM926EJ-S processor with fast ROM and RAM memories and a wide range of peripherals. The AT91SAM9260 embeds an Ethernet MAC, one USB Device Port, and a USB Host controller. It also integrates several standard peripherals, such as the USART, SPI, TWI, Timer Counters, Synchronous Serial Controller, ADC and MultiMedia Card Interface. The AT91SAM9260 is architectured on a 6-layer matrix, allowing a maximum internal bandwidth of six 32-bit buses. It also features an External Bus Interface capable of interfacing with a wide range of memory devices. 2. AT91SAM9260 Block Diagram The block diagram shows all the features for the 217-LFBGA package. Some functions are not accessible in the 208-pin PQFP package and the unavailable pins are highlighted in "Multiplexing on PIO Controller A" on page 33, "Multiplexing on PIO Controller B" on page 34, "Multiplexing on PIO Controller C" on page 35. The USB Host Port B is not available in the 208pin package. Table 2-1 on page 2 defines all the multiplexed and not multiplexed pins not available in the 208-PQFP package. Table 2-1. Unavailable Signals in 208-lead PQFP Package PIO PA30 PA31 PB12 PB13 PC2 PC3 PC12 Peripheral A HDPB HDMB SCK2 SCK0 TXD5 RXD5 AD2 AD3 IRQ0 Peripheral B RXD4 TXD4 ISI_D10 ISI_D11 PCK1 SPI1_NPCS3 NCS7 2 AT91SAM9260 6221JS-ATARM-17-Jul-09 Figure 2-1. SE MASTER L S JT AG NT R TD ST TDI TMO TS C RTK CK SLAVE BM HD HD PA M A HD P HD B M B ET EX T CK ECXE N ER ERRS -E XC T ERXE -EC XE K RO ET X0 -E L R -R M X0 ER XD D- X M C ETX 3 V D 3 F1 IO 00 IS I_ M IS CK I_ IS PC I_ K I SI DO _V -I IS SY SI_ D I_ HS NC 7 YN C Filter M CD B0 -M CD M MB C DA CC 3 0 -M DB C M DA CC 3 D MA CC K TW CT TW D RTS0- CK C SC S0- TS R3 RX K0- TS S3 TD C XD0-R K3 0- XD TX 5 DSD5 DCR0 D R0 DT I0 R0 NP NPCS NPCS3 NC2 PCS1 SP S0 MC OK T M SI CL IS O TI K0 O -T TI A0- CL O TK TC B0 IOA2 L -T 2 TI K3 IOB OTI A3 TC 2 O -T LK B 3- IO 5 TI A5 O B5 TK TF TD RD RF RK AD 0A AD D3 TR IG AD VR EF VD DA NA G ND AN A SPI0_, SPI1_ D D DDM P 6221JS-ATARM-17-Jul-09 JTAG Selection and Boundary Scan Transc. In-Circuit Emulator TST Transc. System Controller FIQ IRQ0-IRQ2 AIC DBGU ICache 8 Kbytes MMU Bus Interface DCache 8 Kbytes ARM926EJ-S Processor USB OHCI FIFO DMA DMA D FIFO DMA 10/100 Ethernet MAC DRXD DTXD PCK0-PCK1 I PDC Image Sensor Interface PMC PLLRCA PLLA AT91SAM9260 Block Diagram PLLB XIN XOUT OSC WDT PIT 6-layer Matrix RC 4GPREG OSCSEL XIN32 XOUT32 PIOA PIOB PIOC ROM 32 Kbytes Fast SRAM 4 Kbytes Peripheral Bridge Fast SRAM 4 Kbytes OSC RTT SHDN WKUP VDDBU SHDWC EBI 22-channel Peripheral DMA CompactFlash NAND Flash POR VDDCORE APB POR RSTC NRST SDRAM Controller PDC TWI SPI0 SPI1 TC0 TC1 TC2 TC3 TC4 TC5 PDC PDC SSC PDC 4-channel 10-bit ADC DPRAM USB Device Static Memory Controller ECC Controller Transceiver PDC USART0 USART1 USART2 USART3 USART4 USART5 MCI D0-D15 A0/NBS0 A1/NBS2/NWR2 A2-A15, A18-A20 A16/BA0 A17/BA1 NCS0 NCS1/SDCS NRD/CFOE NWR0/NWE/CFWE NWR1/NBS1/CFIOR NWR3/NBS3/CFIOW SDCK, SDCKE RAS, CAS SDWE, SDA10 NANDOE, NANDWE A21/NANDALE A22/NANDCLE D16-D31 NWAIT A23-A24 NCS4/CFCS0 NCS5/CFCS1 A25/CFRNW CFCE1-CFCE2 NCS2, NCS6, NCS7 NCS3/NANDCS AT91SAM9260 3 3. Signal Description Table 3-1. Signal Name Signal Description List Function Power Supplies Type Active Level Comments VDDIOM VDDIOP0 VDDIOP1 VDDBU VDDANA VDDPLL VDDCORE GND GNDPLL GNDANA GNDBU EBI I/O Lines Power Supply Peripherals I/O Lines Power Supply Peripherals I/O Lines Power Supply Backup I/O Lines Power Supply Analog Power Supply PLL Power Supply Core Chip Power Supply Ground PLL and Oscillator Ground Analog Ground Backup Ground Power Power Power Power Power Power Power Ground Ground Ground Ground 1.65V to 1.95V or 3.0V to3.6V 3.0V to 3.6V 1.65V to 3.6V 1.65V to 1.95V 3.0V to 3.6V 1.65V to 1.95V 1.65V to 1.95V Clocks, Oscillators and PLLs XIN XOUT XIN32 XOUT32 OSCSEL PLLRCA PCK0 - PCK1 Main Oscillator Input Main Oscillator Output Slow Clock Oscillator Input Slow Clock Oscillator Output Slow Clock Oscillator Selection PLL A Filter Programmable Clock Output Input Output Input Output Input Input Output Accepts between 0V and VDDBU. Shutdown, Wakeup Logic SHDN WKUP Shutdown Control Wake-up Input ICE and JTAG NTRST TCK TDI TDO TMS JTAGSEL RTCK Test Reset Signal Test Clock Test Data In Test Data Out Test Mode Select JTAG Selection Return Test Clock Input Input Input Output Input Input Output No pull-up resistor Pull-down resistor. Accepts between 0V and VDDBU. Low Pull-up resistor No pull-up resistor No pull-up resistor Output Input Driven at 0V only. Do not tie over VDDBU. Accepts between 0V and VDDBU. 4 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 Table 3-1. Signal Name Signal Description List (Continued) Function Reset/Test Type Active Level Comments NRST TST Microcontroller Reset Test Mode Select I/O Input Low Pull-up resistor Pull-down resistor. Accepts between 0V and VDDBU. No pull-up resistor BMS = 0 when tied to GND BMS = 1 when tied to VDDIOP0. BMS Boot Mode Select Input Debug Unit - DBGU DRXD DTXD Debug Receive Data Debug Transmit Data Input Output Advanced Interrupt Controller - AIC IRQ0 - IRQ2 FIQ External Interrupt Inputs Fast Interrupt Input Input Input PIO Controller - PIOA - PIOB - PIOC PA0 - PA31 PB0 - PB31 PC0 - PC31 Parallel IO Controller A Parallel IO Controller B Parallel IO Controller C I/O I/O I/O Pulled-up input at reset Pulled-up input at reset Pulled-up input at reset External Bus Interface - EBI D0 - D31 A0 - A25 NWAIT Data Bus Address Bus External Wait Signal I/O Output Input Low Pulled-up input at reset 0 at reset Static Memory Controller - SMC NCS0 - NCS7 NWR0 - NWR3 NRD NWE NBS0 - NBS3 Chip Select Lines Write Signal Read Signal Write Enable Byte Mask Signal Output Output Output Output Output CompactFlash Support CFCE1 - CFCE2 CFOE CFWE CFIOR CFIOW CFRNW CFCS0 - CFCS1 CompactFlash Chip Enable CompactFlash Output Enable CompactFlash Write Enable CompactFlash IO Read CompactFlash IO Write CompactFlash Read Not Write CompactFlash Chip Select Lines Output Output Output Output Output Output Output Low Low Low Low Low Low Low Low Low Low Low 5 6221JS-ATARM-17-Jul-09 Table 3-1. Signal Name Signal Description List (Continued) Function Type NAND Flash Support Active Level Comments NANDCS NANDOE NANDWE NANDALE NANDCLE NAND Flash Chip Select NAND Flash Output Enable NAND Flash Write Enable NAND Flash Address Latch Enable NAND Flash Command Latch Enable Output Output Output Output Output Low Low Low Low Low SDRAM Controller SDCK SDCKE SDCS BA0 - BA1 SDWE RAS - CAS SDA10 SDRAM Clock SDRAM Clock Enable SDRAM Controller Chip Select Bank Select SDRAM Write Enable Row and Column Signal SDRAM Address 10 Line Output Output Output Output Output Output Output Low Low High Low Multimedia Card Interface MCI MCCK MCCDA MCDA0 - MCDA3 MCCDB MCDB0 - MCDB3 Multimedia Card Clock Multimedia Card Slot A Command Multimedia Card Slot A Data Multimedia Card Slot B Command Multimedia Card Slot B Data Output I/O I/O I/O I/O Universal Synchronous Asynchronous Receiver Transmitter USARTx SCKx TXDx RXDx RTSx CTSx DTR0 DSR0 DCD0 RI0 USARTx Serial Clock USARTx Transmit Data USARTx Receive Data USARTx Request To Send USARTx Clear To Send USART0 Data Terminal Ready USART0 Data Set Ready USART0 Data Carrier Detect USART0 Ring Indicator I/O I/O Input Output Input Output Input Input Input Synchronous Serial Controller - SSC TD RD TK RK TF RF SSC Transmit Data SSC Receive Data SSC Transmit Clock SSC Receive Clock SSC Transmit Frame Sync SSC Receive Frame Sync Output Input I/O I/O I/O I/O 6 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 Table 3-1. Signal Name Signal Description List (Continued) Function Type Timer/Counter - TCx Active Level Comments TCLKx TIOAx TIOBx TC Channel x External Clock Input TC Channel x I/O Line A TC Channel x I/O Line B Input I/O I/O Serial Peripheral Interface - SPIx_ SPIx_MISO SPIx_MOSI SPIx_SPCK SPIx_NPCS0 SPIx_NPCS1-SPIx_NPCS3 Master In Slave Out Master Out Slave In SPI Serial Clock SPI Peripheral Chip Select 0 SPI Peripheral Chip Select I/O I/O I/O I/O Output Low Low Two-Wire Interface TWD TWCK Two-wire Serial Data Two-wire Serial Clock USB Host Port HDPA HDMA HDPB HDMB USB Host Port A Data + USB Host Port A Data USB Host Port B Data + USB Host Port B Data + USB Device Port DDM DDP USB Device Port Data USB Device Port Data + Ethernet 10/100 ETXCK ERXCK ETXEN ETX0-ETX3 ETXER ERXDV ERX0-ERX3 ERXER ECRS ECOL EMDC EMDIO EF100 Transmit Clock or Reference Clock Receive Clock Transmit Enable Transmit Data Transmit Coding Error Receive Data Valid Receive Data Receive Error Carrier Sense and Data Valid Collision Detect Management Data Clock Management Data Input/Output Force 100Mbit/sec. Input Input Output Output Output Input Input Input Input Input Output I/O Output High MII only MII only ETX0-ETX1 only in RMII MII only RXDV in MII , CRSDV in RMII ERX0-ERX1 only in RMII MII only, REFCK in RMII MII only Analog Analog Analog Analog Analog Analog I/O I/O 7 6221JS-ATARM-17-Jul-09 Table 3-1. Signal Name Signal Description List (Continued) Function Type Image Sensor Interface Active Level Comments ISI_D0-ISI_D11 ISI_MCK ISI_HSYNC ISI_VSYNC ISI_PCK Image Sensor Data Image Sensor Reference Clock Image Sensor Horizontal Synchro Image Sensor Vertical Synchro Image Sensor Data clock Input Output Input Input Input Provided by PCK1. Analog to Digital Converter AD0-AD3 ADVREF ADTRG Analog Inputs Analog Positive Reference ADC Trigger Analog Analog Input Digital pulled-up inputs at reset 8 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 4. Package and Pinout The AT91SAM9260 is available in two packages: * 208-pin PQFP Green package (0.5mm pitch) (Figure 4-1) * 217-ball LFBGA Green package (0.8 mm ball pitch) (Figure 4-2). 4.1 208-pin PQFP Package Outline Figure 4-1 shows the orientation of the 208-pin PQFP package. A detailed mechanical description is given in the section "AT91SAM9260 Mechanical Characteristics" of the product datasheet. Figure 4-1. 208-pin PQFP Package 156 157 105 104 208 1 52 53 9 6221JS-ATARM-17-Jul-09 4.2 208-pin PQFP Pinout Pinout for 208-pin PQFP Package Signal Name PA24 PA25 PA26 PA27 VDDIOP0 GND PA28 PA29 PB0 PB1 PB2 PB3 VDDIOP0 GND PB4 PB5 PB6 PB7 PB8 PB9 PB14 PB15 PB16 VDDIOP0 GND PB17 PB18 PB19 TDO TDI TMS VDDIOP0 GND TCK NTRST NRST RTCK VDDCORE GND BMS OSCSEL TST JTAGSEL GNDBU XOUT32 XIN32 VDDBU WKUP Pin 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 Signal Name GND DDM DDP PC13 PC11 PC10 PC14 PC9 PC8 PC4 PC6 PC7 VDDIOM GND PC5 NCS0 CFOE/NRD CFWE/NWE/NWR0 NANDOE NANDWE A22 A21 A20 A19 VDDCORE GND A18 BA1/A17 BA0/A16 A15 A14 A13 A12 A11 A10 A9 A8 VDDIOM GND A7 A6 A5 A4 A3 A2 NWR2/NBS2/A1 NBS0/A0 SDA10 Pin 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 Signal Name RAS D0 D1 D2 D3 D4 D5 D6 GND VDDIOM SDCK SDWE SDCKE D7 D8 D9 D10 D11 D12 D13 D14 D15 PC15 PC16 PC17 PC18 PC19 VDDIOM GND PC20 PC21 PC22 PC23 PC24 PC25 PC26 PC27 PC28 PC29 PC30 PC31 GND VDDCORE VDDPLL XIN XOUT GNDPLL NC Pin 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 Signal Name ADVREF PC0 PC1 VDDANA PB10 PB11 PB20 PB21 PB22 PB23 PB24 PB25 VDDIOP1 GND PB26 PB27 GND VDDCORE PB28 PB29 PB30 PB31 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 VDDIOP0 GND PA8 PA9 PA10 PA11 PA12 PA13 PA14 PA15 PA16 PA17 VDDIOP0 GND PA18 PA19 VDDCORE GND Table 4-1. Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 10 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 Table 4-1. Pin 49 50 51 52 Pinout for 208-pin PQFP Package (Continued) Signal Name SHDN HDMA HDPA VDDIOP0 Pin 101 102 103 104 Signal Name CFIOW/NBS3/NWR3 CFIOR/NBS1/NWR1 SDCS/NCS1 CAS Pin 153 154 155 156 Signal Name GNDPLL PLLRCA VDDPLL GNDANA Pin 205 206 207 208 Signal Name PA20 PA21 PA22 PA23 4.3 217-ball LFBGA Package Outline Figure 4-2 shows the orientation of the 217-ball LFBGA package. A detailed mechanical description is given in the section "AT91SAM9260 Mechanical Characteristics" of the product datasheet. Figure 4-2. 217-ball LFBGA Package (Top View) 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 ABCDEFGH J K LMNPRTU Ball A1 11 6221JS-ATARM-17-Jul-09 4.4 Pin A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15 B16 B17 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 C15 217-ball LFBGA Pinout Pinout for 217-ball LFBGA Package Signal Name CFIOW/NBS3/NWR3 NBS0/A0 NWR2/NBS2/A1 A6 A8 A11 A13 BA0/A16 A18 A21 A22 CFWE/NWE/NWR0 CFOE/NRD NCS0 PC5 PC6 PC4 SDCK CFIOR/NBS1/NWR1 SDCS/NCS1 SDA10 A3 A7 A12 A15 A20 NANDWE PC7 PC10 PC13 PC11 PC14 PC8 WKUP D8 D1 CAS A2 A4 A9 A14 BA1/A17 A19 NANDOE PC9 PC12 DDP HDMB NC Table 4-2. Pin D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 D16 D17 E1 E2 E3 E4 E14 E15 E16 E17 F1 F2 F3 F4 F14 F15 F16 F17 G1 G2 G3 G4 G14 G15 G16 G17 H1 H2 H3 H4 H8 H9 H10 H14 H15 H16 H17 J1 Signal Name A5 GND A10 GND VDDCORE GND VDDIOM GND DDM HDPB NC VDDBU XIN32 D10 D5 D3 D4 HDPA HDMA GNDBU XOUT32 D13 SDWE D6 GND OSCSEL BMS JTAGSEL TST PC15 D7 SDCKE VDDIOM GND NRST RTCK TMS PC18 D14 D12 D11 GND GND GND VDDCORE TCK NTRST PB18 PC19 Pin J14 J15 J16 J17 K1 K2 K3 K4 K8 K9 K10 K14 K15 K16 K17 L1 L2 L3 L4 L14 L15 L16 L17 M1 M2 M3 M4 M14 M15 M16 M17 N1 N2 N3 N4 N14 N15 N16 N17 P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 Signal Name TDO PB19 TDI PB16 PC24 PC20 D15 PC21 GND GND GND PB4 PB17 GND PB15 GND PC26 PC25 VDDIOP0 PA28 PB9 PB8 PB14 VDDCORE PC31 GND PC22 PB1 PB2 PB3 PB7 XIN VDDPLL PC23 PC27 PA31 PA30 PB0 PB6 XOUT VDDPLL PC30 PC28 PB11 PB13 PB24 VDDIOP1 PB30 PB31 Pin P17 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 R15 R16 R17 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 U1 U2 U3 U4 U5 U6 U7 U8 U9 U10 U11 U12 U13 U14 Signal Name PB5 NC GNDANA PC29 VDDANA PB12 PB23 GND PB26 PB28 PA0 PA4 PA5 PA10 PA21 PA23 PA24 PA29 PLLRCA GNDPLL PC0 PC1 PB10 PB22 GND PB29 PA2 PA6 PA8 PA11 VDDCORE PA20 GND PA22 PA27 GNDPLL ADVREF PC2 PC3 PB20 PB21 PB25 PB27 PA12 PA13 PA14 PA15 PA19 PA17 12 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 Table 4-2. Pin C16 C17 D1 D2 D3 D4 Pinout for 217-ball LFBGA Package (Continued) Signal Name VDDIOP0 SHDN D9 D2 RAS D0 Pin J2 J3 J4 J8 J9 J10 Signal Name PC17 VDDIOM PC16 GND GND GND Pin P11 P12 P13 P14 P15 P16 Signal Name PA1 PA3 PA7 PA9 PA26 PA25 Pin U15 U16 U17 Signal Name PA16 PA18 VDDIOP0 5. Power Considerations 5.1 Power Supplies The AT91SAM9260 has several types of power supply pins: * VDDCORE pins: Power the core, including the processor, the embedded memories and the peripherals; voltage ranges from 1.65V and 1.95V, 1.8V nominal. * VDDIOM pins: Power the External Bus Interface I/O lines; voltage ranges between 1.65V and 1.95V (1.8V typical) or between 3.0V and 3.6V (3.3V nominal). The expected voltage range is selectable by software. * VDDIOP0 pins: Power the Peripheral I/O lines and the USB transceivers; voltage ranges from 3.0V and 3.6V, 3V or 3.3V nominal. * VDDIOP1 pins: Power the Peripherals I/O lines involving the Image Sensor Interface; voltage ranges from 1.65V and 3.6V, 1.8V, 2.5V, 3V or 3.3V nominal. * VDDBU pin: Powers the Slow Clock oscillator and a part of the System Controller; voltage ranges from 1.65V to 1.95V, 1.8V nominal. * VDDPLL pin: Powers the Main Oscillator and PLL cells; voltage ranges from 1.65V and 1.95V, 1.8V nominal. * VDDANA pin: Powers the Analog to Digital Converter; voltage ranges from 3.0V and 3.6V, 3.3V nominal. The power supplies VDDIOM, VDDIOP0 and VDDIOP1 are identified in the pinout table and the multiplexing tables. These supplies enable the user to power the device differently for interfacing with memories and for interfacing with peripherals. Ground pins GND are common to VDDCORE, VDDIOM, VDDIOP0 and VDDIOP1 pins power supplies. Separated ground pins are provided for VDDBU, VDDPLL and VDDANA. These ground pins are respectively GNDBU, GNDPLL and GNDANA. 5.2 Power Consumption The AT91SAM9260 consumes about 500 A of static current on VDDCORE at 25C. This static current rises up to 5 mA if the temperature increases to 85C. On VDDBU, the current does not exceed 10 A in worst case conditions. For dynamic power consumption, the AT91SAM9260 consumes a maximum of 100 mA on VDDCORE at maximum conditions (1.8V, 25C, processor running full-performance algorithm out of high speed memories). 13 6221JS-ATARM-17-Jul-09 5.3 Programmable I/O Lines Power Supplies The power supplies pins VDDIOM accept two voltage ranges. This allows the device to reach its maximum speed either out of 1.8V or 3.3V external memories. The target maximum speed is 100 MHz on the pin SDCK (SDRAM Clock) loaded with 30 pF for power supply at 1.8V and 50 pF for power supply at 3.3V. The other signals (control, address and data signals) do not exceed 50 MHz. The voltage ranges are determined by programming registers in the Chip Configuration registers located in the Matrix User Interface. At reset, the selected voltage defaults to 3.3V nominal, and power supply pins can accept either 1.8V or 3.3V. Obviously, the device cannot reach its maximum speed if the voltage supplied to the pins is 1.8V only. The user must program the EBI voltage range before getting the device out of its Slow Clock Mode. 6. I/O Line Considerations 6.1 JTAG Port Pins TMS, TDI and TCK are Schmitt trigger inputs and have no pull-up resistors. TDO and RTCK are outputs, driven at up to VDDIOP0, and have no pull-up resistors. The JTAGSEL pin is used to select the JTAG boundary scan when asserted at a high level (tied to VDDBU). It integrates a permanent pull-down resistor of about 15 k to GNDBU, so that it can be left unconnected for normal operations. The NTRST signal is described in Section 6.3. All the JTAG signals are supplied with VDDIOP0. 6.2 Test Pin The TST pin is used for manufacturing test purposes when asserted high. It integrates a permanent pull-down resistor of about 15 k to GNDBU, so that it can be left unconnected for normal operations. Driving this line at a high level leads to unpredictable results. This pin is supplied with VDDBU. 6.3 Reset Pins NRST is a bidirectional with an open-drain output integrating a non-programmable pull-up resistor. It can be driven with voltage at up to VDDIOP0. NTRST is an input which allows reset of the JTAG Test Access port. It has no action on the processor. As the product integrates power-on reset cells, which manages the processor and the JTAG reset, the NRST and NTRST pins can be left unconnected. The NRST and NTRST pins both integrate a permanent pull-up resistor to VDDIOP0. Its value can be found in the table "DC Characteristics" in the section "AT91SAM9260 Electrical Characteristics" in the product datasheet. The NRST signal is inserted in the Boundary Scan. 14 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 6.4 PIO Controllers All the I/O lines managed by the PIO Controllers integrate a programmable pull-up resistor. Refer to the section on DC Characteristics in "AT91SAM9260 Electrical Characteristics" for more information. Programming of this pull-up resistor is performed independently for each I/O line through the PIO Controllers. After reset, all the I/O lines default as inputs with pull-up resistors enabled, except those which are multiplexed with the External Bus Interface signals and that must be enabled as Peripheral at reset. This is explicitly indicated in the column "Reset State" of the PIO Controller multiplexing tables. 6.5 I/O Line Drive Levels The PIO lines are high-drive current capable. Each of these I/O lines can drive up to 16 mA permanently except PC4 to PC31 that are VDDIOM powered. 6.6 Shutdown Logic Pins The SHDN pin is a tri-state output pin, which is driven by the Shutdown Controller. There is no internal pull-up. An external pull-up tied to VDDBU is needed and its value must be higher than 1 M. The resistor value is calculated according to the regulator enable implementation and the SHDN level. The pin WKUP is an input-only. It can accept voltages only between 0V and VDDBU. 6.7 Slow Clock Selection The AT91SAM9260 slow clock can be generated either by an external 32,768 Hz crystal or the on-chip RC oscillator. Table 6-1 defines the states for OSCSEL signal. Table 6-1. OSCSEL 0 1 Slow Clock Selection Slow Clock Internal RC External 32768 Hz Startup Time 240 s 1200 ms The startup counter delay for the slow clock oscillator depends on the OSCSEL signal. The 32,768 Hz startup delay is 1200 ms whereas it is 240 s for the internal RC oscillator (refer to Table 6-1). The pin OSCSEL must be tied either to GND or VDDBU for correct operation of the device. 7. Processor and Architecture 7.1 ARM926EJ-S Processor * RISC Processor Based on ARM v5TEJ Architecture with Jazelle technology for Java acceleration * Two Instruction Sets - ARM High-performance 32-bit Instruction Set - Thumb High Code Density 16-bit Instruction Set 15 6221JS-ATARM-17-Jul-09 * DSP Instruction Extensions * 5-Stage Pipeline Architecture: - Instruction Fetch (F) - Instruction Decode (D) - Execute (E) - Data Memory (M) - Register Write (W) * 8-Kbyte Data Cache, 8-Kbyte Instruction Cache - Virtually-addressed 4-way Associative Cache - Eight words per line - Write-through and Write-back Operation - Pseudo-random or Round-robin Replacement * Write Buffer - Main Write Buffer with 16-word Data Buffer and 4-address Buffer - DCache Write-back Buffer with 8-word Entries and a Single Address Entry - Software Control Drain * Standard ARM v4 and v5 Memory Management Unit (MMU) - Access Permission for Sections - Access Permission for large pages and small pages can be specified separately for each quarter of the page - 16 embedded domains * Bus Interface Unit (BIU) - Arbitrates and Schedules AHB Requests - Separate Masters for both instruction and data access providing complete Matrix system flexibility - Separate Address and Data Buses for both the 32-bit instruction interface and the 32-bit data interface - On Address and Data Buses, data can be 8-bit (Bytes), 16-bit (Half-words) or 32-bit (Words) 7.2 Bus Matrix * 6-layer Matrix, handling requests from 6 masters * Programmable Arbitration strategy - Fixed-priority Arbitration - Round-Robin Arbitration, either with no default master, last accessed default master or fixed default master * Burst Management - Breaking with Slot Cycle Limit Support - Undefined Burst Length Support * One Address Decoder provided per Master - Three different slaves may be assigned to each decoded memory area: one for internal boot, one for external boot, one after remap 16 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 * Boot Mode Select - Non-volatile Boot Memory can be internal or external - Selection is made by BMS pin sampled at reset * Remap Command - Allows Remapping of an Internal SRAM in Place of the Boot Non-Volatile Memory - Allows Handling of Dynamic Exception Vectors 7.2.1 Matrix Masters The Bus Matrix of the AT91SAM9260 manages six Masters, which means that each master can perform an access concurrently with others, according the slave it accesses is available. Each Master has its own decoder that can be defined specifically for each master. In order to simplify the addressing, all the masters have the same decodings. Table 7-1. Master 0 Master 1 Master 2 Master 3 Master 4 Master 5 List of Bus Matrix Masters ARM926TM Instruction ARM926 Data PDC USB Host DMA ISI Controller Ethernet MAC 7.2.2 Matrix Slaves Each Slave has its own arbiter, thus allowing a different arbitration per Slave to be programmed. Table 7-2. Slave 0 Slave 1 Slave 2 USB Host User Interface Slave 3 Slave 4 External Bus Interface Internal Peripherals List of Bus Matrix Slaves Internal SRAM0 4 KBytes Internal SRAM1 4 KBytes Internal ROM 7.2.3 Master to Slave Access All the Masters can normally access all the Slaves. However, some paths do not make sense, such as allowing access from the Ethernet MAC to the Internal Peripherals. Thus, these paths are forbidden or simply not wired, and shown "-" in the following table. Table 7-3. AT91SAM9260 Masters to Slaves Access Master Slave Internal SRAM 4 KBytes 0&1 ARM926 Instruction & Data X 2 Peripheral DMA Controller X 3 USB Host Controller X 4 ISI Controller X 5 Ethernet MAC X 0 17 6221JS-ATARM-17-Jul-09 Table 7-3. 1 AT91SAM9260 Masters to Slaves Access Internal SRAM 4 KBytes Internal ROM X X X X X X X X X X X X X X X X X - 2 UHP User Interface 3 4 External Bus Interface Internal Peripherals 7.3 Peripheral DMA Controller * Acting as one Matrix Master * Allows data transfers from/to peripheral to/from any memory space without any intervention of the processor. * Next Pointer Support, forbids strong real-time constraints on buffer management. * Twenty-two channels - Two for each USART - Two for the Debug Unit - Two for each Serial Synchronous Controller - Two for each Serial Peripheral Interface - One for Multimedia Card Interface - One for Analog-to-Digital Converter The Peripheral DMA Controller handles transfer requests from the channel according to the following priorities (Low to High priorities): - DBGU Transmit Channel - USART5 Transmit Channel - USART4 Transmit Channel - USART3 Transmit Channel - USART2 Transmit Channel - USART1 Transmit Channel - USART0 Transmit Channel - SPI1 Transmit Channel - SPI0 Transmit Channel - SSC Transmit Channel - DBGU Receive Channel - USART5 Receive Channel - USART4 Receive Channel - USART3 Receive Channel - USART2 Receive Channel - USART1 Receive Channel - USART0 Receive Channel - ADC Receive Channel - SPI1 Receive Channel 18 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 - SPI0 Receive Channel - SSC Receive Channel - MCI Transmit/Receive Channel 7.4 Debug and Test Features * ARM926 Real-time In-circuit Emulator - Two real-time Watchpoint Units - Two Independent Registers: Debug Control Register and Debug Status Register - Test Access Port Accessible through JTAG Protocol - Debug Communications Channel * Debug Unit - Two-pin UART - Debug Communication Channel Interrupt Handling - Chip ID Register * IEEE1149.1 JTAG Boundary-scan on All Digital Pins 19 6221JS-ATARM-17-Jul-09 8. Memories Figure 8-1. AT91SAM9260 Memory Mapping Address Memory Space 0x0000 0000 Internal Memories 0x0FFF FFFF Internal Memory Mapping 0x0000 0000 Boot Memory (1) Notes : (1) Can be ROM, EBI_NCS0 or SRAM depending on BMS and REMAP 256M Bytes 0x10 0000 ROM 0x10 8000 Reserved 32K Bytes 0x1000 0000 EBI Chip Select 0 0x1FFF FFFF 256M Bytes 0x20 0000 SRAM0 0x20 1000 Reserved 4K Bytes 0x2000 0000 EBI Chip Select 1/ SDRAMC 256M Bytes 0x30 0000 SRAM1 0x30 1000 Reserved 0x50 0000 4K Bytes 0x2FFF FFFF 0x3000 0000 EBI Chip Select 2 0x3FFF FFFF 256M Bytes UHP 0x50 4000 Reserved 16K Bytes 0x4000 0000 EBI Chip Select 3/ NANDFlash EBI Chip Select 4/ Compact Flash Slot 0 EBI Chip Select 5/ Compact Flash Slot 1 EBI Chip Select 6 256M Bytes 0x0FFF FFFF 0x4FFF FFFF 0x5000 0000 256M Bytes 0x5FFF FFFF 0x6000 0000 Peripheral Mapping 256M Bytes 0xF000 0000 0x6FFF FFFF 0x7000 0000 256M Bytes Reserved 0xFFFA 0000 TCO, TC1, TC2 0xFFFA 4000 UDP 0xFFFA 8000 16K Bytes 16K Bytes System Controller Mapping 0xFFFF C000 Reserved 0xFFFF E800 ECC 512 Bytes 0x7FFF FFFF 0x8000 0000 EBI Chip Select 7 0x8FFF FFFF 256M Bytes 0xFFFA C000 MCI TWI 0xFFFB 0000 USART0 0xFFFB 4000 USART1 0xFFFB 8000 USART2 0xFFFB C000 SSC 0xFFFC 0000 ISI 0xFFFC 4000 EMAC 0xFFFC 8000 16K Bytes 16K Bytes 0xFFFF EA00 SDRAMC 0xFFFF EC00 512 Bytes 0x9000 0000 16K Bytes 0xFFFF EE00 16K Bytes 16K Bytes 16K Bytes 16K Bytes 16K Bytes 0xFFFF F600 16K Bytes 16K Bytes 0xFFFF F800 SMC MATRIX 0xFFFF EF10 0xFFFF F000 CCFG AIC 0xFFFF F200 DBGU 0xFFFF F400 PIOA 512 Bytes 512 Bytes 512 Bytes 512 Bytes 512 Bytes Undefined (Abort) 1,518M Bytes 0xFFFC C000 SPI0 PIOB 512 bytes SPI1 0xFFFD 0000 USART3 0xFFFD 4000 USART4 0xFFFD 8000 USART5 0xFFFD C000 TC3, TC4, TC5 0xFFFE 0000 0xEFFF FFFF ADC 0xFFFE 4000 PIOC 16K Bytes 16K Bytes 16K Bytes 0xFFFF FA00 Reserved 0xFFFF FC00 PMC 0xFFFF FD00 RSTC 0xFFFF FD10 16K Bytes 16K Bytes 0xFFFF FD20 0xFFFF FD30 0xFFFF FD40 WDTC SHDWC RTTC PITC 0xFFFF FD50 0xFFFF FD60 16K Bytes 0xFFFF FFFF 512 bytes 256 Bytes 16 Bytes 16 Bytes 16 Bytes 16 Bytes 16 Bytes 16 Bytes 0xF000 0000 Internal Peripherals 0xFFFF FFFF Reserved 256M Bytes 0xFFFF C000 SYSC 0xFFFF FFFF GPBR Reserved 20 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 A first level of address decoding is performed by the Bus Matrix, i.e., the implementation of the Advanced High Performance Bus (AHB) for its Master and Slave interfaces with additional features. Decoding breaks up the 4G bytes of address space into 16 banks of 256 Mbytes. The banks 1 to 7 are directed to the EBI that associates these banks to the external chip selects EBI_NCS0 to EBI_NCS7. Bank 0 is reserved for the addressing of the internal memories, and a second level of decoding provides 1 Mbyte of internal memory area. Bank 15 is reserved for the peripherals and provides access to the Advanced Peripheral Bus (APB). Other areas are unused and performing an access within them provides an abort to the master requesting such an access. Each Master has its own bus and its own decoder, thus allowing a different memory mapping per Master. However, in order to simplify the mappings, all the masters have a similar address decoding. Regarding Master 0 and Master 1 (ARM926 Instruction and Data), three different Slaves are assigned to the memory space decoded at address 0x0: one for internal boot, one for external boot, one after remap. Refer to Table 8-1, "Internal Memory Mapping," on page 21 for details. A complete memory map is presented in Figure 8-1 on page 20. 8.1 Embedded Memories * 32 KB ROM - Single Cycle Access at full matrix speed * Two 4 KB Fast SRAM - Single Cycle Access at full matrix speed 8.1.1 Boot Strategies Table 8-1 summarizes the Internal Memory Mapping for each Master, depending on the Remap status and the BMS state at reset. Table 8-1. Internal Memory Mapping REMAP = 0 Address BMS = 1 0x0000 0000 ROM BMS = 0 EBI_NCS0 SRAM0 4K REMAP = 1 The system always boots at address 0x0. To ensure a maximum number of possibilities for boot, the memory layout can be configured with two parameters. REMAP allows the user to lay out the first internal SRAM bank to 0x0 to ease development. This is done by software once the system has booted. Refer to the Bus Matrix Section for more details. When REMAP = 0, BMS allows the user to lay out to 0x0, at his convenience, the ROM or an external memory. This is done via hardware at reset. Note: Memory blocks not affected by these parameters can always be seen at their specified base addresses. See the complete memory map presented in Figure 8-1 on page 20. 21 6221JS-ATARM-17-Jul-09 The AT91SAM9260 matrix manages a boot memory that depends on the level on the BMS pin at reset. The internal memory area mapped between address 0x0 and 0x000F FFFF is reserved for this purpose. If BMS is detected at 1, the boot memory is the embedded ROM. If BMS is detected at 0, the boot memory is the memory connected on the Chip Select 0 of the External Bus Interface. 8.1.1.1 BMS = 1, Boot on Embedded ROM The system boots using the Boot Program. * Boot on slow clock (On-chip RC or 32,768 Hz) * Auto baudrate detection * Downloads and runs an application from external storage media into internal SRAM * Downloaded code size depends on embedded SRAM size * Automatic detection of valid application * Bootloader on a non-volatile memory - SPI DataFlash(R) connected on NPCS0 and NPCS1 of the SPI0 - 8-bit and/or 16-bit NAND Flash * SAM-BA(R) Monitor in case no valid program is detected in external NVM, supporting - Serial communication on a DBGU - USB Device Port 8.1.1.2 BMS = 0, Boot on External Memory * Boot on slow clock (On-chip RC or 32,768 Hz) * Boot with the default configuration for the Static Memory Controller, byte select mode, 16-bit data bus, Read/Write controlled by Chip Select, allows boot on 16-bit non-volatile memory. The customer-programmed software must perform a complete configuration. To speed up the boot sequence when booting at 32 kHz EBI CS0 (BMS=0), the user must take the following steps: 1. Program the PMC (main oscillator enable or bypass mode). 2. Program and start the PLL. 3. Reprogram the SMC setup, cycle, hold, mode timings registers for CS0 to adapt them to the new clock. 4. Switch the main clock to the new value. 8.2 External Memories The external memories are accessed through the External Bus Interface. Each Chip Select line has a 256-Mbyte memory area assigned. Refer to the memory map in Figure 8-1 on page 20. 8.2.1 External Bus Interface * Integrates three External Memory Controllers - Static Memory Controller - SDRAM Controller 22 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 - ECC Controller * Additional logic for NAND Flash * Full 32-bit External Data Bus * Up to 26-bit Address Bus (up to 64MBytes linear) * Up to 8 chip selects, Configurable Assignment: - Static Memory Controller on NCS0 - SDRAM Controller or Static Memory Controller on NCS1 - Static Memory Controller on NCS2 - Static Memory Controller on NCS3, Optional NAND Flash support - Static Memory Controller on NCS4 - NCS5, Optional CompactFlash support - Static Memory Controller on NCS6-NCS7 8.2.2 Static Memory Controller * 8-, 16- or 32-bit Data Bus * Multiple Access Modes supported - Byte Write or Byte Select Lines - Asynchronous read in Page Mode supported (4- up to 32-byte page size) * Multiple device adaptability - Compliant with LCD Module - Control signals programmable setup, pulse and hold time for each Memory Bank * Multiple Wait State Management - Programmable Wait State Generation - External Wait Request - Programmable Data Float Time * Slow Clock mode supported 8.2.3 SDRAM Controller * Supported devices - Standard and Low-power SDRAM (Mobile SDRAM) * Numerous configurations supported - 2K, 4K, 8K Row Address Memory Parts - SDRAM with two or four Internal Banks - SDRAM with 16- or 32-bit Datapath * Programming facilities - Word, half-word, byte access - Automatic page break when Memory Boundary has been reached - Multibank Ping-pong Access - Timing parameters specified by software - Automatic refresh operation, refresh rate is programmable * Energy-saving capabilities - Self-refresh, power down and deep power down modes supported 23 6221JS-ATARM-17-Jul-09 * Error detection - Refresh Error Interrupt * SDRAM Power-up Initialization by software * CAS Latency of 1, 2 and 3 supported * Auto Precharge Command not used 8.2.4 Error Corrected Code Controller * Tracking the accesses to a NAND Flash device by triggering on the corresponding chip select * Single bit error correction and 2-bit Random detection * Automatic Hamming Code Calculation while writing - ECC value available in a register * Automatic Hamming Code Calculation while reading - Error Report, including error flag, correctable error flag and word address being detected erroneous - Support 8- or 16-bit NAND Flash devices with 512-, 1024-, 2048- or 4096-bytes pages 24 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 9. System Controller The System Controller is a set of peripherals that allows handling of key elements of the system, such as power, resets, clocks, time, interrupts, watchdog, etc. The System Controller User Interface also embeds the registers that configure the Matrix and a set of registers for the chip configuration. The chip configuration registers configure EBI chip select assignment and voltage range for external memories The System Controller's peripherals are all mapped within the highest 16 Kbytes of address space, between addresses 0xFFFF E800 and 0xFFFF FFFF. However, all the registers of System Controller are mapped on the top of the address space. All the registers of the System Controller can be addressed from a single pointer by using the standard ARM instruction set, as the Load/Store instruction has an indexing mode of 4 Kbytes. Figure 9-1 on page 26 shows the System Controller block diagram. Figure 8-1 on page 20 shows the mapping of the User Interfaces of the System Controller peripherals. 25 6221JS-ATARM-17-Jul-09 9.1 Block Diagram AT91SAM9260 System Controller Block Diagram System Controller VDDCORE Powered irq0-irq2 fiq periph_irq[2..24] pit_irq rtt_irq wdt_irq dbgu_irq pmc_irq rstc_irq MCK periph_nreset dbgu_rxd MCK debug periph_nreset SLCK debug idle proc_nreset Periodic Interval Timer Watchdog Timer wdt_fault WDRPROC NRST VDDCORE POR por_ntrst jtag_nreset rstc_irq Reset Controller periph_nreset proc_nreset backup_nreset VDDBU Powered SLCK rtt_irq rtt_alarm UDPCK periph_clk[10] RC OSC SLOW CLOCK OSC SLCK int MAIN OSC PLLA PLLB MAINCK Power Management Controller Shutdown Controller periph_nreset periph_irq[10] 4 General-purpose Backup Registers USB Device Port UHPCK periph_clk[20] periph_nreset periph_irq[20] USB Host Port Debug Unit Advanced Interrupt Controller int por_ntrst ntrst ARM926EJ-S nirq nfiq Figure 9-1. dbgu_irq dbgu_txd pit_irq proc_nreset PCK debug jtag_nreset wdt_irq MCK periph_nreset Boundary Scan TAP Controller Bus Matrix VDDBU VDDBU POR SLCK backup_nreset SLCK SHDN WKUP backup_nreset rtt0_alarm OSC_SEL XIN32 XOUT32 Real-time Timer periph_clk[2..27] pck[0-1] PCK UDPCK UHPCK MCK XIN XOUT PLLRCA PLLACK PLLBCK periph_nreset pmc_irq idle periph_clk[6..24] periph_nreset periph_nreset periph_clk[2..4] dbgu_rxd PA0-PA31 PB0-PB31 PC0-PC31 PIO Controllers periph_irq[2..4] irq0-irq2 fiq dbgu_txd Embedded Peripherals periph_irq[6..24] in out enable 26 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 9.2 Reset Controller * Based on two Power-on-reset cells - One on VDDBU and one on VDDCORE * Status of the last reset - Either general reset (VDDBU rising), wake-up reset (VDDCORE rising), software reset, user reset or watchdog reset * Controls the internal resets and the NRST pin output - Allows shaping a reset signal for the external devices 9.3 Shutdown Controller * Shutdown and Wake-up logic - Software programmable assertion of the SHDN pin - Deassertion Programmable on a WKUP pin level change or on alarm 9.4 Clock Generator * Embeds a Low-power 32,768 Hz Slow Clock Oscillator and a Low-power RC oscillator selectable with OSCSEL signal - Provides the permanent Slow Clock SLCK to the system * Embeds the Main Oscillator - Oscillator bypass feature - Supports 3 to 20 MHz crystals * Embeds 2 PLLs - PLLA outputs 80 to 240 MHz clock - PLLB outputs 70 to 130 MHz clock - Both integrate an input divider to increase output accuracy - PLLB embeds its own filter 27 6221JS-ATARM-17-Jul-09 Figure 9-2. Clock Generator Block Diagram Clock Generator OSC_SEL On Chip RC OSC XIN32 XOUT32 XIN XOUT Main Oscillator Main Clock MAINCK Slow Clock Oscillator Slow Clock SLCK PLLRCA PLL and Divider A PLL and Divider B PLLA Clock PLLACK PLLB Clock PLLBCK Status Control Power Management Controller 9.5 Power Management Controller * Provides: - the Processor Clock PCK - the Master Clock MCK, in particular to the Matrix and the memory interfaces - the USB Device Clock UDPCK - independent peripheral clocks, typically at the frequency of MCK - 2 programmable clock outputs: PCK0, PCK1 * Five flexible operating modes: - Normal Mode, processor and peripherals running at a programmable frequency - Idle Mode, processor stopped waiting for an interrupt - Slow Clock Mode, processor and peripherals running at low frequency - Standby Mode, mix of Idle and Backup Mode, peripheral running at low frequency, processor stopped waiting for an interrupt - Backup Mode, Main Power Supplies off, VDDBU powered by a battery 28 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 Figure 9-3. AT91SAM9260 Power Management Controller Block Diagram Processor Clock Controller Master Clock Controller SLCK MAINCK PLLACK PLLBCK Prescaler /1,/2,/4,...,/64 Divider /1,/2,/4 Peripherals Clock Controller ON/OFF Idle Mode MCK periph_clk[..] PCK int Programmable Clock Controller SLCK MAINCK PLLACK PLLBCK ON/OFF Prescaler /1,/2,/4,...,/64 pck[..] USB Clock Controller ON/OFF PLLBCK Divider /1,/2,/4 UDPCK UHPCK 9.6 Periodic Interval Timer * Includes a 20-bit Periodic Counter, with less than 1 s accuracy * Includes a 12-bit Interval Overlay Counter * Real Time OS or Linux(R)/Windows CE(R) compliant tick generator 9.7 Watchdog Timer * 16-bit key-protected only-once-Programmable Counter * Windowed, prevents the processor being in a dead-lock on the watchdog access 9.8 Real-time Timer - Real-time Timer 32-bit free-running back-up Counter - Integrates a 16-bit programmable prescaler running on slow clock - Alarm Register capable of generating a wake-up of the system through the Shutdown Controller 9.9 General-purpose Back-up Registers * Four 32-bit backup general-purpose registers 9.10 Advanced Interrupt Controller * Controls the interrupt lines (nIRQ and nFIQ) of the ARM Processor * Thirty-two individually maskable and vectored interrupt sources - Source 0 is reserved for the Fast Interrupt Input (FIQ) - Source 1 is reserved for system peripherals (PIT, RTT, PMC, DBGU, etc.) 29 6221JS-ATARM-17-Jul-09 - Programmable Edge-triggered or Level-sensitive Internal Sources - Programmable Positive/Negative Edge-triggered or High/Low Level-sensitive * Three External Sources plus the Fast Interrupt signal * 8-level Priority Controller - Drives the Normal Interrupt of the processor - Handles priority of the interrupt sources 1 to 31 - Higher priority interrupts can be served during service of lower priority interrupt * Vectoring - Optimizes Interrupt Service Routine Branch and Execution - One 32-bit Vector Register per interrupt source - Interrupt Vector Register reads the corresponding current Interrupt Vector * Protect Mode - Easy debugging by preventing automatic operations when protect models are enabled * Fast Forcing - Permits redirecting any normal interrupt source on the Fast Interrupt of the processor 9.11 Debug Unit * Composed of two functions: - Two-pin UART - Debug Communication Channel (DCC) support * Two-pin UART - Implemented features are 100% compatible with the standard Atmel (R) USART - Independent receiver and transmitter with a common programmable Baud Rate Generator - Even, Odd, Mark or Space Parity Generation - Parity, Framing and Overrun Error Detection - Automatic Echo, Local Loopback and Remote Loopback Channel Modes - Support for two PDC channels with connection to receiver and transmitter * Debug Communication Channel Support - Offers visibility of and interrupt trigger from COMMRX and COMMTX signals from the ARM Processor's ICE Interface 9.12 Chip Identification * Chip ID: 0x019803A2 * JTAG ID: 0x05B1303F * ARM926 TAP ID: 0x0792603F 30 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 10. Peripherals 10.1 User Interface The peripherals are mapped in the upper 256 Mbytes of the address space between the addresses 0xFFFA 0000 and 0xFFFC FFFF. Each User Peripheral is allocated 16 Kbytes of address space. A complete memory map is presented in Figure 8-1 on page 20. 10.2 Identifiers Table 10-1 defines the Peripheral Identifiers of the AT91SAM9260. A peripheral identifier is required for the control of the peripheral interrupt with the Advanced Interrupt Controller and for the control of the peripheral clock with the Power Management Controller. Table 10-1. Peripheral ID 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 AT91SAM9260 Peripheral Identifiers Peripheral Mnemonic AIC SYSC PIOA PIOB PIOC ADC US0 US1 US2 MCI UDP TWI SPI0 SPI1 SSC TC0 TC1 TC2 UHP EMAC ISI US3 US4 US5 TC3 TC4 TC5 Peripheral Name Advanced Interrupt Controller System Controller Interrupt Parallel I/O Controller A Parallel I/O Controller B Parallel I/O Controller C Analog to Digital Converter USART 0 USART 1 USART 2 Multimedia Card Interface USB Device Port Two-wire Interface Serial Peripheral Interface 0 Serial Peripheral Interface 1 Synchronous Serial Controller Reserved Reserved Timer/Counter 0 Timer/Counter 1 Timer/Counter 2 USB Host Port Ethernet MAC Image Sensor Interface USART 3 USART 4 USART 5 Timer/Counter 3 Timer/Counter 4 Timer/Counter 5 External Interrupt FIQ 31 6221JS-ATARM-17-Jul-09 Table 10-1. Peripheral ID 29 30 31 AT91SAM9260 Peripheral Identifiers (Continued) Peripheral Mnemonic AIC AIC AIC Peripheral Name Advanced Interrupt Controller Advanced Interrupt Controller Advanced Interrupt Controller External Interrupt IRQ0 IRQ1 IRQ2 Note: Setting AIC, SYSC, UHP and IRQ0-2 bits in the clock set/clear registers of the PMC has no effect. 10.2.1 10.2.1.1 Peripheral Interrupts and Clock Control System Interrupt The System Interrupt in Source 1 is the wired-OR of the interrupt signals coming from: * the SDRAM Controller * the Debug Unit * the Periodic Interval Timer * the Real-time Timer * the Watchdog Timer * the Reset Controller * the Power Management Controller The clock of these peripherals cannot be deactivated and Peripheral ID 1 can only be used within the Advanced Interrupt Controller. 10.2.1.2 External Interrupts All external interrupt signals, i.e., the Fast Interrupt signal FIQ or the Interrupt signals IRQ0 to IRQ2, use a dedicated Peripheral ID. However, there is no clock control associated with these peripheral IDs. 10.3 Peripheral Signal Multiplexing on I/O Lines The AT91SAM9260 features 3 PIO controllers (PIOA, PIOB, PIOC) that multiplex the I/O lines of the peripheral set. Each PIO Controller controls up to 32 lines. Each line can be assigned to one of two peripheral functions, A or B. Table 10-2 on page 33, Table 10-3 on page 34 and Table 10-4 on page 35 define how the I/O lines of the peripherals A and B are multiplexed on the PIO Controllers. The two columns "Function" and "Comments" have been inserted in this table for the user's own comments; they may be used to track how pins are defined in an application. Note that some peripheral functions which are output only might be duplicated within both tables. The column "Reset State" indicates whether the PIO Line resets in I/O mode or in peripheral mode. If I/O appears, the PIO Line resets in input with the pull-up enabled, so that the device is maintained in a static state as soon as the reset is released. As a result, the bit corresponding to the PIO Line in the register PIO_PSR (Peripheral Status Register) resets low. If a signal name appears in the "Reset State" column, the PIO Line is assigned to this function and the corresponding bit in PIO_PSR resets high. This is the case of pins controlling memories, in particular the address lines, which require the pin to be driven as soon as the reset is released. Note that the pull-up resistor is also enabled in this case. 32 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 10.3.1 PIO Controller A Multiplexing Multiplexing on PIO Controller A PIO Controller A I/O Line PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PA8 PA9 PA10 PA11 PA12 PA13 PA14 PA15 PA16 PA17 PA18 PA19 PA20 PA21 PA22 PA23 PA24 PA25 PA26 PA27 PA28 PA29 PA30 PA31 Note: (1) (1) Table 10-2. Application Usage Comments Reset State I/O I/O I/O Power Supply VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 Function Comments Peripheral A SPI0_MISO SPI0_MOSI SPI0_SPCK SPI0_NPCS0 RTS2 CTS2 MCDA0 MCCDA MCCK MCDA1 MCDA2 MCDA3 ETX0 ETX1 ERX0 ERX1 ETXEN ERXDV ERXER ETXCK EMDC EMDIO ADTRG TWD TWCK TCLK0 TIOA0 TIOA1 TIOA2 SCK1 SCK2 SCK0 Peripheral B MCDB0 MCCDB MCDB3 MCDB2 MCDB1 I/O I/O I/O I/O I/O I/O I/O ETX2 ETX3 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O ETXER ETX2 ETX3 ERX2 ERX3 ERXCK ECRS ECOL RXD4 TXD4 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O 1. Not available in the 208-lead PQFP package. 33 6221JS-ATARM-17-Jul-09 10.3.2 PIO Controller B Multiplexing Multiplexing on PIO Controller B PIO Controller B Application Usage Comments Reset State I/O I/O I/O I/O I/O I/O TCLK1 TCLK2 I/O I/O I/O I/O ISI_D8 ISI_D9 ISI_D10 ISI_D11 I/O I/O I/O I/O I/O I/O TCLK3 TCLK4 TIOB4 TIOB5 ISI_D0 ISI_D1 ISI_D2 ISI_D3 ISI_D4 ISI_D5 ISI_D6 ISI_D7 ISI_PCK ISI_VSYNC ISI_HSYNC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Power Supply VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP0 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 VDDIOP1 Function Comments Table 10-3. I/O Line PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PB8 PB9 PB10 PB11 PB12(1) PB13(1) PB14 PB15 PB16 PB17 PB18 PB19 PB20 PB21 PB22 PB23 PB24 PB25 PB26 PB27 PB28 PB29 PB30 PB31 Note: Peripheral A SPI1_MISO SPI1_MOSI SPI1_SPCK SPI1_NPCS0 TXD0 RXD0 TXD1 RXD1 TXD2 RXD2 TXD3 RXD3 TXD5 RXD5 DRXD DTXD TK0 TF0 TD0 RD0 RK0 RF0 DSR0 DCD0 DTR0 RI0 RTS0 CTS0 RTS1 CTS1 PCK0 PCK1 Peripheral B TIOA3 TIOB3 TIOA4 TIOA5 1. Not available in the 208-lead PQFP package. 34 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 10.3.3 PIO Controller C Multiplexing Multiplexing on PIO Controller C PIO Controller C I/O Line PC0 PC1 PC2 (1) (1) Table 10-4. Application Usage Comments AD0 AD1 AD2 AD3 Reset State I/O I/O I/O I/O A23 A24 I/O I/O I/O I/O A25 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Power Supply VDDANA VDDANA VDDANA VDDANA VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM VDDIOM Function Comments Peripheral A Peripheral B SCK3 PCK0 PCK1 SPI1_NPCS3 PC3 PC4 PC5 A23 A24 TIOB2 TIOB1 NCS4/CFCS0 NCS5/CFCS1 A25/CFRNW NCS2 IRQ0 FIQ NCS3/NANDCS NWAIT D16 D17 D18 D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31 SPI1_NPCS2 SPI1_NPCS1 CFCE1 CFCE2 RTS3 TIOB0 CTS3 SPI0_NPCS1 NCS7 NCS6 IRQ2 IRQ1 SPI0_NPCS2 SPI0_NPCS3 SPI1_NPCS1 SPI1_NPCS2 SPI1_NPCS3 EF100 TCLK5 PC6 PC7 PC8 PC9 PC10 PC11 PC12(1) PC13 PC14 PC15 PC16 PC17 PC18 PC19 PC20 PC21 PC22 PC23 PC24 PC25 PC26 PC27 PC28 PC29 PC30 PC31 Note: 1. Not available in the 208-lead PQFP package. 35 6221JS-ATARM-17-Jul-09 10.4 10.4.1 Embedded Peripherals Serial Peripheral Interface * Supports communication with serial external devices - Four chip selects with external decoder support allow communication with up to 15 peripherals - Serial memories, such as DataFlash and 3-wire EEPROMs - Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and Sensors - External co-processors * Master or slave serial peripheral bus interface - 8- to 16-bit programmable data length per chip select - Programmable phase and polarity per chip select - Programmable transfer delays between consecutive transfers and between clock and data per chip select - Programmable delay between consecutive transfers - Selectable mode fault detection * Very fast transfers supported - Transfers with baud rates up to MCK - The chip select line may be left active to speed up transfers on the same device 10.4.2 Two-wire Interface * Master, MultiMaster and Slave modes supported * General Call supported in Slave mode 10.4.3 USART * Programmable Baud Rate Generator * 5- to 9-bit full-duplex synchronous or asynchronous serial communications - 1, 1.5 or 2 stop bits in Asynchronous Mode or 1 or 2 stop bits in Synchronous Mode - Parity generation and error detection - Framing error detection, overrun error detection - MSB- or LSB-first - Optional break generation and detection - By 8 or by-16 over-sampling receiver frequency - Hardware handshaking RTS-CTS - Optional modem signal management DTR-DSR-DCD-RI - Receiver time-out and transmitter timeguard - Optional Multi-drop Mode with address generation and detection * RS485 with driver control signal * ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards - NACK handling, error counter with repetition and iteration limit * IrDA modulation and demodulation 36 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 - Communication at up to 115.2 Kbps * Test Modes - Remote Loopback, Local Loopback, Automatic Echo The USART contains features allowing management of the Modem Signals DTR, DSR, DCD and RI. In the AT91SAM9260, only the USART0 implements these signals, named DTR0, DSR0, DCD0 and RI0. The USART1 and USART2 do not implement all the modem signals. Only RTS and CTS (RTS1 and CTS1, RTS2 and CTS2, respectively) are implemented in these USARTs for other features. Thus, programming the USART1, USART2 or the USART3 in Modem Mode may lead to unpredictable results. In these USARTs, the commands relating to the Modem Mode have no effect and the status bits relating the status of the modem signals are never activated. 10.4.4 Serial Synchronous Controller * Provides serial synchronous communication links used in audio and telecom applications (with CODECs in Master or Slave Modes, I2S, TDM Buses, Magnetic Card Reader, etc.) * Contains an independent receiver and transmitter and a common clock divider * Offers a configurable frame sync and data length * Receiver and transmitter can be programmed to start automatically or on detection of different event on the frame sync signal * Receiver and transmitter include a data signal, a clock signal and a frame synchronization signal 10.4.5 Timer Counter * Two blocks of three 16-bit Timer Counter channels * Each channel can be individually programmed to perform a wide range of functions including: - Frequency Measurement - Event Counting - Interval Measurement - Pulse Generation - Delay Timing - Pulse Width Modulation - Up/down Capabilities * Each channel is user-configurable and contains: - Three external clock inputs - Five internal clock inputs - Two multi-purpose input/output signals * Each block contains two global registers that act on all three TC Channels Note: TC Block 0 (TC0, TC1, TC2) and TC Block 1 (TC3, TC4, TC5) have identical user interfaces. See Figure 8-1, "AT91SAM9260 Memory Mapping," on page 20 for TC Block 0 and TC Block 1 base addresses. 10.4.6 Multimedia Card Interface * One double-channel MultiMedia Card Interface * Compatibility with MultiMedia Card Specification Version 3.11 37 6221JS-ATARM-17-Jul-09 * Compatibility with SD Memory Card Specification Version 1.1 * Compatibility with SDIO Specification Version V1.0. * Card clock rate up to Master Clock divided by 2 * Embedded power management to slow down clock rate when not used * MCI has two slots, each supporting - One slot for one MultiMediaCard bus (up to 30 cards) or - One SD Memory Card * Support for stream, block and multi-block data read and write 10.4.7 USB Host Port * Compliance with Open HCI Rev 1.0 Specification * Compliance with USB V2.0 Full-speed and Low-speed Specification * Supports both Low-Speed 1.5 Mbps and Full-speed 12 Mbps devices * Root hub integrated with two downstream USB ports in the 217-LFBGA package * Two embedded USB transceivers * Supports power management * Operates as a master on the Matrix 10.4.8 USB Device Port * USB V2.0 full-speed compliant, 12 MBits per second * Embedded USB V2.0 full-speed transceiver * Embedded 2,432-byte dual-port RAM for endpoints * Suspend/Resume logic * Ping-pong mode (two memory banks) for isochronous and bulk endpoints * Six general-purpose endpoints - Endpoint 0 and 3: 64 bytes, no ping-pong mode - Endpoint 1 and 2: 64 bytes, ping-pong mode - Endpoint 4 and 5: 512 bytes, ping-pong mode * Embedded pad pull-up 10.4.9 Ethernet 10/100 MAC * Compatibility with IEEE Standard 802.3 * 10 and 100 MBits per second data throughput capability * Full- and half-duplex operations * MII or RMII interface to the physical layer * Register Interface to address, data, status and control registers * DMA Interface, operating as a master on the Memory Controller * Interrupt generation to signal receive and transmit completion * 28-byte transmit and 28-byte receive FIFOs * Automatic pad and CRC generation on transmitted frames * Address checking logic to recognize four 48-bit addresses * Support promiscuous mode where all valid frames are copied to memory 38 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 * Support physical layer management through MDIO interface 10.4.10 Image Sensor Interface * ITU-R BT. 601/656 8-bit mode external interface support * Support for ITU-R BT.656-4 SAV and EAV synchronization * Vertical and horizontal resolutions up to 2048 x 2048 * Preview Path up to 640*480 * Support for packed data formatting for YCbCr 4:2:2 formats * Preview scaler to generate smaller size image * Programmable frame capture rate 10.4.11 Analog-to-Digital Converter * 4-channel ADC * 10-bit 312K samples/sec. Successive Approximation Register ADC * -2/+2 LSB Integral Non Linearity, -1/+1 LSB Differential Non Linearity * Individual enable and disable of each channel * External voltage reference for better accuracy on low voltage inputs * Multiple trigger source - Hardware or software trigger - External trigger pin - Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger * Sleep Mode and conversion sequencer - Automatic wakeup on trigger and back to sleep mode after conversions of all enabled channels * Four analog inputs shared with digital signals 39 6221JS-ATARM-17-Jul-09 11. AT91SAM9260 Mechanical Characteristics 11.1 Package Drawings Figure 11-1. 217-ball LFBGA Package Drawing Table 11-1. Ball Land Soldering Informations 0.43 mm +/- 0.05 0.30 mm +/- 0.05 Soldering Mask Opening Table 11-2. 450 Device and 217-ball LFBGA Package Maximum Weight mg Table 11-3. 217-ball LFBGA Package Characteristics 3 Moisture Sensitivity Level Table 11-4. Package Reference MO-205 e1 JEDEC Drawing Reference JESD97 Classification 40 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 Figure 11-2. 208-lead PQFP Package Drawing Table 11-5. 5.5 Device and 208-lead PQFP Package Maximum Weight g Table 11-6. 208-lead PQFP Package Characteristics 3 Moisture Sensitivity Level Table 11-7. Package Reference MS-022 e3 JEDEC Drawing Reference JESD97 Classification 41 6221JS-ATARM-17-Jul-09 11.2 Soldering Profile Table 11-8 gives the recommended soldering profile from J-STD-20. Table 11-8. Soldering Profile PQFP208 Green Package 3 C/sec. max. 180 sec. max. 60 sec. to 150 sec. 20 sec. to 40 sec. 260 +0 C 6 C/sec. max. 8 min. max. BGA217 Green Package 3 C/sec. max. 180 sec. max. 60 sec. to 150 sec. 20 sec. to 40 sec. 260 +0 C 6 C/sec. max. 8 min. max. Profile Feature Average Ramp-up Rate (217C to Peak) Preheat Temperature 175C 25C Temperature Maintained Above 217C Time within 5 C of Actual Peak Temperature Peak Temperature Range Ramp-down Rate Time 25 C to Peak Temperature Note: It is recommended to apply a soldering temperature higher than 250C A maximum of three reflow passes is allowed per component. 42 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 12. AT91SAM9260 Ordering Information Table 12-1. AT91SAM9260 Ordering Information Marketing Revision Level B Ordering Code AT91SAM9260B-QU AT91SAM9260B-CU Package PQFP208 BGA217 Package Type Green Green Temperature Operating Range Industrial -40C to 85C Marketing Revision Level A Ordering Code AT91SAM9260-QU AT91SAM9260-CU 43 6221JS-ATARM-17-Jul-09 13. Revision History Table 13-1. Revision Revision History - current version appears first Comments Line added to * "Debug Unit (DBGU)" on page 2 Note edited after Table 10-1, "AT91SAM9260 Peripheral Identifiers" on page 31 6221JS `Manchester Encoding/Decoding' removed from Section * "Four Universal Synchronous/Asynchronous Receiver Transmitters (USART)" on page 2 Change Req. Ref. 5846 5854 5933 6030 RFO 5686 5330 Section 6.6 "Shutdown Logic Pins" on page 15 edited Features list shortened and reorganized, from new structure in Datasheet AT91SAM9G45 6221IS Section 12. "AT91SAM9260 Ordering Information" on page 43, New Ordering codes for Version B added. Table 3-1, "Signal Description List", Image Sensor Interface, ISI_MCK line, added comments. Table 10-3, "Multiplexing on PIO Controller B", PB31 line, removed ISI_MCK. Table 3-1, "Signal Description List", Reset/Test, BMS line, added comments. 6221HS 6221GS 5422 5229 Review Review Review Review 4944 5026 4833 4740 4768 "Power Considerations",in Section 5.1 "Power Supplies", VDDCORE and VDDBU startup voltage restraints removed. Updated all references to 217-ball LFBGA to Green package. In Section 5.1 "Power Supplies" on page 14, VDDCORE and VDDBU, added information on supply voltage during startup. In Section 6.5 "I/O Line Drive Levels" on page 16, added information on PC4 to PC31. In Section 6.7 "Slow Clock Selection" on page 16, corrected startup delay for internal RC oscillator. In Section 10.4.6 "Multimedia Card Interface" on page 38, corrected specification version compatibility. In Section 8.1.1 "Boot Strategies" on page 22, removed sentence "When REMAP = 1, BMS is ignored." Changed divider value for Master Clock Controller in Figure 9-3, "AT91SAM9260 Power Management Controller Block Diagram" on page 30. Corrected package reference to PQFP in Figure 11-2, "208-lead PQFP Package Drawing," on page 41. Updated BGA ordering code in Section 43. "AT91SAM9260 Ordering Information" on page 780. 6221FS All new information in Section 7.2.1 "Matrix Masters", Table 7-1, "List of Bus Matrix Masters," on page 18 and Section 7.2.3 "Master to Slave Access", Table 7-3, "AT91SAM9260 Masters to Slaves Access," on page 18. In Figure 2-1 "AT91SAM9260 Block Diagram" on page 4, updated EBI signals NRD, NWR0, NWR1, NWR3. Added details on Timer/Counter blocks in Section 10.4.5 "Timer Counter" on page 38. Updated Chip ID in Section 9.12 "Chip Identification" on page 32. 4457 4431 4369 4582 44 AT91SAM9260 6221JS-ATARM-17-Jul-09 AT91SAM9260 Table 13-1. Revision Revision History - current version appears first Comments Updated information on programmable pull-up resistor in Section 6.4 "PIO Controllers" on Change Req. Ref. 3972 page 15. Updated Section 6.7 "Slow Clock Selection" on page 15. 6221ES In Table 10-1, "AT91SAM9260 Peripheral Identifiers," on page 31, added Note on clocking and corrected Peripheral Name for PID12, PID13 and PID14. Placed comment on RDY/BUSY with PC13 in Table 10-4, "Multiplexing on PIO Controller 3504 and 3543 3406 C," on page 35. Removed references to VDDOSC in "Features" , in Table 3-1, "Signal Description List", and in Section 5.1 "Power Supplies" on page 13. Corrected VDDPLLA and VDDPLLB with VDDPLL and GNDPLLA and GNDPLLB with GNDPLL in Table 4-1, "Pinout for 208-pin PQFP Package," on page 10 and in Table 4-2, "Pinout for 217-ball LFBGA Package," 3183 on page 12. In Figure 2-1 on page 3, corrected range for SCKx pins; label change on matrix block. 6221DS In Figure 2-1 on page 3 and Section 7.3 "Peripheral DMA Controller" on page 18, removed TWI PDC channels. In Section 6.3 "Reset Pins" on page 14, added NRST as bidirectional. In Figure 9-3 on page 29, added UHPCK as USB Clock Controller output. In Section 10.4.3 "USART" on page 36, added information on modem signals. For VDDIOP1, added supported voltage levels in Table 3-1, "Signal Description List," on page 4 and corrected supported voltage levels in Section 5.2 "Power Consumption" on page 13. Removed package marking and updated package outline information in Section 4. "Package 3235, 3071 3066 3236 3237 3245 2874 and Pinout" on page 9. Change to signal name for pin 147 in Section 4-1 "Pinout for 208-pin PQFP Package" on 6221CS 2922 2907 2947 2979 3003 2923 page 10. Inserted new voltage information for JTAGSEL signal in Table 3-1, "Signal Description List" and in Section 6.1 "JTAG Port Pins" on page 14. In Table 3-1, "Signal Description List," on page 5, added new voltage information for OSCSEL and TST pins. In Section 6.3 "Reset Pins" on page 15, new information on NRST and NRTST pins. Corrected ADC features in Section 10.4.11 "Analog-to-Digital Converter" on page 39. Power consumption figures updated with current values in Section 5.2 "Power 6221BS Consumption" on page 13. Change to signal name for pin 47 in Section 4-1 "Pinout for 208-pin PQFP Package" on 2843 page 10. 6221AS First issue. 45 6221JS-ATARM-17-Jul-09 46 AT91SAM9260 6221JS-ATARM-17-Jul-09 Headquarters Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600 International Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581 Product Contact Web Site www.atmel.com www.atmel.com/AT91SAM Technical Support AT91SAM Support Sales Contacts www.atmel.com/contacts/ Literature Requests www.atmel.com/literature Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. (c) 2009 Atmel Corporation. All rights reserved. Atmel (R), Atmel logo and combinations thereof, DataFlash(R), SAM-BA (R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. ARM (R), the ARMPowered (R) logo, Thumb (R) and others are registered trademarks or trademarks of ARM Ltd. Windows (R) and others are registered trademarks or trademarks of Microsoft Corporation in the US and/or in other countries. Other terms and product names may be the trademarks of others. 6221JS-ATARM-17-Jul-09 |
Price & Availability of AT91SAM9260B-CU |