Part Number Hot Search : 
NTE8108 1N60C3 SSM24APT 4000V RF9130 14N50 0G107 2N2757
Product Description
Full Text Search
 

To Download ARK-DS303B-S6A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARK-DS303
NEW Features
Value Digital Signage Platform
Intel(R) AtomTM processor N270 1.6GHz and System Controller Hub 945GSE Support HD up to 720P; optional support up to 1080P with add-on HD decoding module Dual display of HDMI and VGA Built-in MiniPCIe slot for easy expansion e.g. WiFi Supports 4 x USB 2.0 (Internal 2 x USB 2.0), 1 x COM Support VESA mounting
Specifications
Processor System CPU Chipset L2 Cache BIOS Front Side Bus Technology Max. Capacity Socket Chipset Memory Size Resolution SATA CF Interface Controller Connector HDMI VGA LAN USB Audio Serial Mini-PCIe (Internal) PSW Management Power Consumption Input Voltage Input Voltage Others Output Interval Mounting Dimensions (W x H x D) Weight Temperature Environment Relative Humidity Vibration Resistance Operation System EWF & WDT SDK Linux Electromagnetic Safty Intel ATOM N270 1.6 GHz Intel 945GSE + ICH7M 512K AWARD 4 M-bit BIOS 533 MHz 1 x SO-DIMM DDR2 400/533 MHz default 1 GB (single channel), maximal as 2 GB 200 pin SO-DIMM Intel(R) 945GSE chipset Shared system memory up to 224 MB Max resolution 2048 x 1536 @ 75Hz 160 GB 2.5" HDD CompactFlash socket for type I/II Gigabit LAN Controller Realtek 8111D 1 x RJ-45 1 1 (D-sub 15-pin) 1 (RJ-45) 4 (USB 2.0 compliant, 480Mbps; internal reserve 2 x USB 2.0) Line out (1 jack) Mic in (1 jack) & Line in internal pin header 1 x COM (RS-232. D-sub 9 pin) and 1 x GPIO (D-sub 15 pin)) 1 External Power Switch interface ACPI 2.0 TBD 12V DC-in (ATX/AT mode) Supports Boot on Power back and schedule boot up function Interrupt, system reset Programmable 1 ~ 255sec. Easy Mounting Kits for LCD or Plasma 165 x 130 x 41 mm 1.2 kg 0 ~ 40, operating -20 ~ 70 C, storage 95% @ 40 C (non-condensing),Operating 0.5Grms,IEC 60068-2-64,Random,5-500Hz,1hr/axis Supports Microsoft Windows 7, XP with SP3, XP Embedded EWF and WDT library for signage stability design in XPE Linux Fedora 9.0 CE, FCC UL, CB, CCC, BSMI
Memory
Graphics Storage Ethernet
IO Interface
Power Requirement
Watchdog Timer Physical Characteristics
Software Development Kit Certification
Digital Signage
All product specifications are subject to change without notice Last updated : 12-Jan-2010
ARK-DS303 Dimensions
Standard Module With Add-on TV tuner Module
Unit: mm
43 [1,7] 38 [1,5] 5 [0,2] 33 [1,3]
43 [1,7] 38 [1,5] 5 [0,2] 33 [1,3]
210 [8,3] 198 [7,8] 185 [7,3]
229 [9,0] 217 [8,5] 185 [7,3]
118,2 [4,7]
66 [2,6] 76 [3,0] 86 [3,4] 98,2 [3,9]
R3 ,5 [R ,75 [R0 0,1 10 ,1] ] [0,4] 46 [1,8] 43 [1,7]
[ 3,5
46 [1,8] R1,
Ordering Information
Part Number ARK-DS303B-S6A1E ARK-DS303F-S6A1E ARK-DS303P-S6A1E Description Atom N270, DS system w/ VGA, HDMI, AUDIO, 4 USB, COM, GPIO (Barebone) Atom N270, DS system w/ 160G HDD, 1 GRAM, VGA, HDMI, AUDIO, 4 USB, COM, GPIO Atom N270, DS system w/ 1080P, 160G HDD, 1 GRAM, VGA, HDMI, AUDIO, 4 USB, COM, GPIO
Online Download www.advantech.com/products
43 [1,7]
R1
75
R
[ 3,5
[R0
,1]
10 [0,4]
0,1
]
3,5
[ 0,
1]
R0
,1]
204 [8,0] 185 [7,3]
118,2 [4,7]
66 [2,6] 76 [3,0] 86 [3,4] 98,2 [3,9]


▲Up To Search▲   

 
Price & Availability of ARK-DS303B-S6A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X