Part Number Hot Search : 
HV20822 CY19A 170M3759 29XE020 DS3144DK 140NF CAT51 TGD30A
Product Description
Full Text Search
 

To Download AND10C210-HB-KIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AND10C210-HB-KIT
10.4" VGA Color TFT LCD Module
Features
High luminance (400cd/m2) Wide viewing angle (Vertical: 90, Horizontal: 110) Low reflection Built-in long life lamps (50,000 h) Thin and lightweight design Fully mechanically compatible with AND10C209A-HB (VGA) and AND10C273-HB (SVGA) 640 x 480 pixels color display Fast response time Applications: Display Terminals, Scientific Instruments, Medical Instruments, Test and Measurement Instruments, Process Control/Factory Automation Equipment, Office Automation Equipment
Mechanical Specifications
Item Outline Dimensions Number of Pixels Active Area Pixel Pitch Weight (approx.) Backlight Specification 265.0 (H) x 188.8 (V) x 12 max (D) 640 (H) x 480 (V) 211.2 (H) x 158.4 (V) 0.33 (H) x 0.33 (V) 605 Twin CCFLs, sidelight type Unit mm Pixels mm mm gram -
Electrical Specifications (Ta = 25C)
Item Supply Voltage FL Start Voltage (Ta = 0C) High Level Input Voltage Low Level Input Voltage Current Consumption Max 7.0 2.0 100 VDD + 0.3 50 60 Unit V kV(rms) KHz V C C Power Consumption (*1, *2) VIH VIL IDD(*1) IFL(*2) P Symbol VDD VFL Min 4.75 (500) (1500) Typ 5.0 (550) - Max 5.25 (600) (1800) Unit V Vrms Vrms
3.5 0 - 3.0 -
- - 125 - (7.2)
VDD 1.5 250 6.0 - V mA mA(rms) W
Absolute Maximum Ratings
Item Supply Voltage FL Driving Frequency Input Signal Voltage Operating Temperature Storage Temperature Humidity (Max. Wet bulb temp = 39C) Symbol VDD VFL fFL VIN Top Tstg Min -0.3 0 0 -0.3 0 -20
*1: 8 color bars pattern *2: Before the efficiency loss of CCFL inverter
Optical Specifications (Ta = 25C)
Item Contrast Response Luminance Symbol CR ton toff L Min 100 - - 300 Typ 250 - - 400 Max - 50 50 - Unit - ms ms cd/m2
-
10
90
%(RH)
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Purdy Electronics Corporation 720 Palomar Avenue Sunnyvale, CA 94085 Tel: 408.523.8200 Fax: 408.733.1287 sales@purdyelectronics.com www.purdyelectronics.com
11/8/06
1
AND10C210-HB-KIT
Dimensional Outline (Front View)
265 4-O3.2 3 3.5 9.0 3.5 3 3 211.2 (Active Area) 215.2 (Viewing Area) 162.4 (Viewing Area) 158.4 (Active Area) 7 188.8
163.4 (Bezel Opening)
161.1
3.5
130
7 3 3 3
27.7
127 130
168 11.0 12
11
3
3.5 19.9 216.2 (Bezel Opening) 128 (Active Area, Viewing Area Center) 252 (255) 259 (262)
Dimensional Outline (Back View)
3 4 3
4
4
15
38
4
2.5
17 4
9.6 3 3 4
4-o4 3 4 19.3 80 10
2
Purdy Electronics Corporation 720 Palomar Avenue Sunnyvale, CA 94085 Tel: 408.523.8200 Fax: 408.733.1287 sales@purdyelectronics.com www.purdyelectronics.com
4
3
4
11/8/06
;
AND10C210-HB-KIT
Timing Specifications
Item Sym t1 Min Typ Max Unit - ms - Frame Period 249+N/2 x t3 - 300 x t3 525 x t3 16.68 525 x t3 17.85 Vertical Display Term* t2 480 x t3 480 x t3 One Line Scanning Time Horizontal Display Term Clock Period t3 684 x t5 31.5 800 x t5 31.78 860 x t5 -
s
- ns
t4
640 x t5 35.0
640 x t5 39.72 -
640 x t5 _
t5
Clock "L" Time
t6 t7
10.0 7.0
-
ns
Clock "H" Time Set Up Time Hold Time
-
-
ns
t8
5.0
-
-
ns
t9
10.0
-
-
ns
* t2 = Nx t3
Timing Chart
Vertical Timing
t1 t2
NCLK
t3
t3
ENAB
R5 ~ R0 G5 ~ G0 B5 ~ B0
x, 1
x, 2
x, 3
x, 4
x, y
X,N-2
X,N-1
X,N
Horizontal Timing
t3 t4
t5
NCLK
ENAB
637, y
639, y
R5 ~ R0 G5 ~ G0 B5 ~ B0
1, y 2, y 3, y 4, y 5, y 6, y 7, y
x, y
638, y
640, y
t5
t6
t7
a
b
NCLK
VIH (min) : 3.5 (V)
VIL (max) : 1.5 (V) VIH (min) : 3.5 (V)
NCLK
0.5VDD
t8
t9
ENAB R5 ~ R0 G5 ~ G0 B5 ~ B0
Input Signal Center Level : 0.5 VDD VIL (max) : 1.5 (V)
Duty (a,b) : 5010%
VALID DATA
11/8/06
Purdy Electronics Corporation 720 Palomar Avenue Sunnyvale, CA 94085 Tel: 408.523.8200 Fax: 408.733.1287 sales@purdyelectronics.com www.purdyelectronics.com
3
AND10C210-HB-KIT
Note: When the vertical display period (N) is shorter than 480, the actual display area is shifted to the center. The non-display area becomes dark as follows: CN1 Input Signal
Connector: DF9B-31P-1V / Hirose Electric Co., Ltd. Mating Connector: DF9*-31S-1V / Hirose Electric (*:option mark) Terminal No.
640 Pixels Non-Display 1, 1 2, 1 1, 2 x, 1 640, 1
Symbol GND NCLK GND R0 R1 R2 GND R3 R4 R5 GND G0 G1 G2 GND G3 G4 G5 GND ENAB GND B0 B1 B2
GND
Function Ground Sampling Clock Ground Red Display Data (LSB) Red Display Data Red Display Data Ground Red Display Data Red Display Data Red Display Data (MSB) Ground Green Display Data (LSB) Green Display Data Green Display Data Ground Green Display Data Green Display Data Green Display Data (MSB) Ground Compound Synchronization Signal Ground Blue Display Data (LSB) Blue Display Data Blue Display Data Ground Blue Display Data Blue Display Data Blue Display Data (MSB) Ground +5V Power Supply +5V Power Supply
1 2 3 4 5 6 7 8
480 Pixels
Display 1, y
x, y
1, N Non-Display
640, N
9 10 11 12 13
Connector Pin Assignment for Interface
CN2 CCFL Power Source
Connector: BHR-03VS-1 / Japan Solderless Terminal MFG Co., Ltd. Mating Connector: SM02(8.0)B-BHS-1 / Japan Solderless CN2/CN3 Pin 1 2 3 Symbol VFLH1 NC VFLL1 Function CCFL Power Supply (High Voltage) Non Connection (open) CCFL Power Supply (Low Voltage)
14 15 16 17 18 19 20 21 22 23 24 25 26
B3 B4 B5 GND VDD VDD
CCFL Power Supply
Connector: BHR-03VS-1 / Japan Solderless Terminal MFG Co., Ltd. Mating Connector: SM02(8.0)B-BHS-1 / Japan Solderless CN2/CN3 Pin 1 2 3 Symbol VFLH1 NC VFLL1 Function CCFL Power Supply (High Voltage) Non Connection (open) CCFL Power Supply (Low Voltage)
27 28 29 30 31
4
Purdy Electronics Corporation 720 Palomar Avenue Sunnyvale, CA 94085 Tel: 408.523.8200 Fax: 408.733.1287 sales@purdyelectronics.com www.purdyelectronics.com
11/8/06
AND10C210-HB-KIT
Display Black Blue Green Basic Color Lt. Blue Red Purple Yellow White Black Dark Gray Scale of Red Light Red Black Dark Gray Scale of Green Light Green Black Dark Gray Scale of Blue Light Blue Black Dark Gray Scale of White & Black Light White
R5 L L L L H H H H L L L : : H H H L L L : : L L L L L L : : L L L L L L : : H H H
R4 L L L L H H H H L L L : : H H H L L L : : L L L L L L : : L L L L L L : : H H H
R3 L L L L H H H H L L L : : H H H L L L : : L L L L L L : : L L L L L L : : H H H
R2 L L L L H H H H L L L : : H H H L L L : : L L L L L L : : L L L L L L : : H H H
R1 L L L L H H H H L L H : : L H H L L L : : L L L L L L : : L L L L L H : : L H H
R0 L L L L H H H H L H L : : H L H L L L : : L L L L L L : : L L L L H L : : H L H
G5 L L H H L L H H L L L : : L L L L L L : : H H H L L L : : L L L L L L : : H H H
G4 L L H H L L H H L L L : : L L L L L L : : H H H L L L : : L L L L L L : : H H H
G3 L L H H L L H H L L L : : L L L L L L : : H H H L L L : : L L L L L L : : H H H
G2 L L H H L L H H L L L : : L L L L L L : : H H H L L L : : L L L L L L : : H H H
G1 L L H H L L H H L L L : : L L L L L H : : L H H L L L : : L L L L L H : : L H H
G0 L L H H L L H H L L L : : L L L L H L : : H L H L L L : : L L L L H L : : H L H
B5 L H L H L H L H L L L : : L L L L L L : : L L L L L L : : H H H L L L : : H H H
B4 L H L H L H L H L L L : : L L L L L L : : L L L L L L : : H H H L L L : : H H H
B3 L H L H L H L H L L L : : L L L L L L : : L L L L L L : : H H H L L L : : H H H
B2 L H L H L H L H L L L : : L L L L L L : : L L L L L L : : H H H L L L : : H H H
B1 L H L H L H L H L L L : : L L L L L L : : L L L L L H : : L H H L L H : : L H H
B0 L H L H L H L H L L L : : L L L L L L : : L L L L H L : : H L H L H L : : H L H
Gray Scale Level - - - - - - - - L0 L1 L2 L3~ L60 L61 L62 Red L63 L0 L1 L2 L3~ L60 L61 L62 Green L63 L0 L1 L2 L3~ L60 L61 L62 Blue L63 L0 L1 L2 L3~ L60 L61 L62 White L63
11/8/06
Purdy Electronics Corporation 720 Palomar Avenue Sunnyvale, CA 94085 Tel: 408.523.8200 Fax: 408.733.1287 sales@purdyelectronics.com www.purdyelectronics.com
5


▲Up To Search▲   

 
Price & Availability of AND10C210-HB-KIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X