Part Number Hot Search : 
100D12N2 01010 P0J33 MT6450G ACD2T T5111 IRKD270 ECL86
Product Description
Full Text Search
 

To Download AIOF5S3E-12800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS STRATUM 3E 5V HCMOS OCXO
I( W
0702
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Supply Voltage UNITS (Vcc) MINIMUM -55 -0.5 NOMINAL MAXIMUM 100 7 UNITS C Vdc
TABLE 1.0 NOTE
AIOF5S3E 12.800 MHz
OPERATING SPECIFICATIONS
PARAMETER Center Frequency Frequency Calibration Frequency Stability Aging: Daily Aging: First Year Aging: Short Term (1Sec.) Operating Temperature Range Supply Voltage Voltage Stability (+/-1%) Power Consumption: Turn On Power Consumption: Steady-State Warm Up 2G Tip-over (Fo) MINIMUM 3.2 -1.5 -10 -1 -100 -40 4.75 -2.0 -100 NOMINAL 5.00E-11 5.00 MAXIMUM 25.6 1.5 10 1 100 85 5.25 2.0 3.25 1.25 100 5 UNITS MHz ppm ppb ppb/day ppb RMS C Vdc ppb W W ppb ppb/G
TABLE 2.0 NOTE 1 2
AIOF5S3E
DESCRIPTION
3
(Vcc)
4 5 6 7
The Connor-Winfield AIOF5S3E is a 5V Oven Controlled Crystal Oscillator (OCXO) with HCMOS output. The AIOF5S3E is designed for Industrial Temperature Range 3E applications requiring low jitter and tight frequency stability.
HCMOS OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90% Spurious Output Jitter (BW=10Hz to 20MHz) SSB Phase Noise at 1Hz offset SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset SSB Phase Noise at 100KHz offset MINIMUM 4.2 40 NOMINAL 50 MAXIMUM 15 0.4 60 5 -80 3 -80 -110 -130 -145 -150 -150 UNITS pF Vdc Vdc % nS dBc ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz
TABLE 3.0 NOTE 8
(Voh) (Vol)
FEATURES FIXED FREQUENCY FREQUENCY STABILITY: 10ppb TEMPERATURE RANGE: -40 to 85C 5.0V OPERATION HCMOS OUTPUT
PACKAGE CHARACTERISTICS
Package
TABLE 4.0 Metal package: resistive welded, grounded case, solder tinned pins.
ORDERING INFORMATION
Notes: 1) 2) 3) 4) 5) 6) 7) 8) Initial calibration @ 25C Frequency vs. temperature stability, referenced to 25C Allen Variance: 1 second, 100 average. Frequency vs. change in supply voltage Vcc = 5.0Vdc. Measured @ 25C. Measured @ -40C, within 10 minutes, referenced one hour after turn-on. Two HCMOS loads
AIOF5S3E
OCXO SERIES
- 12.800MHz
CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: Cx034 PAGE 1 OF 2 REV: 00 DATE: 7/30/02
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
ENVIRONMENTAL CHARACTERISTICS Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55C to 125C, 20 cycles, 10 minute dwell, 1minute transition. SOLDERING Pin Solderability: Per MIL-STD-883, Method 200. 8 hour steam age prior to 254C 5C Solder pot dip, 95% Coverage. MECHANICAL CHARACTERISTICS Vibration: Per MIL-STD-202, Method 204D, Condition A. 10G's peak, 10Hz to 500Hz, 15 minute cycles 12 times each perpendicular axis. Shock: Per MIL-STD-202, Method 213, Condition C. 100G's, 6ms, half sine, 3 shocks per direction. Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65C, 10 cycles 10C to 65C. Thermal Shock: Per MIL-STD-202, Method 107, Condition A, -55C to 85C.
TOP VIEW
I( W
0702
AIOF5S3E 12.800 MHz
Dimensional Tolerance: .005 (.127mm)
Pin 1 2 3 4 5
Connection Output Ground, Case N/C N/C Vcc
Specifications subject to change without notice. DATA SHEET #: Cx034 PAGE 2 OF 2 REV: 00 DATE: 7/30/02
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of AIOF5S3E-12800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X