|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UTC-W101 10.1" eService Touch Computer with Intel(R) AtomTM Processor Features Fanless Intel(R) AtomTM Z510P 1.1 GHz or Z530P 1.6 Hhz+ US15WP Architecture Low Power Consumption attributed to Intel(R) AtomTM eMenlow Architecture Providing Natural Viewing Experience with 16:9 10.1" WSXGA Display Instant Function Access through front programmable Capacitive Touch Hotkeys Top Cover Modules designed to applications, such as LED Lamp for Service Call Eye-catching Industrial Design perfectly blended into eServices scenarios Front panel complies with IP65/NEMA4 protection standard VESA 75mm Mounting Holes for Desktop Stand & Wall-Mount UL60601-1, IEC/EN60601-1 Certified Introduction UTC-W101 is an Intel(R) AtomTM based fan-less all-in-one PC with 10.1" wide format resistive touch-based LCD panel. Not only a cost effective, but also a versatile all-in-one solution to meet the vast demand emerging from market. Hot keys on bezel provide Instant function access, simple and elegant industrial design perfectly blended into eServices scenarios. Specifications CPU Chipset L2 Cache FSB Speed Memory Dimensions (W X H X D) Weight Front Panel Protection Storage Network (LAN) I/O Ports Stereo Speaker Microphone Bus expansion Operating Temperature Relative Humidity Shock EMC Safety Power Size/Type Max.Resolution Max. Color Pixel Pitch (mm) Brightness View Angle Backlight MTBF Intel(R) AtomTM 1.1 GHz or 1.6 Hhz Intel(R) AtomTM Silverthorne XL Z510P or Z530P + US15WP 512KB 400 Mhz DDR2 400/533 200pin SO-DIMM x 1 (Built-in 1 GB) 258 x 199 x 38.3mm (10.16" x 7.83" x 1.51") 1.2Kg (2.6lbs) IP65/NEMA 4 compliant Supports 1 x internal CompactFlash (Built-in 2G CompactFlash) 2 x Gigabit Ethernet ports, Wake on LAN, boot from LAN and LAN teaming supported 2 x COM ports 4 x USB V2.0 ports Mic-in/Line-out 2 x Gigabit Ethernet Ports 1W x 2 Built-in microphone x 1 Build-in mini PCI-e Wireless LAN card 0 ~ 40 C (32 ~ 104 F) 10 ~ 95% @ 40 C non-condensing 10 G peak acceleration (11 msec. duration) BSMI, CE, FCC Class B, CCC UL60601-1,IEC/EN60601-1 Certified CB, CE, UL 19V, 40W DC Adapter 10.1" TFT LCD with LED backlight 1024 x 600 262K 0.2175 (H) x 0.2088 (V) 200 CD/m2 90 (45(L), 45(R), 20(U), 45(Down)) 15,000 hrs Processor System Environmental Specifications Power Supply LCD Display Panel PCs All product specifications are subject to change without notice Last updated : 19-Jan-2010 UTC-W101 Dimensions 38.30 Unit: mm 257.72 224.84 198.98 127.28 206.07 Ordering Information Part No. UTC-W101E-RE UTC-W101E-R1E UTC-W101E-GE UTC-W101E-G1E 2070009515 9680004551 1757003202 9688000020 1757000022 1700001524 170203183C 1960044352N001 Description 10.1" AtomTM 1.6 GHz based fan-less eService Touch Computer with Resi. T/S, 1G RAM, 2G CF card 10.1" AtomTM 1.1 GHz based fan-less eService Touch Computer with Resi. T/S, 1G RAM, 2G CF card 10.1" AtomTM 1.6 GHz based fan-less eService Touch Computer w/o T/S, 1G RAM, 2G CF card 10.1" AtomTM 1.1 GHz based fan-less eService Touch Computer w/o T/S, 1G RAM, 2G CF card XPE for UTC-W101 V4.0 ENG/CHT/CHS/JPN Bluetooth module USB (2.0), BUB-204B AC ADAPTER DC19V/2.1A 40W FSP040-RA Medical Power Adapter +19V/49W MPU50-107 Medical AC 45W SPS MPU50-105 SINPRO Power Cord 3P UL 10A 125V 1.8M (US) Power Code 3P (WS-010+083) 183 cm (Europe) STAND-White FOR UTC-W101 Feature Details Protection To meet the requirements of a public environment, the front panel UTC-W101 complies with the IP65/NEMA 4 protection standard. Furthermore, the watchdog timer and power management features make the system secure and stable. The onboard hardware monitoring feature provides an automatic protection function, which prevents the CPU from becoming overheated. Fully-Integrated I/O A B C 198.98 D E F A: DC Inlet B: COM x2 C: USB 2.0 x4 D: LAN x2 E: AUDIO Inlet F: Power SW Online Download www.advantech.com/products |
Price & Availability of 9680004551 |