Part Number Hot Search : 
202050S 003901 AD5556 080020 P3002CA MX5306 EFM301 ATS03
Product Description
Full Text Search
 

To Download 941C12P1K-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
Oval Axial Leaded Capacitors
Type 941C flat, oval film capacitors are constructed with polypropylene film and dual metallized electrodes for both self healing properties and high peak current carrying capability (dV/dt). This series features low ESR characteristics, excellent high frequency and high voltage capabilities.
Double Metallized Polyester Polypropylene Metallized Polypropylene Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE). d W Max 850 Vdc and Higher
Construction
Specifications
Capacitance Range: .01 F to 4.7 F Voltage Range: 600 to 3000 Vdc (275 to 750 Vac, 60 Hz) Capacitance Tolerance: 10% Operating Temperature Range: -55 C to 105 C
*Full rated at 85 C, Derate linearly to 50% rated voltage at 105 C
Ratings
Catalog Cap. (F) .10 .15 .22 .33 .47 .68 1.0 1.5 2.0 3.3 4.7 .15 .22 .33 .47 .68 1.0 1.5 2.0 2.2 2.5 941C6P1K-F 941C6P15K-F 941C6P22K-F 941C6P33K-F 941C6P47K-F 941C6P68K-F 941C6W1K-F 941C6W1P5K-F 941C6W2K-F 941C6W3P3K-F 941C6W4P7K-F 941C8P15K-F 941C8P22K-F 941C8P33K-F 941C8P47K-F 941C8P68K-F 941C8W1K-F 941C8W1P5K-F 941C8W2K-F 941C8W2P2K-F 941C8W2P5K-F Part Number T W
L Max 1.625 1.625 T (41 mm) (41 mm) Max Min Min Note: Refer to Application Guide for test conditions. Contact us for other capacitance values, sizes and performance specifications
IRMS Typical Typical L 600 Vdc (275 Vac) .223 (5.7) .266 (6.8) .318 (8.1) .387 (9.8) .462 (11.7) .558 (14.2) .680 (17.3) .837 (21.3) .717 (18.2) .886 (22.5) 1.125 (28.6) .378(9.6) .458(11.6) .562(14.3) .674(17.1) .815(20.7) .679(17.2) .847(21.5) .990(25.1) 1.042(26.5) 1.117(28.4) .470 (11.9) .513 (13.0) .565 (14.3) .634 (16.1) .709 (18.0) .805 (20.4) .927 (23.5) 1.084 (27.5) 1.088 (27.6) 1.253 (31.8) 1.311 (33.3) .625 (15.9) .705 (17.9) .810 (20.6) .922 (23.4) 1.063 (27.0) 1.050 (26.7) 1.218 (30.9) 1.361 (34.6) 1.413 (35.9) 1.488 (37.8) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.811 (46.0) 2.126 (54.0) 2.126 (54.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.339 (34.0) 1.811 (46.0) 1.811 (46.0) 1.811 (46.0) 1.811 (46.0) 1.811 (46.0) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) .047 (1.2) .047 (1.2) .047 (1.2) .047 (1.2) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) .047 (1.2) .047 (1.2) .047 (1.2) .047 (1.2) .047 (1.2) .047 (1.2) 28 13 12 9 7 6 6 5 5 4 4 8 8 7 5 4 5 4 3 3 3 17 18 19 19 20 21 23 24 28 34 36 19 20 21 22 24 28 30 31 32 33 196 196 196 196 196 196 196 196 128 105 105 713 713 713 713 713 400 400 400 400 400 20 29 43 65 92 134 196 295 255 346 492 107 157 235 335 485 400 600 800 880 1000 2.8 4.4 4.9 6.1 7.6 8.9 9.9 12.1 13.1 17.3 18.7 6.4 7.0 8.3 10.8 13.3 12.7 15.8 19.8 20.4 21.2 d ESR (m) ESL (nH) dV/dt I peak (V/s) (A) Inches (mm) Inches (mm) Inches (mm) Inches (mm) 70 C
100 kHz
(A)
850 Vdc (450 Vac)
NOTE: Refer to Application Guide for test conditions. Contact us for other capacitance values, sizes and performance specifications CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com
Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
IRMS Typical Typical 70 C W L d ESR ESL dV/dt I peak 100 kHz Inches (mm) Inches (mm) Inches (mm) (m) (nH) (V/s) (A) (A) 1000 Vdc (500 Vac) .688 (17.5) 1.339 (34.0) .032 (0.8) 7 20 856 128 7.4 .782 (19.9) 1.339 (34.0) .040 (1.0) 7 21 856 188 8.1 .906 (23.0) 1.339 (34.0) .040 (1.0) 6 22 856 283 9.7 1.037 (26.3) 1.339 (34.0) .047 (1.2) 5 24 856 402 11.7 1.203 (30.5) 1.339 (34.0) .047 (1.2) 5 26 856 582 13.0 1.174 (29.8) 1.811 (46.0) .047 (1.2) 5 24 480 480 13.8 1.372 (34.8) 1.811 (46.0) .047 (1.2) 4 31 480 720 17.3 1.540 (39.1) 1.811 (46.0) .047 (1.2) 3 33 480 960 21.7 1200 Vdc (500 Vac) .709 (18.0) 1.339 (34.0) .032 (0.8) 9 20 1142 114 6.7 .815 (20.7) 1.339 (34.0) .040 (1.0) 7 21 1142 171 8.3 .938 (23.8) 1.339 (34.0) .040 (1.0) 7 23 1142 251 9.2 .946 (24.0) 1.811 (46.0) .040 (1.0) 7 21 640 211 10.0 1.069 (27.1) 1.811 (46.0) .047 (1.2) 7 28 640 301 10.9 1.225 (31.1) 1.811 (46.0) .047 (1.2) 6 30 640 435 13.0 1.423 (36.1) 1.811 (46.0) .047 (1.2) 5 32 640 640 15.9 1.582 (40.2) 2.126 (54.0) .047 (1.2) 4 36 502 754 19.7 1600 Vdc (630 Vac) .813 (20.6) 1.339 (34.0) .040 (1.0) 7 21 1427 143 8.3 .943 (23.9) 1.339 (34.0) .040 (1.0) 5 23 1427 214 11.0 1.095 (27.8) 1.339 (34.0) .047 (1.2) 7 24 1427 314 10.3 1.086 (27.6) 1.811 (46.0) .047 (1.2) 7 23 800 264 11.0 1.238 (31.4) 1.811 (46.0) .047 (1.2) 6 30 800 376 13.1 1.430 (36.3) 1.811 (46.0) .047 (1.2) 6 32 800 544 14.5 1.674 (42.5) 1.811 (46.0) .047 (1.2) 5 35 800 800 17.9 1.852 (47.0) 2.126 (54.0) .047 (1.2) 4 39 628 942 22.2 2000 Vdc (630 Vac) .561 (14.2) 1.339 (34.0) .629 (16.0) 1.339 (34.0) .703 (17.8) 1.339 (34.0) .797 (20.2) 1.339 (34.0) .917 (23.3) 1.339 (34.0) .928 (23.6) 1.811 (46.0) 1.057 (26.8) 1.811 (46.0) 1.227 (31.2) 1.811 (46.0) 1.408 (35.8) 1.811 (46.0) 1.436 (36.5) 2.126 (54.0) 1.545 (39.2) 2.126 (54.0) 1.797 (45.6) 2.126 (54.0) 3000 Vdc (750 Vac) .555 (14.1) 1.339 (34.0) .622 (15.8) 1.339 (34.0) .701 (17.8) 1.339 (34.0) .805 (20.4) 1.339 (34.0) .817 (20.7) 1.811 (46.0) .916 (23.3) 1.811 (46.0) 1.044 (26.5) 1.811 (46.0) 1.210 (30.7) 1.811 (46.0) .032 .032 .032 .040 .040 .040 .040 .047 .047 .047 .047 .047 .032 .032 .032 .040 .040 .040 .047 .047 (0.8) (0.8) (0.8) (1.0) (1.0) (1.0) (1.0) (1.2) (1.2) (1.2) (1.2) (1.2) (0.8) (0.8) (0.8) (1.0) (1.0) (1.0) (1.2) (1.2) 35 20 12 8 7 7 8 8 6 7 6 5 60 40 25 14 14 12 10 8 18 19 20 21 22 21 28 30 32 31 35 38 18 19 20 21 20 26 28 30 1712 1712 1712 1712 1712 960 960 960 960 754 754 754 2568 2568 2568 2568 1440 1440 1440 1440 38 57 80 116 171 144 211 317 451 422 513 754 26 39 57 85 68 98 144 216 2.8 4.1 5.7 7.7 9.1 9.8 10.1 11.3 14.4 13.9 15.8 19.4 2.2 2.9 4.0 5.8 6.3 7.4 9.0 11.2
Cap. (F) .15 .22 .33 .47 .68 1.0 1.5 2.0 .10 .15 .22 .33 .47 .68 1.0 1.5 .10 .15 .22 .33 .47 .68 1.0 1.5 .022 .033 .047 .068 .10 .15 .22 .33 .47 .56 .68 1.0 .010 .015 .022 .033 .047 .068 .10 .15
Catalog Part Number
T Inches(mm) .441(11.2) .535(13.6) .658(16.7) .790(20.1) .955(24.2) .803(20.4) 1.001(25.4) 1.169(29.7) .462(11.7) .568(14.4) .691(17.5) .575(14.6) .698(17.7) .854(21.7) 1.053(26.7) 1.088(27.6) .565 (14.3) .696 (17.7) .848 (21.5) .715 (18.2) .867 (22.0) 1.059 (26.9) 1.303 (33.1) 1.358 (34.5) .313 (7.9) .382 (9.7) .456 (11.6) .550 (14.0) .670 (17.0) .557 (14.1) .686 (17.4) .856 (21.7) 1.037 (26.3) .941 (23.9) 1.050 (26.7) 1.303 (33.1) .308 (7.8) .375 (9.5) .454 (11.5) .558 (14.2) .446 (11.3) .545 (13.8) .673 (17.1) .839 (21.3)
941C10P15K-F 941C10P22K-F 941C10P33K-F 941C10P47K-F 941C10P68K-F 941C10W1K-F 941C10W1P5K-F 941C10W2K-F 941C12P1K-F 941C12P15K-F 941C12P22K-F 941C12P33K-F 941C12P47K-F 941C12P68K-F 941C12W1K-F 941C12W1P5K-F 941C16P1K-F 941C16P15K-F 941C16P22K-F 941C16P33K-F 941C16P47K-F 941C16P68K-F 941C16W1K-F 941C16W1P5K-F 941C20S22K-F 941C20S33K-F 941C20S47K-F 941C20S68K-F 941C20P1K-F 941C20P15K-F 941C20P22K-F 941C20P33K-F 941C20P47K-F 941C20P56K-F 941C20P68K-F 941C20W1K-F 941C30S1K-F 941C30S15K-F 941C30S22K-F 941C30S33K-F 941C30S47K-F 941C30S68K-F 941C30P1K-F 941C30P15K-F
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com


▲Up To Search▲   

 
Price & Availability of 941C12P1K-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X