Part Number Hot Search : 
MC12206D 28M00 01ST7ST7 SOD1F2F2 AD7663 BL303 STPM10 LTC354
Product Description
Full Text Search
 

To Download 74VHC24404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC244
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
s s
s
s s
s
s
s
s s
HIGH SPEED: tPD = 3.9 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 244 IMPROVED LATCH-UP IMMUNITY LOW NOISE: VOLP = 0.9V (MAX.)
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74VHC244MTR 74VHC244TTR
DESCRIPTION The 74VHC244 is an advanced high-speed CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. G output enable governs four BUS BUFFERs. This device is designed to be used with 3 state memory address drivers, etc.
Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
Figure 1: Pin Connection And IEC Logic Symbols
November 2004
Rev. 3
1/12
74VHC244
Figure 2: Input Equivalent Circuit Table 2: Pin Description
PIN N 1 2, 4, 6, 8 9, 7, 5, 3 11, 13, 15, 17 18, 16, 14, 12 19 10 20 SYMBOL 1G 1A1 to 1A4 2Y1 to 2Y4 2A1 to 2A4 1Y1 to 1Y4 2G GND VCC NAME AND FUNCTION Output Enable Input Data Inputs Data Outputs Data Inputs Data Outputs Output Enable Input Ground (0V) Positive Supply Voltage
Table 3: Truth Table
INPUTS G L L H
X : Don`t Care Z : High Impedance
OUTPUT An L H X Yn L H Z
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 75 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current Storage Temperature Tstg TL Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 1) (VCC = 3.3 0.3V) (VCC = 5.0 0.5V) Parameter Value 2 to 5.5 0 to 5.5 0 to VCC -55 to 125 0 to 100 0 to 20 Unit V V V C ns/V
1) VIN from 30% to 70% of VCC
2/12
74VHC244
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 IOZ High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current 5.5 0 to 5.5 5.5 IO=-50 A IO=-50 A IO=-50 A IO=-4 mA IO=-8 mA IO=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = VIH or VIL VO = VCC or GND VI = 5.5V or GND VI = VCC or GND TA = 25C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.25 0.1 4 2.0 3.0 4.5 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 2.5 1 40 Typ. Max. Value -40 to 85C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.4 3.7 0.1 0.1 0.1 0.55 0.55 2.5 1 40 A A A V V Max. -55 to 125C Min. 1.5 0.7VCC 0.5 0.3VCC V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
VOH
II ICC
3/12
74VHC244
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3(*) 3.3
(*)
Value TA = 25C Min. Typ. 5.8 8.3 3.9 5.4 Max. 8.4 11.9 5.5 7.5 10.6 14.1 7.3 9.3 14.0 9.2 1.5 1.0 -40 to 85C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 10.0 13.5 6.5 8.5 12.5 16.0 8.5 10.5 16.0 10.5 1.5 1.0 -55 to 125C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 10.0 13.5 6.5 8.5 12.5 16.0 8.5 10.5 16.0 10.5 1.5 1.0 ns ns ns ns Unit
CL (pF) 15 50 15 50 15 50 15 50 50 50 50 50 RL = 1K RL = 1K RL = 1K RL = 1K RL = 1K RL = 1K
tPLH tPHL
Propagation Delay Time
5.0(**) 5.0(**) tPZL tPZH Output Enable Time 3.3(*) 3.3(*) 5.0(**) 5.0(**) tPLZ tPHZ tOSLH tOSHL Output Disable Time Output to Output Skew time (note 1) 3.3 5.0
(*) (**)
6.6 9.1 4.7 6.2 10.3 6.7
3.3(*) 5.0(**)
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V Note 1: Parameter guaranteed by design. tsoLH = |tpLHm - tpLHn|, tsoHL = |tpHLm - tpHLn|
Table 8: Capacitive Characteristics
Test Condition Symbol Parameter TA = 25C Min. CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) Typ. 4 6 19 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
4/12
74VHC244
Table 9: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 5.0 TA = 25C Min. Typ. 0.6 -0.9 CL = 50 pF 3.5 -0.6 Max. 0.9 V Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
5.0
V
5.0
1.5
V
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
Table 10: Test Circuit
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL =15/ 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
5/12
74VHC244
Figure 3: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
Figure 4: Waveform - Output Enable And Disable Time (f=1MHz; 50% duty cycle)
6/12
74VHC244
SO-20 MECHANICAL DATA
DIM. A A1 B C D E e H h L k ddd 10.00 0.25 0.4 0 mm. MIN. 2.35 0.1 0.33 0.23 12.60 7.4 1.27 10.65 0.75 1.27 8 0.100 0.394 0.010 0.016 0 TYP MAX. 2.65 0.30 0.51 0.32 13.00 7.6 MIN. 0.093 0.004 0.013 0.009 0.496 0.291 0.050 0.419 0.030 0.050 8 0.004 inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299
0016022D
7/12
74VHC244
TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 6.4 6.2 4.3 6.5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 6.6 6.6 4.48 0.002 0.031 0.007 0.004 0.252 0.244 0.169 0.256 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.260 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0087225C
8/12
74VHC244
Tape & Reel SO-20 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 13.2 3.1 3.9 11.9 12.8 20.2 60 30.4 11 13.4 3.3 4.1 12.1 0.425 0.520 0.122 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.433 0.528 0.130 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
9/12
74VHC244
Tape & Reel TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.8 6.9 1.7 3.9 11.9 12.8 20.2 60 22.4 7 7.1 1.9 4.1 12.1 0.268 0.272 0.067 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.276 0.280 0.075 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
10/12
74VHC244
Table 11: Revision History
Date 12-Nov-2004 Revision 3 Description of Changes Order Codes Revision - pag. 1.
11/12
74VHC244
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of 74VHC24404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X