Part Number Hot Search : 
KX7N10L TK12E60U SI532 UZ8850 22F1X RL107F 11001 BAS21D
Product Description
Full Text Search
 

To Download 560-120M-3DN-TP210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscilent Corporation | 560 Series VCXO - Voltage Control Crystal Oscillator
Page 1 of 2
VCXO Surface Mount Series Number Package Description Last Modified
560
FEATURES - 2.0mm low profile - Wave form symmetry of 40/60% - SMD Version - 3.3V operation (optional) - Tape and Reel - RoHs / Lead Free compliant
5 x 7 Ceramic SMD
HCMOS / TTL
Jan. 01 2007
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS Output Logic Input Voltage (VDD) Frequency Range (fO) Operating Temperature (TOPR) Storage Temperature (TSTG) Overall Frequency Stability CONDITIONS a+b+c+d (a) Frequency Tolerance (b) Temperature Stability (c) Input Voltage Stability (d) Load Stability Input Current (IDD) Aging Rise Time (TR) / Fall Time (TF) Pin 1 Control Voltage Range Output Voltage High "1" VOH Output Voltage Low "0" VOL Duty Cycle Start-Up Time (TS) Jitter Linearity @ 25C TTL Load HCMOS Load TTL Load HCMOS Load (One Sigma) 2.7 min. 0.4 max. 0.5 max. 50 10 (Std.) / 50 5 (Option) 10 max. 25 max. 20 (Std.) / 10 (Option) CHARACTERISTICS HCMOS / TTL Output 3.3 10% 1.5440 ~ 52.0 0 ~ +70 (Std.) / -40 ~ 85 (Option) -55 ~ +125 20, 25, 50, 100 max. Inclusive of Overall Stability Inclusive of Overall Stability (Operating Temperature) Inclusive of Overall Stability (VDD 5%) Inclusive of Overall Stability (RL 5%) 10 ~ 25 max. 3 max. 10 max. (0.4V to 2.4V / TTL; Waveform / HCMOS) 1.65 1.35 2.4 min. VDD-0.5 min. 2.5 2 15 ~ 35 max. 5.0 10% UNITS VDC MHz C C PPM mA PPM/Y nS V VDC VDC % ms ps %
PIN CONNECTIONS #1 Control Voltage
Oscilent Corporation | 560 Series VCXO - Voltage Control Crystal Oscillator
Page 2 of 2
#2 #3 #4
CASE GND OUTPUT VDD
PART NUMBER GUIDE
Series Number Frequency Voltage Supply Option Frequency Tolerance & Stability (max.) Operating Temp. (C) Duty Cycle Pulling Range Linearity
560
Oscilent VCXO
- 12.0 M
-3
D= E= F= G=
E
100 PPM 50 PPM 25 PPM 20 PPM
N
Blank* = 0~+70 N = -40~+85
-T
Blank*= 5010% T = 505%
P1
P1 = 50PPM P2 = 100PPM P3 = 150PPM
20
20 = 20% 10 = 10% 05 = 5%
Enter your desired 5 = 5VDC frequency e.g. 3 = 3.3VDC 12.0M for 12.000MHz
NOTE: - Deviations on all parameters available. Please consult Oscilent for details. DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic. *STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic. PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 560
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map


▲Up To Search▲   

 
Price & Availability of 560-120M-3DN-TP210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X