Part Number Hot Search : 
UF2003PT 90160 93334 31DQ10TR 90160 ZTACSMT 70ZFP PHC21025
Product Description
Full Text Search
 

To Download 554-120M-3DN-TP210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscilent Corporation | 554 Series VCXO - Voltage Control Crystal Oscillator
Page 1 of 2
VCXO Series Number Package Description Last Modified
554
FEATURES - Wide voltage control range - Wave form symmetry of 40/60% - HCMOS or TTL output
14 Pin DIP UM-1
HCMOS / TTL
Jan. 01 2007
- Industry standard DIP 14 pin lead spacing - RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS Output Logic Input Voltage (VDD) Frequency Range (fO) Operating Temperature (TOPR) Storage Temperature (TSTG) Overall Frequency Stability CONDITIONS a+b+c+d (a) Frequency Tolerance (b) Temperature Stability (c) Input Voltage Stability (d) Load Stability Input Current (IDD) Aging Rise Time (TR) / Fall Time (TF) Pin 1 Control Voltage Range Output Voltage High "1" VOH Output Voltage Low "0" VOL Duty Cycle Start-Up Time (TS) Jitter Linearity @ 25C TTL Load HCMOS Load TTL Load HCMOS Load (One Sigma) 2.7 min. 0.4 max. 0.5 max. 50 10 (Std.) / 50 5 (Option) 10 max. 25 max. (< 52MHz); 50 max (> 52MHz) 20 (Std.) / 10 , 5 (Option) CHARACTERISTICS HCMOS / TTL Output 3.3 10% 1.5440 ~ 155.520 0 ~ +70 (Std.) / -40 ~ 85 (Option) -55 ~ +125 10, 20, 25, 50, 100 max. Inclusive of Overall Stability Inclusive of Overall Stability (Operating Temperature) Inclusive of Overall Stability (VDD 5%) Inclusive of Overall Stability (RL 5%) 10 ~ 30 max. 1 max. 8 max. (0.4V to 2.4V / TTL; 20% to 80% / HCMOS) 1.65 1.35 2.4 min. VDD-0.5 min. 2.5 2 15 ~ 50 max. 5.0 10% UNITS VDC MHz C C PPM mA PPM/Y nS V VDC VDC % ms ps %
PIN CONNECTIONS
Oscilent Corporation | 554 Series VCXO - Voltage Control Crystal Oscillator
Page 2 of 2
#1 #7 #8 #14
Voltage Control CASE GND OUTPUT VDD
PART NUMBER GUIDE
Series Number Frequency Voltage Supply Option Frequency Tolerance & Stability (max.) Operating Temp. (C) Duty Cycle Pulling Range Linearity
554
Oscilent VCXO
- 12.0 M
-3
D= E= F= G= H=
E
100 PPM 50 PPM 25 PPM 20 PPM 10 PPM
N
Blank* = 0~+70 N = -40~+85
-T
Blank*= 5010% T = 505%
P1
P1 = 50PPM P2 = 100PPM P3 = 150PPM
20
20 = 20% 10 = 10% 05 = 5%
Enter your desired 5 = 5VDC 3 = 3.3VDC frequency e.g. 12.0M for 12.000 MHz
NOTE: - Deviations on all parameters available. Please consult Oscilent for details. DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic. *STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic. GULL WING: - Add -G for Gull Wing at end of part number PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 554
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map


▲Up To Search▲   

 
Price & Availability of 554-120M-3DN-TP210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X