Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download 552-1200M-3N-TP210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscilent Corporation | 552 Series VCXO - Voltage Control Crystal Oscillator
Page 1 of 2
VCXO Series Number Package Description Last Modified
552
FEATURES - Wide voltage control range - PECL output - RoHs / Lead Free compliant
14 Pin Dip 5 Contacts
PECL Output
Jan. 01 2007
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS Output Logic Input Voltage (VDD) Frequency Range (fO) Operating Temperature (TOPR) Storage Temperature (TSTG) Absolute Pull Range (APR) CONDITIONS (a) Frequency Tolerance (b) Temperature Stability (c) Input Voltage Stability (d) Load Stability Input Current (IDD) Aging Rise Time (TR) Fall Time (TF) External Control Voltage (Vc) Output Voltage High "1" VOH Output Voltage Low "0" VOL Load Duty Cycle Start-Up Time (TS) Jitter Linearity @ 25C 20% to 80% of Waveform 20% to 80% of Waveform PECL PECL 50% of Waveform RMS 0.3 ~ 3.0 VDD - 1.025 min. VDD - 1.620 max. 50 50 10 (50% of Waveform) 10 max. 3.5 max. 20 (Std.) / Custom Spec. Avail. CHARACTERISTICS Positive ECL Square Wave (PECL) 3.3 10% 5.0 10% UNITS VDC MHz C C PPM mA PPM/Y nS nS 0.5 ~ 4.5 VDC VDC VDC Ohms % mS ps %
19.440 ~ 180.0 (Inverted Mesa UM-1) 0 ~ +70 (Std.) / -40 ~ 85 (Option) -55 ~ +125 30 (Std.), 50, 75, 100 max. Inclusive of Overall Stability Inclusive of Overall Stability (Operating Temperature) Inclusive of Overall Stability (VDD 5%) Inclusive of Overall Stability (RL 5%) 80 max. 1 max. 2 max. 2 max. 120 max.
PIN CONNECTIONS #1 #7 Voltage Control GND
Oscilent Corporation | 552 Series VCXO - Voltage Control Crystal Oscillator
Page 2 of 2
#8 #9
OUTPUT Complimentary Output or Enable (low) /Disable (high)
#14 Vcc
PART NUMBER GUIDE
Series Number Frequency Voltage Operating Temp. ( Supply Option C) Duty Cycle Absolute Pulling Range Linearity Pin 9 Connection
552
Oscilent VCXO PECL
- 120.0 M
Enter your desired frequency e.g. 120.0M for 120.000 MHz
-3
5 = 5VDC 3 = 3.3VDC
N
Blank* = 0~+70 N = -40~+85
-T
Blank*= 5010% T = 505%
P1
P1 = 50PPM P2 = 100PPM P4 = 30PPM P5 = 75PPM
20
20 = 20% 10 = 10%
CO
TS = Enable (low) /Disable (high) CO = Complimentary Output
NOTE: - Deviations on all parameters available. Please consult Oscilent for details. DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic. *STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic. PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 552
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map


▲Up To Search▲   

 
Price & Availability of 552-1200M-3N-TP210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X