Part Number Hot Search : 
B7025M LPV1620 SM4495 SC470 FAN8042 F1030 B080005 102MP
Product Description
Full Text Search
 

To Download 47247-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS Molex offers the Po Go Pin Connector for speaker, battery, vibrator and antenna contact applications.
Pogo Pin 47244, 47245, 47247, 47261, 47282
Speaker, battery, vibrator and antenna contact applications are reducing in size due to miniaturization of these assembled applications. These applications demands robust, high cycle and small interconnect solutions to support repeated mechanical stress exerted on the connector during usage. The Pogo Connector has been designed to meet the needs of these applications. Due to its design, it gives a highly durable point-to-point contact when assembled. The pin height is flexible and can be made according to customers' request. Molex is able to provide solutions for a variety of configuration with different pitch size.
Features * High contact pressure when assembled * Small footprint * Flexible working height and wide range of configurations
Benefits * Ensure good contact during usage * Saving PCB real estate * Support wide range applications
SPECIIFICATIONS
Reference Information Packaging: Embossed Tape on Reel UL File No.: CSA File No.: Mates With: Designed In: mm Electrical Voltage: Refer to Order Table Current: Refer to Order Table Contact Resistance: 50 milliohms max. Dielectric Withstanding Voltage: Refer to Order Table Insulation Resistance: 100 Megohms min.
Mechanical Normal Force: Refer to Order Table Durability: Refer to Order Table Physical Housing: PA Polyamide (Nylon) 4/6, UL 94V-0 Contact: Copper (Cu) Alloy Plating: Contact Area -- Refer to Order Table Solder Tail Area -- Refer to Order Table Underplating -- Refer to Order Table Operating Temperature: -40C to +85C
MARKETS AND APPLICATIONS
Pogo Pin 47244, 47245, 47247, 47261, 47282
*
Mobile phones application, used widely in internal antenna contacts, battery contacts and speaker contacts.
Battery
Pogo Pins
Mobile Phone
Main Board Assembly Pogo Pins
Antenna
Pogo Pins
ORDERING INFORMATION
Features Lead-free Order number Description No. of Circuits Pitch Action Height Current (max) Voltage (max) Contact Resistance (ohms) 30 milliohms max. Plating Contact Under Plating Plating Tail Durability Normal Force- Contact Force min (per circuit) 10,000 cycles 0.88N (0.20lb) 90g Packaging Carrier Tape Quantity Width
47244-0001
2
3.50mm (.138")
7.80mm (.307")
2.0A
12V DC
0.3um (12u") Gold (Au)
Nickel (Ni)
0.1um (4u") Gold (Au)
300
24.00mm (.945")
47245-0001 Po Go Pin Connector, Surface Mount, Vertical 47247-0001
3
2.54mm (.001")
3.15mm (.124")
2.0A
60V DC
30 milliohms max.
0.1um (4u") Gold (Au)
1.27um (50u") Nickle (Ni)
Gold (Au)
20,000 cycles
0.44N (0.10lb)
90g
1600
16.00mm (.630")
4
3.00mm (.118")
4.70mm (.185")
2.0A
12V DC
25 milliohms max.
0.3um (12u") Gold (Au)
Nickel (Ni)
0.127um (5u") Gold (Au)
10,000 cycles
0.17N (0.04lb)
70g
1000
16.00mm (.630")
47261-0001 Po Go Pin Connector, Surface Mount, Right Angle
2
4.00mm (.157") 2.00mm (.079")
7.90mm (.311") 5.60mm (.220")
2.0A
12V DC
25 milliohms max. 30 milliohms max.
0.4um (16u") Gold (Au) 1.0um (40u") Gold (Au)
Nickel (Ni)
Gold (Au)
10,000 cycles 20,000 cycles
0.26N (0.06lb) 0.83N (0.19lb)
102g
350
24.00mm (.945") 24.00mm (.945")
47282-0001
4
3.0A
12V DC
Nickel (Ni)
Gold (Au)
85g
2500
Bringing People & Technology Together, WorldwideSM
Americas Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 1-800-78MOLEX amerinfo@molex.com Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com Corporate Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 630-969-4550
Visit our Web site at http://www.molex.com
Order No. SNG-053 (c)2006, Molex


▲Up To Search▲   

 
Price & Availability of 47247-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X