Part Number Hot Search : 
NTE928SM B1116 1205S HLM358S 030PAAA 170M6547 B1116 74HC65
Product Description
Full Text Search
 

To Download 3G62F-80M-27000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Frequency range 0.625MHz to 50.0MHz CMOS/TTL Output Supply Voltage 5.0 V or 3.3 VDC Integrated Phase Jitter 1ps typical Low cost unit DESCRIPTION G62 VCXOs, are packaged in a miniature 11.4mm x 9.6mm x 2.5mm 6 pad SMD package. Typical phase jitter for G series VCXOs is <1ps, output CMOS/TTL. G series VCXOs use fundamental mode crystal osccillators. Applications include phase lock loop, SONET/ATM, settop boxes, MPEG , audio/video modulation, video game consoles and HDTV. SPECIFICATION Frequency Range Vdd = +3.3VDC: 0.625MHz to 50.0MHz Vdd = +5.0VDC: 1.0MHz to 50.0MHz Supply Voltage: +3.3 VDC 5% or +5.0VDC5% Output Logic: TTL/HCMOS Integrated Phase Jitter: 1.0ps maximum 12kHz to 20MHz Period Jitter RMS: 2.0ps typical Period Jitter Peak to Peak: 14ps maximum Phase Noise: See table below Initial Frequency Accuracy Tune to the nominal frequency with: +3.3VDC: Vc= 1.65V 0.2V +5.0 VDC: Vc= 2.5V 0.2V Output Voltage HIGH (1): 90% Vdd minimum Output Voltage LOW (0): 10% Vdd maximum Control Voltage Centre +3.3VDC: 1.65V +5.0VDC: 2.5V Control Voltage Range +3.3VDC: 0.3V to 3.0V +5.0VDC: 0.5V to 4.5V Pulling Range +3.3VDC 80ppm to 120ppm (standard) +5.0VDC: 80ppm to 150ppm (200ppm available) Temperature Stability: See table Output Load: CMOS = 15pF, TTL = 2 gates Start-up Time: 10ms maximum, 5ms typical Duty Cycle: 50% 5% measured at 50% Vdd Rise/Fall Times: 0.7ns typical (15pF load) Current Consumption: 10 to 45mA, frequency dependent Linearity: 10% maximum, 6% typical Modulation Bandwidth: 10kHz minimum Input Impedance: 1 MW minimum Slope Polarity: Monotonic and Positive. (An (Transfer function) increase of control voltage always increases output frequency.) Storage Temperature: -50 to +100C Ageing: 5ppm per year maximum RoHS Status: Fully compliant FREQUENCY STABILITY Stability Code Stability ppm Temp. Range A 25 0~+70C B 50 0~+70C C 100 0~+70C D 25 -40~+85C E 50 -40~+85C F 100 -40~+85C If non-standard frequency stability is required Use `I' followed by stability, i.e. I20 for 20ppm
G62 CMOS VCXO
11.4 x 9.6 x 2.5mm 6 pad SMD
OUTLINE & DIMENSIONS
PHASE NOISE Offset 10Hz 100Hz 1kHz 10kHz 1MHz Frequency 27.0MHz -70dBc/Hz -105dBc/Hz -132dBc/Hz -142dBc/Hz -150dBc/Hz
PART NUMBERING Example: Supply Voltage 3 = +3.3V 5 = +5.0V Series Designator G62 Stability over temperature range (See table) Pullability in ppm Pullability determinator N = minimum M = maximum T = Typical Frequency in MHz
3 G62 B-80N-27.000
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 3G62F-80M-27000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X