Part Number Hot Search : 
M54537FP BT8060KC 2M62Z SY5PA 220203 KDR411 SE97TK B0512BA1
Product Description
Full Text Search
 

To Download 2SC5002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PML package *High voltage switching
APPLICATIONS
2SC5002
*Display horizontal deflection output; switching regulator general purpose
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 7 14 3.5 80 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5002
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=10mA; IB=0 IC=5A;IB=1.2A IC=5A;IB=1.2A VCB=1200V ;IE=0 VCB=1500V; IE=0 VEB=6V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IE=-0.5A ; VCE=12V VCB=10V;f=1MHz 8 4 4 100 9 MHz pF MIN 800 5 1.5 100 1 100 TYP. MAX UNIT V V V A mA A SYMBOL V(BR)CEO VCEsat VBEsat ICBO1 ICBO2 IEBO hFE-1 hFE-2 fT COB
Switching times tstg tf Storage time Fall time IC=4A;IB1=0.8A; IB2=-1.6A;RL=50A VCC=200V 4.0 0.2 s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5002
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5002
4


▲Up To Search▲   

 
Price & Availability of 2SC5002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X