Part Number Hot Search : 
CS120 HMC154S8 1SMA10 22182 D240SC6M SB330 4HCT40 BSS214
Product Description
Full Text Search
 

To Download 1N4747 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
1W SILICON PLANAR ZENER DIODES DO-41(GLASS)
FEATURES
Silicon planar power zener diodes For use in stabilizing and clipping circuits with high power rating. Standards Zener voltage tolerance is 10%. Add suffix "A" for request 5% tolerance Other tolerance available upon
0.102(2.6) MAX DIA
1.102(28) MIN
0.161(4.1) MAX
MECHANICAL DATA
Case: DO-41 glass case Weight: Approx. 0.35 gram
0.034(0.86) MAX DIA 1.102(28) MIN
Dimensions in inches and (millimeters)
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (TA=25 C)
Zener current see table "Characteristics" Power dissipation at TA=25 C Junction temperature Storage temperature range
Ptot TJ TSTG
11) 175 -65 to+175
mW
C C
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRICAL CHARACTERISTICS (TA=25 C)
Thermal resistance junction to ambient air Forward voltage at IF=200mA
RthA VF
1701) 1.2
C /W V
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
Nominal Zener 3) Voltage
Test Current
1)
Surge current
Maximum regulator Current 2)
1N4728 1N4729 1N4730 1N4731 1N4732 1N4733 1N4734 1N4735 1N4736 1N4737 1N4738 1N4739 1N4740 1N4741 1N4742 1N4743 1N4744 1N4745 1N4746 1N4747 1N4748 1N4749 1N4750 1N4751 1N4752 1N4753 1N4754 1N4755 1N4756 1N4757 1N4758 1N4759 1N4760 1N4761 1N4762 1N4763 1N4764
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
10 10 9 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 3000 1500 1000 0.25 750 700 0.5 500 550 600 1.0 400
100 50
1.0 1.0 1.0 1.0 1.0 1.0 2.0
1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45
276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9
10
3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6
5
22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
Notes: 1) The Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. 2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature 3) Measured under thermal equilibrium and DC test conditions.
Admissible power dissipation versus ambient temperature (Valid provided that leads at a distance of 10mm from case are kept at ambient temperature)
W 1.0
1N4728...1N4764
Ptot
0.8
0.6
0.4
0.2
0 0 100 Tamb 200 C


▲Up To Search▲   

 
Price & Availability of 1N4747

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X