|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Radial Box Metallized Polyester Capacitors for Automatic Insertion Type 168/185 Metallized Polyester Radial Lead Capacitors The Type 168/185 series radial lead metallized polyester box capacitors are available in bulk (Type 168) or on ammo pack or tape and reel (Type 185). These capacitors are constructed in rugged rectangular plastic cases and all come with 5.0 mm (0.197") lead spacing. They are good for general purpose applications such as bypass, decoupling, energy storage/discharge and arc suppression. Highlights * * * * * * * Case and epoxy fill meets UL94V-0 5.0 mm (0.197") lead spacing Bulk, tape and reel or ammo pack Non-inductively wound Non-polar Low leakage Lead material: Tinned copper wire Specifications RoHS Compliant Capacitance Range: 0.001 F to 1.0 F Voltage Range: 50 Vdc to 400 Vdc (30 Vac to 200 Vac, 60 Hz) Capacitance Tolerance: 5%, 10%, 20% Operating Temperature Range: -55 C to +125 C (with 50% Vdc derating >85 C) Dielectric Withstand Voltage: 1.6 x rated voltage for 2 sec @ +25 C 5 C Dissipation Factor (DF): tan x 10 -4 at 25 C 5 C kHz 1 10 100 C 0.1 F C > 0.1 F 100 150 300 100 150 Total Self Inductance (L): Approximately 7 nH Long Term Stability (after two years): Capacitance change C/C 3% under standard environmental conditions Maximum Pulse Rise Time (dv/dt): Vn 50 63 100 250 400 V/s 250 250 300 400 600 If the working voltage (V) is less than the nominal voltage (Vn), the capacitor can work at higher dv/dt. In this case, the maximum value allowed is obtained by multiplying the above value with the ratio Vn/V. CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com Type 168/185 Metallized Polyester Radial Lead Capacitors Capacitor Outline Drawing L Max H Max .217 .039 (5.5 1.0 mm) Test Method and Performance Test Conditions Insulation Resistance Temperature: 25 C 5 C Voltage Charge Time: 1 minute Voltage Charge: 10 Vdc for Vn < 100 Vdc 100 Vdc for Vn 100 Vdc Performance For Vn > 100 Vdc: C 0.33 F, 15,000 M C > 0.33 F, 5,000 S For Vn 100 Vdc: C 0.33 F, 30,000 M C > 0.33 F, 10,000 S Damp Heat Test Test Conditions Temperature: +40 C Relative Humidity: 95% Test Duration: 21 days Performance Capacitance Change C/C: 5% DF Change tg: 0.005 (10 KHz) Insulation Resistance: 50% of limit value Life Test Test Conditions REF Temperature: +85 C Test Duration: 2000 hrs Voltage Applied: 1.25 x Vn Performance Capacitance Change C/C: 2% DF Change tg: 30 x 10-4 at 10 kHz Insulation Resistance: 50% of limit value Max T S .015 (0.4 mm) Od .002 (0.05) Lead length shown is as supplied on the 168 Series Soldering Test Conditions Soldering Temperature: 260 C 5 C Soldering Duration: 10 sec 1 sec Performance Capacitance Change C/C: 2% DF Change tg: 30 x 10-4 at 10 kHz Insulation Resistance: limit value Ratings Catalog Part Number 168104*50A-F 168154*50A-F 168224*50C-F 168334*50C-F 168474*50H-F 168684*50F-F 168824*50G-F 168105*50G-F 168473*63A-F 168563*63A-F 168683*63A-F 168823*63A-F 168104*63A-F 168154*63C-F 168184*63C-F 168224*63C-F 168274*63C-F 168334*63H-F 168474*63H-F 168684*63F-F Tape & Reel Ammo Pack 185104*50#A>-F 185154*50#A>-F 185224*50#C>-F 185334*50#C>-F 185474*50#H>-F 185684*50#F>-F 185824*50#G>-F 185105*50#G>-F 185473*63#A>-F 185563*63#A>-F 185683*63#A>-F 185823*63#A>-F 185104*63#A>-F 185154*63#C>-F 185184*63#C>-F 185224*63#C>-F 185274*63#C>-F 185334*63#H>-F 185474*63#H>-F 185684*63#F>-F Cap (F) 0.10 0.15 0.22 0.33 0.47 0.68 0.82 1.00 0.047 0.056 0.068 0.082 0.10 0.15 0.18 0.22 0.27 0.33 0.47 0.68 L T Inches H S Od L 50 Vdc / 30 Vac Millimeters T H S Od RoHS Compliant 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 6.5 5.0 0.5 6.5 5.0 0.5 7.5 5.0 0.5 7.5 5.0 0.5 7.5 5.0 0.5 0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6 0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6 0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6 63 Vdc / 40 Vac 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.177 0.374 0.197 0.024 7.2 4.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 7.5 5.0 0.5 7.5 5.0 0.5 7.5 5.0 0.5 6.5 5.0 0.5 7.5 5.0 0.5 7.5 5.0 0.5 9.5 5.0 0.6 168105*63G-F 185105*63#G>-F 1.00 0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6 * Indicates capacitance tolerance: J = 5%, K = 10%, M = 20% # Indicates packaging type: R = Tape and Reel, A = Ammo Pack > Indicates tooling code: A = 16.5 mm, B = 18.5 mm (See H dimension in taping specifications) CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com Type 168/185 Metallized Polyester Radial Lead Capacitors Catalog Part Number 168102*100A-F 168152*100A-F 168222*100A-F 168272*100A-F 168332*100A-F 168392*100A-F 168472*100A-F 168562*100A-F 168682*100A-F 168822*100A-F 168103*100A-F 168153*100A-F 168183*100A-F 168223*100A-F 168273*100A-F 168333*100C-F 168393*100C-F 168473*100C-F 168683*100H-F 168104*100H-F 168154*100F-F 168224*100G-F 168332*250A-F 168472*250A-F 168682*250A-F 168103*250A-F 168153*250A-F 168223*250C-F 168333*250C-F 168473*250F-F 168683*250F-F 168104*250G-F 168102*400A-F 168152*400A-F 168222*400A-F 168332*400C-F 168472*400C-F 168682*400C-F 168103*400F-F 168153*400F-F 168223*400G-F Tape & Reel Ammo Pack Cap (F) L T Inches H S Od L 100 Vdc / 63 Vac 185102*100#A>-F 0.0010 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185152*100#A>-F 0.0015 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185222*100#A>-F 0.0022 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185272*100#A>-F 0.0027 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185332*100#A>-F 0.0033 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185392*100#A>-F 0.0039 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185472*100#A>-F 0.0047 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185562*100#A>-F 0.0056 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185682*100#A>-F 0.0068 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185822*100#A>-F 0.0082 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185103*100#A>-F 185153*100#A>-F 185183*100#A>-F 185223*100#A>-F 185273*100#A>-F 185333*100#C>-F 185393*100#C>-F 185473*100#C>-F 185683*100#H>-F 185104*100#H>-F 185154*100#F>-F 185224*100#G>-F 0.010 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.068 0.10 0.15 0.22 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.177 0.374 0.197 0.024 7.2 4.5 250 Vdc / 160 Vac 185332*250#A>-F 0.0033 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185472*250#A>-F 0.0047 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185682*250#A>-F 0.0068 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185103*250#A>-F 185153*250#A>-F 185223*250#C>-F 185333*250#C>-F 185473*250#F>-F 185683*250#F>-F 185104*250#G>-F 185102*400#A>-F 0.010 0.015 0.022 0.033 0.047 0.068 0.100 0.001 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.098 0.256 0.197 0.020 7.2 2.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.177 0.374 0.197 0.024 7.2 4.5 0.283 0.177 0.374 0.197 0.024 7.2 4.5 0.283 0.197 0.394 0.197 0.024 7.2 5.0 400 Vdc / 200 Vac 0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 7.5 5.0 0.5 7.5 5.0 0.5 9.5 5.0 0.6 10 5.0 0.6 185152*400#A>-F 0.0015 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185222*400#A>-F 0.0022 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185332*400#C>-F 0.0033 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185472*400#C>-F 0.0047 0.283 0.098 0.256 0.197 0.020 7.2 2.5 185682*400#C>-F 0.0068 0.283 0.138 0.295 0.197 0.020 7.2 3.5 185103*400#F>-F 185153*400#F>-F 185223*400#G>-F 0.010 0.015 0.022 0.283 0.138 0.295 0.197 0.020 7.2 3.5 0.283 0.177 0.374 0.197 0.024 7.2 4.5 0.283 0.197 0.394 0.197 0.024 7.2 5.0 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 7.5 5.0 0.5 7.5 5.0 0.5 9.5 5.0 0.6 9.5 5.0 0.6 10 5.0 0.6 Millimeters T H S RoHS Od Compliant 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 6.5 5.0 0.5 9.5 5.0 0.6 0.283 0.197 0.394 0.197 0.024 7.2 5.0 10.0 5.0 0.6 * Indicates capacitance tolerance: J = 5%, K = 10%, M = 20% # Indicates packaging type: R = Tape and Reel, A = Ammo Pack > Indicates tooling code: A = 16.5 mm, B = 18.5 mm (See H dimension in taping specification) CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com Type 168/185 Metallized Polyester Radial Lead Capacitors Tape Specification - 5.0 mm Lead Spacing Standard EIA-468-B Item Lead-to-Lead Distance Feed Hole Pitch Pitch of Component Hole Center to Lead Feed Hole Center to Component Center Component Alignment, F-R Tape Width Hold-down Tape Width Hole Position Hold-down Tape Position Height of Component from Tape Center Feed Hole Diameter Code Millimeters P P0 P1 P2 P3 5.0+0.6 -0.2 12.7 12.7 0.3 1.0 Inches .197+.024 -.040 .5 .012 .5.039 .152.028 .250.051 0.079 .709+.039 -.004 .236 min .355+.030 -.001 .118 Max > .157.012 Case Thickness Quantity Quantity T Reeled Ammo Pack 2.5 3.5 4.5 5 6 2500 1800 1400 1200 1000 2000 1500 1300 1000 800 3.850.7 6.351.3 h 02.0 W 18+1.0 -0.1 W0 6.0 min W1 9.0+0.75 -0.05 W2 3.0 Max H D0 > 4.00.3 > The H dimension depends on the insertion equipment used. Specify the proper tooling code as indicated below. Tooling Code A B 16.5 H Dimensions Millimeters 0.75 Inches .6790.030 .7280.030 18.50.75 Part Numbering System for Auto Insertion 168/185 104 K 100 R Packaging Type Series 185 Capacitance 102 = .001 F 103 = .01 F 104 = .1 F 105 = 1.0 F Tolerance J = 5% K = 10% M = 20% Voltage 50 = 50 Vdc 63 = 63 Vdc 100 = 100 Vdc 250 = 250 Vdc 400 = 400 Vdc (#) A = Ammo R = Tape & Reel Internal Code Letter H B *Tooling Code (>) A B -F RoHS Compliant Designation * Tooling code (>) depends on the users insertion equipment requirements. See table for available options. CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com |
Price & Availability of 185102K400AHA-F |