Part Number Hot Search : 
14D151 AD9752 GL8U100 B3762 C1104 100CT BUL382D 74VHC14T
Product Description
Full Text Search
 

To Download 17JE-13090-37-FA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 17JE Series
Straight DIP Type
FEATURE
RoHS Compliant
DIP-type connector mounted directly on PCB. Con -
tact tail is straight, allowing vertical mounting of connector on PCB. Number of contacts : 9, 15, 25 and 37 Press-fabricated contacts. Standard surface finish ing of contacts : Connections Au-plated (0.4 ) on Ni-substrata, tails Sn-Ag plated. To fasten engagement with counterpart, an engaging block and a hexagon-head nut can be attached, allowing connection of PCB's and metal shell's grounding and improving resistance against EMI.
SPECIFICATION
Voltage Rating Current Rating Dielectric Withstanding Voltage Insulation Resistance Contact Resistance Temperature 300V AC (r.m.s.) 5A/Contact 1,000V AC (r.m.s.) for 1 minute 1,000M min. at 500V DC 15mmax. 25 to 85
17JE
MATERIAL/FINISH
P/N Block Shell Contact Eyelet Steel/Nickel Plating Copper alloy/Mating area : 0.4m, Gold over Nickel Plating Tail area : Sn-Ag over Nickel Plating Brass/Nickel Plating MATERIAL/FINISH Polyamide resin (UL94V-0)/Black
5
17JE Series
Unit : mm
17JE-13250-37-FA
NO.OF.CONTACTS 09, 15, 25, 37
Type
A B 2-3.1 0.1
(REAR MOUNTING)
B H min. 2-3.2 0.1
12.5
U I
4-R3.2 11.4 min.
n-1 0.1 2-3.2 0.1
10
Panel cut-out dimensions Panel Thickness : 0.8 to 1.3
17JE
0.3 6.1 2.9 6.9
7.8
3.2
0.7
1.0 C
0.5
2.84
D E
G
F 0.1 E 0.1
Dia. Hole
2.84 0.1
9
E 0.1 D 0.1 B 0.1
G
F
P.C.B. Mounting Dimensions
(REFERENCE)
P/N 17JE-13090-37-FA 17JE-13150-37-FA 17JE-13250-37-FA 17JE-13370-37-FA
A 30.8 39.1 53.0 69.3
B 24.99 33.32 47.04 63.50
C 18.99 27.32 41.04 57.50
D 10.98 19.20 33.12 49.68
E 2.74 2.74 2.76 2.76
F 8.22 16.44 30.36 46.92
G 1.37 1.37 1.38 1.38
H 20.5 28.8 42.5 59.1
6
17JE Series
Unit : mm
17JE-13250-37(D2A)-FA
NO.OF.CONTACTS 09, 15, 25, 37 DEVIATION With Locking Device and Pan head Screw
J B
Thread Size A :M2.6x0.45 B :M3x0.5 C :4-40UNC
12.5
7.8
0.3
6.1 6.3
17JE
0.7 C A
D E
1.0
3.2
0.5 2.84
Type
K min. 9 13 min.
4-R1
* Connector cannot be fixed on panel.
G F
No.of Contacts 09 15 25 37
A 30.8 39.1 53.0 69.3
B 24.99 33.32 47.04 63.50
C 18.99 27.32 41.04 57.50
D 10.98 19.20 33.12 49.68
E 2.74 2.74 2.76 2.76
F 8.22 16.44 30.36 46.92
G 1.37 1.37 1.38 1.38
J 33.09 41.42 55.42 71.60
K 34.09 42.42 56.14 72.60
7
17JE Series
Unit : mm
Mounting Straight DIP Type
( stands for type of engaging screw.)
Reference drawing of panel mounting hole
Screw
PCB
Screw
Panel Stud Connector
Stud Connector 4-R1
K min.
* Connector cannot be fixed on panel.
Stud (17L-002)
PCB
Nut
6.1
Connector Jack socket
Nut
Spacer
Earth plate (Board Lock)
Type
10 +0.3 -0 2-3.2 0.1 B 0.1 H min. 4-R3.2 11.4 min. 10 6.5 0.2 L min. M 0.3
R
4-R2.5 B 0.1
17JE
Jack Socket (17L-0031)
Square-head nut PCB thickness : t=1.6
* Connector cannot be fixed on panel.
Earth plate (Board Lock) Nut 4.8 Connector Jack socket Nut Spacer
Type
(REAR MOUNTING)
Jack Socket (17L-0033)
: Jack socket thread size :M2.6x0.45(Standard) :M3x0.5 :#4-40UNC
Square-head nut
Connector Cambetixed an Panel (Panel thicknees :0.8 to 1.3)
No.of Contacts 9 15 25 37
B 24.99 33.32 47.04 63.50
H 20.5 28.8 42.5 59.1
K 34.09 42.42 56.14 72.60
L 31.0 39.3 53.2 69.5
M 18.5 26.8 40.5 57.0
8
13 min.
Spacer
Panel
Type
17JE Series
Unit : mm
List of Straight Type Deviations
(Shows combinations of ground tab/spacers and stud/jack sockets). * "Equipped with" as used here means that connector has an accessory built in. "Bundled (not built in)" as used here means that connector is supplied with an accessory not built in but bundled with it
17JE-130-37-FA 17JE-230-37-FA
Designations of Ground Tab and Spacer Stud Jack Socket Designation 17L-002
With locking device and pan head screw and 17L-002 17JE-130-37(D2)-FA
17J-011-FA Board Lock
57D-149-6A Spacer
3.3

Type1 Type not fastened to panel from both sides
3.6
6.5
Type not fastened to panel from both sides
6.1
Type2
17L-0031
Equipped With M3 hexagon With M3 hexagon nut and 17L-0031 nut and 17L-0031 17JE-130-37(D3)-FA 17JE-130-37(D23)-FA
17JE
M3
17L-0032-CF
6.1
Equipped With M3 hexagon nut and 17L-0032-CF 17JE-130-37(D28)-CA
17L-0034-CF
12 6.1
13
M3
Equipped With M3 hexagon nut and 17L-0034-CF 17JE-130-37(D16)-CA
M3
Type3 Type fastened to panel from both sides (panel thickness : 1.3 max.)
17L-0033
With Jack Sockets and hexagon nut 17L-0033 17JE-130-37(D4)-FA Equipped With M3 hexagon nut and 17L-0033 17JE-130-37(D31)-FA
4.8
7.8
M3
With Jack Sockets and 17L-0033 17JE-130-37(D36)-FA Equipped With M3 hexagon nut and 17L-0036-CF 17JE-130-37(D71)-CA With Jack Sockets and 17L-0036-CF 17JE-130-37(D30)-CA
stands for type of engaging screw. :M2.6x0.45(Standard) :M3x0.5 :#4-40UNC
17L-0036-CF
4.8
13
M3
Stands for on combination.
is recommended.
9


▲Up To Search▲   

 
Price & Availability of 17JE-13090-37-FA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X