Part Number Hot Search : 
CPC19 BZX55C LT110 1N5453A ICX207AK 21FQ030 2SB80 BUK710
Product Description
Full Text Search
 

To Download 16ST8515-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 BASE-T TRANSFORMER
Bothhandusa.com
P/N:16ST8515 LF DATA SHEET
Feature ! ! ! ! ! !
Turns Ratio (5%) TX 16ST8515 LF 1CT:1CT RX 1CT:1CT
Designed for 10/100 MB/s transmission over UTP-5 cable. Cable interface for isolation and low common mode Emissions. Lead free for external pins. 16-PIN SMD package, pick and place compatible. Operating temperature range: 0 to +70. Storage temperature range: -25 to +125.
OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350 Rise Time 10-90% (nS Typ) 2.5
Electrical Specifications @ 25C
Part Number CW/W (pF Max) 28 L.L (uH Max) 0.6 HI-POT (Vrms) 1500
Continue
Part Number Insertion Loss (dB Max) 0.3-100MHz 16ST8515 LF -1.15 Return Loss (dB Min) Cross talk (dB Min) DCMR TX/RX(dB Min) 60MHz 100MHz -35/-30 -28/-25
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-60MHz 60-100MHz 30MHz -16 -14 -13.5 -13 -12 -45 -35 -42/-40
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of 16ST8515-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X