Part Number Hot Search : 
NE612AN KBU3506 805SF FR105 CL766 1N5924B 1005C 3562A
Product Description
Full Text Search
 

To Download 126PMC400KP0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMC
* * * *
Metallized Polypropylene Film Capacitors for Switching Circuits
* Induction Heaters * High frequency * High current
Switching capacitor for industrial controls Motor Speed Controls SMPS Resonant circuit
Operating Temperature Range Capacitance Tolerance VDC 250
400 160
-40C to +85C +/- 10% at 1kHz, 20C 330
500 200
400
600 250
600
800 330
700
1000 400
Rated Voltage
SVDC VAC
Dissipation Factor (max) at 20C. Insulation Resistance @20C(<70% RH) for 1 minute at 100VDC Peak Current - Ipeak (Non-repetitive) Dielectric Strength Self inductance Capacitance drift Temperature Coefficient Life Expectancy
Capacitance change (typical) -5%
Freq (kHz)
1
C 5F
.05%
5F.08% >30,000M x F not to exceed 30,000M
C>25F
.1%
Ipeak
= 1.5*C*dv/dt Maximum
200% of rated VDC for 10 seconds at 20C between leads, 3KV at 60Hz for 60 seconds between leads and case. <1nH/mm along capacitor pitch. <1.0% up to 40C after 2 years -200ppm/C +/- 100ppm/C 30,000 hours @VAC at 70C 100,000 hours @ WVDC at 70C 300/billion component hours Polypropylene Vacuum deposited metal layers Metallized film Copper leads. Solvent resistant plastic box (UL 94V-1) with epoxy end fills (UL 94V-0)
Failure rate Dielectric Electrodes Construction Leads Coating
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
1
PMC
F WVDC (VAC) 250 (160) 330 (200)
+85C Metallized Polypropylene Film Capacitors
PHYSICAL DIMENSIONS
400 (250) 600 (330) 700 (400)
1.5 2 2.5 3 3.3 4 4.7 5 6.8 8 9 10 12.5 15 20 22 25 30 33 35 40 50 60 57.5x50x35 57.5x50x35 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 42.5x45x33 42.5x45x33 57.5x50x35 57.5x50x35 42.5x35.5x33.5 42.5x45x33 42.5x45x33 57.5x45x30 57.5x45x30 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 42.5x45x33 57.5x45x30 57.5x50x35 57.5x50x35 42.5x45x33 57.5x45x30 57.5x50x35 57.5x50x35 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33
42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 42.5x45x33 42.5x45x33 57.5x45x30 57.5x50x35 57.5x50x35
Convert to inches, divide by 25.4
LxHxT (mm)
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER Maximum RMS Typical ESR dv/dt Ripple Current m 100kHz, (v/s) @100kHz, +70C (A) +25C Dimensions LxHxT (mm)
Capacitance WVDC (F)
PART NUMBER
Maximum RMS Typical ESR dv/dt Ripple Current m 100kHz, (v/s) @100kHz, +70C (A) +25C
Dimensions LxHxT (mm)
1.5 2 2.5 2.5 3 3 3.3 3.3 4 4 4 4.7 4.7 5 5 5 6.8 6.8 6.8 8 9 9 10 10
700 155PMC700K#P2 70 700 205PMC700K#P2 70 600 255PMC600K#P2 55 700 255PMC700K#P1 70 600 305PMC600K#P2 55 700 305PMC700K#P1 70 600 700 335PMC600K# 335PMC700K# 55 70
12 16 16 20.5 17 21.5 17 22 17 23 25.5 24 27 18.5 24 27 18.5 23.5 27.5 25.5 30 26.5 19 25.5
5.3 3.8 3.8 3.3 3.4 3 3.3 2.9 3.2 2.6 2.5 2.4 2.2 2.8 2.4 2.2 2.8 2.4 2.1 3.5 1.8 3.2 2.6 2
42.5x27.5x24.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 42.5x35.5x33.5 42.5x45x33 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 57.5x50x35 42.5x45x33 57.5x50x35 42.5x27.5x24.5 42.5x35.5x33.5
10 12.5 12.5 15 15 15 15 20 20 20 22 22 22 25 25 25 30 30 33 35 35 40 50 60
600 600 330 600 330 400 250 330 400 330 400 330 250 330 330 250 250
106PMC600K# 126PMC600K# 156PMC330K# 156PMC600K# 206PMC330K# 206PMC400K# 226PMC250K# 226PMC330K# 226PMC400K# 256PMC330K# 256PMC400K# 306PMC330K# 336PMC250K# 356PMC330K# 406PMC330K# 506PMC250K# 606PMC250K#
30 30 30 30 30 20 25 30 20 17 20 17 25 17 17 15 15
23.5 29 26 24.5 26.5 30 27.5 27 29.5 26.5 27.5 30.5 29 28 26.5 30 30 27.5 31 31 31 32.5 33 34.5
3.8 1.9 3.3 2.2 2 1.8 3 1.9 1.8 2.8 1.9 1.7 2.7 1.8 2.7 2.5 1.7 2.6 1.7 1.7 2.3 2.1 2.1 1.9
57.5x45x30 42.5x45x33 57.5x50x35 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 57.5x50x35 42.5x35.5x33.5 42.5x45x33 57.5x45x30 42.5x35.5x33.5 42.5x45x33 57.5x50x35 42.5x35.5x33.5 57.5x45x30 57.5x50x35 42.5x45x33 57.5x45x30 42.5x45x33 42.5x45x33 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35
400 126PMC400K#P0 40 250 156PMC250K#P1 25 400 156PMC400K#P0 40 250 206PMC250K#P1 25
400 405PMC400K#P2 40 600 405PMC600K#P1 55 700 405PMC700K#P0 70 600 700 475PMC600K# 475PMC700K# 55 70
400 505PMC400K#P2 40 600 505PMC600K#P1 55 700 505PMC700K#P0 70 330 685PMC330K# 30 400 685PMC400K#P1 40 600 685PMC600K#P0 55 700 700 805PMC700K# 905PMC700K# 40 40 600 905PMC600K#P0 55 250 106PMC250K#P2 25 400 106PMC400K#P1 40
250 256PMC250K#P1 25
250 306PMC250K#P0 25
250 356PMC250K#P0 25
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
PMB, PMC
P1 13.70.3 17.2 max. 70.2 70.2 P2
Direct Mount Lug Termination Styles
STYLE DRAWINGS
Style S / T
6 min. 0.80.1 L
Style V/ W
0.80.1
61
10 max.
H 61 5.51 70.2 P2 P1 L 56.5 max. P1 2.3 max.
H
6 min. 13.70.3
B
L
B
Style F/G
0.80.1
Style B (Not available for L=57.5 mm)
6 min. 0.80.1 17.5 max. 6 min. 0.60.4 H 13.70.3 P2 P1
100.2 50.2
P2 11 min.
H 201.5 5.51 70.2 B
Style A
L B P1
6 min.
13.70.3 17.2 max. 70.2 70.2
P2
0.80.1
B
8 min
10 max.
18.5 max. 0.80.1
61 H
H
L
B L
P1 13.70.3 201.5 P2
Style P (for L=57.5 mm only)
0.80.1 2.3 max. Fixing pitch and distance between lugs (mm) Lugs S, V, F L 42.5 57.5 42.5 57.5 42.5 N, P P1 23/28 (M6) 37/42 (M6) 20/25 (M6) 34/39 (M6) Not available 23/28 (M6) 51/64 (M8) 65/78 (M8) 32/45 (M6) Not available 11 17 P2 11 24 8 21
70.2
6 min.
H
T, W, G
L
57.5 B A 42.5 57.5 B 42.5 57.5
Dimensions in mm
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
61
140.2
P1
Style N (for L=57.5 mm only)
3


▲Up To Search▲   

 
Price & Availability of 126PMC400KP0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X