Part Number Hot Search : 
5920A 5920A PE8706 CY2210 2AX103V4 STV9302 0100A MA40B8R
Product Description
Full Text Search
 

To Download Z-15GM55-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General-purpose Basic Switch
Z
Best-selling Basic Switch Boasting High Precision and Wide Variety
* A large switching capacity of 15 A with high repeat accuracy. * A wide range of variations in contact form for your selection: basic, split-contact and maintained-contact. * A series of standard models for micro loads is available. * A series of molded terminal-type models incorporating safety terminal protective cover is available.
Model Number Structure
Available types
Basic models General-purpose Drip-proof Without terminal protective cover With terminal protective cover Molded terminal Split-contact models Maintained-contact models General-purpose General-purpose
Basic Models
General-purpose
* A variety of actuators is available for a wide range of application. * The contact mechanism of models for micro loads is a crossbar type with gold-alloy contacts, which ensures highly reliable operations for micro loads. * Contact Gap: H2: 0.20 mm (extra-high-sensitivity) H: 0.25 mm (high-sensitivity, micro voltage current load) G: 0.5 mm (standard) E: 1.8 mm (high-capacity) F: 1.0 mm (split-contact models)
Split-contact Models
* This type is identical in construction to the general-purpose basic switch except that it has two pairs of simultaneous acting contacts by splitting moving contacts. * Since the moving contacts are connected to a common terminal, either parallel or series connection is possible. * Highly reliable micro load switching is ensured if the model is used as a twin-contact switch.
Maintained-contact Models
* The maintained-contact type has a reset button at the bottom of the switch case, in addition to the pushbutton (plunger) located on the opposite side of the reset button. Use these buttons alternately. * Since the Switch has greater pretravel than overtravel, it is suitable for use in reversible control circuits, manual reset circuits, safety limit circuits, and other circuits which are not preferable for automatic resetting. (For further details, refer to individual datasheets.)
Drip-proof
* These Switches use a rubber boot on the actuator and adhesive fill between the case and cover to increase resistance to drips. * Models with drip-proof terminal protective covers and molded terminals with resin filling are also available.
General-purpose Basic Switch
Z
147
Model Number Legend
Basic Models
Z1234 5
4. Degree of Protection None: General-purpose Long hinge lever 55: Drip-proof Low-force wire A55: Drip-proof hinge lever (low OF) (including terminals) W52: Low-force wire hinge lever (high OF) W22: Short hinge roller lever W2: Hinge roller lever W25: Hinge roller lever 5. Terminals (large roller) None: Solder terminal W49: Short hinge B: Screw terminal cross roller lever (with toothed washer) W54: Hinge cross roller lever B5V: Screw terminal with W2277: Unidirectional short hinge terminal cover roller lever (low OF) (for Z-15G@A55 only) M: Reverse hinge lever M22: Reverse short hinge roller lever M2: Reverse hinge roller lever NJ: Flexible rod (high OF) NJS: Flexible rod (low OF) W44: W78:
1. Ratings 01: 0.1 A (micro load) 15: 15 A
3. Actuator None: Pin plunger S: Slim spring plunger D: Short spring plunger 2. Contact Gap K: Spring plunger (medium OP) H2: 0.20 mm K3: Spring plunger (high OP) (extra-high sensitivity) Q3: Panel mount plunger (low OP) H: 0.25 mm Q: Panel mount plunger (high-sensitivity, (medium OP) micro load) Q8: Panel mount plunger (high OP) G: 0.5 mm Q22: Panel mount roller plunger E: 1.8 mm (high-capacity) Q21: Panel mount cross roller plunger L: Leaf spring (high OF) L2: Roller leaf spring W21: Short hinge lever W: Hinge lever (low OF) W3: Hinge lever (medium OF) W32: Hinge lever (high OF) W4: Low-force hinge lever
Split-contact Models
Z - 10 F Y -B 1234 5
1. Ratings 10: 10 A (split-contact models) 2. Contact Gap F: 1 mm (high-capacity) 3. Actuator None: Pin plunger S: Slim spring plunger D: Short spring plunger Q: Panel mount plunger Q22: Panel mount roller plunger W: Hinge lever W22: Short hinge roller lever W2: Hinge roller lever M22: Reverse short hinge roller lever 4. Construction Y: Split-contact type
5. Terminals None: Solder terminal B: Screw terminal (with toothed washer)
Maintained-contact models
Z - 15 E R 1234
1. Ratings 15: 15 A 2. Contact Gap E: 1.8 mm (high-capacity) 3. Actuator None: Pin plunger S: Slim spring plunger W: Hinge lever 4. Construction R: Maintained-contact models
Drip-proof with Molded Terminal Models
Z1 55 - M 23 4
3. Direction of Lead Outlets L: Left R: Right D: Descending D type R type 4. Length of Leads 1: 1m 3: 3m
M
1. Drip-proof model (Insert model number of basic, drip-proof version with solder terminals) 2. Lead Outlets None: VSF E: VCT L type
148
General-purpose Basic Switch
Z
Ordering Information
Basic Models (General-purpose)
Classification Actuator Contact gap Terminal *1 Pin plunger Slim spring plunger Short spring plunger Panel mount plunger Low OP Medium OP High OP Panel mount roller plunger Panel mount cross roller plunger Leaf spring Standard G (0.5 mm) Model Z-15G Z-15G-B Z-15GS Z-15GS-B Z-15GD Z-15GD-B Z-15GQ3 Z-15GQ3-B Z-15GQ Z-15GQ-B Z-15GQ8 Z-15GQ8-B Z-15GQ22 Z-15GQ22-B Z-15GQ21 Z-15GQ21-B Z-15GL Z-15GL-B Z-15GL2 Roller leaf spring Short hinge lever Low OP Hinge lever Medium OP High OP Low-force hinge lever Low- force wire hinge lever Short hinge roller lever Short hinge cross roller lever Hinge roller lever Standard Large roller Low OP --High OP Z-15GW22 Z-15GW22-B Z-15GW49 Z-15GW49-B Z-15GW2 Z-15GW2-B Z-15GW25 Z-15GW25-B --Z-15HW2 Z-15HW2-B ------------------Z-15GL2-B Z-15GW21 Z-15GW21-B Z-15GW Z-15GW-B Z-15GW3 Z-15GW3-B Z-15GW32 Z-15GW32-B Z-15GW4 Z-15GW4-B Z-15HW24 Z-15HW24-B Z-15HW78 Z-15HW78-B Z-15HW52 Z-15HW52-B Z-15HW22 Z-15HW22-B --Z-15EW22 Z-15EW22-B Z-01HW22 Z-01HW22-B ------------------Z-15HW Z-15HW-B --------------------------High-sensitivity H (0.25 mm) Model Z-15H Z-15H-B Z-15HS Z-15HS-B Z-15HD Z-15HD-B --Z-15HQ Z-15HQ-B --Z-15HQ22 Z-15HQ22-B Z-15HQ21 Z-15HQ21-B ------Extra-high sensitivity H2 (0.20 mm) Model Z-15H2 Z-15H2-B ----High-capacity E (1.8 mm) Model Z-15E Z-15E-B --Z-15ED Z-15ED-B --Z-15EQ Z-15EQ-B --Z-15EQ22 Z-15EQ22-B Z-15EQ21 Z-15EQ21-B ----Micro load H (0.25 mm) Model Z-01H Z-01H-B Z-01HS Z-01HS-B Z-01HD Z-01HD-B --Z-01HQ Z-01HQ-B ---
General-purpose Basic Switch
Z
149
Classification Actuator Contact gap Terminal *1 Hinge cross roller lever Unidirectional short hinge roller lever Reverse hinge lever *2 Reverse short hinge roller lever *2 Reverse hinge roller lever *2 Parallel
Standard G (0.5 mm) Model Z-15GW54 Z-15GW54-B Z-15GW2277 Z-15GW2277-B Z-15GM Z-15GM-B Z-15GM22 Z-15GM22-B Z-15GM2 Z-15GM2-B
High-sensitivity H (0.25 mm) Model ---
Extra-high sensitivity H2 (0.20 mm) Model ---
High-capacity E (1.8 mm) Model ---
Micro load H (0.25 mm) Model ---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
*1. : Solder terminal : Screw terminal *2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally pressed.
Split-contact Models
Contact gap Actuator Pin plunger Slim spring plunger Short spring plunger Terminal *1 F (1.0 mm) Model --Z-10FY-B --Z-10FSY-B --Z-10FDY-B --Panel mount plunger Panel mount roller plunger Hinge lever Short hinge roller lever Hinge roller lever Reverse short hinge roller lever *2 Z-10FQY-B --Z-10FQ22Y-B --Z-10FWY-B --Z-10FW22Y-B --Z-10FW2Y-B --Z-10FM22Y-B
Maintained-contact Models
Actuator Pin plunger Slim spring plunger Hinge lever Model Z-15ER Z-15ESR Z-15EWR
*1. : Solder terminal : Screw terminal *2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally pressed.
150
General-purpose Basic Switch
Z
Drip-proof Models
Classification Contact gap Drip-proof terminal protective cover Actuator Pin plunger Short spring plunger Low OP High OP Panel mount plunger Panel mount roller plunger Panel mount cross roller plunger Leaf spring Terminal *1 Standard G (0.5 mm) Not provided Model Z-15G55 Z-15G55-B Z-15GD55 Z-15GD55-B Z-15GK55 Z-15GK55-B Z-15GK355 Z-15GK355-B Z-15GQ55 Z-15GQ55-B Z-15GQ2255 Z-15GQ2255-B --Z-15GQ2155-B Z-15GL55 Z-15GL55-B Z-15GL255 Roller leaf spring Z-15GL255-B Z-15GW2155 Short hinge lever Long hinge lever Hinge lever Short hinge roller lever Hinge roller lever Z-15GW2155-B Z-15GW4455 Z-15GW4455-B Z-15GW55 Z-15GW55-B Z-15GW2255 Z-15GW2255-B Z-15GW255 Z-15GW255-B Z-15GW227755 Z-15GW227755-B Z-15GM55 Reverse hinge lever *2 Reverse short hinge roller lever *2 Reverse hinge roller lever *2 Z-15GM55-B Z-15GM2255 Z-15GM2255-B Z-15GM255 Z-15GM255-B Z-15GNJ55 Flexible rod (coil spring) *3 Z-15GNJ55-B Flexible rod (steel wire) Z-15HNJS55 ----Z-15HNJS55-B ----------------------Z-15GW44A55-B5V --Z-15GWA55-B5V --Z-15GW22A55-B5V --Z-15GW2A55-B5V --Z-15GW2277A55B5V --------Z-01HW2255 Z-01HW2255-B ----------Provided Model --Z-15GA55-B5V ------Z-15GK3A55-B5V --Z-15GQA55-B5V --Z-15GQ22A55-B5V --Z-15GQ21A55-B5V ----High-sensitivity H (0.25 mm) Not provided Model Micro load H (0.25 mm) Not provided Model Z-01H55 Z-01H55-B Z-01HD55 Z-01HD55-B -------
Spring plunger
Unidirectional short hinge roller lever
*1. : Solder terminal : Screw terminal *2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers. *3. The tip is made of resin.
General-purpose Basic Switch
Z
151
Specifications
Characteristics
Classification Item Operating speed Operating frequency Z-15 (except micro load and flexible rod) 0.01 mm to 1 m/s (*1) Z-01H Z-15 (flexible rod) 1 mm to 1 m/s 120 operations/min Z-10F 0.1 mm to 1 m/s (*1) 240 operations/min Z-15H2 0.01 mm to 1 m/s 240 operations/min
Mechanical 240 operations/min 20 operations/min Electrical 100 M min. (at 500 VDC)
Contact resistance Insulation resistance
15 m max. (initial value) 50 m max. (initial value) 15 m max. (initial value)
25 m max. (initial value) 15 m max. (initial value)
Dielectric strength (50 / 60 Hz for 1 min.)
Vibration resistance Shock resistance Degree of protection
Malfunction
Between contacts of Between contacts of same polarity Between contacts of same polarity Between contacts of same polarity Contact gap G: 1,000 VAC same polarity Contact gap G: 1,000 VAC Contact gap F: 1,500 VAC 600VAC Contact gap H: 600 VAC Contact gap H: 600 VAC Contact gap E: 1,500 VAC Between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts: 2,000 VAC 10 to 55 Hz, 1.5-mm double amplitude (*5) 10 to 20 Hz, 1.5-mm double amplitude (*5) 10 to 55 Hz, 1.5-mm double amplitude (*5)
Destruction 1,000 m/s2 max. Malfunction 300 m/s2 max. (*2, *5) IP00 Generalpurpose Drip-proof Equivalent to IP62 (except terminals) Class I 175 -25C to 80C (with no icing) -15C to 80C (with no icing) 35% to 85%RH 35% to 95%RH 500,000 operations min. (*1) 20,000,000 operations min. 50 m/s2 max. (*5) 300 m/s2 max. (*3, *5) 100 m/s2 max.
Degree of protection against electric shock Proof tracking index (PTI) Ambient operating temperature Ambient operating humidity Generalpurpose Drip-proof Generalpurpose Drip-proof
Service life
Weight
Contact gap H2: 10,000,000 operations min. 1,000,000 operations min. Mechanical Contact gap G, H: 20,000,000 operations min.(*4) Contact gap E: 300,000 operations Contact gap G, H: 500,000 operations min. 100,000 operations min. Electrical Contact gap E: 100,000 operations min. Approx. 22 to 58 g Approx. 42 to 48 g
100,000 operations min. 500,000 operations min. Approx. 34 to 61 g Approx. 22 g
*1 The values are for the plunger models. (For the lever models, the values are at the plunger section.) *2 The values are for the Z-15G pin plunger. *3 The values are for the Z-10FY-B.
*4 The values are for the pin plunger. The service life for models other than the pin plunger is 10,000,000 min. *5 Malfunction: 1 ms max.
Ratings (Basic, Split-contact and Maintained contact Models)
Z-15 (Except Micro Load and Flexible Rod Models)
Item Contact gap G, H, H2, E Rated voltage 125 VAC 250 VAC 500 VAC * 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC Non-inductive load (A) Resistive load Lamp load NC NO NC NO 15 (10) * 3 1.5 15 (10) * 2.5 1.25 10 1.5 0.75 3 1.5 15 15 3 1.5 1.5 6 3 0.5 0.5 0.5 0.25 0.25 0.25 15 3 1.5 15 3 1.5 2 2 1.4 0.4 0.4 0.4 0.2 0.2 0.2 1.5 15 3 15 3 1.5 1.5 15 3 0.75 0.75 0.75 0.3 0.3 0.3 Inductive load (A) Inductive load Motor load NC NO NC NO 15 (10) * 5 2.5 15 (10) * 3 1.5 6 1.5 0.75 15 5 2.5 2.5 10 5 2.5 5 5 0.05 0.05 0.05 0.03 0.03 0.03 2.5 15 5 2.5 10 5 1 1 1 0.03 0.03 0.03 0.02 0.02 0.02 15 5 2.5 2.5 15 5 2.5 10 5 0.4 0.4 0.4 0.2 0.2 0.2
G
H, H2
E
* Figures in parentheses are for the Z-15HW52, Z-15HW78(-B) and Z-15H2(-B) models, the AC ratings of these models are 125 and 250 V only.
152
General-purpose Basic Switch
Z
Z-15 (Flexible Rod Models)
Non-inductive load (A) Rated voltage 125 VAC 250 VAC 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC Resistive load NC 15 15 15 15 2 0.4 0.2 NO 2 1 2 2 2 0.4 0.2 Lamp load NC NO 1 0.5 1 1 1 0.4 0.2 NC 7 5 7 7 1 0.03 0.02 Inductive load (A) Inductive load NO Motor load NC 2.5 1.5 3 3 1 0.03 0.02 NO 2 1 1.5 1.5 0.5 0.03 0.02
Z-10F
Item
Non-inductive load (A) Resistive load Lamp load NC 4 2.5 4 1 0.6 3 2.5 4 0.6 0.3 NO 2 1.5 2 1 0.6 1.5 1.25 2 0.6 0.3
Inductive load (A) Inductive load NC 6 6 6 0.1 0.05 4 4 4 0.1 0.05 NO Motor load NC 5 3 6 0.1 0.05 4 2 6 0.1 0.05 NO 2.5 1.5 3 0.1 0.05 2 1 3 0.1 0.05
Contact gap
Rated voltage 125 VAC 250 VAC 30 VDC 125 VDC 250 VDC 125 VAC 250 VAC 30 VDC 125 VDC 250 VDC
NC 10 10 10 1 0.6 6 6 6 0.6 0.3
NO
Series connection
Parallel connection
Z-01H
Rated voltage 125 VAC 8 VDC 14 VDC 30 VDC Resistive load (A) NC 0.1 0.1 0.1 0.1 NO
Contacts Specification
Item Contacts Classification Shape Material Inrush current NC NO Z-15 Rivet Silver Z-01H Single crossbar Gold alloy Z-10F Rivet Silver
30 A max. 0.1 A max. 40 A max. 15 A max. 0.1 A max. 20 A max.
Applicable Load Range
Voltage (V)
5 mW 30 0.16 mA 800 mW 26 mA Standard load area Z-15H, H2 Z-15G Z-15E Z-10FY Z-15ER
Safety Standards Ratings
UL/CSA (General ratings only)
Rated voltage 125 VAC 250 VAC 480 VAC Model Z-15 Z-10F Z-01H 0.1A ----0.1A -----
24 Micro load area Z-01H
15A and 1/8HP 6A and 1/10HP 15A and 1/4HP 6A and 1/8HP 15A --0.5A 0.25A 6A --0.6A 0.3A
12
Unusable range
30 VDC
1 mA 1 10 100 mA 160 mA 100 1,000
5 0 0.1
125 VDC 250 VDC
TUV (EN61058-1)
Rated voltage 250 VAC 125 VAC 30 VDC Model Z-15H@-B 15 A ----Z-15G@-B 15 A ----Z-01H@-B --0.1 A 0.1 A
Current (mA)
Z-01H Minimum applicable load 1 mA at 5 VDC
Z-15@, Z-10FY 160 mA at 5 VDC
Note: 1. The above current ratings are the values of the steady-state current. 2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). 3. Lamp load has an inrush current of 10 times the steady-state current. 4. Motor load has an inrush current of 6 times the steady-state current. 5. The normally closed and normally open ratings of reverse hinge lever models are opposite to each other.
6. The AC ratings of molded terminals are 125 and 250 V only. 7. The ratings values apply under the following test conditions: (1) Ambient temperature: 202C (2) Ambient humidity: 655%RH (3) Operating frequency: 20 operations/min
General-purpose Basic Switch
Z
153
Engineering Data
Mechanical Durability (Z-15G)
Durability (x104 operations)
10,000 5,000 3,000 Ambient temperature: 202C Ambient humidity: 655%RH Without load Operating frequency: 240 operations/min
Electrical Durability (Z-15G)
Durability (x104 operations)
5,000 3,000 Ambient temperature: 202C Ambient humidity: 655%RH Operating frequency: 20 operations/min. 125 VAC cos dia. = 1 125 VAC cos dia. = 0.4 250 VAC cos dia. = 1 250 VAC cos dia. = 0.4 1,000 500 300
1,000
500 300
100 50 30 500 VAC cos dia. = 1 500 VAC cos dia. = 0.4
100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 Overtravel (mm)
10 0 2 4 6 8 10 12 14 16 Switching Current (A)
Structure
Basic Models
Contact Form (SPDT)
COM NC
Molded Terminals
COM (Black)
NO
(Red) NC (White) NO ( ) indicates wire color.
Note: The Z-15GM is a reversible model and the NO and NC positions are reversed.
Note: The Z-15GM is a reversible model and the NO and NC positions are reversed.
Drip-proof Construction
Without Terminal Protective Cover
Rubber boot Fixed contact (b) Movable spring Glued surface (adhesive is filled between case and cover) Movable contact
With Terminal Protective Cover
Rubber boot (weather-resistive chloroprene is used)
Stainless-steel stopper (improves sealing)
Spring pivot
Fixed contact (a)
Rubber packing (improves sealing between switch housing and terminal cover)
Terminal protective covers are sold separately
for maintenance purposes, which can be, however, used with the Z-@-B5V models only.
Split-Contact Models
Contact Form
NC COM NO NC NO
Connection Example
Series Connection Parallel Connection
Note: The NO and NC terminal arrangement is reversed for Models with reverse operation (Z-10FM).
Maintained-contact Models
Contact Form
COM NC NO
Pushbutton for resetting
154
General-purpose Basic Switch
Z
Dimensions
General-purpose and Split Contact Models
Terminals
General-purpose Models Screw Terminals (-B) Solder Terminal (Blank) Split-contact Models Screw Terminals (Y-B)
5.6
Note: Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions
9.2 20 20 17.45 0.2
COM NO NC
6.4 25.4 0.1 11.9 17.45 0.2
11.9
23
3
17.1 17.450.2 Five, M3.5 x 5.5 terminal screws (with toothed washer)
1
3
2
49.2
Three, M4 x 5.5 Terminal screws (with toothed washer)
COM
1
NO
2
49.2
Appropriate terminal screw tightening torque: 0.78 to 1.18 N*m. Note: With reverse action models (Z-15GM), the positions of NO and NC terminals are reversed.
Appropriate terminal screw tightening torque: 0.49 to 0.78 N*m. Note: With reverse action models (Z-10FM), the positions of NO and NC terminals are reversed.
Mounting
All switches can be side mounted using M4 mounting screws with plane washers or spring washers to securely mount the Switch. Tighten the screws to a torque of 1.18 to 1.47 N*m.
Two, 4.2 dia. mounting holes or M4
25.4 0.1
Versions with panel mount plungers can be panel mounted via the plunger, provided that the hexagonal nut of the actuator is tightened to a torque of 2.94 to 4.9 N*m. Panel Mount Plunger
12.5 +0.2 dia. 0
Panel Mount Roller Plunger
12.5+0.2dia. 0 5 +0.2 0 13 +0.2 0
Note: Mount using either the side mounting holes or the panel mount plunger, not both. If using the side mounting holes, then remove the hexagonal nut(s) from the panel mount plunger.
Accessories (Terminal Covers, Actuators, and Separators): Refer to `Z/A/X/DZ Common Accessories' datasheet
NC
NO COM NC
NO
NC
General-purpose Basic Switch
Z
155
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Pin Plunger
Z-15G-B Z-15H2-B Z-15H-B Z-15E-B Z-01H-B Z-10FY-B
PT
2.3 dia. 23.3 0.25 4.2 +0.075 dia. hole -0.025 2.3SR *
OP 24.2 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel plunger
Operating Characteristics Operating force Release force Pretravel Overtravel Movement Differential Operating Position OF RF min. PT max. OT min. MD max. OP
Z-15G-B 250 to 350 gf 114 gf 0.4 mm 0.13 mm 0.05 mm
Z-15H2-B 200 to 255 gf 114 gf 0.3 mm 0.13 mm 0.005 to 0.008 mm
Z-15H-B 200 to 280 gf 114 gf 0.3 mm 0.13 mm 0.025 mm
Z-15E-B 625 to 800 gf 114 gf 0.8 mm 0.13 mm 0.13 mm
Z-01H-B 250 gf max. 80 gf 0.5 mm 0.13 mm 0.04 mm
Z-10FY-B 455 to 740 gf 114 gf 0.8 mm 0.13 mm 0.1 mm
15.90.4 mm
Slim Spring Plunger
Z-15GS-B Z-15HS-B Z-01HS-B Z-10FSY-B
5.2 dia. PT 23.3 0.25 * 4.2 +0.075 dia. hole -0.025 OP 9 dia. 24.2 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel plunger (flat, 1R chamfered) 4 dia.
Model OF RF min. PT max. OT min. MD max.
Z-15GS-B 250 to 350 gf 114 gf 0.4 mm 1.6 mm 0.05 mm
Z-15HS-B 200 to 285 gf 114 gf 0.3 mm 1.6 mm 0.025 mm
Z-01HS 250 gf max. 80 gf 0.5 mm 1.6 mm 0.05 mm
Z-10FSY-B 455 to 740 gf 114 gf 0.8 mm 1.6 mm 0.1 mm
OP
28.20.5 mm
Short Spring Plunger
Z-15GD-B Z-15HD-B Z-15ED-B Z-01HD-B Z-10FDY-B
PT 23.3 0.25 12SR * 4.2 +0.075 dia. hole -0.025 OP
12.3 dia. 10 dia. 7.15 dia.
24.2 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Plated iron plunger
Model OF RF min. PT max. OT min. MD max. OP
Z-15GD-B 250 to 350 gf 114 gf 0.4 mm 1.6 mm 0.05 mm
Z-15HD-B 200 to 285 gf 114 gf 0.3 mm 1.6 mm 0.025 mm
Z-15ED-B 625 to 800 gf 114 gf 0.8 mm 1.6 mm 0.13 mm 21.50.5 mm
Z-01HD-B 250 gf max. 80 gf 0.5 mm 1.6 mm 0.05 mm
Z-10FDY-B 455 to 740 gf 114 gf 0.8 mm 1.6 mm 0.1 mm
156
General-purpose Basic Switch
Z
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Panel Mount Plunger
Z-15GQ-B Z-01HQ-B Z-15HQ-B Z-10FQY-B Z-15EQ-B Z-15GQ3-B * Z-15GQ8-B *
PT
23.3 0.25 11.9SR *1 13.1 *4
OP
16.3
16 dia.
* The external
dimensions of the actuator vary.
4.2 +0.075 -0.025 4.36+0.1 dia. -0.05 25.4 0.1 49.2
Note: 1. Do not use the M12 mounting screw and the case mounting hole at the same time, or excessive pulling force will be imposed on *2 the switch and the case and cover 4.2 +0.075 dia. hole -0.025 may be damaged. *3 2. On the model Z-15GQ3-B, PT can be set to a value larger than that for the Z-15GQ. 3. On the model Z-15GQ8-B, 9.2 operating position can be adjusted by providing a screw in the plunger section. 17.450.2 11.9 4. On the model Z-15GQ8-B, the *1. Stainless-steel plunger M3 hole with a depth of 10 mm is *2. Two hexagonal nuts (2 t x 14 width across flats) *3. Two lock nuts (2 t x 15.6 width across flats) a through hole. Take precautions *4. Incomplete screw part with a maximum length so that no water or screw lock of 1.5 mm. agent penetrates into the hole.
8.35 dia. M12 x 1 mounting screw
Model OF RF min. PT max. OT min. MD max. OP
Z-15GQ-B 250 to 350 gf 114 gf 0.4 mm 5.5 mm 0.05 mm
Z-15HQ-B 200 to 285 gf 114 gf 0.3 mm 5.5 mm 0.025 mm
Z-15EQ-B 625 to 800 gf 114 gf 0.8 mm 5.5 mm 0.13 mm 21.80.8 mm
Z-01HQ-B 250 gf max. 80 gf 0.5 mm 5.5 mm 0.05 mm
Z-10FQY-B 455 to 740 gf 114 gf 0.8 mm 5.5 mm 0.1 mm
Z-15GQ3-B 250 to 350 gf 114 gf 4.2 mm 2.5 mm 2.2 mm 18.80.8 mm
Z-15GQ8-B 250 to 350 gf 114 gf 0.5 mm 5.5 mm 0.05 mm 32.51 mm
Panel Mount Roller Plunger
Z-15GQ22-B Z-15EQ22-B Z-15HQ22-B Z-10FQ22Y-B
PT
23.3 0.25
12.7 dia. x 4.8 *1
OP 15.5 4.2 +0.075 dia. hole -0.025 *3 16 dia.
*2 M12 x 1 mounting screw
Note: Do not use the M12 mounting screw
and the case mounting hole at the same time, or the case may be damaged.
16.3
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 *1. Stainless-steel roller *2. Two hexagonal nuts (3 t x 17 width across flats) *3. Incomplete screw part with a maximum length of 1.5 mm.
Model OF RF min. PT max. OT min. MD max. OP
Z-15GQ22-B 250 to 350 gf 114 gf 0.4 mm 3.58 mm 0.05 mm
Z-15HQ22-B 200 to 285 gf 114 gf 0.3 mm 3.58 mm 0.025 mm
Z-15EQ22-B 625 to 800 gf 114 gf 0.8 mm 3.58 mm 0.13 mm
Z-10FQ22Y-B 455 to 740 gf 114 gf 1 mm 3.55 mm 0.1 mm
33.41.2 mm
Panel Mount Cross Roller Plunger
Z-15GQ21-B Z-15EQ21-B Z-15HQ21-B
PT 23.3 0.25 12.7 dia. x 4.8 *1
OP 15.5 4.2 +0.075 dia. hole -0.025 *3 16 dia.
*2 M12 x 1 mounting screw
Model OF RF min. PT max. OT min. MD max. OP
Z-15GQ21-B 250 to 350 gf 114 gf 0.4 mm 3.58 mm 0.05 mm
Z-15HQ21-B 200 to 285 gf 114 gf 0.3 mm 3.58 mm 0.025 mm
33.41.2 mm
16.3
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 11.9 17.450.2 *1. Stainless-steel roller *2. Two hexagonal nuts (3 t x 17 width across flats) *3. Incomplete screw part with a maximum length of 1.5 mm.
Note: Do not use the M12 mounting screw and
the case mounting hole at the same time, or the case may be damaged.
49.2
Model OF RF min. PT max. OT min. MD max. OP
Z-15EQ21-B 625 to 800 gf 114 gf 0.8 mm 3.58 mm 0.13 mm 33.41.2 mm
General-purpose Basic Switch
Z
157
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Leaf Spring
Z-15GL-B
FP OP 49.6 0.8
t = 0.3* 4.8 4.2+0.075 dia. hole -0.025
23.9 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel spring lever
OF max. RF min. *OT min. MD max. FP max. OP
141 gf 14 gf 1.6 mm 1.3 mm 20.6 mm 17.40.8 mm
* When operating, be sure not
to exceed 1.6 mm.
Roller Leaf Spring
Z-15GL2-B
FP OP
46 0.8 t = 0.3 * 4.2 +0.075 dia. hole -0.025
9.5 dia. x 4 (plastic toller)
23.9 9.2 4.2+0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel spring lever
OF max. RF min. *OT min. MD max. FP max. OP
141 gf 14 gf 1.6 mm 1.3 mm 31.8 mm 28.60.8 mm
* When operating, be sure not
to exceed 1.6 mm.
Short Hinge Lever
Z-15GW21-B
20.2 16.9
26.2
28 .2R
t=1* 4.9
13.9
OP
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
160 gf 28 gf 2 mm 1 mm 24.8 mm 190.8 mm
Hinge Lever
Z-15GW-B Z-15GW32-B Z-15HW-B Z-10FWY-B Z-15GW3-B (Lever Length: 56R)*
26.2
63.5 R
t=1* 4.9
20.2 16.9
13.9
OP
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2+0.075 dia. hole -0.025
* The external dimensions of the actuator vary.
Model OF RF min. OT min. MD max. FP max. OP
Z-15GW-B 70 gf max. 14 gf 5.6 mm 1.27 mm 28.2 mm
Z-15HW-B 67 gf max. 14 gf 5.6 mm 0.63 mm 27.4 mm
Z-15GW32-B 150 to 200 gf 93 gf 5.6 mm 1.27 mm 28.2 mm 190.8 mm
Z-10FWY-B 90 gf max. 14 gf 5.6 mm 2.4 mm 29.8 mm
Z-15GW3-B 80 gf max. 15 gf 4.8 mm 1.12 mm 27.2 mm
158
General-purpose Basic Switch
Z
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Low-force Hinge Lever
Z-15GW4-B
20.2 16.9 26.2
63.5 R
t=1* 4.9 PT OP
13.9
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2+0.075 dia. hole -0.025
OF max. RF min. PT max. OT min. MD max. OP
28 gf 3.5 gf 10 mm 5.6 mm 1.27 mm 190.8mm
Z-15HW24-B
26.2
t = 0.8 *
R 1 10 0 R2 2
PT
5 2
20.2 16.9
13.9
OP
OF max. RF min. PT max. OT min. MD max.
9.2
6 gf 0.5 gf 19.8 mm 10 mm 2 mm 19.81.6 mm
4.2 +0.075 -0.025
4.36 +0.1 dia. -0.05 25.4 0.1
4.2+0.075 dia. hole -0.025
OP
11.9
17.450.2 * Stainless-steel lever
49.2
Low-force Wire Hinge Lever
Z-15HW52-B Z-15HW78-B (Lever Length: 110R) *
t=1* 3 max.
26.2
63.5
R
PT OP
Model OF max. RF min. PT max. OT min. MD max. OP
9.2
Z-15HW52-B 6 gf 0.5 gf 8.3 mm 5.6 mm 0.65 mm 191 mm
20.2 16.9
13.9
4.2 +0.075 -0.025
* The external dimensions of the actuator vary.
4.36+0.1 dia. -0.05 25.4 0.1 49.2
4.2+0.075 dia. hole -0.025
11.9
17.450.2 * Stainless-steel wire lever
Model OF max. RF min. PT max. OT min. MD max. OP
Z-15HW78-B 4 gf 0.3 gf 10 mm 6 mm 3 mm 201 mm
Note: AC electrical ratings: 10 A, 125/250 V.
Short Hinge Roller Lever
Z-15GW22-B Z-15HW22-B Z-15EW22-B Z-15GW2-B * Z-10FW2Y-B * Z-01HW22-B Z-10FW22Y-B Z-15HW2-B *
20.2 16.9 13.9 9.2 t=1* 26.2
26 .6 R
9.5 dia. x 4 (plastic roller)
OP
FP
* The external dimensions
of the actuator vary. (Lever Length: 48.5R)
4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9
4.2 +0.075 dia. hole -0.025 17.450.2 * Stainless-steel lever
Model
OFmax. RF min. OT min. MD max. FP max. OP
Z-15GW22-B Z-15HW22-B 160 gf 150 gf 42 gf 42 gf 2.4 mm 2.4 mm 0.5 mm 0.45 mm 32.5 mm 30.20.4 mm
Z-15EW22-B 198 gf 42 gf 2.4 mm 1.3 mm 35.1 mm 30.20.4 mm
Z-01HW22-B 160 gf 28 gf 2.4 mm 0.5 mm 32.5 mm 30.20.4 mm
Z-10FW22Y-B 250 gf 35 gf 2.4 mm 1 mm 34.8 mm 30.20.4 mm
Z-15GW2-B Z-15HW2-B 100 gf 86 gf 22 gf 22 gf 4 mm 4 mm 1.02 mm 0.6 mm 36.5 mm 30.20.8 mm
Z-10FW2Y-B 130 gf 22 gf 4 mm 2 mm 37.4 mm 30.20.8 mm
General-purpose Basic Switch
Z
159
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Short Hinge Cross Roller Lever
Z-15GW49-B Z-15GW54-B (Lever Length: 48.7R) *
20.2 16.9 t=1*
26.2
.1 R
9.5 dia. x 4 (plastic roller)
27
OP 13.9
FP
9.2 4.2 +0.075 -0.025 4.2 +0.075 dia. hole -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever
* The external dimensions
of the actuator vary.
Model OF max. RF min. OT min. MD max. FP max. OP
Z-15GW49-B 170 gf 42 gf 2.4 mm 0.51 mm 33.3 mm 310.4 mm
Z-15GW54-B 100 gf 22 gf 4 mm 1 mm 37.3 mm 310.8 mm
Hinge Roller Lever
Z-15GW25-B
26.2
50 R
20 dia. x 4 R2 (plastic roller)
t = 1* OP FP
20.2 16.9
13.9 9.2
OF max. RF min. OT min. MD max. FP max. OP
100 gf 21 gf 4 mm 1.6 mm 47.5 mm 41.20.8 mm
4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 Operating direction 26.2
.9R
4.2 +0.075 dia. hole -0.025 11.9 17.450.2 * Stainless-steel lever
Unidirectional Short Hinge Roller Lever
Z-15GW2277-B
34.1 max. 20.2 16.9
9.5 dia. x 4 (plastic roller)
t=1*
31
11
.1R
OP 13.9
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
170 gf 42 gf 2.4 mm 0.51 mm 43.6 mm 41.30.8 mm
Reverse Hinge Lever **
Z-15GM-B
20.2 17.4
t=1* 18.65
56R
4.9
13.9
OP
FP
9.2 4.2 +0.075 -0.025 4.36+0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
170 gf 28 gf 5.6 mm 0.89 mm 23.8 mm 190.8 mm
Reverse Short Hinge Roller Lever **
Z-15GM22-B Z-10FM22Y-B
20.2 17.4
t=1* 18.65
.5 R
9.5 dia. x 4 (plastic roller)
OP 13.9
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
Z-15GM22-B 538 gf 170 gf 2 mm 0.28 mm 31.8 mm 29.40.4 mm
Z-10FM22Y-B 650 gf 170 gf 2 mm 0.56mm 33 mm 29.40.4 mm
18
Reverse Hinge Roller Lever **
Z-15GM2-B
20.2 17.4
t = 1* 18.65
.6 40 R
9.5 dia. x 4 (plastic roller)
OP 13.9
FP
OF max. RF min. OT min. MD max. FP max. OP
240 gf 56 gf 4 mm 0.64 mm 35 mm 30.20.8 mm
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
**The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally pressed.
160
General-purpose Basic Switch
Z
Drip-proof Models (without Terminal Protective Cover)
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Terminals
9.2 20
COM NO
20 17.45 0.2
NC
Note: With reverse action models (Z-15GM), the positions of NO and NC terminals are reversed.
1
3
2
49.2
Three, M4 x 5.5 Terminal screws (with toothed washer)
Pin Plunger
Z-15G55-B Z-01H55-B
PT 3.9 dia. 6SR * 23.3 0.25 4.2 +0.075 dia. hole -0.025 OP 23.9 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel plunger
Model OF RF min. PT max. OT min. MD max. OP
Z-15G55-B 250 to 430 gf 114 gf 2.2 mm 0.13 mm 0.06 mm
Z-01H55-B 350 gf max. 80 gf 2.2 mm 0.13 mm 0.06 mm
15.90.4 mm
Short Spring Plunger
Z-15GD55-B Z-01HD55-B
15 dia. PT 11.9SR * 23.3 0.25 4.2 +0.075 dia. -0.025 OP 23.9 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel plunger hole 7.15 dia.
Model OF max. RF min. PT max. OT min. MD max. OP
Z-15GD55-B 540 gf 114 gf 1.8 mm 1.6 mm 0.06 mm
Z-01HD55-B 370 gf 80 gf 1.9 mm 1.6 mm 0.06 mm
21.50.5 mm
Spring Plunger
Z-15GK55-B
PT 11.9SR * 23.3 0.25 4.2 +0.075 dia. hole -0.025 OP
17 dia. 7.15 dia.
23.9 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel plunger
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 2.3 mm 1.6 mm 0.06 mm 28.20.5 mm
Z-15GK355-B
PT 11.9SR * 23.3 0.25
17 dia. 8.35 dia.
OP
4.2 +0.075 dia. hole -0.025
23.5 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel plunger
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 2.4 mm 3.5 mm 0.06 mm 37.81.2 mm
General-purpose Basic Switch
Z
161
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Panel Mount Plunger
Z-15GQ55-B
PT OP 13.1 16.3 *4
23.3 0.25 11.9SR *1
8.35 dia. M12 x 1 Mounting screw *2 4.2 +0.075 dia. hole -0.025 *3
16 dia.
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 1.8 mm 5.5 mm 0.06 mm 21.80.8 mm
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 *1. Stainless-steel plunger *2. Two hexagonal nuts (2 t x 14 width across flats) *3. Two lock nuts (2 t x 15.6 width across flats) *4. Incomplete screw part with a maximum length of 1.5 mm. 11.9 17.450.2
Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged.
Panel Mount Roller Plunger
Z-15GQ2255-B
PT 23.3 0.25 12.7 dia. x 4.8 *1
OP 15.5 4.2 +0.075 dia. hole -0.025 *3 16 dia.
*2 M12 x 1 mounting screw
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 1.8 mm 3.58 mm 0.06 mm 33.41.2 mm
16.3
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 11.9 17.450.2
Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged.
49.2 *1. Stainless-steel roller *2. Two hexagonal nuts (3 t x 17 width across flats) *3. Incomplete screw part with a maximum length of 1.5 mm.
Panel Mount Cross Roller Plunger
Z-15GQ2155-B
PT 23.3 0.25 12.7 dia. x 4.8 *1
OP 15.5 4.2 +0.075 dia. hole -0.025 *3 16 dia.
*2 M12 x 1 mounting screw
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 1.8 mm 3.58 mm 0.06 mm 33.41.2 mm
16.3
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 *1. Stainless-steel roller *2. Two hexagonal nuts (3 t x 17 width across flats) *3. Incomplete screw part with a maximum length of 1.5 mm. 11.9 17.450.2
Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged.
Leaf Spring
Z-15GL55-B
FP OP 49.6 0.8
t = 0.3 * 4.8 4.2 +0.075 dia. hole -0.025
23.9 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel spring lever
OF max. RF min. *OT min. MD max. FP max. OP
200 gf 14 gf 1.6 mm 1.3 mm 20.6 mm 17.50.8 mm
* When operating, be sure not
to exceed 1.6 mm.
162
General-purpose Basic Switch
Z
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
9.5 dia. x 4 (plastic roller)
46 0.8 t = 0.3* 4.2 +0.075 dia. hole -0.025 FP OP
23.9 9.2 4.2 +0.075 -0.025 4.36+0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel lever
OF max. RF min. * OT min. MD max. FP max. OP
200 gf 14 gf 1.6 mm 1.3 mm 31.8 mm 28.60.8 mm
* When operating, be sure not
to exceed 1.6 mm.
Short Hinge Lever
Z-15GW2155-B
26.2
28 .2R
t = 1* 4.9
20.2 16.9
13.9
OP
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
190 gf 28 gf 2 mm 1 mm 25 mm 190.8 mm
Long Hinge Lever
Z-15GW4455-B
20.2 16.9 26.2
100R
t=1* 4.9
13.9
OP
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel lever 4.2+0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
90 gf 14 gf 5.6 mm 3.5 mm 33 mm 191.2 mm
Hinge Lever
Z-15GW55-B
20.2 16.9 26.2
R 63.5
t = 1* 4.9
13.9
OP
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
100 gf 14 gf 5.6 mm 2 mm 28.2 mm 190.8 mm
Short Hinge Roller Lever
26
Z-15GW2255-B Z-01HW2255-B
20.2 16.9
t=1*
26.2
.6 R
9.5 dia. x 4 (plastic roller)
OP 13.9
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
Model Z-15GW2255-B Z-01HW2255-B OF max. 200 gf 200 gf RF min. 42 gf 28 gf OT min. 2.4 mm 2.4 mm MD max. 0.8 mm 0.8 mm FP max. 32.9 mm OP 30.20.4 mm
General-purpose Basic Switch
Z
163
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Hinge Roller Lever
Z-15GW255-B
26.2
48 .5R
9.5 dia. x 4 (plastic roller)
t=1* OP 20.2 16.9 13.9 9.2 4.2 +0.075 -0.025 4.36+0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025 FP
OF max. RF min. OT min. MD max. FP max. OP
130 gf 21 gf 4 mm 1.6 mm 36.5 mm 30.20.8 mm
Unidirectional Short Hinge Roller Lever
Z-15GW227755-B
Operating direction 26.2
31 .9R
9.5 dia. x 4 (plastic roller)
t=1*
11
.1R
34.1 max. 20.2 16.9 13.9
OP
FP
OF max. RF min. OT min. MD max. FP max. OP
9.2
180 gf 50 gf 2.4 mm 0.8 mm 43.6 mm 41.30.8 mm
4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9
4.2 +0.075 dia. hole -0.025 17.45 0.2 * Stainless-steel lever
Reverse Hinge Lever *
Z-15GM55-B
20.2 17.4 18.65
56R
t=1*
4.9
13.9
OP
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
200 gf 28 gf 5.6 mm 0.89 mm 23.8 mm 190.8 mm
Reverse Short Hinge Roller Lever *
Z-15GM2255-B
t=1* 18.65
R
9.5 dia. x 4 (plastic roller)
18 .5
OP 20.2 17.4 13.9
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.450.2 * Stainless-steel lever 4.2+0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
580 gf 170 gf 2 mm 0.28 mm 31.8mm 29.40.4mm
Reverse Hinge Roller Lever *
Z-15GM255-B
18.65
.6 40 R
t=1*
9.5 dia. x 4 (plastic roller)
OP 20.2 17.4 13.9
FP
9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2 * Stainless-steel lever 4.2 +0.075 dia. hole -0.025
OF max. RF min. OT min. MD max. FP max. OP
270 gf 56 gf 4 mm 0.64 mm 35 mm 30.20.8 mm
* The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers.
164
General-purpose Basic Switch
Z
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the "-B" from the end of the part number. 2. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Flexible Rod (Coil Spring)
Z-15GNJ55-B
*1 6.1 dia. PT 3.2 dia. Nylon rod 30 Operating range *2 38
(111.3)
OF max. PT max. TT max.
43.4 Rubber cap 23.3 0.25 12 dia.
50 gf (20 mm) 40 mm
(13.6)
4.2 +0.075 dia. hole -0.025
16.3 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2
*1. Operation is possible in any direction other than the axial direction (indicated by the arrow ). *2. Use only the area within the top 30 mm of the rod as the operating part. (Do not use the area that falls within 80 mm from the mounting hole as the operating part. Using this area may cause damage to the nylon rod.
Flexible Rod (Steel Wire)
Z-15HNJS55-B
PT 1-dia. stainless steel wire *3 *1
30 Operating range *2
100 0.4 Four, M3 set screws with hexagonal holes (22) Rubber cap 23.3 0.25 (13.8) 4.2 +0.075 dia. hole -0.025 12 dia.
(130.1)
OF max. PT max.
15 gf (25 mm)
16.3 9.2 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 25.4 0.1 49.2 11.9 17.45 0.2
*1. Operation is possible in any direction other than the axial direction (indicated by the arrow ). *2. Use only the area within the top 30 mm of the rod as the operating part. (Do not use the area that falls within 100 mm from the mounting hole as the operating part. Using this area may cause damage to the steel wire.) *3. The steel wire can be replaced if damaged. (Model: Lever for HNJS55)
General-purpose Basic Switch
Z
165
Drip-proof Models (with Terminal Protective Cover)
Pin Plunger
Z-15GA55-B5V
OP PT 6SR * 23.3 0.25 3.9 dia.
Note: Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
14.7 (11)
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075dia. hole -0.025 (28.8) 17.45 0.2
OF max. RF min. PT max. OT min. MD max. OP
250 to 430 gf 114 gf 2.2 mm 0.13 mm 0.06 mm 15.90.4 mm
* Stainless-steel plunger 17 dia.
Z-15GK3A55-B5V
PT
11.9SR *
23.3 0.25
8.35 dia.
OP 14.7 (11)
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 2.4 mm 3.5 mm 0.06 mm 37.81.2 mm
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
* Stainless-steel plunger
Panel Mount Plunger
Z-15GQA55-B5V
8.35 dia. PT 11.9SR *1 23.3 0.25 M12 P = 1 OP 13.1 *3 16.3 16 dia. *2
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 1.8 mm 5.5 mm 0.06 mm 21.80.8 mm
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
(11)
Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged.
*1. Stainless-steel plunger *2. Two hexagonal nuts (2 t x 14 width across flat) *3. Two lock nuts (2 t x 15.6 width across flats)
Panel Mount Roller Plunger
Z-15GQ22A55-B5V
PT
23.3 0.25
12.7 dia. x 4.8 *1
OP 15.5
*2 M12 P = 1
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 1.8 mm 3.58 mm 0.06 mm 33.41.2 mm
16.3
16 dia.
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
(11)
Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged.
*1. Stainless-steel roller *2. Two hexagonal nuts (3 t x 17 width across flats)
Panel Mount Cross-roller Plunger
Z-15GQ21A55-B5V
PT
23.3 0.25
12.7 dia. x 4.8 *1
OP 15.5
*2 M12 P = 1
OF max. RF min. PT max. OT min. MD max. OP
540 gf 114 gf 1.8 mm 3.58 mm 0.06 mm 33.41.2 mm
16.3
16 dia.
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8)
(11)
17.45 0.2 *1. Stainless-steel roller *2. Two hexagonal nuts (3 t x 17 width across flats)
Note: Do not use the M12 mounting screw and the case mounting hole at the same time, or the case may be damaged.
166
General-purpose Basic Switch
Z
Note: Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
Long Hinge Lever
Z-15GW44A55-B5V
20.2 16.9 26.2
100R
t=1* 4.9
13.9
OP
FP
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
(11)
OF max. RF min. OT min. MD max. FP max. OP
90 gf 14 gf 5.6 mm 3.5 mm 33 mm 191.2 mm
* Stainless-steel lever
Hinge Lever
Z-15GWA55-B5V
26.2 20.2 16.9
R 63.5
t=1* 4.9
13.9
OP
FP
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
(11)
OF max. RF min. OT min. MD max. FP max. OP
100 gf 14 gf 5.6 mm 2 mm 28.2 mm 190.8 mm
* Stainless-steel lever
Short Hinge Roller Lever
Z-15GW22A55-B5V
26.2
26 .6 R
t=1*
9.5 dia. x 4 (plastic roller)
OP 20.2 16.9 13.9
FP
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
(11)
OF max. RF min. OT min. MD max. FP max. OP
200 gf 42 gf 2.4 mm 0.8 mm 32.9 mm 30.20.4 mm
* Stainless-steel lever
Hinge Roller Lever
Z-15GW2A55-B5V
26.2
48 .5R
9.5 dia. x 4 (plastic roller)
t=1* OP 20.2 16.9 13.9 (11) FP
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
OF max. RF min. OT min. MD max. FP max. OP
130 gf 21 gf 4 mm 1.6 mm 36.5 mm 30.20.8 mm
* Stainless-steel lever
Unidirectional Short Hinge Roller Lever
Z-15GW2277A55-B5V
Operating direction 26.2 t=1*
31.9 R
9.5 dia. x 4 (plastic roller)
.1 11
R
34.1 max. 20.2 16.9 13.9
OP
FP
OF max. RF min. OT min. MD max. FP max. OP
(11)
180 gf 50 gf 2.4 mm 0.8 mm 43.6 mm 41.30.8 mm
4.2 +0.075 -0.025 19.2 4.36 +0.1 dia. -0.05 25.4 0.1 52.8 13.7 4.2 +0.075 dia. hole -0.025 (28.8) 17.45 0.2
* Stainless-steel lever
General-purpose Basic Switch
Z
167
Drip-proof Models (with Molded Terminal Cover)
L/R Type (The following illustration is the R type.) D Type
Note: Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
a b 38 5
c b c
a
Size (mm) Lead wire VSF VCT
a 12 19
b 4 11
c 13 20
Size (mm) Lead wire VSF VCT
a 12 19
b 4 11
c 12 16
Lead Wire Specifications
Specifications Lead wire VSF (single-core, vinyl cord) VCT (vinyl-insulated cable) 1.25 Nominal cross sectional area (mm2) Finished outer diameter (mm) Approx. 3.1 dia. Three-core: approx. 10.5 dia. Connection to terminal Black: COM White: NO Red: NC Length (m)
1, 3
Note: 1. No models with molded terminals are approved by UL, CSA, or EN. 2. Molded terminals are not available on all models. Contact your OMRON representative for applicable products.
Maintained Contact Models
Pin Plunger
Z-15ER
PT
Note: Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions.
2.3 dia. 23.3 0.25 4.2 +0.075 dia. hole -0.025 2.3SR *1 Reset position 7.1 min. 6.4 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05 6.4 dia. Reset free position 9.5 max.
Plunger
OF PT max. OT min. OP 200 to 255 gf 0.4 mm 0.13 mm 15.90.4 mm
OP
21.4
14.3 0.3 25.4 0.1 49.2
NO NC
11.9
Reset button *2 17.45 0.2
Reset Button
OFmax. OTmin. 56 to 285 gf 0.4 mm
COM
*1. Stainless steel plunger *2. Plastic plunger
Slim Spring Plunger
Z-15ESR
PT 23.3 0.25 *1 4.2 +0.075 dia. hole -0.025 OP 9 dia. 21.4 6.4 4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05
5.2 dia. 4 dia.
Plunger
OF max. PT max. OT min. 270 gf 0.4 mm 1.6 mm 28.20.5 mm
Reset position 7.1 min.
OP
Reset Button
6.4 dia. Reset free position 9.5 max.
14.3 0.3 11.9 25.4 0.1 49.2
Reset button *2
17.45 0.2 *1. Stainless steel plunger (tip only, flat, R1 bevel). *2. Plastic plunger
OF max. OT min.
285 gf 0.4 mm
Hinge Lever
Z-15EWR
20.2 16.9 26.2
63.5 R
t = 1 *1 4.9
Lever Tip
OF max. OT min. FP max. OP 55 gf 5.6 mm 28.2 mm 190.8 mm
13.9
OP
FP
Reset position 7.1 min. 6.4
4.2 +0.075 -0.025 4.36 +0.1 dia. -0.05
Reset Button
14.3 0.3 11.9 25.4 0.1 49.2 4.2 +0.075 dia. hole -0.025 Reset button *2 17.45 0.2 *1. Stainless steel lever *2. Plastic plunger 6.4 dia. Reset free position 9.5 max.
OF max. OT min.
300 gf 0.4 mm
168
General-purpose Basic Switch
Z
Safety Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User's Guide, "Snap Action Switches, Technical Information" for correct use.
Precautions for Safe Use
Terminal Connection
When soldering lead wires to the Switch, make sure that the capacity of the soldering iron is 60 W maximum. Do not take more than 5 s to solder any part of the Switch. The characteristics of the Switch will deteriorate if a soldering iron with a capacity of more than 60 W is applied to any part of the Switch for 5 s or more.
* Do not use the switch in locations subject to hot water (greater than 60C) or in water vapor. * Do not use the switch outside the specified temperature and atmospheric conditions. The permissible ambient temperature depends on the model. (Refer to the specifications in this catalog.) Sudden thermal changes may cause thermal shock to distort the switch and result in faults.
Incorrect Correct
Separate the installation location from heat sources.
Operation
* Make sure that the switching frequency or speed is within the specified range. 1. If the switching speed is extremely slow, the contact may not be switched smoothly, which may result in a contact failure or contact welding. 2. If the switching speed is extremely fast, switching shock may damage the Switch soon. If the switching frequency is too high, the contact may not catch up with the speed. The rated permissible switching speed and frequency indicate the switching reliability of the Switch. The life of a Switch is determined at the specified switching speed. The life varies with the switching speed and frequency even when they are within the permissible ranges. In order to determine the life of a Switch model to be applied to a particular use, it is best to conduct an appropriate durability test on some samples of the model under actual conditions. * Make sure that the actuator travel does not exceed the permissible OT position. The operating stroke must be set to 70% to 100% of the rated OT.
* Mount a cover if the switch is to be installed in a location where worker inattention could result in incorrect operation or accidents.
Incorrect Correct
(preventing malfunctions)
Precautions for Correct Use
Mounting Location
* Do not use the switch alone in atmospheres such as flammable or explosive gases. Arcing and heat generation associated with switching may cause fires or explosions. * Switches are generally not constructed with resistance against water. Use a protective cover to prevent direct spraying if the switch is used in locations subject to splashing or spurting oil or water, dust adhering.
Incorrect Correct
* Subjecting the switch to continuous vibration or shock may result in contact failure or faulty operation due to abrasion powder and in reduced durability. Excessive vibration or shock will cause the contacts to operate malfunction or become damaged. Mount the switch in a location that is not subject to vibration or shock and in a direction that does not subject the switch to resonance. * If silver contacts are used with relatively low frequency for a long time or are used with microloads, the sulfide coating produced on the contact surface will not be broken down and contact faults will result. Use a microload switch that uses gold contacts. * Do not use the switch in atmospheres with high humidity or heat or in harmful gases, such as sulfide gas (H2S, SO2), ammonia gas (NH3), nitric acid gas (HNO3), or chlorine gas (Cl2). Doing so may impair functionality, such as with damage due to contacting faults or corrosion. * The switch includes contacts. If the switch is used in an atmosphere with silicon gas, arc energy may cause silicon oxide (SiO2) to accumulate on the contacts and result in contact failure. If there is silicon oil, silicon filling, silicon wiring, or other silicon products in the vicinity of the switch, use a contact protection circuit to limit arcing and remove the source of the silicon gas.
Terminal box
Terminal box
Mounting
Always make sure that the power is turned OFF before mounting, removing, or wiring the Switch, or performing maintenance. Electric shock or burning may occur.
* Install the switch in a location that is not directly subject to debris and dust from cutting. The actuator and the switch body must be protected from accumulated cutting debris and dirt.
Incorrect Correct
Selecting Models
We recommend using Drip-proof Models (protection equivalent to IP62) in locations subject to floating dirt and dust. Other models do not have a protective structure.
Wiring
For wiring, use a wire size that is appropriate for the applied voltage and the supplied current. When soldering the Switch, make sure that the capacity of the soldering iron is 60 W maximum. Do not take more than 5 s to solder any part of the Switch. Using the Switch with incomplete soldering may result in errors and heat, which may cause burning. The characteristics of the Switch will deteriorate if a soldering iron with a capacity of more than 60 W is used or if any part of the Switch is soldered for 6 s or longer.
General-purpose Basic Switch
Z
169
Tightening
The suitable tightening torque for screw terminals is given below. * Screw terminals except for those on Split-contact Models (Z-10FY-B): 0.78 to 1.18 N*m * Screw terminals on Split-contact Models (Z-10FY-B): 0.49 to 1.18 N*m
Micro Load Applicable Range
Using a model for ordinary loads to open or close the contact of a micro load circuit may result in faulty contact. Use models that operate in the following range. However, even when using micro load models within the operating range shown here, if inrush current occurs when the contact is opened or closed, it may increase contact wear and so decrease durability. Therefore, insert a contact protection circuit where necessary. The minimum applicable load is the N-level reference value. This value indicates the malfunction reference level for the reliability level of 60% (60). The equation, 60 = 0.5x10-6/operations indicates that the estimated malfunction rate is less than 1/2,000,000 operations with a reliability level of 60%.
DC voltage (V)
5 mW 30 0.16 mA 800 mW 26 mA Operating range for general load models Z-15H, H2 Z-15G Z-15E Z-10FY Z-15ER
Operation
* Make sure that the switching speed and frequency are is within the specified ranges. 1. If the switching speed is extremely slow, the contacts may not be switched smoothly, which may result in a contact failure or contact welding. 2. If the switching speed is extremely fast, switching shock may damage the Switch prematurely. If the switching frequency is too high, the contacts may not be able to keep up with the speed. The rated permissible switching speed and frequency indicate the switching reliability of the Switch. The life of a Switch is determined at the specified switching speed. The life varies with the switching speed and frequency even when they are within the permissible ranges. Always conduct appropriate durability tests under actual conditions before using a Switch. * Make sure that the actuator travel does not exceed the permissible OT position. The operating stroke must be set to 70% to 100% of the rated OT.
24 Operating range for micro load models Z-01H 12
Unusable range
5 0 0.1
1 mA 1 10
100 mA 160 mA 100 1,000
Panel Mount Switch (Z-15@Q@, Z-01@Q@)
* When mounting the panel mount plunger model with screws on a side surface, be careful of the dog angle and operation speed. Excessive dog angle or operation speed may damage the Switch. * When using the panel mount plunger model mounted with screws on a side surface, be careful not to apply a large shock. Applying a shock exceeding 1,000 m/s2 may damage the Switch. * When using the panel mount plunger model mounted with screws on a side surface, remove the hexagonal nuts from the actuator.
Current (mA)
Z-01H Minimum applicable load 1 mA at 5 VDC
Z-15@, Z-10FY 160 mA at 5 VDC
Models with Drip-proof Terminal Cover (Z-@A55-B5V) Wiring
* To attach the Protective Cover to the case, hold the cover in almost parallel to the case and then push it to the case. If the cover is pushed diagonally, the rubber packing may slip off, degrading the sealability of the Switch.
Terminal with toothed washer
High-sensitivity Switch (Z-15H)/ Extra-high-sensitivity Switch (Z-15H2)
* When using the Switch in a DC circuit, be sure to provide an arc suppressor as well because the small contact gap of the Switch may result in contact troubles. * In an application where a high repeat accuracy is required, limit the current that flows through the Switch to within 0.1 A. Also, use a relay to control a high-capacity load if the Switch is connected to such a load. (In this case, the exciting current of the relay coil is the load of the Switch.) * Do not apply a force of 19.6 N or higher to the pin plunger. * Exercise care that the environment conditions such as temperature and humidity do not change abruptly.
Rubber packing
* Use round solderless terminals having the following dimensions to connect leads to the terminals. Tighten the screws of terminals to a torque of 0.78 to 1.18 N*m. Use the terminal shown below.
4.3 dia. 8 20 max.
* A cable 8.5 to 10.5 mm in diameter can be applicable to the sealing rubber of the lead outlet of the Switch. A two-core or three-core VCT cable having a cross-sectional area of 1.25 mm2 is especially suitable for this. * M4 small screws with spring toothed washer are used as the terminal screws.
170
General-purpose Basic Switch
Z
Drip-proof Switch (Z-@55)
* * * * The Switch is not perfectly oil-tight; so do not dip it in oil or water. The rubber boots are made from weather-resistive chloroprene rubber. Do not use Basic Switches in places with radical changes in temperature. Rubber boots and rubber caps will tend to harden at lower ambient temperatures. If an Actuator is used in a pressed state for an extended period of time at low temperatures, it may return slowly or it may not return at all. OMRON can provide special Actuators for use at low temperature with rubber boots or rubber caps made of silicon rubber, which has superior resistance to cold. Ask your OMRON representative for details.
Flexible Rod Switch (Z-15@NJ@55, Drip-proof)
* When the rod is fully swung, the Switch may operate when the lever returns, causing chattering. Use a circuit that compensates for chattering wherever possible. * Do not switch the rod to the fullest extent when the Switch is to break a power circuit because such a practice may cause metal deposition to occur between the mating contacts of the Switch.
Other Precautions
* Do not apply excessive force with a screwdriver or other tool when attaching or removing the Protective Cover. Doing so may deform the Switch.
Split-contact Switch (Z-10F@Y)
The applicable current varies depending on how the contacts are used. If the Switch is connected in series, the Switch can endure a current 1.5 to 2 times higher than the current that can be applied in parallel connection.
Screwdriver
* The Drip-proof Terminal Protective Cover (AP-DV) can be used only with Switches with model numbers ending in "-B5V." * The Drip-proof Terminal Protective Cover is only available for maintenance purposes.
Accessories (Order Separately)
Refer to "Z/A/X/DZ Common Accessories" datasheet for details about Terminal Covers, Separators, and Actuators.
Drip-proof Terminal Cover (Order Separately)
The Drip-proof Terminal Protective Cover is provided for maintenance for Z-@A55-B5V Switches.
Ordering Information
Name Drip-proof Terminal Protective Cover Model AP-DV
Dimensions (Unit: mm)
Mounting bracket
General-purpose Basic Switch
Z
171
MEMO
172
General-purpose Basic Switch
Z
Omron Electronic Components, LLC
Terms and Conditions of Sales I. GENERAL 1. Definitions: The words used herein are defined as follows. (a) Terms: These terms and conditions (b) Seller: Omron Electronic Components LLC and its subsidiaries (c) Buyer: The buyer of Products, including any end user in section III through VI (d) Products: Products and/or services of Seller (e) Including: Including without limitation 2. Offer; Acceptance: These Terms are deemed part of all quotations, acknowledgments, invoices, purchase orders and other documents, whether electronic or in writing, relating to the sale of Products by Seller. Seller hereby objects to any Terms proposed in Buyer's purchase order or other documents which are inconsistent with, or in addition to, these Terms. 3. Distributor: Any distributor shall inform its customer of the contents after and including section III of these Terms. II. SALES 1. Prices; Payment: All prices stated are current, subject to change without notice by Seller. Buyer agrees to pay the price in effect at the time the purchase order is accepted by Seller. Payments for Products received are due net 30 days unless otherwise stated in the invoice. Buyer shall have no right to set off any amounts against the amount owing in respect of this invoice. 2. Discounts: Cash discounts, if any, will apply only on the net amount of invoices sent to Buyer after deducting transportation charges, taxes and duties, and will be allowed only if (a) the invoice is paid according to Seller's payment terms and (b) Buyer has no past due amounts owing to Seller. 3. Interest: Seller, at its option, may charge Buyer 1.5% interest per month or the maximum legal rate, whichever is less, on any balance not paid within the stated terms. 4. Orders: Seller will accept no order less than 200 U.S. dollars net billing. 5. Currencies: If the prices quoted herein are in a currency other than U.S. dollars, Buyer shall make remittance to Seller at the then current exchange rate most favorable to Seller; provided that if remittance is not made when due, Buyer will convert the amount to U.S. dollars at the then current exchange rate most favorable to Seller available during the period between the due date and the date remittance is actually made. 6. Governmental Approvals: Buyer shall be responsible for all costs involved in obtaining any government approvals regarding the importation or sale of the Products. 7. Taxes: All taxes, duties and other governmental charges (other than general real property and income taxes), including any interest or penalties thereon, imposed directly or indirectly on Seller or required to be collected directly or indirectly by Seller for the manufacture, production, sale, delivery, importation, consumption or use of the Products sold hereunder (including customs duties and sales, excise, use, turnover and license taxes) shall be charged to and remitted by Buyer to Seller. 8. Financial: If the financial position of Buyer at any time becomes unsatisfactory to Seller, Seller reserves the right to stop shipments or require satisfactory security or payment in advance. If Buyer fails to make payment or otherwise comply with these Terms or any related agreement, Seller may (without liability and in addition to other remedies) cancel any unshipped portion of Products sold hereunder and stop any Products in transit until Buyer pays all amounts, including amounts payable hereunder, whether or not then due, which are owing to it by Buyer. Buyer shall in any event remain liable for all unpaid accounts. 9. Cancellation; Etc: Orders are not subject to rescheduling or cancellation unless Buyer indemnifies Seller fully against all costs or expenses arising in connection therewith. 10. Force Majeure: Seller shall not be liable for any delay or failure in delivery resulting from causes beyond its control, including earthquakes, fires, floods, strikes or other labor disputes, shortage of labor or materials, accidents to machinery, acts of sabotage, riots, delay in or lack of transportation or the requirements of any government authority. 11. Shipping; Delivery: Unless otherwise expressly agreed in writing by Seller: (a) All sales and shipments of Products shall be FOB shipping point (unless otherwise stated in writing by Seller), at which point title to and all risk of loss of the Products shall pass from Seller to Buyer, provided that Seller shall retain a security interest in the Products until the full purchase price is paid by Buyer; (b) Delivery and shipping dates are estimates only; and (c) Seller will package Products as it deems proper for protection against normal handling and extra charges apply to special conditions. 12. Claims: Any claim by Buyer against Seller for shortage or damage to the Products occurring before delivery to the carrier or any claim related to pricing or other charges must be presented in detail in writing to Seller within 30 days of receipt of shipment. III. PRECAUTIONS 1. Suitability: IT IS THE BUYER'S SOLE RESPOINSIBILITY TO ENSURE THAT ANY OMRON PRODUCT IS FIT AND SUFFICIENT FOR USE IN A MOTORIZED VEHICLE APPLICATION. BUYER SHALL BE SOLELY RESPONSIBLE FOR DETERMINING APPROPRIATENESS OF THE PARTICULAR PRODUCT WITH RESPECT TO THE BUYER'S APPLICATION INCLUDING (A) ELECTRICAL OR ELECTRONIC COMPONENTS, (B) CIRCUITS, (C) SYSTEM ASSEMBLIES, (D) END PRODUCT, (E) SYSTEM, (F) MATERIALS OR SUBSTANCES OR (G) OPERATING ENVIRONMENT. Buyer acknowledges that it alone has determined that the Products will meet their requirements of the intended use in all cases. Buyer must know and observe all prohibitions of use applicable to the Product/s. 2. Use with Attention: The followings are some examples of applications for which particular attention must be given. This is not intended to be an exhaustive list of all possible use of any Product, nor to imply that any use listed may be suitable for any Product: (a) Outdoor use, use involving potential chemical contamination or electrical interference.
(b) Use in consumer Products or any use in significant quantities. (c) Energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. (d) Systems, machines, and equipment that could present a risk to life or property. 3. Prohibited Use: NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM. 4. Motorized Vehicle Application: USE OF ANY PRODUCT/S FOR A MOTORIZED VEHICLE APPLICATION MUST BE EXPRESSLY STATED IN THE SPECIFICATION BY SELLER. 5. Programmable Products: Seller shall not be responsible for the Buyer's programming of a programmable Product. IV. WARRANTY AND LIMITATION 1. Warranty: Seller's exclusive warranty is that the Products will be free from defects in materials and workmanship for a period of twelve months from the date of sale by Seller (or such other period expressed in writing by Seller). SELLER MAKES NO WARRANTY OR REPRESENTATION, EXPRESS OR IMPLIED, ABOUT ALL OTHER WARRANTIES, NON-INFRINGEMENT, MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OF THE PRODUCTS. 2. Buyer Remedy: Seller's sole obligation hereunder shall be to replace (in the form originally shipped with Buyer responsible for labor charges for removal or replacement thereof) the non-complying Product or, at Seller's election, to repay or credit Buyer an amount equal to the purchase price of the Product; provided that there shall be no liability for Seller or its affiliates unless Seller's analysis confirms that the Products were correctly handled, stored, installed and maintained and not subject to contamination, abuse, misuse or inappropriate modification. Return of any Products by Buyer must be approved in writing by Seller before shipment. 3. Limitation on Liability: SELLER AND ITS AFFILIATES SHALL NOT BE LIABLE FOR SPECIAL, INDIRECT, INCIDENTAL OR CONSEQUENTIAL DAMAGES, LOSS OF PROFITS OR PRODUCTION OR COMMERCIAL LOSS IN ANY WAY CONNECTED WITH THE PRODUCTS, WHETHER SUCH CLAIM IS BASED IN CONTRACT, WARRANTY, NEGLIGENCE OR STRICT LIABILITY. FURTHER, IN NO EVENT SHALL LIABILITY OF SELLER OR ITS AFFILITATES EXCEED THE INDIVIDUAL PRICE OF THE PRODUCT ON WHICH LIABILITY IS ASSERTED. 4. Indemnities: Buyer shall indemnify and hold harmless Seller, its affiliates and its employees from and against all liabilities, losses, claims, costs and expenses (including attorney's fees and expenses) related to any claim, investigation, litigation or proceeding (whether or not Seller is a party) which arises or is alleged to arise from Buyer's acts or omissions under these Terms or in any way with respect to the Products. V. INFORMATION; ETC. 1. Intellectual Property: The intellectual property embodied in the Products is the exclusive property of Seller and its affiliates and Buyer shall not attempt to duplicate it in any way without the written permission of Seller. Buyer (at its own expense) shall indemnify and hold harmless Seller and defend or settle any action brought against Seller to the extent that it is based on a claim that any Product made to Buyer specifications infringed intellectual property rights of another party. 2. Property; Confidentiality: Notwithstanding any charges to Buyer for engineering or tooling, all engineering and tooling shall remain the exclusive property of Seller. All information and materials supplied by Seller to Buyer relating to the Products are confidential and proprietary, and Buyer shall limit distribution thereof to its trusted employees and strictly prevent disclosure to any third party. 3. Performance Data: Performance data is provided as a guide in determining suitability and does not constitute a warranty. It may represent the result of Seller's test conditions, and the users must correlate it to actual application requirements. 4. Change In Specifications: Product specifications and descriptions may be changed at any time based on improvements or other reasons. It is Seller's practice to change part numbers when published ratings or features are changed, or when significant engineering changes are made. However, some specifications of the Product may be changed without any notice. 5. Errors And Omissions: The information on Seller's website or in other documentation has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors or omissions. 6. Export Controls: Buyer shall comply with all applicable laws, regulations and licenses regarding (a) export of the Products or information provided by Seller; (b) sale of Products to forbidden or other proscribed persons or organizations; (c) disclosure to noncitizens of regulated technology or information. VI. MISCELLANEOUS 1. Waiver: No failure or delay by Seller in exercising any right and no course of dealing between Buyer and Seller shall operate as a waiver of rights by Seller. 2. Assignment: Buyer may not assign its rights hereunder without Seller's written consent. 3. Law: These Terms are governed by Illinois law (without regard to conflict of laws). Federal and state courts in Cook County, Illinois have exclusive jurisdiction for any dispute hereunder. 4. Amendment: These Terms constitute the entire agreement between Buyer and Seller relating to the Products, and no provision may be changed or waived unless in writing signed by the parties. 5. Severability: If any provision hereof is rendered ineffective or invalid, such provision shall not invalidate any other provision.
General-purpose Basic Switch
Z
Certain Precautions on Specifications and Use
1. Suitability for Use. Seller shall not be responsible for conformity with any standards, codes or regulations which apply to the combination of the Product in Buyer's application or use of the Product. At Buyer's request, Seller will provide applicable third party certification documents identifying ratings and limitations of use which apply to the Product. This information by itself is not sufficient for a complete determination of the suitability of the Product in combination with the end product, machine, system, or other application or use. Buyer shall be solely responsible for determining appropriateness of the particular Product with respect to Buyer's application, product or system. Buyer shall take application responsibility in all cases but the following is a nonexhaustive list of applications for which particular attention must be given: (i) Outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this document. (ii) Energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. (iii) Use in consumer products or any use in significant quantities. (iv) Systems, machines and equipment that could present a risk to life or property. Please know and observe all prohibitions of use applicable to this product. NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE OMRON PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM. 2. Programmable Products. Seller shall not be responsible for the user's programming of a programmable product, or any consequence thereof. 3. Performance Data. Performance data given in this publication is provided as a guide for the user in determining suitability and does not constitute a warranty. It may represent the result of Seller's test conditions, and the users must correlate it to actual application requirements. Actual performance is subject to Seller's Warranty and Limitations of Liability. 4. Change in Specifications. Product specifications and accessories may be changed at any time based on improvements and other reasons. It is our practice to change part numbers when published ratings or features are changed, or when significant construction changes are made. However, some specifications of the Product may be changed without any notice. When in doubt, special part numbers may be assigned to fix or establish key specifications for your application. Please consult with your Seller representative at any time to confirm actual specifications of purchased Product. 5. Errors and Omissions. The information in this publication has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors, or omissions. 6. RoHS Compliance. Where indicated, our products currently comply, to the best of our knowledge as of the date of this publication, with the requirements of the European Union's Directive on the Restriction of certain Hazardous Substances ("RoHS"), although the requirements of RoHS do not take effect until July 2006. These requirements may be subject to change. Please consult our website for current information.
Complete "Terms and Conditions of Sale" for product purchase and use are on Omron's website at http://www.components.omron.com - under the "About Us" tab, in the Legal Matters section. ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
OMRON ELECTRONIC COMPONENTS LLC
55 E. Commerce Drive, Suite B Schaumburg, IL 60173
OMRON ON-LINE
Global - http://www.omron.com USA - http://www.components.omron.com
847-882-2288
Cat. No. X303-E-1 11/09 Specifications subject to change without notice Printed in USA
General-purpose Basic Switch
Z


▲Up To Search▲   

 
Price & Availability of Z-15GM55-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X