Part Number Hot Search : 
16AKT MAX4843 SST25VF DFLZ18 RD20P U30D20 DFLZ18 SCH1435
Product Description
Full Text Search
 

To Download VSORC20AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VTSRC, VSSRC, VSORC-AD
Vishay Thin Film
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
FEATURES
* Lead (Pb)-free standard * Resistors and capacitors on a single chip * Saves board space
Actual Size
Small Outline, Surface Mount, EMI/RFI Reduction, T-Filter Networks
RoHS
COMPLIANT
* Reduces total assembly costs * Uniform performance characteristics * Compatible with automatic surface mounting equipment * UL 94V-0 flame resistant * Rugged, molded case construction
Vishay Thin Film's schematic AD is designed as an 8 channel filter for use with personal computer and peripheral 110 ports such as SCSI ports. The use of single die technology for filtering minimizes space and allows for more freedom in routing. With a rugged molded case to protect the circuit from the environment and an integrated thin film network this product is your choice when reduced size, improved accuracy and surface mount capability are your goals. Available packages SOIC, SSOP and TSSOP.
TYPICAL PERFORMANCE
TCR RESISTOR 200 TCC TOLERANCE 10 % TOLERANCE 20 %
SCHEMATIC AD
20 19 18 17 16 15 14 13 12 11
CAPACITOR
200
MODELS VSORC VSSRC X VTSRC
STANDARD VALUES R () 33 C (pF) 47
1
2
3
4
5
6
7
8
9
10
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material Resistance Range Tracking TCR: Absolute Absolute Tolerance: Absolute Power Rating: Capacitance Range Stability: ESD Protection Breakdown Voltage Operating Temperature Range Storage Temperature Range Power Rating/Resistor R Ratio Package 20 % Standard (C) 1 W - (T)SSOP. 1.2 W - SOIC 10 pF to 150 pF - TSSOP/10 pF to 250 pF - SOIC and SSOP 2% > 2 kV 35 - 50 V 0 C to + 70 C - 55 C to + 125 C 100 mW 1000 h MIL-STD-883, Method 3015 200 ppm/C 10 % Standard (R) at 1 MHz and VRMS over + 10 C to + 70 C See Derating Curve 0 C to + 70 C SPECIFICATIONS Tantalum Nitride on Silicon 10 to 750 10 ppm/C CONDITIONS
RC NETWORKS
Document Number: 60086 Revision: 01-Jul-08
For technical questions, contact: thin-film@vishay.com
www.vishay.com 115
VTSRC, VSSRC, VSORC-AD
Vishay Thin Film
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
DIMENSIONS AND IMPRINTING in inches and millimeters
B Model RES/CAP Date Code C
E
xxxxx
xxx/xxx
xxxx
F G
H
Pin #1 A
W J
D
MODEL A B (Ref.) C (Ref.) D E (Typ.) F G H J (Ref.) W
VTSRC20-AD INCHES 0.256 0.003 0.025 0.0087 0.004 0.024 0.173 0.003 0.015 x 45 0.252 0.005 0.005 0.043 0.005 MILLIMETERS 6.5 0.08 0.65 0.22 0.10 0.61 4.39 0.08 0.38 6.4 0.13 0.13 1.09 0.13
VSSRC20-AD INCHES 0.344 max. 0.025 0.010 0.006 0.025 0.154 0.003 0.015 x 45 0.236 0.008 0.010 0.064 0.005 MILLIMETERS 8.74 max. 0.64 0.25 0.15 0.64 3.9 0.38 6.0 0.20 0.25 1.6
VSORC20-AD INCHES 0.500 0.010 0.050 0.016 0.008 0.030 0.293 0.003 0.025 x 45 0.406 0.005 0.010 0.100 0.005 MILLIMETERS 12.7 0.25 1.27 0.41 0.20 0.76 7.44 0.64 10.31 0.25 2.59
IMPRINTING
VSORC, VSSRC, VTSRC MODEL 20 PIN COUNT AD SCHEMATIC XXXX Date Code RESISTANCE Code: e.g. 100 = 10 XXX / XXX / CAPACITANCE Code: e.g. 101 = 100 pF
* Optional marking
RC NETWORKS
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Body Terminals Plating Lead Coplanarity Marking Resistance to Solvents Tantalum Nitride Silicon Molded Epoxy Copper Alloy 100 % Sn Matte 0.0005 Inches Permanency testing per MIL-STD-202, Method 215
DERATING CURVE
Percent of Rated Power
100 80 60 40 20 0 - 50 0 25 70 125 150 Ambient Temperature C
PACKING INFORMATION
MODEL VTSRC (TSSOP) VSSRC (SSOP) VSORC (SOIC) www.vishay.com 116 LEADS 20 20 20 TAPE AND REEL 2500 2500 1000 TUBES 74 55 38 Document Number: 60086 Revision: 01-Jul-08
For technical questions, contact: thin-film@vishay.com
VTSRC, VSSRC, VSORC-AD
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Vishay Thin Film
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: VTSRC20AD330470TF (preferred part number format)
V
T
S
R
C
2
0
A
D
3
3
0
4
7
0
T
F
GLOBAL MODEL VTSRC VSSRC VSORC (Lead (Pb)-free) (e1)
NUMBER OF LEADS/ SCHEMATICS 20AD
RESISTANCE AND TOLERANCE/ CAPACITANCE AND TOLERANCE xxxyyy First 2 digits are significant figures. Last digit specifies number of zeroes to follow. K = 10 % Capacitor Tol. fixed M = 20 % Resistance Tol. fixed
PACKAGING UF = TUBED TAPE AND REEL TF = Full Reels
Historical Part Number example: VTSRC20AD330K470MT/R (will continue to be accepted) VTSRC MODEL 20 NUMBER OF LEADS AD SCHEMATIC 330K RESISTANCE 470M TOLERANCE T/R PACKAGING
RC NETWORKS
www.vishay.com 117
Document Number: 60086 Revision: 01-Jul-08
For technical questions, contact: thin-film@vishay.com
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VSORC20AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X