![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VTSRC, VSSRC, VSORC-AC Vishay Thin Film 25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks FEATURES * * * * * * * * Lead (Pb)-free standard Resistors and capacitors on a single chip Saves board space RoHS COMPLIANT Reduces total assembly costs Uniform performance characteristics Compatible with automatic surface mounting equipment UL 94V-0 flame resistant Rugged, molded case construction Actual Size Small Outline, Surface Mount, EMI/RFI Reduction, Terminator Networks Vishay Thin Film's termination RC network Schematic AC, can support 18 data lines reducing overall cost. Impedance matching of transmission lines is easily done using VTF thin film integrated RC networks. Our product is designed with all components integrated within a single die. It is then packaged in JEDEC standard plastic packages. The use of surface mount technology offers improved design capability through reduced parasitic inductance and capacitance. Available packages SOIC, SSOP and TSSOP. TYPICAL PERFORMANCE TCR RESISTOR 200 TCC CAPACITOR 200 TOLERANCE 10 % TOLERANCE 20 % SCHEMATIC AC 20 19 18 17 16 15 14 13 12 11 VSORC X MODELS VSSRC VTSRC STANDARD VALUES R () 50 C (pF) 220 250 56 100 X X 50 75 100 1 2 3 4 5 6 7 8 9 10 X STANDARD ELECTRICAL SPECIFICATIONS TEST Material Resistance Range Tracking TCR: Absolute Absolute Tolerance: Absolute Power Rating: Capacitance Range Stability: ESD Protection Breakdown Voltage Operating Temperature Range Storage Temperature Range Power Rating/Resistor R Ratio Package 20 % Standard (C) 1 W - (T)SSOP. 1.2 W - SOIC 10 pF to 150 pF - TSSOP/10 pF to 250 pF - SOIC and SSOP 2% > 2 kV 35 - 50 V 0 C to + 70 C - 55 C to + 125 C 100 mW 1000 h MIL-STD-883, Method 3015 200 ppm/C 10 % Standard (R) at 1 MHz and VRMS over + 10 C to + 70 C See Derating Curve 0 C to + 70 C SPECIFICATIONS Tantalum Nitride on Silicon 10 to 750 10 ppm/C CONDITIONS RC NETWORKS Document Number: 60085 Revision: 01-Jul-08 For technical questions, contact: thin-film@vishay.com www.vishay.com 109 VTSRC, VSSRC, VSORC-AC Vishay Thin Film 25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks DIMENSIONS AND IMPRINTING in inches and millimeters B Model RES/CAP Date Code C xxxxx RES/CAP E xxx/xxx xxxx F Pin #1 A D VTSRC20-AC INCHES 0.256 0.003 0.025 0.0087 0.004 0.024 0.173 0.003 0.015 x 45 0.252 0.005 0.005 0.043 0.005 MILLIMETERS 6.5 0.08 0.65 0.22 0.10 0.61 4.39 0.08 0.38 6.4 0.13 0.13 1.09 0.13 VSSRC20-AC INCHES 0.344 Max. 0.025 0.010 0.006 0.025 0.154 0.003 0.015 x 45 0.236 0.008 0.010 0.064 0.005 MILLIMETERS 8.74 Max. 0.64 0.25 0.15 0.64 3.9 0.38 6.0 0.20 0.25 1.6 H G J W MODEL A B (Ref.) C (Ref.) D E (Typ.) F G H J (Ref.) W VSORC20-AC INCHES 0.500 0.010 0.050 0.016 0.008 0.030 0.293 0.003 0.025 x 45 0.406 0.005 0.010 0.100 0.005 MILLIMETERS 12.7 0.25 1.27 0.41 0.20 0.76 7.44 0.64 10.31 0.25 2.59 IMPRINTING VSORC, VSSRC, VTSRC MODEL 20 PIN COUNT AC SCHEMATIC RESISTANCE Code: e.g. 100 = 10 XXX / XXX / CAPACITANCE Code: e.g. 101 = 100 pF XXXX Date Code * Optional marking RC NETWORKS MECHANICAL SPECIFICATIONS Resistive Element Substrate Material Body Terminals Plating Lead Coplanarity Marking Resistance to Solvents Tantalum Nitride Silicon Molded Epoxy Copper Alloy 100 % Sn Matte 0.0005 Inches Permanency testing per MIL-STD-202, Method 215 DERATING CURVE Percent of Rated Power 100 80 60 40 20 0 - 50 0 25 70 125 150 Ambient Temperature C PACKING INFORMATION MODEL VTSRC (TSSOP) VSSRC (SSOP) VSORC (SOIC) www.vishay.com 110 LEADS 20 20 20 TAPE AND REEL 2500 2500 1000 TUBES 74 55 38 Document Number: 60085 Revision: 01-Jul-08 For technical questions, contact: thin-film@vishay.com VTSRC, VSSRC, VSORC-AC 25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks Vishay Thin Film GLOBAL PART NUMBER INFORMATION New Global Part Numbering: VSSRC20AC330470TF (preferred part number format) V S S R C 2 0 A C 3 3 0 4 7 0 T F GLOBAL MODEL VSSRC VTSRC VSORC (Lead (Pb)-free) (e1) NUMBER OF LEADS/ SCHEMATICS 20AC RESISTANCE AND TOLERANCE/ CAPACITANCE AND TOLERANCE xxxyyy First 2 digits are significant figures. Last digit specifies number of zeroes to follow. K = 10 % Capacitor Tol. fixed M = 20 % Resistance Tol. fixed PACKAGING UF = TUBED TAPE AND REEL TF = Full Reels Historical Part Number example: VSSRC20AC330K470MT/R (will continue to be accepted) VSSRC MODEL 20 NUMBER OF LEADS AC SCHEMATIC 330K RESISTANCE 470M TOLERANCE T/R PACKAGING RC NETWORKS www.vishay.com 111 Document Number: 60085 Revision: 01-Jul-08 For technical questions, contact: thin-film@vishay.com Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of VSORC20AC
![]() |