Part Number Hot Search : 
HY5DU568 B60K460 2G40UM AD2833 WDW3T SY88149 3362W254 S2N65
Product Description
Full Text Search
 

To Download TTDLF-10000L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 123-1
SMT Data Line EMI Filters - TTDLF
We now offer an even more economical version of this series: PDLF. The PDLF is electrically identical and fits the same land pattern. For the TTDLF 10000, please consider our CCDLF10000. We will, however, continue to produce the TTDLF series indefinitely. Coilcraft surface mount filters are designed to virtually eliminate the problem of conducted EMI in data line applications. They provide exceptional common mode noise attenuation from 15 MHz to 300 MHz while passing signal line data below 300 MHz with minimal attenuation. These low resistance filters have been designed for excellent electrical isolation (300 Vrms), environmental stability and low cost. These data line EMI filters come in 10, 8, 4, 3 and 2-line versions with DC current capacity of 500 or 100 mA.
Current max (mA)2 100 500 100 500 100 500 100 Inductance min (H)3 5 5 5 5 5 5 5 DCR max (mOhms) 250 200 250 200 250 200 250 Weight (mg) 258 265 263 270 268 270 601 Color Dot Red Green Orange Violet Yellow Blue --
Part number1 TTDLF 2000L_ TTDLF 2500L_ TTDLF 3000L_ TTDLF 3500L_ TTDLF 4000L_ TTDLF 4500L_ TTDLF 10000L_
Lines 2 2 3 3 4 4 10
1. When ordering, please specify termination and packaging codes:
TTDLF 2500LD
Typical Response*
Attenuation (dB) re: 50 Ohms
-10
Differential Mode
TTDLF (except TTDLF 10000) Termination: L = RoHS compliant tin-silver-copper over silverplatinum-glass frit. Special order: S = non-RoHS tinlead (63/37). Packaging: C = 7 machine ready reel. EIA-481 embossed plastic tape (500 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. D = 13 machine ready reel. EIA-481 embossed plastic tape (2200 parts per full reel). TTDLF 10000 Termination: L = RoHS compliant tin-silver-copper over nickel over moly-mag. Special order: S = non-RoHS tinlead (63/37). Packaging: D = 13 machine ready reel. EIA-481 embossed plastic tape (1000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. 3. 4. 5. Current rating is for each line. Inductance is per winding, tested at 1 MHz. Operating temperature range -40C to +85C. Electrical specifications at 25C.
0
10
20
Common Mode
30 0.1 1 10 100 1000
Frequency (MHz)
*Measured on HP 8753D network analyzer.
Specifications subject to change without notice. Please check our website for latest information.
Document 123-1
Revised 10/15/09
(c) Coilcraft, Inc. 2009
Document 123-2
Surface Mount Data Line EMI Filters
TTDLF 4x00, 3x00, 2x00
0.200 5,08
4 5
0.050 typ 1,27 0.030 0,76 0.050cen 1,27
0.008 ref 0,20
5 6 7 8
Recommended Land Pattern
0.050cen 1,27
4 3 2 1
TTDLF 4000, 4500 8765
TTDLF 3000, 3500 8765
0.198max 5,03
1 8
1234
1234
0.320 max 8,13
Dimensions are in inches mm
0.155max 3,94
0.030 0,76
0.200 5,08
0.060 1,52
TTDLF 2000, 2500 8765
1234
Packaging 500/7reel; 2200/13 reel; Plastic tape: 16 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.8 mm pocket depth
TTDLF 10000
1
0.030 0,76
0.050 cen 1,27 10
0.050 1,27
10
0.030 0,76
0.050 cen 1,27 1 0.060 1,52
10 9 8 7 6 5 4 3 2 1
0.320max 8,13
0.200 5,08
Recommended Land Pattern
0.200 5,08
11 12 13 14 15 16 17 18 19 20
20
11
0.500 max 12,70 Dimensions are in inches mm
0.150max 3,81
11
20
Packaging 1000/13 reel; Plastic tape: 24 mm wide, 0.3 mm thick, 12 mm pocket spacing, 3.94 mm pocket depth
Specifications subject to change without notice. Please check our website for latest information.
Document 123-2
Revised 10/15/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of TTDLF-10000L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X