Part Number Hot Search : 
B2409 QT60320 KBU600 2750060 TFI02 SCD14L C4521 Z25LA821
Product Description
Full Text Search
 

To Download TRF-RJ45-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 154
Modular Jack EMI Filters
This product is not RoHS-compliant. Contact Coilcraft for current status or possible alternatives. Eliminating common mode EMI from telephone lines and LANs can be done quickly and easily with these plug-in filter modules. One, two, and four line (two, four and eight wire) versions are available with RJ11, RJ14, or RJ45 standard terminations. They're designed to help meet FCC Part 15 and 68 as well as European CCITT and CISPR-22 requirements.
Part number Lines TRF-RJ11 1 TRF-RJ14 2 TRF-RJ45-8 4 A max 0.68/17,2 0.68/17,2 0.89/22,6 B max 0.84/21,3 0.84/21,3 0.83/21,1 C min 4.54/115,3 4.54/115,3 4.26/108,2 C max 5.54/140,7 5.54/140,7 5.26/133,6
Typical Attenuation1
-10
Attenuation (dB)
0 10
Co m m on M
Differential Mode
B
C
A
20 30 40
0.1
1. Measured on an Agilent/HP 8753D network analyzer. Ref 50 Ohms. 2. Operating temperature range -40C to +85C. 3. Electrical specifications at 25C.
od e
1
10
100
1000
Frequency (MHz)
Specifications subject to change without notice. Please check our website for latest information.
Document 154
Revised 11/10/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of TRF-RJ45-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X