Part Number Hot Search : 
NJM082BL D4702BCT 4078B SPN7002D FB2022 SZ5234B FC6251 N4754
Product Description
Full Text Search
 

To Download TEA1733LT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEA1733T; TEA1733LT
GreenChip SMPS control IC
Rev. 01 -- 26 October 2009 Objective data sheet
1. General description
The TEA1733(L) is a low cost Switched Mode Power Supply (SMPS) controller IC intended for flyback topologies. The TEA1733(L) operates in fixed frequency mode. To reduce ElectroMagnetic Interference (EMI), frequency jitter has been implemented. For Continuous Conduction Mode (CCM) operation, slope compensation is integrated. The TEA1733(L) IC features an OverPower Protection (OPP). The controller can be set to accept an overpower situation for a limited amount of time. Two pins are reserved for protection purposes. Input UnderVoltage Protection (UVP) and OverVoltage Protection (OVP), output OVP and OverTemperature Protection (OTP) can be implemented with a minimal number of external components. At low power levels the primary peak current is set to 25 % of the maximum peak current and the switching frequency is reduced to limit the switching losses. The combination of fixed frequency operation at high output power and frequency reduction at low output power provides high efficiency over the total load range. The TEA1733(L) enables low cost, highly efficient and reliable supplies for power requirements up to 75 W to be designed easily and with a minimum number of external components.
2. Features
2.1 Features
I I I I I I I I I I I I I I SMPS controller IC enabling low cost applications Large input voltage range (12 V to 30 V) Very low supply current during start-up and restart (typically 10 A) Low supply current during normal operation (typically 0.5 mA without load) Overpower or high/low line compensation Adjustable overpower time-out Adjustable overpower restart timer Fixed switching frequency with frequency jitter to reduce EMI Frequency reduction with fixed minimum peak current at low power operation to maintain high efficiency at low output power levels Slope compensation for CCM operation Low and adjustable OverCurrent Protection (OCP) trip level Adjustable soft start Two protection inputs (e.g. for input UVP and OVP, OTP and output OVP) IC overtemperature protection
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
3. Applications
I The devices can be used in all applications that require an efficient and cost-effective power supply solution of up to 75 W.
4. Ordering information
Table 1. Ordering information Package Name TEA1733T TEA1733LT SO8 SO8 Description plastic small outline package; 8 leads; body width 3.9 mm plastic small outline package; 8 leads; body width 3.9 mm Version SOT96-1 SOT96-1 Type number
5. Block diagram
VCCstart VCC 1
22 V 6V
Vctrl(Ipeak) 400 mV
21 V 12 V VCCstop
D
Q OverPwr 2.5 V
11 A
8
OPTIMER
Driver OPsw TEMP PROT OTP 5.4 V
Clamp GND 2
Latch
5V
LatchReset
Restart Clamp RESTART CONTROL PowerDown OPsw
107 A
Set DutyMax
OSCILLATOR
MODULATION
7 k
Freq reduction ANALOG CONTROL SLOPE COMPENSATION
OPTIMER 1.2 V / 4.5 V
7
Vctrl(Ipeak)
CTRL
DRIVER
3
DRV Q
S R
Set Stop DutyMax Restart BLANK
Restart S Q R
55 A
Soft Start Soft Start LEB Stop Latch OVER POWER CORRECTION VINSENSE Latch S Vctrl(Ipeak) OCP Q R
VCCstop OverPwr(1) HighVin LowVin VCCstart PowerDown LowVin ProtLow OTP ProtHigh ProtLow OverPwr(1) LatchReset DIGITAL CONTROL
ProtHigh 0.50 V/0.80 V ProtLow
32 A
6
107 A
PROTECT
HighVin 3.52 V
ISENSE
4
LowVin
0.72 V/0.94 V
5
VINSENSE
014aaa926
(1) In the TEA1733LT the OverPwr signal switches the IC to the latched-off state. In the TEA1733T the OverPwr signal triggers the restart timer.
Fig 1.
Block diagram
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
2 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
6. Pinning information
6.1 Pinning
VCC GND DRIVER ISENSE
1 2
8 7
OPTIMER CTRL PROTECT VINSENSE
TEA1733T
3 4
014aaa927
6 5
Fig 2.
Pin configuration: TEA1733(L) (SOT96-1)
6.2 Pin description
Table 2. Symbol VCC GND DRIVER ISENSE VINSENSE PROTECT CTRL OPTIMER Pin description Pin 1 2 3 4 5 6 7 8 Description supply voltage ground gate driver output current sense input input voltage protection input general purpose protection input control input overpower and restart timer
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
3 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
7. Functional description
7.1 General control
The TEA1733(L) contains a controller for a flyback circuit. A typical configuration is shown in Figure 3.
VINSENSE PROTECT
5 6
4 3
ISENSE DRIVER GND VCC
CTRL OPTIMER
TEA1733T
7 8 2 1
014aaa928
Fig 3.
Typical configuration
7.2 Start-up and UnderVoltage LockOut (UVLO)
Initially the capacitor on the VCC pin is charged from the high voltage mains via a resistor. As long as VCC is below Vstartup, the IC current consumption is low (typically 10 A). When VCC reaches Vstartup the IC first waits for the VINSENSE pin to reach the Vstart(VINSENSE) voltage and for the PROTECT pin to reach the Vdet(PROTECT)(L) voltage. When both levels are reached, the IC charges the ISENSE pin to the Vstart(soft) level and then starts switching. In a typical application the supply voltage is taken over by the auxiliary winding of the transformer. If a protection is triggered the controller will stop switching. Depending on which protection is triggered and on the version of the IC (TEA1733T or TEA1733LT) the protection will cause a restart or will latch the converter to an off-state. A restart caused by a protection will charge the OPTIMER pin to 4.5 V (typ.) rapidly. The TEA1733(L) will then enter the Power-down mode until the OPTIMER pin is discharged to 1.2 V (typ.). In Power-down mode, the IC consumes a very low supply current (10 A typ.) and the VCC pin will be clamped to 22 V (typ.) by an internal clamp circuit. A restart will be made when the voltage on pin OPTIMER drops below 1.2 V (typ.) and the VCC pin voltage is above the VCC start-up voltage (See Figure 4). When a latched protection is triggered, the TEA1733(L) will enter Power-down mode immediately. The VCC pin will be clamped to a voltage just above the latch protection reset voltage (Vrst(latch) + 1 V).
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
4 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
Vstartup Vth(UVLO) VCC soft start ISENSE VINSENSE Vdet(VINSENSE)(H) Vstart(VINSENSE) Vdet(PROTECT)(H) PROTECT Vdet(PROTECT)(L) 4.5 V 1.2 V OPTIMER soft start
Output voltage charging VCC capacitor starting converter normal operation
(power down) protection restart
014aaa929
Fig 4.
Start-up sequence, normal operation and restart sequence
When the voltage on pin VCC drops below the UVLO level during normal operation, the controller stops switching and enters Restart mode. In Restart mode the driver output is disabled and the VCC pin voltage is recharged via the resistor to the rectified mains.
7.3 Supply management
All internal reference voltages are derived from a temperature compensated on-chip band gap circuit. Internal reference currents are derived from a trimmed and temperature compensated current reference circuit.
7.4 Input voltage detection (VINSENSE pin)
In a typical application the mains input voltage can be detected by the VINSENSE pin. As long as the voltage on VINSENSE has not reached the Vstart(VINSENSE) voltage (typically 0.93 V), switching is inhibited. When during operation the VINSENSE voltage drops below Vdet(L)(VINSENSE) (typically 0.72 V) or exceeds Vdet(H)(VINSENSE) (typically 3.52 V), the converter stops switching and performs a restart. If the pin is left open or disconnected, the pin is pulled up by the internal 20 nA (typ.) current source and subsequently the Vdet(H)(VINSENSE) level is reached. This will then trigger a restart protection. An internal clamp of 5.2 V (typ.) protects this pin from excessive voltages.
7.5 Protection input (PROTECT PIN)
The pin PROTECT is a general purpose input pin, which can be used to switch off the converter (latched protection). The converter is stopped as soon as the voltage on this pin is pulled above Vdet(H)(PROTECT) (typically 0.8 V) or below Vdet(L)(PROTECT) (typically 0.5 V). A current of 32 A (typ.) is flowing out of the chip when the pin voltage is Vdet(L)(PROTECT). A current of 107 A (typ.) is flowing into the chip when the pin voltage is Vdet(H)(PROTECT).
TEA1733T_TEA1733LT_1 (c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
5 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
The PROTECT input can be used e.g. for creating an overvoltage detection and an OTP function. A small capacitor can be connected to the pin if the protections on this pin are not used. An internal clamp of 4.1 V (typ.) protects this pin from excessive voltages.
7.6 Duty cycle control (CTRL pin)
The output power of the converter is regulated by the CTRL pin. This pin is connected to an internal voltage source of 5 V via an internal resistor (typical resistance is 7 k). The CTRL pin voltage sets the maximum peak current which is measured via the ISENSE pin. (see Section 7.10) At low output power the switching frequency is also reduced. (see Section 7.12)The maximum duty cycle is limited to 72 % (typ).
7.7 Slope compensation (CTRL pin)
For CCM a slope compensation circuit is integrated. The slope compensation guarantees stable operation for duty cycles larger than 50 %.
7.8 Overpower timer (OPTIMER pin)
If the OPTIMER pin is connected to a capacitor a temporary overload situation is allowed. If Vctrl(Ipeak) (see Figure 1) set by the CTRL pin is above 400 mV, a current of IIO(OPTIMER) (10 A typ.) is sourced from the OPTIMER pin. If the voltage on the OPTIMER pin reaches the Vprot(OPTIMER) voltage (2.5 V typ.) the OverPower Protection (OPP) is triggered. (see Figure 5)
Output load
Output voltage
400 mV VISENSE
Vprot(OPTIMER) VOPTIMER high load normal load high load protection
014aaa930
Fig 5.
Overpower delay
When the Vprot(OPTIMER) voltage is reached a restart will be made. If the overload is removed before the Vprot(OPTIMER) voltage is reached, the converter will continue switching.
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
6 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
7.9 Current mode control (ISENSE pin)
Current mode control is used for its good line regulation. The primary current is sensed by the ISENSE pin across an external resistor and compared with an internal control voltage.The internal control voltage is proportional to the CTRL pin voltage. (see Figure 6)
0.6 Vsense(max) (V) 0.4
014aaa931
0.2
frequency reduction
0 0 1 2 3 VCTRL (V) 4
Fig 6.
Peak current control
Leading edge blanking is added to prevent false triggering due to the capacitive discharge when switching on the external power switch. (see Figure 7)
LEB (tleb) Vsense(max)
VISENSE
t
014aaa932
Fig 7.
Leading edge blanking
7.10 Overpower or high/low line compensation (VINSENSE and ISENSE pins)
The overpower compensation function can be used to realize a maximum output power which is nearly constant over the full input mains. The overpower compensation circuit measures the input voltage via the VINSENSE pin and outputs a current depending on this voltage on the ISENSE pin. The DC voltage across the soft start resistor will then limit the maximum peak current on the current sense resistor. At low output power levels the overpower compensation circuit is switched off. See Figure 8.
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
7 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
2 1.7 IISENSE (A)
0.68
1
2
3 VVINSENSE (V)
4
014aaa933
Fig 8.
Overpower compensation
7.11 Soft start-up (ISENSE pin)
To prevent audible noise during start-up or restart, a soft start is made. Before the converter (re)starts, the soft start capacitor on the ISENSE pin is charged. When the converter (re)starts switching, the primary peak current increases slowly when the soft start capacitor discharges through the soft start resistor. (see also Figure 4) The time constant of the soft start can be chosen by setting the soft start capacitor. The soft start resistor must also be taken into account, but this value is typically defined by the overpower compensation. (see Section 7.10)
7.12 Low power operation
In low power operation the switching losses are reduced by lowering the switching frequency. The switching frequency of the converter is reduced while the peak current is set to 25 % of the maximum peak current. (see Figure 6 and Figure 9)
fsw (kHz) switching frequency
1
2 VCTRL (V)
014aaa934
Fig 9.
Frequency control
7.13 Driver (pin DRIVER)
The driver circuit to the gate of the power MOSFET has a current sourcing capability of typically -250 mA and a current sink capability of typically 750 mA. This permits fast turn-on and turn-off of the power MOSFET for efficient operation.
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
8 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
7.14 OverTemperature Protection (OTP)
An accurate internal temperature protection is provided in the circuit. When the junction temperature exceeds the thermal shut-down temperature, the IC stops switching. OTP is a latched protection. It can be reset by removing the voltage on pin VCC.
8. Limiting values
Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Voltages VCC VVINSENSE VPROTECT VCTRL VIO(OPTIMER) VISENSE Currents II(VINSENSE) II(PROTECT) ICTRL IISENSE IDRIVER General Ptot Tstg Tj ESD VESD electrostatic discharge voltage class 1 human body model machine model charged device model
[1] [2] Equivalent to discharging a 100 pF capacitor through a 1.5 k series resistor. Equivalent to discharging a 200 pF capacitor through a 0.75 H coil and a 10 resistor.
[1] [2]
Parameter supply voltage voltage on pin VINSENSE voltage on pin PROTECT voltage on pin CTRL input/output voltage on pin OPTIMER voltage on pin ISENSE input current on pin VINSENSE input current on pin PROTECT current on pin CTRL current on pin ISENSE current on pin DRIVER total power dissipation storage temperature junction temperature
Conditions continuous t < 100 ms current limited current limited
Min -0.4 -0.4 -0.4 -0.4 -0.4
Max +30 35 +5.5 +5 +5 +5 +5 +1 +1 0 +1 +1 0.5 +150 +150
Unit V V V V V V V mA mA mA mA A W C C
current limited
-0.4 -1 -1 -3 -10
< 10 % Tamb < 75 C
-0.4 -55 -40
-
4000 300 750
V V V
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
9 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
9. Thermal characteristics
Table 4. Symbol Rth(j-a) Rth(j-c) Thermal characteristics Parameter thermal resistance from junction to ambient thermal resistance from junction to case Conditions in free air; JEDEC test board in free air; JEDEC test board Typ 150 79 Unit K/W K/W
10. Characteristics
Table 5. Characteristics Tamb = 25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 6); currents are positive when flowing into the IC; unless otherwise specified. Symbol Vstartup Vth(UVLO) Vclamp(VCC) Parameter start-up voltage undervoltage lockout threshold voltage clamp voltage on pin VCC hysteresis voltage start-up supply current latched reset voltage start voltage on pin VINSENSE LOW-level detection voltage on pin VINSENSE HIGH-level detection voltage on pin VINSENSE output current on pin VINSENSE clamp voltage on pin VINSENSE LOW-level detection voltage on pin PROTECT HIGH-level detection voltage on pin PROTECT II(VINSENSE) = 50 A detection level activated during restart activated during latched protection Vstartup - Vth(UVLO) VCC < Vstartup Conditions Min 18.6 11.2 8 5 0.4 4 0.89 0.68 Typ 20.6 12.2 Vstartup + 1 Max 22.6 13.2 Unit V V V V V A mA V V V Supply voltage management (pin VCC)
Vrst(latch) + 1 9 10 0.5 5 0.94 0.72 10 15 0.6 6 0.99 0.76
Vhys ICC(startup) ICC(oper) Vrst(latch) Vstart(VINSENSE) Vdet(L)(VINSENSE)
operating supply current no load on pin DRIVER
Input voltage sensing (pin VINSENSE)
Vdet(H)(VINSENSE)
3.39
3.52
3.65
V
IO(VINSENSE) Vclamp(VINSENSE)
-
-20 5.2
-
nA V
Protection input (pin PROTECT) Vdet(L)(PROTECT) 0.47 0.50 0.53 V
Vdet(H)(PROTECT)
0.75
0.8
0.85
V
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
10 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
Table 5. Characteristics ...continued Tamb = 25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 6); currents are positive when flowing into the IC; unless otherwise specified. Symbol IO(PROTECT) Vclamp(PROTECT) Parameter output current on pin PROTECT clamp voltage on pin PROTECT voltage on pin CTRL Conditions VVINSENSE = Vlow(PROTECT) VVINSENSE = Vhigh(PROTECT) II(PROTECT) = 200 A
[1]
Min -34 87 3.5
Typ -32 107 4.1
Max -30 127 4.7
Unit A A V
Peak current control (pin CTRL) VCTRL for minimum flyback peak current for maximum flyback peak current Rint(CTRL) IO(CTRL) internal resistance on pin CTRL output current on pin CTRL VCTRL = 1.4 V VCTRL = 3.7 V 1.5 3.4 5 -0.7 -0.28 62 210 3 68.5 pin CTRL pin CTRL 1.5 1.25 2.4 100 -12.2 0.8 4.1 -127 -0.1 1.8 3.9 7 -0.5 -0.2 66.5 280 4 72 1.8 1.55 2.5 150 -10.7 1.2 4.5 -107 0 2.1 4.3 9 -0.3 -0.12 71 350 5 79 2.1 1.85 2.6 200 -9.2 1.6 4.9 -87 0.1 V V k mA mA kHz Hz kHz % V V V A A V V A A
Pulse width modulator fosc fmod fmod max Vstart(red)f V(zero) Vprot(OPTIMER) Iprot(OPTIMER) oscillator frequency modulation frequency modulation frequency variation maximum duty cycle frequency reduction start voltage zero duty cycle voltage protection voltage on pin OPTIMER protection current on pin no overpower situation OPTIMER overpower situation restart voltage on pin OPTIMER restart current on pin OPTIMER low level high level charging OPTIMER capacitor discharging OPTIMER capacitor Current sense (pin ISENSE) Vsense(max) maximum sense voltage V/t = 50 mV/s; VVINSENSE = 0.78 V V/t = 200 mV/s; VVINSENSE = 0.78 V Vth(sense)opp VISENSE/t overpower protection sense threshold voltage slope compensation voltage on pin ISENSE 0.48 0.50 370 17 0.51 0.53 400 25 0.54 0.56 430 33 V V mV mV/s
Overpower protection (pin OPTIMER)
Restart timer (pin OPTIMER) Vrestart(OPTIMER) Irestart(OPTIMER)
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
11 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
Table 5. Characteristics ...continued Tamb = 25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 6); currents are positive when flowing into the IC; unless otherwise specified. Symbol tleb Parameter leading edge blanking time VVINSENSE = 1 V; overpower compensation current on Vsense(max) > 400 mV pin ISENSE VVINSENSE=3 V; Vsense(max) > 400 mV soft start current soft start voltage soft start resistance source current on pin DRIVER sink current on pin DRIVER maximum output voltage on pin DRIVER IC protection level temperature VDRIVER = 2 V VDRIVER = 2 V VDRIVER = 10 V VCTRL = 4 V; enable voltage Conditions Min 250 Typ 300 Max 350 Unit ns
Overpower compensation (pin VINSENSE and pin ISENSE) Iopc(ISENSE) 0.28 1.7 A A
Soft start (pin ISENSE) Istart(soft) Vstart(soft) Rstart(soft) Isource(DRIVER) Isink(DRIVER) VO(DRIVER)max -63 12 0.25 0.6 9 -55 Vsense(max) -0.3 0.3 0.75 10.5 -47 -0.25 12 A V k A A A V
Driver (pin DRIVER)
Temperature protection Tpl(IC) 130 140 150 C
[1]
The clamp voltage on the PROTECT pin is lowered when the IC is in power-down. (latched or restart protection)
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
12 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
11. Application information
A power supply with the TEA1733(L) is a flyback converter operating in Continuous conduction mode. See Figure 10. Capacitor C5 buffers the IC supply voltage, which is powered via R3 for start-up and via the auxiliary winding during normal operation. Sense resistor R9 converts the current through the MOSFET S1 into a voltage at pin 4 (ISENSE). The values of R9 defines the maximum primary peak current in MOSFETs S1. In the example given, the PROTECT pin (pin 6) is used for OVP and OTP. The OVP level is set by Z1 to VCC = 25.8 V. The OTP level is set by Negative Temperature Coefficient (NTC) resistor R4. The VINSENSE pin (pin 5) is used for mains voltage detection and R1 and R2 set the start voltage to about 80 V (AC). The overpower protection time, defined by C4, is set to 60 ms. The restart time, defined by C4 and R8, is set to 0.5 s. R6 and C6 define the soft start time. R5 is added to prevent the soft start capacitor from being charged during normal operation due to negative voltage spikes across the current sense resistor R9. C3 is added to reduce the noise on the CTRL pin. R7 reduces the peak current to C5.
C1 68 F C2 100 nF R2 82 k
R1 10 M
R5
5
R3 1 M
4 3
470
R10 10 R6
S1
6
200 k
Z1 25 V C3 10 nF C4 220 nF
R4
TEA1733T
7 8
R8 2.2 M
2 1
C5 4.7 F
22 k C6 220 nF R9 0.25 R7 10
014aaa935
Fig 10. Typical application
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
13 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
12. Package outline
SO8: plastic small outline package; 8 leads; body width 3.9 mm SOT96-1
D
E
A X
c y HE vMA
Z 8 5
Q A2 A1 pin 1 index Lp 1 e bp 4 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 0.069 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 5.0 4.8 0.20 0.19 E (2) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z (1) 0.7 0.3 0.028 0.012
0.010 0.057 0.004 0.049
0.019 0.0100 0.014 0.0075
0.244 0.039 0.028 0.041 0.228 0.016 0.024
8o o 0
Notes 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC 076E03 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-18
Fig 11. Package outline SOT109-1 (SO16)
TEA1733T_TEA1733LT_1 (c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
14 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
13. Revision history
Table 6. Revision history Release date 20091026 Data sheet status Objective data sheet Change notice Supersedes Document ID TEA1733T_TEA1733LT_1
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
15 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
14. Legal information
14.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
14.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
14.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
14.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. GreenChip -- is a trademark of NXP B.V.
15. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
TEA1733T_TEA1733LT_1
(c) NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 -- 26 October 2009
16 of 17
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip SMPS control IC
16. Contents
1 2 2.1 3 4 5 6 6.1 6.2 7 7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 7.10 7.11 7.12 7.13 7.14 8 9 10 11 12 13 14 14.1 14.2 14.3 14.4 15 16 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 4 General control . . . . . . . . . . . . . . . . . . . . . . . . . 4 Start-up and UnderVoltage LockOut (UVLO) . . 4 Supply management. . . . . . . . . . . . . . . . . . . . . 5 Input voltage detection (VINSENSE pin) . . . . . 5 Protection input (PROTECT PIN) . . . . . . . . . . . 5 Duty cycle control (CTRL pin). . . . . . . . . . . . . . 6 Slope compensation (CTRL pin). . . . . . . . . . . . 6 Overpower timer (OPTIMER pin) . . . . . . . . . . . 6 Current mode control (ISENSE pin) . . . . . . . . . 7 Overpower or high/low line compensation (VINSENSE and ISENSE pins) . . . . . . . . . . . . 7 Soft start-up (ISENSE pin) . . . . . . . . . . . . . . . . 8 Low power operation. . . . . . . . . . . . . . . . . . . . . 8 Driver (pin DRIVER) . . . . . . . . . . . . . . . . . . . . . 8 OverTemperature Protection (OTP) . . . . . . . . . 9 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 9 Thermal characteristics. . . . . . . . . . . . . . . . . . 10 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 10 Application information. . . . . . . . . . . . . . . . . . 13 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 Legal information. . . . . . . . . . . . . . . . . . . . . . . 16 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Contact information. . . . . . . . . . . . . . . . . . . . . 16 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 26 October 2009 Document identifier: TEA1733T_TEA1733LT_1


▲Up To Search▲   

 
Price & Availability of TEA1733LT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X