Part Number Hot Search : 
N037T ADM690 TM9316 D2498 SP708R 050DZ01 AD7854 OMT250
Product Description
Full Text Search
 

To Download TC2182 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC2182
REV4_20070504
Low Noise Ceramic Packaged PHEMT GaAs FETs
FEATURES
* * * * * * * 0.5 dB Typical Noise Figure at 12 GHz High Associated Gain: Ga = 13 dB Typical at 12 GHz Lg = 0.25 m, Wg = 160 m Tight Vp ranges control High RF input power handling capability 100 % DC Tested Micro-X Metal Ceramic Package
PHOTO ENLARGEMENT
DESCRIPTION
The TC2182 is a high performance field effect transistor housed in a ceramic micro-x package with TC1102 PHEMT Chip. It has very low noise figure, high associated gain and high dynamic range that makes this device suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (TA=25 C)
Symbol NF Ga IDSS gm VP BVDGO Rth CONDITIONS Noise Figure at VDS = 2 V, IDS = 10 mA, f = 12GHz Associated Gain at VDS = 2 V, IDS = 10 mA, f = 12GHz Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V Transconductance at VDS = 2 V, VGS = 0 V Pinch-off Voltage at VDS = 2 V, ID = 0.32mA Drain-Gate Breakdown Voltage at IDGO = 0.08mA Thermal Resistance MIN 10 TYP 0.5 13 48 55 -1.0* 9 250 MAX 0.7 UNIT dB dB mA mS Volts Volts C/W
5
ABSOLUTE MAXIMUM RATINGS (TA=25 C)
Symbol VDS VGS IDS IGS Pin PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current Gate Current RF Input Power, CW Continuous Dissipation Channel Temperature Storage Temperature Rating 5.0 V -3.0 V IDSS 160 A 17 dBm 150 mW 175 C - 65 C to +175 C
TYPICAL NOISE PARAMETERS (TA=25 C)
VDS = 2 V, IDS = 10 mA
Frequency 2 4 6 8 10 12 14 16 18 NFopt 0.32 0.33 0.35 0.39 0.44 0.50 0.58 0.74 0.91 GA 19.0 17.4 15.7 14.3 12.9 11.9 11.4 11.2 10.9 MAG 0.98 0.84 0.68 0.51 0.38 0.28 0.25 0.32 0.49 opt ANG 15 30 50 76 107 146 -167 -110 -43 Rn/50 0.40 0.35 0.26 0.19 0.12 0.08 0.07 0.11 0.23
* For the tight control of the pinch-off voltage range, we divide TC2182 into 3 model numbers to fit customer design requirement (1)TC2182P0710 : Vp = -0.7V to -1.0V (2)TC2182P0811 : Vp = -0.8V to -1.1V (3)TC2182P0912 : Vp = -0.9V to -1.2V If required, customer can specify the requirement in purchasing document. For special Vp requirement, please contact factory for details.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/3
TC2182
REV4_20070504
TYPICAL SCATTERING PARAMETERS (TA=25 C)
VDS = 2 V, IDS = 10 mA
1.0 90
0.
2.
Swp Max 18GHz
0 3. 0 4. 0 5.
0
60
Mag Max 0.2
13
Swp Max 18 GHz
45
30
15
0.8
6
S12
15
165
0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0 4.0 5.0
10.0
75
105
12 0
0
.0
.6
-1
.4 -0
35
-2
20
-0.8
-1.0
-105
-0
-1
1.0
60
0
45
S22
2.
Mag Max 6
13 5
Swp Max 18 GHz
0. 4
.6
0.8
90
75
0
15 165
0.2
0.4
0.6
0.8 1.0
2.0
0 -180
-165 -15
-1
50
35 -1
-3
-0.
0
2
S21
-4 5
20
.6
-105
-0.8
-0
-1.0
-1
-2
.0
-0
.4
2 Per Div
Swp Min 2 GHz
FREQUENCY (GHz) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
S11 MAG 0.9753 0.9569 0.9265 0.8962 0.8537 0.8033 0.7371 0.6585 0.5848 0.5334 0.5244 0.5796 0.6593 0.7259 0.7778 0.8265 0.8424 ANG -42.07 -61.12 -77.16 -92.19 -105.88 -120.43 -137.29 -158.26 173.39 138.30 100.31 66.75 40.81 20.68 5.14 -6.70 -17.16 MAG 3.1849 3.0294 2.9072 2.8197 2.7887 2.8169 2.8673 2.9755 3.1034 3.1303 3.0858 2.9214 2.6705 2.4002 2.1397 1.9291 1.7749
S21 ANG 142.77 125.98 110.95 96.54 83.04 69.49 54.47 38.95 21.12 1.49 -18.68 -39.53 -57.67 -76.28 -93.90 -109.65 -123.77 MAG 0.0369 0.0513 0.0630 0.0730 0.0814 0.0881 0.0928 0.0983 0.1008 0.0994 0.0944 0.0845 0.0772 0.0721 0.0687 0.0660 0.0674
S12 ANG 59.34 46.68 35.35 24.64 14.13 3.31 -8.79 -20.39 -34.42 -49.95 -66.31 -80.16 -92.37 -106.83 -120.22 -133.41 -150.56 MAG 0.7846 0.7686 0.7527 0.7363 0.7155 0.6888 0.6577 0.6205 0.5566 0.4882 0.4195 0.3765 0.3475 0.3306 0.3351 0.3471 0.3744
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P2/3
-3 .0 -4 -5..0 0 -10.0
3.0 4.0 5.0
0
Swp Min 2GHz
S22 ANG -23.66 -35.81 -45.49 -54.79 -64.11 -73.57 -83.22 -92.67 -102.37 -114.51 -127.04 -141.50 -156.59 -175.60 166.49 149.44 134.41
10.0
0.2
15
0
-3 .0 -4 -5..0 0
2 -0.
Swp Min 2GHz
30
-10.
0
0.
4
0.2
5
-180
0
-15
S11
-165
-1
50
-3
0
-4 5
-6 0
-75
0.05 Per Div
Swp Min 2 GHz
-90
Swp Max 18GHz
3. 0
0 4. 0 5.
105
12 0
10.0
-6 0
-75
-90
TC2182
REV4_20070504
OUTLINE DIMENSIONS (in inch)
Tape & Reel Package Orientation (mm)
0.5 +0.1/-0.0 2.0 +/- 0.05
A
0.30 +/- 0.05
0.5 MIN.
4.0
1.75
5.5 +/- 0.05 Bo 12.0 +/- 0.3
Ko
A1 Ao 8.0
Section A-A
A
Ao = A1 = Bo = B1 = Ko = 7.0 mm 1.45 mm 7.0 mm 0.9 mm 2 0 mm
Standard Reel Size Standard Reel Quantity
7" 1000
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P3/3


▲Up To Search▲   

 
Price & Availability of TC2182

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X