Part Number Hot Search : 
1N750 HT162 SFP840 4HCT40 3X471K SP2003 SMC520 XM15B
Product Description
Full Text Search
 

To Download TC2182 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRANSCOM
TC2182
January 2002
Low Noise Ceramic Packaged PHEMT GaAs FETs
FEATURES * * * * * 0.5 dB Typical Noise Figure at 12 GHz High Associated Gain: Ga = 13 dB Typical at 12 GHz Lg = 0.25 m, Wg = 160 m 100 % DC Tested Micro-X Metal Ceramic Package PHOTO ENLARGEMENT
DESCRIPTION The TC2182 is a high performance field effect transistor housed in a ceramic micro-x package with TC1102 PHEMT Chip. It has very low noise figure, high associated gain and high dynamic range that makes this device suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure consistent quality. ELECTRICAL SPECIFICATIONS (TA=25 C)
Symbol NF Ga IDSS gm VP BVDGO Rth CONDITIONS Noise Figure at VDS = 2 V, IDS = 10 mA, f = 12GHz Associated Gain at VDS = 2 V, IDS = 10 mA, f = 12GHz Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V Transconductance at VDS = 2 V, VGS = 0 V Pinch-off Voltage at VDS = 2 V, ID = 0.32mA Drain-Gate Breakdown Voltage at IDGO = 0.08mA Thermal Resistance
MIN 10 TYP 0.5 13 40 55 -1.0 9 130 MAX 0.7 UNIT dB dB mA mS Volts Volts C/W
-0.5 5
-2.0
ABSOLUTE MAXIMUM RATINGS (TA=25 C)
Symbol VDS VGS IDS IGS Pin PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current Gate Current RF Input Power, CW Continuous Dissipation Channel Temperature Storage Temperature Rating 5.0 V -3.0 V IDSS
TYPICAL NOISE PARAMETERS (TA=25 C)
VDS = 2 V, IDS = 10 mA
Frequency (GHz) 2 4 6 8 10 12 14 16 18 NFopt (dB) 0.32 0.33 0.35 0.39 0.44 0.50 0.58 0.74 0.91 GA (dB) 19.0 17.4 15.7 14.3 12.9 11.9 11.4 11.2 10.9 MAG 0.98 0.84 0.68 0.51 0.38 0.28 0.25 0.32 0.49 opt ANG 15 30 50 76 107 146 -167 -110 -43 Rn/50 0.40 0.35 0.26 0.19 0.12 0.08 0.07 0.11 0.23
160 A 14 dBm 150 mW 175 C - 65 C to +175 C
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 79
TC2182
TYPICAL SCATTERING PARAMETERS (TA=25 C)
VDS = 2 V, IDS = 10 mA
1.0
6 0.
2. 0
60
Swp Max 18GHz
0 3. 0 4. 0 5.
10.0
Mag Max 0.2
5 13
Swp Max 18 GHz
45
0.8
90
S12
75
105
0 12
0.2
0.4
0.6
0.8 1.0
2.0
3.0 4.0 5.0
0
-0 .6
.0 -2
-1 35
.4 -0
-0.8
-1 20
-1.0
Swp Min 2GHz
-105
6 0.
60
45
S22
2. 0
Mag Max 6
5 13
Swp Max 18 GHz
0. 4
1.0
90
0.8
75
15 0
165
15
0 -180
50 -1
-1 35
-3 0
S21
5 -4
-1 20
-0 .6
-105
-0.8
-1.0
.0 -2
.4 -0
2 Per Div
Swp Min 2 GHz
FREQUENCY (GHz) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
S11 MAG 0.9753 0.9569 0.9265 0.8962 0.8537 0.8033 0.7371 0.6585 0.5848 0.5334 0.5244 0.5796 0.6593 0.7259 0.7778 0.8265 0.8424 ANG -42.07 -61.12 -77.16 -92.19 -105.88 -120.43 -137.29 -158.26 173.39 138.30 100.31 66.75 40.81 20.68 5.14 -6.70 -17.16 MAG 3.1849 3.0294 2.9072 2.8197 2.7887 2.8169 2.8673 2.9755 3.1034 3.1303 3.0858 2.9214 2.6705 2.4002 2.1397 1.9291 1.7749
S21 ANG 142.77 125.98 110.95 96.54 83.04 69.49 54.47 38.95 21.12 1.49 -18.68 -39.53 -57.67 -76.28 -93.90 -109.65 -123.77 MAG 0.0369 0.0513 0.0630 0.0730 0.0814 0.0881 0.0928 0.0983 0.1008 0.0994 0.0944 0.0845 0.0772 0.0721 0.0687 0.0660 0.0674
S12 ANG 59.34 46.68 35.35 24.64 14.13 3.31 -8.79 -20.39 -34.42 -49.95 -66.31 -80.16 -92.37 -106.83 -120.22 -133.41 -150.56 MAG 0.7846 0.7686 0.7527 0.7363 0.7155 0.6888 0.6577 0.6205 0.5566 0.4882 0.4195 0.3765 0.3475 0.3306 0.3351 0.3471 0.3744
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 80
-3 .0 -4 . -5. 0 0
-165
2 -0.
Swp Min 2GHz
-10.0
-15
10.0
0.2
0.4
0.6
0.8 1.0
2.0
3.0 4.0 5.0
0
0.2
-3 .0 -4 . -5. 0 0
2 -0.
30
-10.0
0. 4
15 0
165
30
15
0
0.2
10.0
-180
S11
-15 -165
50 -1
5 -4
-3 0
0 -6
-75
0.05 Per Div
Swp Min 2 GHz
-90
Swp Max 18GHz
0 3. 0 4. 0 5.
105
0 12
10.0
0 -6
-75
-90
S22 ANG -23.66 -35.81 -45.49 -54.79 -64.11 -73.57 -83.22 -92.67 -102.37 -114.51 -127.04 -141.50 -156.59 -175.60 166.49 149.44 134.41
TRANSCOM
TC2182
OUTLINE DIMENSIONS (in mm)
Source
1
0.5
Gate
1A
1.75
Drain Source
1.1
5 0.1
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 81
TC2182 Notes
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 82


▲Up To Search▲   

 
Price & Availability of TC2182

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X