Part Number Hot Search : 
CM3503 7912ACT 100001 MAX19 STP85N VPC3205C STP85N RMPA0959
Product Description
Full Text Search
 

To Download SSAG230200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slide Switch
Recoil Type for Single Side and Both Sides
SSAG Series
Long life recoil type meeting more compact and low-profile needs.
Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
NEW
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial performance/After lifetime Operating force Operating life Specifications
10mA 5V DC/50BA 3V DC 200m max./500m max.
1N Recoil side ,1.5N Lock side 100,000cycles ,000cycles
Product Line
Travel mm Operating section directions Poles Positions Changeover Soldering Operating timing Ground terminal
For PC board insert Flat With For PC board insert Flat With For PC board insert Flat With SSAG330400 Without With Without SSAG230400 SSAG330100 SSAG330200 SSAG330300 Without With 16,000 Without SSAG230300 SSAG130400 SSAG230100 SSAG230200
Minimum Location order unit lug pcs.
Without With Without
Products No.
SSAG130100 SSAG130200 SSAG130300
Drawing No.
Liftside recoil
1.5
Horizontal
1
3
Not specified
Reflow
Small size General Use type Big size General Use type Other Use type
Rightside recoil
Double -side recoil
Taping Specification(Taping Packaging)
Reel Size
Unit:mm
Number of packages pcs. 1 reel 1 case /Japan 1 case /export packing Tape width mm
4,000
380
25.4
8,000
16,000
24
Note
Please place purchase orders per minimum order unit (integer).
112
Slide Switch
Recoil Type for Single Side and Both Sides
SSAG Series
Dimensions
No. Style
Unit:mm
PC board mounting hole and land dimensions Viewed from the direction A Detector
Terminal No.1 9.05 111
Push
4-0.4 0.2
Slide
L 3 0.6 0.9 1.55
+0 0 .1
4-0.7
0.65
2-o 0.9
1.4 0.9
111
1
1.5 A Travel:Momentary 0.5 B
1.4 1.5
1.5
0.9
0.2
1.9
2.5
ho les
Rotary Encoders Power
1.15
A
C Travel:With detent
0.45 1.2 5 8 8.92 1.2
0.12
2-0.8 5 8.77
Dual-in-line Package Type TACT SwitchTM CustomProducts
OPERATING FORCE : B C C B 1.5N BA 1N
Terminal No.1
4-0.4
0.6 3
0.2
9.05 111
0.5
L
0.9 1.55
2
Travel:Momentary
A
B A
C Travel:With detent 1.15
5 1.1 8.8 1.1
1.9
2.5
1.5
1.4 1.5
1.5
0.9
0.9
0.2
0.9 +0
0.65
2-
1
0 .1
11
Small size General Use type
4-0.7
hol
es
Big size General Use type Other Use type
2-0.8 5 10.17 Operating force : B C C B 1.5N BA 1N
Terminal No.1
R
3
0.2
9.05 111
4-0.4
0.5
0.6 0.9 1.55
1.4
+0 0 .1
4-0.7
0.9
3
1.5 A Travel:With detent 0.5
1.4 1.5
1.15
A
B
C Travel:Momentary
0.45 1.2 5 8 8.92 1.2
0.12
2-0.8 5 8.77 Operating force : B A A B 1.5N BC 1N
0.5
1.5
0.9
0.2
1.9
2.5
ho les
0.65
2-o 0.9
111
113
Slide Switch
Recoil Type for Single Side and Both Sides
SSAG Series
Dimensions
No. Style
Unit:mm
PC board mounting hole and land dimensions Viewed from the direction A
Detector Push Slide Rotary 4 Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Terminal No.1
9.05 111
4-0.4
R 1.4 1.5
0.6 3
0.2
0.9 1.55
0.9 +0
0 .1
A Travel:With detent
1.5
1.5
1.15
A
B
C Travel:Momentary
1.1
5 8.8 1.1
2-0.8 5 10.17
Operating force : B A A B 1.5N BC 1N
Terminal No.1
3
0.2
111
9.05
4-0.4
0.5
0.6 0.9 1.55
1.4
+0 0 .1
4-0.7
0.9
5 Small size General Use type Big size General Use type Other Use type
A Travel:Momentary
1.5
B
1.15
A
1.5
1.4
0.9 1.5 C Travel:Momentary
0.2
0.45 1.2
5 8 8.92 1.2
0.5
0.12
2-0.8 5 8.77
Operating force : B A B C 1N
Terminal No.1
0.6 3
0.2
9.05 111
4-0.4
0.5
0.9 1.55
0.9 +0
0 .1
0.9
6
1.5 A Travel:Momentary
B
1.15
A
C Travel:Momentary
1.1
1.4 1.5
1.5
0.9
0.2
5 8.8 1.1
2-0.8 5 10.17 Operating force : B A B C 1N
Note
Above dimensions indicate "with location lug" version.
Circuit Diagram Viewed from Direction A
1 2 3 4
114
0.5
1.9
2.5
hol
es
0.65
2-
1
11
4-0.7
1.9
2.5
ho les
0.65
2-o 0.9
111
1.9
2.5
0.9
0.2
0.9
hol
es
0.65
2-
1
11
4-0.7
Slide Switches
List of Varieties
Series SSAG SSAH SSAD SSSS8 SSSS7 SSSS2 SSSS9 SSSF SSSU SSSB SSST SSAA SSAC SSAB
Photo
Detector Push
Travel mm Outline Actuator specificat direction ions Number of poles W Dimensions mm D H Operating temperature range Rating max. min. Resistive load Electrical performance Mechanical performance Durability Environmental performance Soldering
1.15 9.05
1.5 Horizontal 1 9.5 3 0.9 to 60 6.7 3.2 0.7 11.2 2.6 1.4
1.5 2 Vertical Horizontal Horizontal 1 2 8.8 3 3.5 2 13
2 Vertical Horizontal 1 2 4 14 4.7 5 16.5 7 8.5
3
4 Vertical 2 4 1 13 4.3 3.5
2
1.5
1.9 2 Vertical Horizontal 1 9 4.2 8.5
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
Horizontal 1 2 12.4 6 5 2 9.5 5.5 5.2
24.5
29 9 12 to 60
-10 10mA 5V DC
-40 to 85 0.3A 4V DC 0.3A 6V DC 0.1A 12V DC
-10 0.1A 30V DC
1mA 5V DC
0.3A 30V DC 0.1A 12V DC 0.1A 30V DC 1mA 5V DC 0.1A 12V DC
50BA 3V DC 30m max. 25m max. 20m max. 70m max. 25m 100m max. max. 30m max.
CustomProducts
Initial contact 100m 200m max. 70m max. resistance max. Insulation 100M min. 100V DC resistance Voltage 100V AC for 1minute proof Robustness 3N for 1minute of terminal Operating 10N 20N Robustness direction 10N 5N 10N of actuator Pulling Static force direction Operating life without load 10,000cycles 10,000cycles 10,000cycles 100m max. 2 Operating life without 500m max. 300m max. 10,000cycles 200m max. 10,000cycles 130m max. 2 load Load:as rating Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering 1-2 1-3 Poles-positions Page 1-4 2-2 2-3 2-4 4-2
112 115 117 119 123 126 40 350 5 3s max. 300 5 5s max. 2 -40 2 for 96h
100M
min. 500V DC
500V AC for 1minute 5N for 1minute 30N 10N 10,000cycles 60m max. 10,000cycles 80m max. -20 85 2 30N Static force 10,000cycles 45m max. 10,000cycles 65m max. 2 for 96h 50N 3N for 1minute 20N 10N 10N
100M min. 100M min. 100V DC 500V DC 500V AC 100V AC for for 1minute 1minute 5N for 1minute 30N 5N 40N 1,000cycles 60m max. 10,000cycles 80m max.
Small size General Use type Big size General Use type Other Use type
10,000cycles 10,000cycles 10,000cycles 40m max. 100m max. 45m max. 10,000cycles 5,000cycles 10,000cycles 10,000cycles 200m max. 60m max. 130m max. 65m max.
for 96h
, 90 to 95%RH for 96h 350 10 3 1s 0 260 10 5 1s 350 10 3s max. 260 5 0 5-1s 300 10 3 10s 260 10 10 1s 300 10 260 10 5 1s 350 10 3 10s 260 5 10 1s
260 5 350 10 300 10 350 10 3s max. 4s max. 5s max. 5s max. 260 5 260 5 0 5-1s 3 1s
Please see P.154
130
135
139
143
146
147
150
152
Note
The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind.
111
Slide Switches
Soldering Conditions
Example of Reflow Soldering Condition 1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2
Detector Push
CA K or CC T at soldering portion copper foil surface . A heat resisting tape
should be used for fixed measurement. 3. Temperature profile
300
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Temperature (C )
A max. B
200 C 100 Time (s) Pre-heating D max. E max. F 20 max.
Room temperature
Series Reflow type Small size General Use type Big size General Use type Other Use type SSSS2 Vertical Horizontal Vertical 1-pole, 3-positions
A 3s max.
250
B
C
Ds
Es
Fs
1-pole, 2-positions 1-pole, 2-positions
200
Horizontal
1-pole, 3-positions 2-poles, 3-positions
240
SSSS7 SSAH, SSAG SSAD 1-pole, 2-positions 1-pole, 3-positions 1.5mm Horizontal SSSS8 1-pole, 3-positions 2mm 1-pole, 4-positions 2-poles, 2-positions Vertical
250 260 240 230 220 150 120
255
200
240
220
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended. 3. SSAH and SSAG only 40's.
154


▲Up To Search▲   

 
Price & Availability of SSAG230200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X