|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 1 SHIELDED SMD POWER INDUCTOR CONFIGURATION & DIMENSIONS 1 8 ABC'S DWG NO. ABC'S ITEM NO. SS0908L- Marking Dot is start winding & Inductance code 101 4 A 5 A B C E F F' W : 9.50.3 : 10.5 max. : 7.50.3 : 2.50.3 : 11.00.5 : 12.70.8 : 0.6 typ. m/m m/m m/m m/m m/m m/m m/m F F' 1.0 C B SDS0908-101Y ~ 153Y 2.2 E 10.3 SDS0908-1R5M ~ 820M 2.2 2.2 2.5 10.3 2.2 E W E 3.0 14.7 14.7 ( PCB Pattern ) SCHEMATIC DIAGRAM .SDS0908-101Y ~ 153Y 1 4 .SDS0908-1R5M ~ 820M 1 4 58 MATERIALS a Core Ferrite DR core b Core Ferrite RI core c Wire Enamelled copper wire ( class F ) d Base LCP e Terminal Cu/Ni/Sn f Adhesive Epoxy resin g Remark Products comply with RoHS' requirements a b c d Peak Temp 260 max. Max time above 230 50sec max. Max time above 200 70sec max. Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec f e Forced Cooling Area -(1.0 ~ 5.0) / sec max. Reflow Area +2.0 ~ 4.0 / sec max. 250 ) Peak Temperature: 260 5 0sec max. 230 GENERAL SPECIFICATION Temp. rise 40 max. Rated current Base on temp. rise & L / LOA=10% max. c Storage temp. -40 ----+125 d Operating temp. -40 ----+105 e Resisance to solder heat 260 . 10 secs. AE-001A a b 200 150 7 0sec max. Temperature ( 100 50 0 50 100 150 Time ( seconds ) 200 250 9.0 SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 2 SHIELDED SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICS DWG No. Inductance ( H ) Q nom. 20 20 20 18 18 33 40 45 40 35 45 40 45 40 35 30 30 40 42 45 35 35 30 30 33 30 35 30 35 85 120 95 95 90 90 85 110 130 Bulk B ABC'S DWG NO. ABC'S ITEM NO. SS0908L- Test Freq. ( Hz ) L Q 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K Taping Reel 7.960M 7.960M 7.960M 7.960M 7.960M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 79.60K 79.60K SS09081R5ML- 1.5020% SS09082R7ML- 2.7020% SS09083R9ML- 3.9020% SS09085R6ML- 5.6020% SS09087R5ML- 7.5020% SS0908100ML- 10.0020% SS0908120ML- 12.0020% SS0908150ML- 15.0020% SS0908180ML- 18.0020% SS0908220ML- 22.0020% SS0908270ML- 27.0020% SS0908330ML- 33.0020% SS0908390ML- 39.0020% SS0908470ML- 47.0020% SS0908560ML- 56.0020% SS0908680ML- 68.0020% SS0908820ML- 82.0020% SS0908101YL- 100.0015% SS0908121YL- 120.0015% 150.0015% SS0908151YL- 180.0015% SS0908181YL- 220.0015% SS0908221YL- 270.0015% SS0908271YL- SS0908331YL- 330.0015% SS0908391YL- 390.0015% SS0908471YL- 470.0015% SS0908561YL- 560.0015% SS0908681YL- 680.0015% SS0908821YL- 820.0015% SS0908102YL- 1000.0015% SS0908152YL- 1500.0015% 2200.0015% SS0908222YL- SS0908332YL- 3300.0015% SS0908472YL- 4700.0015% SS0908682YL- 6800.0015% SS0908822YL- 8200.0015% SS0908103YL- 10000.0015% SS0908153YL- 15000.0015% 1). Packaging information... A 2)."":Reference code SRF ( MHz ) nom. 65.00 50.00 35.00 25.00 15.00 11.00 11.00 8.50 8.50 6.00 6.00 5.00 5.00 4.00 3.00 2.50 2.40 6.00 5.70 4.60 4.20 3.80 3.40 3.00 2.60 2.30 2.20 2.00 1.90 1.80 1.30 1.00 0.90 0.80 0.60 0.50 0.50 0.40 RDC () max 0.014 0.019 0.021 0.027 0.032 0.040 0.050 0.065 0.075 0.080 0.090 0.100 0.135 0.150 0.165 0.184 0.260 0.280 0.340 0.450 0.500 0.600 0.700 0.800 1.000 1.150 1.500 1.700 2.200 2.500 4.000 5.000 8.000 12.000 16.500 24.000 26.000 40.000 IDC ( mA ) max 5600 4800 4400 3800 3400 3000 2500 2200 2000 1900 1800 1700 1500 1400 1350 1250 1050 1000 900 800 700 650 600 550 500 450 380 350 320 300 250 200 150 120 100 97 95 75 AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 3 SHIELDED SMD POWER INDUCTOR ABC'S DWG NO. ABC'S ITEM NO. SS0908L- INDUCTANCE VS. DC CURRENT CURVE 10 4 7 5 3 2 10 3 7 5 472 Inductance uH 3 2 10 2 7 5 3 2 10 1 7 5 3 2 10 0 10 1 391 101 330 100 1R5 23 5 7 10 2 2 3 5 7 10 3 23 5 7 10 4 DC Current (mA) AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 4 SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATION ( 1 ) Configuration T ABC'S DWG NO. ABC'S ITEM NO. SS0908L- Cover tape 2.00.5 A B C C N G D Embossed carrier Carrier tape width : D P:16 m/m End 4 m/m Start 101 Leader no component 200 m/m Min. 101 101 101 101 Trailer no component 400 m/m Min. Components User direction of feed ( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 13 D 24 G 26 +0 N 50 -0 Unit:m/m T 30.4 ( 3 ) Q'TY & G.W. Per package Inner : Reel Series SS0908 Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) Outer : Carton G.W. (Kg) Size (cm) 400 1,600 13 - 24 1,600 8.6 40 x 40 x 24 AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 5 SHIELDED SMD POWER INDUCTOR DWGING NUMBER EXPRESSION ABC'S DWG NO. ABC'S ITEM NO. SS0908L- S S 0 9 0 8 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1 Product Classification L Lead Free Standard products comply with RoHS' requirements Lead Free Special products comply with RoHS' requirements 1~9 Appendix code 2 Package Information Code A B Inner package T.B.D. T / R ( Reel package ) Inner package Q'TY T.B.D. 400 pcs Remark AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 6 SHIELDED SMD POWER INDUCTOR RELIABILITY TEST ABC'S DWG NO. ABC'S ITEM NO. SS0908L- Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder. Test condition Preheat : 15025 for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds Solderability Thermal shock test ( Temp. cycle ) Inductance shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -252 30 minutes 852 30 minutes Humidity Resistance test Temperature : 402 Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours High temp. Resistance test Temperature : 1052 Applied current : Per spec. Time : 500 hours AE-001A REF : PROD. NAME PAGE: 7 SHIELDED SMD POWER INDUCTOR UL CARD ABC'S DWG NO. ABC'S ITEM NO. SS0908L- OBMW2 Magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN Mtl Dsg AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002 Mark Dsg ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ BC Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane Coat Typ ____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____ OC ANSI Type MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79 Temp Class 220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155 A not-for-profit organization dedicated to public safety and committed to quality service Page 1 of 2 Mtl Dsg SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2 Mark Dsg ____ ____ ____ ____ ____ ____ BC Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Coat Typ OC Polyamide ____ ____ ____ Nylon Polyamide ANSI Type MW80C MW2-C ___ MW75C MW28-C MW28-C Temp Class 155 105 130 130 130 130 @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. 287806002 Page 2 of 2 OBMW2E174837 September 8 , 2000 AE-001A |
Price & Availability of SS0908101YL |