Part Number Hot Search : 
STBN024 9956B ILQ620B RM202615 UMH2N HAT2142H SAA102 432BBNH
Product Description
Full Text Search
 

To Download SRGH160100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Encoder
Metal Shaft Type
SRGH Series
Shaft vertical type facilitates mounting and provides high versatility.
Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM 6-positions CustomProducts 37.3 20.5 Rating max. min. Resistive load Contact resistance Initial/After operating life Without load Operating life With load
10,000cycles 0.1A 12V DC 0.1A 12V DC/50BA 3V DC 1 max./1 max.
Typical Specifications
Items Specifications
10,000cycles
Product Line
Torque mN m Minimum Changeover Operating 15-positions Positions order unit angel direction Between Between Between pcs. 1-position, 2-positions 2-positions, 14-positions 14-positions, 15-positions 6 37.3 20.5 21.6 11.8 37.3 20.5 Vertical 15 12.8 40 400 SRGH1F0100 2 Product No. SRGH160100 Drawing No. 1
Notes
1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Please place purchase orders per minimum order unit (integer).
Incremental Type Absolute Type
Refer to P.201 for attached parts.
204
Encoder
Metal Shaft Type
SRGH Series
Dimensions
No. 6-positions
3.6 10.5 24.8 14.8 13.5 7.5 2.5 o6 17.7 7.35 10 8
Unit:mm
Style PC board mounting hole dimensions
Detector Push Slide
0.5 1.5 15
19 13
8.8
4
4.5 3.5 M9G0.75 14 20 8.8 2-1.6 holes 1.6
20.7
Rotary Encoders
5-o 0.9
Power
ho les
3-2.5 3 2
Dual-in-line Package Type TACT SwitchTM
PC board mounting face Terminal No.4 Terminal No.3 Terminal No.1 4-2.5
Terminal No.2 COM
CustomProducts
3 17.8 21
15-positions
3.6 10.5 14.8 13.5 7.5 2.5 0.5
24.8 17.7 7.35 10 8 o6
15
19 13
8.8
4
Incremental Type
20.7
1.5
4.5 1.6 3.5 M9G0.75 14 20 8.8 2-1.6 holes
Absolute Type
5-o
4-2.5 3 2
0.9
ho
les
PC board mounting face Terminal No.1 Terminal No.3 3 17.8 21 4-2.5
Terminal No.4 Terminal No.2 COM
Standard Codes
Number of positions
Code
Term inal
Posi tion
6
15
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Gray
1 2 3 4
The
marks shows the ON position.
205
Encoders
List of Varieties
Type Series Absolute type With Knob SRRQ Metal shaft SRGH Hollow shaft SRGA Jog-shuttle SRGPHJ Detector Photo Push Output Shaft types Operating direction Number of pulse/ Number of detent Push switch Travel mm Optional functions Changeover angle W Dimensions mm D H Manual soldering Soldering Dip soldering Reflow soldering Operating temperature range Initial contact resistance Electrical performance Shuttle part Jog part Insulation resistance Voltage proof Rotational torque Terminal strength
Rotational Resistance to direction
Absolute type With knob Vertical/Horizontal Single-shaft Hollow shaft Vertical Single-shaft/ Dual-shaft
Slide Rotary Encoders
Note
The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind.
Outline specifications Mechanical performance Environmental performance
Without
Power
Shuttle part:All angles rotation 160 Jog part:All angles rotation 360 35
22.5, 36 14.4 15.6 7.5 300 10 ,3
1 0
40, 12.8 20
15, 24, 30, 45
Dual-in-line Package Type TACT SwitchTM CustomProducts
18
19 10.5 s 260 5 , 10 350 1s Please see P.209 10 to 60 40 1 to 85 10 to 60 10 ,3
1 0
43.7 8 s 300 260 8.6 10 5 ,3 ,5
1 0
s
1s
max. 4V min. at 1mA 5V DC resistive load
Measuring 5K1/2 circuit Measuring terminal
Incremental Type Absolute Type
Output voltage
5V
100M
min. 100V DC
100V AC for 1minute Shall be in accordance with individual specifications.
5N for 1minute
0.6 N m 5N 100N 10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively 20 85 40 202 204 2 2 2 for 96h for 96h
soldering heat
Push direction
Vibration Cold Dry heat Damp heat Page
, 90 to 95%RH for 96h 206 208
179
Encoders
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2 3. Temperature profile
300 A max. B 200 D E 100
CA K or CC T at soldering portion copper foil surface . A heat resisting tape
Detector Push Slide Rotary Encoders Power
should be used for fixed measurement.
Room temperature Pre-heating F max. C
Temperature (uC )
Time (s)
Dual-in-line Package Type TACT SwitchTM CustomProducts
Series Reflow type SRGP30 SRGP30 SRGAR10100
A max.
240 260 240
B
230
Cs
20 40
D
150 180 160
E
Fs
150
120
220
30
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Incremental Type Absolute Type
Attached Parts
The following parts are included with the product.
SRGH Series
Hexagonal nut
11 2
Unit:mm
Flat washer
o14 o9.1 0.5
M9 0.75
209


▲Up To Search▲   

 
Price & Availability of SRGH160100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X