Part Number Hot Search : 
74F50728 ESM1602B FRA806G 6R1000 S4014BH 04506 IC18F IRHM5
Product Description
Full Text Search
 

To Download SR280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR220 thru SR2100 Axial Lead Schottky Barrier Rectifiers
P b Lead(Pb)-Free
Features:
* Low forward voltage drop. * High current capability. * High reliability. * High surge current capability. * Epitaxial construction.
GENERAL PURPOSE RECTIFIERS 2.0 AMPERES 20-100 VOLTS
Mechanical Data:
* Case: Molded plastic. * Epoxy: UL 94V-0 rate flame retardant. * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed. * Polarity: Color band denotes cathode end. * Mounting position: Any. * Weight: 0.34 grams.
DO-41
DO-41 Outline Dimensions
Axial Device (Through-Hole)
WEITRON
http://www.weitron.com.tw
1/3
31-Jan-07
SR220 thru SR2100
Maximum Rating
Characteristic
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current 8.3mS single half sine-wave superimposed on rated load Typical thermal resistance1 Operating junction temperature range storage temperature range
Symbol
VRRM VRMS VDC IAV IFSM RJA TJ TSTG
SR220 SR230 SR240 SR250 SR260 SR280 SR2100
Uuits
V V V A
20 14 20
30 21 30
40 28 50
50 35 50 2.0
60 42 60
80 56 80
100 70 100
50 35 -55 to +125 -65 to +150
A
C/W C C
Electrical Characteristic
Characteristic
Maximum Instanatneous Forward Voltage IF=2.0A Maximum DC Reverse Current Rated DC Blocking Voltage, TA=25C TA=100C Typical Junction Capacitance
Symbol
VF IR CP
SR220 SR230 SR240 SR250 SR260 SR280 SR2100
Uuits
V
0.55
0.70 2.0 20 170
0.85
mA pF
Notes 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
WEITRON
http://www.weitron.com.tw
2/3
31-Jan-07
SR220 thru SR2100
Ratings and Characteristics Curves
AVERAGE FORWARD CURRENT,(A) 2.4 2.0 1.6 1.2 0.8 0.4 0 0 20 40 60 80 100 120 140 160 180 200
50
INSTANTANEOUS FORWARD CURRENT,(A)
2 SR 2 SR 20 4 R2 ~S 0
3.0 1.0
AMBIENT TEMPERATURE,(C)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
SR 22 SR 0~ SR 25 0~ 24 SR SR 0 28 26 0~ 0 SR 21 00
Tj=25 C Pulse Width 300us 1% Duty Cycle
10
50 ~S 1 R2 00
0.1
PEAK FORWARD SURGE CURRENT,(A)
50
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
0.01 0.1
0.3
0.5
0.7
0.9
1.1 1.3
1.5
FORWARD VOLT AGE,(V)
20
FIG.2-TYPICAL FORWARD
10
0 1 105 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100
700 600 500 400 300 200 100 0 0.01
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
0.05
0.1
0.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.4-TYPICAL JUNCTION CAPACITANCE
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
WEITRON
http://www.weitron.com.tw
3/3
31-Jan-07


▲Up To Search▲   

 
Price & Availability of SR280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X