Part Number Hot Search : 
G12864 PM100RL L1110 SMK0760F CIT2211 SMCJ1 00380 B4048
Product Description
Full Text Search
 

To Download SPWLM393D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPWLM393D
Dual Differential
Elektronische Bauelemente
RoHS Compliant Product
Comparator
DIP-8
Description
The SPWLM393D consists of two independent voltage comparators, designed specifically to operate from a single power over a wide voltage range.
D
GAUGE PLANE
Features
* Input Common-Mode Voltage Range Includes Ground * Output Compatible With TTL, DTL, and CMOS Logic System
A
* Low Input Bias Current Ibias=25nA(Typ.) * Low Supply Current Drain ICC=0.8mA(Typ.) * Single Or Dual Supply Operation * Wide Operating Supply Range (VCC=2V~36V or 1 to 18V)
b e
SEATING PLANE Z Z
E
b
L
SECTION Z - Z
REF. A A1 A2 b b1 b2 b3 c
0.381 2.921 0.356 0.356 1.143 0.762 0.203
Millimeter Min. Max.
REF. c1 D E E1 e HE L
0.5334 4.953 0.559 0.508 1.778 1.143 0.356
0.203 0.279 9.017 10.16 6.096 7.112 7.620 8.255 2.540 BSC 10.92 2.921 3.810
Millimeter Min. Max.
Pin Configurations
Block Diagram
rogrammed by pacitor CT to ground .Operation 500kHz nts up to
This is the reference output .It provides charging current for capacitor CT
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
c
Page 1 of 4
SPWLM393D
Elektronische Bauelemente
Dual Differential Comparator
Absolute Maximum Ratings at Ta = 25: :
Parameter Supply Voltage Differential Input Voltage Input voltage Power Dissipation Operating Temperature Storage Temperature Symbol Vcc VIDiff VI PD Topr Tstg VALUE D or 36 18 36 -0.3~36 570 0~+70 -65 to 150 Unit V V V mW : :
Electrical Characteristics(Vcc=5V,Ta=25 :
Parameter Input Offset Voltage Input Offset Current Input Bias Current
,RT=10k,All voltage referenced to GND unless otherwise specified)
SYMBOL Test Conditions VIO VCM=0 TO Vcc -1.5 Vo(p) = 1.4V ,Rs=0 lIO Range lb
MIN
Typ. D 1.0 D 5 65
Max. D 5.0 D 50 250 Vcc-1.5 1.0 2.5
Unit mV nA nA V mA mA V/mV ns ns
Input Common-Mode Voltage Range VI(R) Supply Current Icc Large Signal Voltage Gain Large Signal Response Time Response Time Output Sink Current Output Saturation Voltage Output Leakage Current Gv tres tres lsink Vsat lleakage
0 RL= RL= ,Vcc=30V Vcc=15V,RL>15K L Vi=TTL logic wing Vref=1.4V,VRL=5V,RL=5.1 K L VRL=5V,RL=5.1K L Vi(-)>1V,Vi(+)=0V,Vo(p)<1.5V Vi(-)>1V,Vi(+)=0V,lsink=4mA VI(+)=1V,VI(-)=0 Vo(p)=5V Vo(p)=30V 6 50 0.6 0.8 200 350 1400 18 160 0.1
400
mA mV nA uA
1.0
(UVLO)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
SPWLM393D
Elektronische Bauelemente
Dual Differential Comparator
Characteristics Curve
(UVLO)
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 4
SPWLM393D
Elektronische Bauelemente
Dual Differential Comparator
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SPWLM393D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X