Part Number Hot Search : 
02A10 2SA1831 3D2R6C ISL6605 74ALS102 S1002 2SA1831 N7040A
Product Description
Full Text Search
 

To Download SPVM110100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Two-way Operation Type
SPVM Series
G G 3.5G2.8G height 1.5mm compact detector switch detects from both vertical and horizontal direction.
Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
1 1 For PC board Reflow With terminal Without SPVM210200
Detector Switch
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial /After operating life Operating force Operating life Without load With load Specifications
1mA 5V DC/50BA 3V DC 2 max./5 max.
0.4N max. 50,000cycles 50,000cycles 1mA 5V DC
Product Line
Poles Positions Terminal type Housing
Without terminal
Location lug
With Without
Minimum order unit pcs
Product No.
SPVM110100
Drawing No.
1 SPVM110200 12,000 With SPVM210100 2
Taping Specifications (Taping Packaging)
Reel Size
Unit:mm
Number of packages pcs. 1 reel 1 case /Japan 1 case /export packing Tape width mm
3,000
o380 17.4
6,000
12,000
16
Notes
1. When applying the soldered frame terminals as earth terminals, place No.3 and No.4 terminals on the same ground. 2. Please place purchase orders per minimum order unit (integer).
38
Detector Switch
Compact Two-way Operation Type SPVM Series
Dimensions
No. Photo Style
Unit:mm
PC board mounting hole and land dimensions (Viewed from direction A) Detector Push
On starting position 2.53 2.2 1.5 Total travel o0.6
o0
.7
Terminal No.1
2.8
ho
le
3.6 2.1
Slide Rotary
R0
3.5 2.5 1.2
(1.87) 1.6 (1)
1.7
2.8
1.7
1
o0.8
A (0.75) 0.5 0.4 0.7
1
o0
3.3
0.5
.9
ho
le
5) 2.4 (R
.2
Location lug
Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
2.53 Terminal No.1 2.2 1.5
ON starting position Total travel position
3.6 2.1
2.8
le ho .7 o0
(1.87)
o0.6
R0 .2
2.8 2.2
3.5 2.5 1.2
1.6 (1)
1.7
1.7 1
o0.8
o0
.9
ho l
2
3.3 0.5 0.4 2-0.7
e
A
2.8
(0.75)
0.5 1.45 2.3
1.8
1.8
Note
Above dimensions indicate "with location lug" versions.
Terminal Layout Viewed from Direction A
Circuit Diagram
1
2
) 45 2. (R
39
Detector Switches
List of Varieties General-purpose Type
General-purpose Type Series SPPB SPVE SPPW8 SPVM SPVR SPVF SSCU SSCT Detector Photo Push Slide Rotary Encoders Operating temperature range Rating max. Resistive load Rating min. Resistive load Initial contact resistance Insulation resistance Voltage proof Terminal strength Actuator strength Operating life without Load Operating life with Load Cold Power Dual-in-line Package Type TACT SwitchTM
max.
Operation type
40
to
85
10
to
60
40
to
85 1mA 5V DC
10
to
60
40
to
85
0.1A 30V DC 50BA 3V DC 1 max. 500m max. 100BA 3V DC 1 max. 50BA 3V DC 2 max.
0.1A 12V DC 50BA 3V DC 500m max. 70m max. 20m
100BA 3V DC 3 max.
Dry heat Damp heat W Dimensions D mm H Manual soldering Dip Soldering soldering Reflow soldering Number of poles
Operation force 0.35N max. Page
28 34
Electrical Mechanical Environmental performance performance Durability performance
CustomProducts
100M
min. 100V DC
100M
min. 250V DC
100V AC for 1 minute 3N for 1 minute 10N 0.5N for 1 minute 5N 3N for 1 minute 10N 1N for 1 minute 5N 0.5N for 1 minute 2N 3N for 30s 1N
250V AC for 1 minute 3N for 1 minute 5N 10N
20
2
for 96h 85 40 2 2 for 96h
40 2 for 96h
20
2
for 96h
, 90 to 95%RH for 96h 2.8 3.5 1.5 3.6 4.2 1.2 9 3.5 4.5 300 10 , 1 3 0s 245 5 , 5 1s 11 5.8 7 350 5 12.5 5 11.5 , 3s max. 260 5 , 5 1s
6.3 3 4.9 300 5 , 5s max. 260 5 , 5 1s
3.4 2.3
5 4 350 5
, 3s max.
255 5 , 5 1s Please see P.79 1 0.3N max. 36 0.4N max. 38 0.35N max. 40
1.2 0.3N max. 41 0.5N max. 44
1 0.7 0.3N 45
25
Detector Switches
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2 3. Temperature profile CA K or CC T at soldering portion copper foil surface . A heat resisting tape
Detector Push
should be used for fixed measurement.
300 Temperature (C )
A max. B
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
200 D E 100 Time (s) Pre-heating F max. C
Room temperature
CustomProducts
Series Reflow type SPPB
A 3s max.
B
230
Cs
40 20
D
E
Fs
250
SPPW8 SPVE SPVG SPVL SPVM SPVN SPVP SPVR SPVS SSCM SPPY5
240 260
200
180 40 230
150
120
20
150
Room temperature
180
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
79


▲Up To Search▲   

 
Price & Availability of SPVM110100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X