Part Number Hot Search : 
DDTA143 1N5060 2N6217 F2003 45TTR DS2406PR BAV19 RU7570L
Product Description
Full Text Search
 

To Download SPVG310300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Detector Switch
2mm-thick Two-way Operation Type
SPVG Series
A surface mountable two-way operation detector switch with 2mm height.
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial /After operating life Operating force Without load Operating life With load
100,000cycles 50mA 20V DC
Detector Specifications Push
50mA 20V DC/100BA 3V DC
Slide
500m max./1 0.4N max. 100,000cycles max.
Rotary Encoders Power Dual-in-line Package Type
Product Line
Poles Positions Terminal type Lever length Operating Location direction lug Side terminal
With both sides. Right With With a right side. With a left side. Without Standard Without With both sides. With a right side. With a left side. Without Without Right Short Left With Without With Without With both sides. Without With both sides. Without With both sides. 10,000
Minimum order unit pcs
Product No.
SPVG110301 SPVG111500 SPVG111400 SPVG120302 SPVG130200 SPVG210302 SPVG211200 SPVG211300 SPVG220300 SPVG230200 SPVG310300 SPVG320200 SPVG330200 SPVG410300 SPVG420200 SPVG430200
Drawing No.
1 2 4 1 5 6 7 8 5 9 10 9 11 12 11
TACT SwitchTM CustomProducts
1
1
For PC board Reflow
Left
With
Taping Specifications (Taping Packaging)
Reel Size
Unit:mm
Number of packages pcs. 1 reel 1 case /Japan 1 case /export packing Tape width mm
2,500
380 17.4
5,000
10,000
16
Note
Please place purchase orders per minimum order unit (integer).
55
Detector Switch
2mm-thick Two-way Operation Type SPVG Series
Dimensions
No. Photo
0.05
Unit:mm
Style PC board mounting hole and land dimensions Viewed from direction A
Right operation type
4.4 ON position, operating force standard measurement position 5.5 (0.25) 0.26 (1.51) Control direction ON starting position
Detector Push 1
2 1.5 0.9 0.5 0.6
9 5.6 1.6 1.2
(R
3.7
(2.96)
7)
2.8
2.3
3.2
1
4.7 (0.1)
2.7 0.6 1.05
1.2
A
6.5
Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts 2
1.1
Terminal No.1 Center of rotation
1 1.3 3.5 7.45
Total travel 0.05
Location lug
o1.3 hole
1.7 6.1
4.4 ON position,operating force standard measurement position 5.5 (0.25) (1.51) Control direction 2.3 0.26 ON starting position
0.05
Right operation type
2 1.5 0.9 0.5 0.6
2.8
4.5
(R
3.7
(2.96)
7)
1.6
1.2 2.5 2.5 2.5
2.5
o1.1 hole
2.5
Slide
2.5
2.8
0.6 1.2
3.2
1
4.7 (0.1)
1.05
A
2.5
o1.1 hole
1.1 1.7 6.1
6.5
2.7
1 Center of rotation 1.3 3.5 3.73
Total travel Terminal No.1
0.05
Location lug
o1.3 hole
0.05
Right operation type
4.4 ON position, operating force standard measurement position 5.5 (0.25) 2.8 0.26 (2.96) (1.51) Control direction 2.3 ON staring position
2 1.5 0.9
1.2 1.6
6
4.5 2.8 2.5
0.6
3
(R
3
) .77
0.5 3.2 1 2.5
6.5 4.7 (0.1)
1.05
1.2 0.6
A
o1.1 hole
1.1
2.7
Terminal No.1 Center of rotation
1 1.3 3.5 3.73
Total travel 0.05
Location lug
6
o1.3 hole
1.7 6.1
Right operation type
4.4 ON position, operating force standard measurement position 5.5 (0.25) 0.26 (1.51) Control direction 2.3 ON staring position
2 1.5 0.9 0.5 0.6
2.5
4
2.8 4.7
(R
3.7
(2.96)
3.2
1
2.5
o1.1 hole
1.1 o1.3 hole 1.7 6.1
(0.1)
6.5
2.7
1.05
A
1 Center of rotation Terminal No.1 1.3 3.5
Total travel 0.05
Location lug
56
6
7)
2.5
6
Detector Switch
2mm-thick Two-way Operation Type SPVG Series
Dimensions
No. Photo Left operation type
0.05 4.4
Unit:mm
Style PC board mounting hole and land dimensions Viewed from direction A
ON starting position 0.26 (2.96) 5.5 (0.25)
ON position, operating force standard measurement position
9
2 1.5 0.9 0.5 0.6 1 2.5
2.5
o1.1 hole
5.6 1.6 1.2
Detector Push
6
3.2
1.2 2.8
2.3
5
(R3
.77
)
(1.51) Control direction
(0.1) 4.7 6.5
1.05
0.6
A Location lug
1.1 o1.3 hole 1.7 6.1
2.5
Slide Rotary Encoders Power Dual-in-line Package Type
Total travel Terminal No.1
2.7
1 3.5 7.45
1.3
Center of rotation
0.05
Left operation type
4.4 0.05
ON starting position 0.26 (2.96)
ON position, operating force standard measurement position 5.5 (0.25) (1.51) Control direction 2.3
TACT SwitchTM
2 1.5 0.9 0.5 0.6 1 2.5
2.8 1.6 1.2 2.5 4.5
6
3.2
(R3
CustomProducts
.77
)
1.2 2.8
(0.1) 4.7 6.5
1.05
0.6
A Location lug
2.7
1.1
Total travel
1
Terminal No.1 1.3 3.5 3.73 Center of rotation
0.05
o1.3 hole
1.7 6.1
Left operation type
4.4 0.05
ON starting position
0.26 (2.96)
ON position, operating force standard measurement position 5.5 (0.25) (1.51) Control direction 2.3
2 1.5 0.9 0.5 0.6 1 2.5
4.5 2.8 1.2 1.6 2.5 1.1 1.7 6.1 2.5 2.5 2.5 6 1.1 1.7 6.1
(R3
3.2
2.8
7
.77
)
1.2 0.6
6.5
(0.1) 4.7
1.05
A
o1.1 hole
Total travel Terminal No.1
2.7
1 3.73
1.3 3.5
Center of rotation
0.05
Location lug
o1.3 hole
Left operation type
4.4
ON starting position 0.26
5.5 (0.25)
ON position, operating force standard measurement position
2 1.5 0.9 0.5
(2.96)
(0.1) 4.7 6.5
1.05
A Location lug
0.6 1 2.5
8
3.2
2.3
(R3
.77
)
2.8
(1.51) Control direction
o1.1 hole
Total travel Terminal No.1
2.7
1 3.5
o1.3 hole
1.3
Center of rotation
0.05
6
2.5
o1.1 hole
6
57
Detector Switch
2mm-thick Two-way Operation Type
Dimensions
No. Photo Right operation type
SPVG Series
Unit:mm
Style PC board mounting hole and land dimensions Viewed from direction A
0.05
4.4
Detector Push
ON position, operating force standard measurement position 5.5 (0.25) (1.51) 2.5 0.22 (2.45) ON starting position
2 1.5 0.9 0.5 0.6
9 5.6 1.6 1.2 2.5 1.6 1.2 2.5
1.2 2.86
1
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
1.9
9
Control direction
.5 R0 .77) 3 (R
2.5
4.7 (0.1)
2.7 1.05
6.5
0.6
A
o1.1 hole
2.5
1.1
Terminal No.1 Center of rotation
1 1.3 3.5 7.45
Total travel 0.05
Location lug
o1.3 hole
1.7 6.1
Right operation type
4.4 ON position, operating force standard measurement position 5.5 (0.25) 0.22 (2.45) (1.51) Control direction 2.5 1.9 ON starting position
10
0.6
.5 R0 .77) 3 (R
1.5 0.9 0.5 1
2.5
2
2.86
2.5
o1.1 hole
1.1 o1.3 hole 1.7 6.1
4.7 (0.1)
2.7 1.05
A
6.5
1 Center of rotation Terminal No.1 1.3 3.5
Total travel 0.05
Location lug
Left operation type
0.05
4.4
ON starting position 0.22 R (R3 0.5 .77 ) 5.5 (0.25) (1.51) Control direction 2 Total travel 1.05 2.5 2.86 1.5 0.9 0.5 0.6 1 2.5
9 5.6
11
1.9
(2.45) 1.2
2.5 2.5 6
6
(0.1) 4.7 6.5
A Location lug
0.6
2.7
o1.1 hole
2.5
Terminal No.1 ON position, operating force standard measurement position
1.1
1 3.5 7.45 4.4
1.3
Center of rotation
0.05
o1.3 hole
1.7 6.1
Left operation type
ON starting position 0.22 R (R3 0.5 .77 ) 5.5 (0.25) (1.51) Control direction 2 Total travel 1.05 2.5 2.86 1.5 0.9 0.5 0.6 1 2.5
(2.45)
12
1.9
(0.1) 4.7 6.5
A Location lug
o1.1 hole
1.1 o1.3 hole 1.7 6.1
Terminal No.1
1
2.7
1.3
Center of rotation
0.05
3.5 ON position, operating force measurement position
Note
Above dimensions indicate "with location lug" versions.
58
2.5
6
6
Detector Switch
2mm-thick Two-way Operation Type SPVG Series
Terminal Layout Viewed from Direction A
Drawing No. : 1, 5, 9, 11
1 4
Drawing No. : 2, 6
1
Detector
23 2 3
Push Slide Rotary Encoders
Drawing No. : 3, 7
1
Drawing No. : 4, 8, 10, 12
2
3
1
2
Power Dual-in-line Package Type TACT SwitchTM
Circuit Diagram
Drawing No. : 1, 5, 9, 11
1 1 3 4 2 3 2
Drawing No. : 2, 3, 6, 7
CustomProducts
Drawing No. : 4, 8, 10, 12
1
2
59
Detector Switches
List of Varieties General-purpose Type
General-purpose Type Series SSCF Detector Photo Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Operating temperature range SSCM SPVP SPVC1 SPVN SPVS SPVG SPVL
Operation type
40
to
85
10
to
60
40
to
85 50mA 20V DC 100BA 3V DC 500m max. 1mA 5V DC 50BA 3V DC 2 max.
Rating max. 0.1A 12V DC 1mA 5V DC 1mA 5V DC 10mA 16V DC Resistive load Rating min. 50BA 3V DC 100BA 3V DC 50BA 3V DC Resistive load Initial contact 2 max. 5 max. 1 max. 2 max. resistance 100m max. Insulation 100M min. 100V DC resistance Voltage 100V AC for 1 minute proof Terminal strength Actuator strength Operating life without Load Operating life with Load Cold
5N for 1 minute 10N 0.5N for 1 minute 0.5N 5N 3N for 1 minute 10N
Dry heat Damp heat 11 W Dimensions 5.8 D mm 12.4 H Manual 350 10 , 1 soldering 3 0s Dip Soldering soldering 260 5 , 5 1s Reflow soldering Number of poles Operation force Page
0.7N max. 46
Electrical Mechanical Environmental performance performance Durability performance
0.5N for 1 minute 5N 10N
1N for 1 minute 5N
20
2
for 96h 85 40 2 2 for 96h
40 2 for 96h
20 2 for 96h
, 90 to 95%RH for 96h 6.3 7.4 2.8 3.8 3.6 1 350 5 3.5 3.3 5.5 6.5 2 , 3s max. 5.55 6.6 1
5 4 1.5
3.5 5.65 1.2
350 5 , 3s max.
350 10 , 1 3 0s 260 5 , 3s max.
Please see P.79 1 0.35N max. 0.55N max. 0.85N max. 48 49 50
Please see P.79
0.35N max. 51 53
0.4N max. 55
0.35N max. 60
26
Detector Switches
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2 3. Temperature profile CA K or CC T at soldering portion copper foil surface . A heat resisting tape
Detector Push
should be used for fixed measurement.
300 Temperature (C )
A max. B
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
200 D E 100 Time (s) Pre-heating F max. C
Room temperature
CustomProducts
Series Reflow type SPPB
A 3s max.
B
230
Cs
40 20
D
E
Fs
250
SPPW8 SPVE SPVG SPVL SPVM SPVN SPVP SPVR SPVS SSCM SPPY5
240 260
200
180 40 230
150
120
20
150
Room temperature
180
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
79


▲Up To Search▲   

 
Price & Availability of SPVG310300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X