Part Number Hot Search : 
BCP56 03470 2N5339 ES22MABE 4HC404 CEG8205A CEG8205A TA0882A
Product Description
Full Text Search
 

To Download SPS-5120WG08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES DESCRIPTION
SPS-5120WG
1
***********************************************************************************************************************************************************************
SPS-5120WG / SPS-5120AWG (RoHS Compliant) 3.3V / 1310 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
l Hot-Pluggable SFP Footprint LC Optical Transceiver l Small Form-Factor Pluggable (SFP) MSA compatible l Compliant with SONET OC-12 IR-1 / SDH STM-4 (S-4.1) l SFF-8472 Digital Diagnostic Function l Distance up to 20km l AC/AC Coupling according to MSA l Single +3.3 V Power Supply l RoHS Compliant l -10 to 85oC Operation : SPS-5120WG l -40 to 85oC Operation : SPS-5120AWG l Class 1 Laser International Safety Standard IEC 60825 Compliant
The SPS-5120WG series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as IR SONET OC-12 / SDH STM-4 and Fiber Channel. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. This module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
APPLICATIONS
l l l l ATM Switches and Routers SONET / SDH Switch Infrastructure XDSL Applications Metro Edge Switching
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
ORDER INFORMATION
P/No. SPS-5120WG SPS-5120AWG Bit Rate (Mb/s) 622 622 SONET Distance Wavelength Package Temp. TX Power RX Sens. RoHS /SDH (km) (nm) (oC) (dBm) (dBm) Compliant IR-1/S-4.1 20 1310 LC SFP with DMI -10 to 85 -8 to -14 -28 Yes IR-1/S-4.1 20 1310 LC SFP with DMI -40 to 85 -8 to -14 -28 Yes
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Power Supply Voltage Symbol Tstg Topr Vcc Min -40 -10 -40 -0.5 Max 85 85 85 3.6 Units o C o C V Notes SPS-5120WG SPS-5120AWG
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Case Temperature Symbol Vcc Topr Min 3.1 -10 -40 Typ 3.3 Max 3.5 85 85 300 Units / Notes V o C / SPS-5120WG o C / SPS-5120AWG Air flow 1m/sec mA Mb/s
Power Supply Current Data Rate
ICC (TX+RX)
200 622
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
Transmitter Specifications (-10 oC < Topr < 85 oC, 3.1V < Vcc < 3.5V)
Parameter Symbol Min Typ Max Units Optical Optical Transmit Power Po -14 ---8 dBm Output Center Wavelength 1274 1310 1355 nm Output Spectrum Width ----4 nm Extinction Ratio ER 8.2 ----dB Output Eye Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957 Optical Rise Time tr 1.2 ns Optical Fall Time tf 1.2 ns Relative Intensity Noise RIN -120 dB/Hz Electrical Data Input Current - Low IIL -350 A Data Input Current - High IIH 350 A Differential Input Voltage VIH - V IL 0.5 2.4 V TX Disable Input Voltage - Low TDIS, L 0 0.5 V TX Disable Input Voltage - High TDIS, H 2.0 Vcc V TX Disable Assert Time T ASSERT 10 s TX Disable Deassert Time TDEASSERT 1 ms TX Fault Output Voltage -- Low TFaultL 0 0.5 V TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 V 1. Output power is power coupled into a 9/125 m single mode fiber. 2. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 3. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
SPS-5120WG
Notes 1 RMS ()
2
***********************************************************************************************************************************************************************
10 % to 90% value 10% to 90% value
Peak-to-Peak 2 2
3 3
Receiver Specifications (-10oC < Topr < 85oC, 3.1V < Vcc < 3.5V)
Parameter Symbol Min Typ Max Optical Sensitivity Sens -28 Maximum Input Power Pin -5 Signal Detect -- Asserted Pa ---28 Signal Detect -- Deasserted Pd -40 ----Signal detect -- Hysteresis 1.0 --Wavelength of Operation 1100 --1600 Electrical Differential Output Voltage VOH - VOL 0.6 2.0 Output LOS Voltage -- Low VOL 0 0.5 Output LOS Voltage -- High VOH 2.0 Vcc+0.3 4. Measured at 2 23-1 PRBS at BER 1E-10. 5. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). Units dBm dBm dBm dBm dB nm V V V Notes 4 4 Transition: low to high Transition: high to low
5 5
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
CONNECTION DIAGRAM
SPS-5120WG
3
***********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE Tx_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD +
SPS-5120WG
4
***********************************************************************************************************************************************************************
Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
PACKAGE DIAGRAM Units in mm
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
Revision History
Version
1.0 2.0
SPS-5120WG
5
***********************************************************************************************************************************************************************
Subject
Initial datasheet Revise package diagram for high port density use
Release Date
2005/12/1 2008/1/1
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0


▲Up To Search▲   

 
Price & Availability of SPS-5120WG08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X