Part Number Hot Search : 
HVC202A BCV46 P11NK40Z VH248H 245BQ T4401 CX20707 GBJ10D
Product Description
Full Text Search
 

To Download SPEF110100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Push Switch
Surface Mount Type Push Switch
SPEF Series
Surface mountable lead-free soldering push switch.
Typical Specifications
Items Rating (max) (Resistive load) Initial contact resistance Operating force Operating life Without load Poles-Positions Specifications Push
1A 14.5V DC
Detector
Slide
100 3N,5N 30,000cycles 1-pole,2-positions
Rotary Encoders Power Dual-in-line Package Type
Product Line
Changeover timing Travel mm Total travel Operating mm force
3N Non shorting 1.5 2.7 5N PC board Latching
TACT SwitchTM Mounting method Operating Terminal type
Reflow Dip Reflow Dip
Minimum order unit pcs.
1,320 2,100 1,320 2,100
Drawing Product No. No.
SPEF210101 SPEF110100 SPEF210200 SPEF110200
CustomProducts
Taping Specifications (Taping Packaging)
Reel Size
Unit:mm
Number of packages pcs. 1 reel 1 case /Japan 1 case /export packing Tape width mm Horizontal Type Vertical Type
165
o380 33.5
660
1,320
32
Note
Please place purchase orders per minimum order unit (integer).
105
Push Switch
Surface MountType Push Switch
SPEF Series
Dimensions
No. Reflow Soldering Type Detector Push Slide Rotary
2.1 4.6 Terminal No. C 2 1.2 Terminal No.1 Terminal No.2 2.1
Unit:mm
Style PC board mounting hole dimensions
14.3 9.5 6 3.7 0.3
11.3 9 3.5 2.5 2.5 2.5
A
Power Dual-in-line Package Type TACT SwitchTM CustomProducts
1
13.6 9.4 3.5 2.5
Full stroke position Lock position
1.8
6.9 11.86 13.1 14.6
Terminal No.1 Terminal No.2
Encoders
1.2
6
Dip Soldering Type Horizontal Type Vertical Type
Terminal No. C
1.3
1.4
0.9
6.7
12.2 9.8
A
9.4 3.5 2.5 9 3.5 2.5 2.5 2.5
6
4- 2- hol 1.3 e ho 1.5 le hol e 1 .6
Full stroke position Lock position
2
5.7
6.7 7.4 8.85 12
1
1 .1
6.7
1.
.1 ho le
ole 6h
11.86 13.1 14.6
6.9
ho
le
3.2 3.5
1 5.7 6.7
1 1.2
o1.4
6 9.8 12.2
o0.9
PC board mounting face
Circuit Diagram Viewed from Direction A
1 C 2
106
1.3
Push Switches
List of Varieties
Series SPPH4 SPPH1 SPEC SPED2 SPED3 SPED4 SPED5 SPEF
Photo
Detector Push
Travel mm Total travel mm Number of poles W Dimensions mm D H Operating temperature range Rating max. Resistive load Rating min. Resistive load Initial contact resistance Insulation resistance Voltage proof Terminal strength Operating direction Pulling direction Electrical performance Mechanical performance Durability Environmental performance
2.2 3
1.5 2.5 2
2.5 3.4 4.5 3.8 1 12 10 16.8 12.5 26.7 40C to 14 18 20.7 85C 13.5 18.2
1.5 2.7
Slide Rotary Encoders
8.5 6.5 8.5 10C to 60C
10
9.4 9 6.9
Power Dual-in-line Package Type TACT SwitchTM CustomProducts
0.1A 30V DC 1A 14.5V DC 50BA 3V DC 100m max. 100M 20m max. 30m max. 3M 100m min. 500V DC 100V AC for 1minute max. 3M min. 100V DC
min. 500V DC
500V AC for 1minute 5N for 1minute 30N 3N for 1minute 50N
Horizontal Type
90N
Vertical Type
Actuator strength
10N
50N
30N
Operating life without load Operating life without load Load:as rating Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering Page
10,000cycles 100m max.
10,000cycles 40m max.
10,000cycles 50m max.
30,000cycles 100m
max.
-20
2
for 96h 85 40 2 2 for 96h
-40
2
for 96h
, 90 to 95%RH for 96h 350 10 3 0.5s 260 5 10 1s 350 5 3s max. 260 5 10 1s Please see P.108
350 10 3 1s 0 260 5 5 1s 260 5 10 1s
350 10 3 0.5s 260 max. 260 5 10 1s 5s max.
Notes
1. 2. 3. Applicable to SPED220200 PC board type only. 4. Applicable to SPEF110100 only.
Soldering
98
99
101
102
103
105
83
Push Switches
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2
Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Series Reflow type SPEE
260 230 40 180 150 120
CA (K) or CC (T) at soldering portion (copper foil surface). A heat resisting tape
should be used for fixed measurement. 3. Temperature profile
300 Temperature (C )
A max. B
200 D E 100 Time (s) Pre-heating F max. C
Room temperature
A 3s max.
B
Cs
D
E
Fs
SPEF, SPEG
Notes
Horizontal Type Vertical Type
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
108


▲Up To Search▲   

 
Price & Availability of SPEF110100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X