Part Number Hot Search : 
GPTR3300 CVA2415 CEU02N6A FX003QC MMSZ5234 2SK3076S BTS5210L BZX84C16
Product Description
Full Text Search
 

To Download SLLM317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLLM317
3-Terminal 1.5A
Elektronische Bauelemente
RoHS Compliant Product
Positive Adjustable Voltage Regulator
SOT-223
Description
The SLLM317 is an adjustable 3-terminal positive voltage regulator, designed to supply more than 1.5A of output current with voltage adjustable from 1.3 to 37V.
Features
* Safe-Area Compensation For Output Transistor * Internal Short Circuit Protection * Internal Over Temperature Protection * Output Current Up To 1.5A * Output Voltage Adjustable From 1.3 to 37V
REF. A C D E I H Millimeter Min. Max. 6.70 7.30 2.90 3.10 0.02 0.10 0C 10 C 0.60 0.80 0.25 0.35 REF. B J 1 2 3 4 5 Millimeter Min. Max. 13 T YP. C 2.30 REF. 6.30 6.70 6.30 6.70 3.30 3.70 3.30 3.70 1.40 1.80
Block Diagram
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
SLLM317
Elektronische Bauelemente
3-Terminal 1.5A Positive Adjustable Voltage Regulator
Absolute Maximum Ratings at Ta=25 C
Parameter
Input-Output Voltage Difference Load Temperature Power Dissipation Storage Temperature Range Operating Juction Temperature
o
Symbol
VIN-VOUT TLEAD PD TSTG TOPR
Ratings
40
230 2 -65~+150 0~125
Unit
V
o
C
W o C
o
C
Electrical Characteristics
(Vi-Vo=5V,0
Vo 6V Vo V Vo Vo V V
(T)+1 to
Io(Max) eN RR ST R jc
Vi-Vo 15V, PD
Vo=10V, f=120Hz Vo=10V, f=120Hz, Cadj=10 F Ta=25 ,1000hr -
*Note: Testing with low duty pulse should be used to avoid heating effect.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
SLLM317
Elektronische Bauelemente
3-Terminal 1.5A Positive Adjustable Voltage Regulator
Characteristics Curve
(T)+1 to
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 4
SLLM317
Elektronische Bauelemente
3-Terminal 1.5A Positive Adjustable Voltage Regulator
Application Circuit
SLLM317
SLLM317
SLLM317
SLLM317
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4of 4


▲Up To Search▲   

 
Price & Availability of SLLM317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X