Part Number Hot Search : 
FEE19W I505ERW FEE19W BZX79B11 CJL3407 F0A331 ON0927 TLP3520
Product Description
Full Text Search
 

To Download SDR1AHFSMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR1AHF & SDR1AHFSMS thru SDR1NHF & SDR1NHFSMS
1 AMPS, 50 thru 1200 VOLTS 35 nsec Hyper Fast Recovery Rectifier
Designer's Data Sheet
Part Number/Ordering Information 1/ SDR __ __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Package Type __ = Axial Leaded SMS = Surface Mount Square Tab Voltage/Family SDR1AHF = 50V SDR1JHF = 600V SDR1BHF = 100V SDR1KHF = 800V SDR1DHF = 200V SDR1MHF = 1000V SDR1GHF = 400V SDR1NHF = 1200V
* * * * * * * *
FEATURES:
Hyper Fast Recovery: 35 nsec maximum PIV up to 1200 Volts Hermetically Sealed Void Free Single Chip Construction For High Efficiency Applications Low Reverse Leakage TX, TXV, and Space Level Screening Available2/ Avalanche Breakdown Guaranteed Hyper Fast Recovery Replacement for 1N6620-6625
MAXIMUM RATINGS
SDR1AHF SDR1BHF SDR1DHF SDR1GHF SDR1JHF SDR1KHF SDR1MHF SDR1NHF
Symbol
Value
50 100 200 400 600 800 1000 1200
Units
Peak Repetitive Reverse Voltage and DC Blocking Voltage
VRRM VRWM VR
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25C)
IO
SDR1A - 1JHF SDR1K - 1NHF
1.0 25 7 -65 to +175 35 28
Amps Amps
o
Peak Surge Current @ TA = 25oC
(8.3 ms Pulse, Half Sine Wave or equivalent Square Wave)
IFSM TOP & Tstg RJL RJE
Operating and Storage Temperature Maximum Thermal Resistance Junction to Lead, L = 0.375" (Axial Lead) Junction to End Tab (Surface Mount)
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory. 2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
C
o
C/W
Axial Leaded (__)
Square Tab Surface Mount (SMS)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0119G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR1AHF & SDR1AHFSMS thru SDR1NHF & SDR1NHFSMS
ELECTRICAL CHARACTERISTICS
SDR1AHF - SDR1JHF Instantaneous Forward Voltage Drop (IF = 1 Amps, TA = 25oC, Pulsed) SDR1KHF - SDR1NHF SDR1AHF - SDR1JHF Instantaneous Forward Voltage Drop (IF = 1 Amps, TA = -55oC, Pulsed) SDR1KHF - SDR1NHF TA = 25oC Reverse Leakage Current (At Rated VR, pulsed) TA = 100oC Reverse Recovery Time (IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25oC) Junction Capacitance (VR = 10 VDC, TA = 25oC, f = 1 MHz) Case Outline: (Axial)
Symbol
VF1 VF2 IR1 IR2 trr CJ
Min
-- -- -- -- -- -- -- -- DIM A B C D
Max
3.30 3.50 3.40 3.60 5.0 200 35 20
MIN -- -- 0.027" 0.950"
Unit
Volts Volts A ns pF
MAX 0.150" 0.190" 0.033" --
Case Outline: (SMS)
DIM A B C D
MIN 0.134" 0.200" 0.022" 0.002"
MAX 0.153" 0.280" 0.028" --
Note: Dimensions prior to soldering.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0119G
DOC


▲Up To Search▲   

 
Price & Availability of SDR1AHFSMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X