Part Number Hot Search : 
KE39A 2160B KE39A P4407 KE39A D4812 44200 KE39A
Product Description
Full Text Search
 

To Download SB3040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB3020CT thru SB30150CT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 150 VOLTS CURRENT - 30 AMPERES
TO-220AB
FEATURES
Plastic Package has Underwriters Laboratory Flammability Classification 94-0 utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MIL-S-19500/228 Low power loss, gigh efficiency Low Forward Voltage, high Current Capability High surge Capability For use low Voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS environment substance directive request
MECHANICAL DATA
Case TO220AB Molded plastic Terminals Lead solderable per MIL-STD-202, Method 208 Polarity As Marked on Body Mounting Position Any Weight 0.08ounces, 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
PARAMETER Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=900C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 15A per element Maximum DC Reverse Current at Rated TC=25 C DC Blocking Voltage TC=1000C Typical Junction Resistance Note R
JA
0
SB 3020CT
SB 3030CT
SB 3040CT
SB 3050CT
SB 3060CT
SB 3080CT
SB 30100CT
SB 30150CT
UNITS
Volts Volts Volts Amps
20 14 20
30 21 30
40 28 40
50 35 50 30 275
60 42 60
80 56 80
100 70 100
150 105 150
200 0.75 0.85 0.95 0.1 7 100
Amps Volts mA
0
0.55 0.5 100
C/W
0
Operating and Storage Temperature Range TJ NOTE: 1. Thermal Resistance Junction to Ambient
-55 to +150
C
www.paceleader.tw
1
SB3020CT thru SB30150CT
SCHOTTKY BARRIER RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SB3020CT THRU SB30150CT
400
AVERAGE FORWARD CURRENT AMPERES
PEAK FORWARD SURGE CURRENT,
50 40 30 20 10 0 0
350 300 250 200 150 100 50 0 1 2 5 10
8.3ms Single Half Since-Wave JEDEC Method
50
100
O
150
20
50
100
CASETEMPER ATURE, C
NO. OF CYCLE AT 60HZ
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TMAXIMUM NON - REPETITIVE SURGE CURRENT
10
I N S TA N TA N E O U S R E V E R S E C U R R E N T, m A
INSTANTANEOUS FORWARD CURRENT
40
TJ = 12 5 OC
1.0
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
0.1
TJ = 7 5 OC
S B20,40V S B 50,60V S B80,150V
0.01
TJ = 2 5 C
O
0 .001
20 40 60 80 100
.4
.5
.6
.7
.8
.9
1.0
1.1
PERCENT OFINS TAN TANEOUSREVERS EVOLT AGE , %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTIC
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable.The specifications and information herein are subject to change without notice.Pan Jit makes no warranty,representation or guarantee regarding the suitability of its products for any particular purpose.Pan Jit products are not authorized for use in life support devices or systems.Pan Jit does not convey any license under its patent rights or rights of others.
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of SB3040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X