Part Number Hot Search : 
OP265AD 8062M 89C5130A B100NH SHA395C CS4334 MC74VHC1 CFRB205
Product Description
Full Text Search
 

To Download RUK100M1HBK080115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS RoHS RUK Series: 125C, Long Life u
FEATURES
* * * * 3,000 ~ 5,000 hours assured 125C For high temperature applications RoHS Compliant
SPECIFICATIONS
Items Operating Temperature Range Capacitance Tolerance Rated Voltage Time Leakage Current (at 20C) Leakage Current < 100V after 2 minutes I = 0.01CV or 3 (A) whichever is greater Performance -40C ~ + 125C +20% (at 120Hz, 20C) > 100V after 1 minutes CV < 1000 I = 0.1CV+40 (A) CV > 1000 I = 0.04CV+100 (A)
Dissipation Factor (Tana at 120Hz, 20C) Low Temperature Characteristics (at 120Hz)
Load Life Test
Where C = rated capacitance in F. V = rated DC working voltage in V . Rated Voltage 10 16 25 35 50 63 160 200 250 350 400 450 Tan (max) 0.15 0.12 0.10 0.10 0.08 0.08 0.20 0.20 0.20 0.24 0.24 0.24 Impedance ratio shall not exceed the values given in the table below. Rated Voltage 10 16 25 35 50 63 160 200 250 350 400 450 Z (-25) / Z (+20C) 6 6 6 Impedance 3 2 2 2 2 2 3 3 3 Ratio Z (-40) / Z (+20C) 6 4 4 4 4 4 6 6 6 3,000 hrs for jD < 8 mm Test Time 55,000 hrs for jD > 10 mm Within + 20% of initial value Capacitance Change Less than 200% of specified value Dissipation Factor Within specified value Leakage Current
* The above specifications shall be satisfied when the capacitors are restored to 20C after applied with rated subjected to DC voltage with the rated ripple current is applied for 3,000 / 5,000 hrs at 125C Test Time
Shelf Life Test
Capacitance Change Dissipation Factor Leakage Current
1,000 hours Within + 20% of initial value Less than 200% of specified value Less than 500% of specified value
* The above specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hrs at 125C without voltage applied. (The procedures before testing JIS C 5102 4.4)
Other Standards
JIS C 5101-4
LEAD SPACING AND DIAMETER
fD P fd a b
8 3.5 1.0
10 5.0 0.6
12.5 5.0 1.5 0.5
mm 16 7.5 0.8
PART NUMBER EXAMPLE
RUK 100 M 1H BK 080 115
C1CC04 2008.02.21
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
ALUMINUM ELECTROLYTIC CAPACITORS RoHS RUK Series: 125C, Long Life u
DIMENSIONS AND PERMISSABLE RIPPLE CURRENT
Dimension: DxL(mm)
V.DC Contents R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102
Ripple Current: mA/RMS at 120Hz 125C
16V (1C) jD x L mA 25V (1E) jD x L mA 35V (1V) jD x L mA
F 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1,000
10V (1A) jD x L mA
10 10 10 10 16
x x x x x
12.5 16 16 20 20
154 252 308 399 715
8 10 10 12.5 12.5
x x x x
11.5 16 20 20 25
100 190 305 414 537
8 10 10 12.5 12.5 16
x x x x x x
11.5 12.5 16 20 25 20
92 129 208 371 493 601
8 10 10 10 12.5 16
x x x x x x
11.5 13 16 20 25 20
75 108 142 225 403 503
F 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 150 220
V.DC Contents R47 010 2R2 3R3 4R7 100 220 330 470 680 101 151 221
50V (1H) jD x L 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 16 12.5 x 20 16 x 20
mA 12 17 26 32 38 56 99 133 159 279 459
63V (1J) jD x L MA 8 x 11.5 12 8 x 11.5 17 8 x 11.5 26 8 x 11.5 32 8 x 11.5 38 8 x 11.5 56 10 x 12.5 99 10 x 16 133 10 x 20 173 12.5 x 20 279
160V (2C) jD x L mA
200V (2D) jD x L mA
10 10 12.5 12.5 16 16
x x x x x x
20 25 20 25 25 31.5
115 154 187 245 329 434
10 10 12.5 12.5 16 16
x x x x x x
20 25 20 25 20 25
78 126 157 204 250 329
F 4.7 10 22 33 47 68
V.DC Contents 4R7 100 220 330 470 680
250V (2E) jD x L mA 10 13 13 16 16 x x x x x 20 20 25 25 31.5 78 128 171 225 292
350V (2V) jD x L 10 x 20 10 x 25 12.5 x 25 16 x 25 16 x 31.5
mA 53 85 139 189 243
400V (2G) jD x L 10 x 20 10 x 25 12.5 x 25 16 x 25 16 x 31.5
MA 53 86 142 189 243
450V (2W) jD x L 10 x 25 12.5 x 20 16 x 25 16 x 31.5
mA 58 86 154 203
PART NUMBER EXAMPLE
RUK 100 M 1H BK 080 115
C1CC04 2008.02.21
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com


▲Up To Search▲   

 
Price & Availability of RUK100M1HBK080115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X